Part Number Hot Search : 
FL5150MX MX98713 MX98713 STK40 112FJFSN 5MF600 3NK60 EL9202IL
Product Description
Full Text Search
 

To Download TFS1960 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  filename: tfs 1960 .doc version 2 . 0 12.04 .2010 vectron international filter specification tfs 1960 1/5 vectron i n ter n at ional gm bh & c o . k g potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@v e c t ro n. co m vectron inter national gmbh & co . kg r e serves th e right to ma ke c hanges to the p r oduct(s) and/o r information conta i ned herein w i tho u t measurement condition ambient tempera t ure: 23 c input po w e r level: 0 dbm terminating imp edance: input: 50 ? output: 50 ? ch ara c teristic s remark: the ma x i mum attenuation in the pass band is defined as the inser t ion lo ss a e . the nominal frequ ency f n is fix ed at 1 960 mhz w i t hout any tolerance or limit. the v a lues of ab solute a ttenu ation a abs are guar antee d for the w hole operating tempera t ur e range. the fr equ ency shift o f th e fil t er in the o pera t in g tempera t ure range i s in clud ed in t he pr oduction tole rance sch eme. d a t a ty p. v a lue tolerance / limit inserti on l o ss a e 2 , 9 db m a x . 4 , 3 d b inserti on l o ss in otr 2 2 , 7 db m a x . 4 , 1 d b nomi nal fre que nc y f n - 1960 mhz passban d p b f n 30 mhz pass ban d rip p l e 0 , 6 d b m a x . 2 d b pass ban d v a ria t ion 1,5 db max. 3 db a b s o l u te atte nu ation a abs 10 mhz ... 1850 mhz 3 3 db m i n . 24 db 1850 mhz ... 1910 mhz 17 db m i n . 1 0 , 5 d b 1850 mhz ... 1 9 1 0 m h z in o t r2 18 db m i n . 1 1 , 5 d b 2 0 1 0 m h z . . . 2 0 4 0 m h z 6 db m i n . 4 , 5 d b 2 0 1 0 m h z ... 2 0 4 0 m h z in o t r2 7 db m i n . 5 , 5 d b 2 0 4 0 m h z . . . 2 0 7 0 m h z 45 db m i n . 3 0 d b 2 0 7 0 m h z ... 2 5 0 0 m h z 4 3 db m i n . 2 3 d b 2 5 0 0 m h z ... 2 7 0 0 m h z 4 3 db m i n . 3 2 d b 2 7 0 0 m h z ... 4 0 0 0 m h z 3 1 db m i n . 2 8 d b 4 0 0 0 m h z . . . 6 0 0 0 m h z 7 db m i n . 5 d b inpu t p o w e r le v e l - m a x . 1 5 d b m opera t in g te mp erature ra nge otr - - 30 c . .. + 85 c opera t in g te mp erature ra nge2 otr 2 - - 10 c . .. + 70 c storage te mper ature ra nge - - 40 c . .. + 85 c tem p erat ure co efficie n t of freq uenc y tc f * - 4 6 p p m / k *) ? f(h z ) = t c f (ppm /k) x (t-t 0 ) x f to (mhz) ge ne ra te d: ch eck ed / a p p r o v ed : notice. no liability is assumed as a result of their use or application. no rights under an y p a tent accompan y the sale of any such product(s) o r info rmation.
filename: tfs 1960 .doc version 2 . 0 12.04 .2010 vectron international filter specification tfs 1960 2/5 vectron i n ter n at ional gm bh & c o . k g potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@v e c t ro n. co m vectron inter national gmbh & co . kg r e serves th e right to ma ke c hanges to the p r oduct(s) and/o r information conta i ned herein w i tho u t f ilter ch aract eristic 50 0 10 00 15 00 200 0 2 500 30 00 35 00 400 0 4 500 50 00 55 00 600 0 -1 0 0 -9 0 -8 0 -7 0 -6 0 -5 0 -4 0 -3 0 -2 0 -1 0 0 f r e que nc y i n m h z m a gn i t ude i n db 1900 1912 1924 1936 1948 196 0 197 2 19 84 1 996 2008 2020 -3 0 -2 7 -2 4 -2 1 -1 8 -1 5 -1 2 -9 -6 -3 0 f r e que nc y i n m h z ma g n it u d e in d b cons truc tion a nd pi n c o n n e c t ion (all dimensions in mm) 12 3 4 5 6 1, 2 m a x . 0, 6 0, 1 0, 75 3 0, 15 0, 6 1, 5 13 6 4 d a t e c ode date code: y e ar + w eek a 2010 b 2011 c 2012 ... 1 gr ound 2 input 3 gr ound 4 gr ound 5 outpu t 6 gr ound m60 a16 50 oh m t est circu i t l 1 sa w l 2 1, 3, 4, 6 5 2 notice. no liability is assumed as a result of their use or application. no rights under an y p a tent accompan y the sale of any such product(s) o r info rmation.
filename: tfs 1960 .doc version 2 . 0 12.04 .2010 vectron international filter specification tfs 1960 3/5 vectron i n ter n at ional gm bh & c o . k g potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@v e c t ro n. co m vectron inter national gmbh & co . kg r e serves th e right to ma ke c hanges to the p r oduct(s) and/o r information conta i ned herein w i tho u t stability characteristics, rel i ability after the follo w i n g tests the filter shall meet the w h ole specificat ion: 1. shock: 500g, 1 ms, half sine w a ve, 3 sho cks each plane; din iec 68 t2 - 27 2. vibration: 10 hz to 500 hz, 0,35 mm or 5 g r e specti vely , 1 oct a ve per min, 10 c y cles pe r plan, 3 plans; din iec 68 t2 - 6 3. change o f temperatu r e: -55 c t o 125 c / 30 min. each / 1 0 c y cles din iec 68 p a rt 2 ? 14 test n 4. resistance to solder heat ( r e f low ) : reflo w possible: three times max.; for tempe r ature conditions refer to the attac hed "air reflo w tempe r at ure conditions" o n page 4; this filter is rohs compliant (2002/95/eg, 2 005/6 18/eg) packin g tape & reel: iec 286 ? 3, w i th exception of val ue for n a nd minimum bending ra dius; tape t y p e ii, emb o ssed carrier tap e w i th t op cover t ape on the u pper side; max. pieces of filters per r eel: 9000 reel of empt y co mponents at star t: min. 300 mm reel of empt y co mponents at star t including leader: min. 500 mm trailer: min. 300 mm g do w ct f e g d1 p2 p1 po bo ao p u l l o ff d i r e c t io n pi n m a r k e r ty p da t e c o d e ko t tape (all d i mensi o ns i n mm) w : 8,00 0,3 po : 4,00 0,1 do : 1,50 +0,1/- 0 e : 1,75 0,1 f : 3,50 0,0 5 g(min) : 0,75 p2 : 2,00 0,0 5 p1 : 4,00 0,1 d1(min) : 1,50 a o : 3,25 0,1 bo : 3,25 0,1 ct : 5,5 0,1 a c n w 1 w 2 r eel (a l l d i men s io n s in mm) a : 330 w1 : 8,4 + 1 ,5/- 0 w 2 (max ) : 14,4 n(min) : 50 c : 13,0 +0,5/- 0,2 the minimum be nding radius is 45 mm. notice. no liability is assumed as a result of their use or application. no rights under an y p a tent accompan y the sale of any such product(s) o r info rmation.
filename: tfs 1960 .doc version 2 . 0 12.04 .2010 vectron international filter specification tfs 1960 4/5 vectron i n ter n at ional gm bh & c o . k g potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@v e c t ro n. co m vectron inter national gmbh & co . kg r e serves th e right to ma ke c hanges to the p r oduct(s) and/o r information conta i ned herein w i tho u t a i r re flo w te mpe r a t ure c onditions con d iti ons expos ure average ramp -u p rate ( 30c t o 2 17c) less than 3c/second > 100c bet w een 30 0 and 600 seconds > 150c bet w een 24 0 and 500 seconds > 217c bet w een 3 0 and 150 seconds peak temperatu r e max. 260 c time w i thin 5c of actual peak temperatu r e bet w een 10 and 30 seconds cool-do w n rate ( p eak to 50c) less than 6c/second time from 30 c t o peak temperat ure no greate r than 3 00 seconds chip -m oun t air reflo w profile temper ature / c max. 260 c 217c time / s max. 300 s 10 ... 30 s 30 ... 150 s notice. no liability is assumed as a result of their use or application. no rights under an y p a tent accompan y the sale of any such product(s) o r info rmation.
filename: tfs 1960 .doc version 2 . 0 12.04 .2010 vectron international filter specification tfs 1960 5/5 vectron i n ter n at ional gm bh & c o . k g potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@v e c t ro n. co m vectron inter national gmbh & co . kg r e serves th e right to ma ke c hanges to the p r oduct(s) and/o r information conta i ned herein w i tho u t histor y version reaso n o f cha n ges name date 1.0 gene ration of de velopment specif ication roizengaft 19.12.2003 1.1 add of form ula fo r temper ature co efficient of freque ncy, add of value of te mperatu r e coefficient, change of ope rat i ng temperatu r e r ange, change of absolu t e attenuation roizengaft 22.12.2003 1.2 add of t y pical values dr. sabah 08.01.2004 1.3 generation of filte r specification martens 11.12.2006 added otr 2 changed limit lin e scheme changed tempe r ature coefficient added filter char acteristic 1.4 changed limit lin e scheme noack 25.10.2007 1.5 added filter char acteristic strehl 12.08.2008 2.0 change data tabl e and filter chara c teristic noack 12.04.2010 notice. no liability is assumed as a result of their use or application. no rights under an y p a tent accompan y the sale of any such product(s) o r info rmation.


▲Up To Search▲   

 
Price & Availability of TFS1960

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X