Part Number Hot Search : 
MBRD330 SSD25 AJ550 2SC394 5A102 337M00 622K2 9162B
Product Description
Full Text Search
 

To Download TDP1500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  differential probes TDP1500 and tdp3500 datasheet differential active probes provide truer signal reproduction and fidelity for high-frequency measurements. with ultra-low input capacitance and versatile device-under-test connection capabilities, the TDP1500 and tdp3500 differential-ended active probes provide excellent high-speed electrical and mechanical performance required for today's digital system designs. key performance specifications 3.5 ghz (tdp3500) and 1.5 ghz (TDP1500) probe bandwidth 1 pf (TDP1500) and 0.3 pf (tdp3500) differential input capacitance 200 k? (TDP1500) and 100 k? (tdp3500) differential input resistance 25 v (TDP1500) and 15 v (tdp3500) dc + pk ac input voltage >60 db at 1 mhz and >25 db at 1 ghz cmrr key features outstanding electrical performance 3.5 ghz and 1.5 ghz bandwidth models - accurate measurements for serial and digital applications excellent common mode rejection C reduces measurement errors in higher common environments low capacitive and resistive loading C maintains signal fidelity and reduces dc biasing interactions versatile mechanical performance compact probe head size for probing small geometry circuit elements dut attachment accessories enable connection to fine-spaced smds robust design for reliability easy to use connects directly to oscilloscopes with the tekvpi ? probe interface provides automatic units scaling and readout on the oscilloscopes display easy access to probe comp box controls or oscilloscope probe menu display for probe status, setup control, and diagnostic information integrated scope/probe system direct connection to and powered from the tekvpi ? oscilloscope interface (connects directly to tekvpi scopes without the need of an external power supply, like many competitors require) single-button oscilloscope probe menu access setup and control from probe comp box or oscilloscope user interface autozero - zeros out output offset remote gpib/usb probe control through the oscilloscope
applications design, validation, debugging, and characterization of common high- speed serial bus designs: i 2 c can/lin spi serial ata ethernet (gbe) usb 2.0 firewire (1394b) signal integrity, jitter, and timing analysis manufacturing, engineering, and test a better measurement tool specifically designed for use and direct connection to oscilloscopes with the tekvpi ? probe interface, the TDP1500 and tdp3500 differential probes achieve high-speed signal acquisition and measurement fidelity by solving three traditional problems: dut loading effects - are reduced by lower input capacitance and high input resistance dut connectivity - a variety of accessories exist for attaching to small smds, some come standard or recommended maximizing of system (oscilloscope and probe) bandwidth - probing solutions for all measurements for tekvpi interface oscilloscope models up to 3.5 ghz for the best probe support, download and install the latest version of the oscilloscope software from www.tektronix.com . datasheet 2 www.tektronix.com
specifications all specifications apply to all models unless noted otherwise. warranted characteristics bandwidth (probe only) TDP1500 1.5 ghz warranted tdp3500 3.5 ghz warranted attenuation TDP1500 1x, 10x tdp3500 5x cmmr >60 db at 1 mhz, >25 db at 1 ghz maximum input voltage (nondestruct) TDP1500 25 v (dc + pk ac) tdp3500 15 v (dc + pk ac) typical characteristics rise time (probe only) TDP1500 265 ps tdp3500 110 ps differential input capacitance TDP1500 1 pf tdp3500 0.3 pf differential input resistance TDP1500 200 k? tdp3500 100 k? noise level TDP1500 < 50 nv hz tdp3500 35 nv hz propagation delay 5.4 ns common mode input range TDP1500 7 v (1x) 7 v (10x) tdp3500 +5 v to -4v input offset range TDP1500 7 v (10x or 1x) tdp3500 1 v displayed differential input dynamic range TDP1500 8.5 v (10x) 850 mv (1x) tdp3500 2 v TDP1500 and tdp3500 differential probes www.tektronix.com 3
nominal characteristics recommended oscilloscope interface tekvpi ? probe power requirements power requirements powered directly by oscilloscopes with the tekvpi probe interface. physical characteristics dimensions dimension millimeters (mm) inches (in) cable length 1 1200 48 weight model (probe only) grams (g) ounces (oz) TDP1500, tdp3500 2 160 5.4 1 typical for TDP1500. 2 typical for TDP1500. datasheet 4 www.tektronix.com
ordering information models TDP1500 1.5 ghz differential probe with tekvpi ? probe interface, certificate of traceable calibration standard. tdp3500 3.5 ghz differential probe with tekvpi ? probe interface, certificate of traceable calibration standard. options language options opt. l0 english manual opt. l5 japanese manual opt. l7 simplified chinese manual service options opt. c3 calibration service 3 years opt. c5 calibration service 5 years opt. d1 calibration data report opt. d3 calibration data report 3 years (with opt. c3) opt. d5 calibration data report 5 years (with opt. c5) opt. r3 repair service 3 years (including warranty) opt. r5 repair service 5 years (including warranty) opt. silv900 standard warranty extended to 5 years accessories TDP1500 standard accessories description quantity shipped reorder part number reorder quantity pouch, nylon carrying case with inserts 1 each 016-1952-xx 1 each documentation kit TDP1500, includes: 1 each of selected language 020-2866-xx (english with standard) 020-2891-xx (japanese with option l5) 020-2892-xx (simplified chinese with option l7) 1 each of selected language printed user manual (071-2209- xx, english; 071-2210-xx, japanese; 071-2211-xx, simplified chinese) cd containing pdf-only technical reference manual, 071-2296-xx, english certificate of traceability 1 each standard with probe 1 each accessory kit TDP1500 (see contents listed below, 0 through 10) 1 each 020-2702-xx 1 each plastic accessory box 1 each 006-7164-xx -- straight pins 8 each 016-1891-xx 8 each longhorn via adapter 2 each 016-1780-xx 5 each TDP1500 and tdp3500 differential probes www.tektronix.com 5
description quantity shipped reorder part number reorder quantity 1-inch solder down 1 each 196-3504-xx 1 each 3-inch solder down 1 each 196-3505-xx 1 each y-lead adapter 2 each 196-3434-xx 1 each micro ckt test tip 3 each 206-0569-xx 1 each tip saver 2 each 016-1781-xx 2 each 3-inch ground lead 2 each 196-3437-xx 2 each marker band set (2 each of 5 colors) 1 each 016-1315-xx 1 each accessory performance summary and reorder sheet 1 each 001-1412-xx 1 each tdp3500 standard accessories description quantity shipped reorder part number reorder quantity pouch, nylon carrying case with inserts 1 each 016-1952-xx 1 each documentation kit tdp3500, includes: 1 each of selected language 020-2867-xx (english with standard) 020-2893-xx (japanese with option l5) 020-2894-xx (simplified chinese with option l7) 1 each of selected language printed user manual (071-2212- xx, english; 071-2213-xx, japanese; 071-2214-xx, simplified chinese) cd containing pdf-only technical reference manual, 071-2297-xx, english certificate of traceability 1 each standard with probe 1 each probe tip cover 1 each 200-4236-xx 1 each antistatic wrist strap 1 each 006-3415-xx 1 each accessory kit tdp3500 containing: 1 each 020-2883-xx 1 each plastic accessory box 1 each 006-7164-xx -- square pin adapter 4 each 016-1884-xx 4 each variable spacing tip adapter 4 each 016-1885-xx 4 each y-lead adapter 2 each 196-3434-xx 1 each micro ckt test tip 3 each 206-0569-xx 1 each 3-inch ground lead 2 each 196-3469-xx 2 each marker band set (2 each of 5 colors) 1 each 016-1315-xx 1 each accessory performance summary and reorder sheet 1 each 001-1435-xx 1 each accessory kit (solder-in differential probes tdp3500, p6330, p7330, p7350) containing: 1 each 020-2505-xx 1 each adapter, resistor/wire 2 each 016-1926-xx 2 each wire assembly w/ 0.02 diameter 10 each 016-1930-xx 10 each wire assembly w/ 0.008 diameter 10 each 016-1931-xx 10 each 10 resistor w/ 0.02 diameter wire 10 each 016-1927-xx 10 each 10 resistor w/ 0.008 diameter wire 10 each 016-1933-xx 10 each datasheet 6 www.tektronix.com
description quantity shipped reorder part number reorder quantity 20 resistor w/ 0.02 diameter wire 10 each 016-1928-xx 10 each 20 resistor w/ 0.008 diameter wire 10 each 016-1934-xx 10 each recommended accessories description part number quantity TDP1500 tdp3500 bnc to probe tip adapter 067-1734-xx 1 each -- spring loaded grounds 016-1782-xx 1 package of 6 -- twinfoot ? adapter 016-1785-xx 1 package of 4 1 package of 4 twintip ? adapter 016-1786-xx 1 package of 4 -- vantip ? adapter 016-1890-xx 1 package of 8 -- ic micro grabber smk-4 1 package of 4 1 package of 4 ieee 1394 adapter 679-5027-xx 1 each 1 each tekvpi ? cal fixture 067-1701-xx 1 each 1 each short ground contacts 016-1783-xx 1 package of 10 -- tektronix is registered to iso 9001 and iso 14001 by sri quality system registrar. product(s) complies with ieee standard 488.1-1987, rs-232-c, and with tektronix standard codes and formats. TDP1500 and tdp3500 differential probes www.tektronix.com 7
datasheet asean / australasia (65) 6356 3900 austria 00800 2255 4835* balkans, israel, south africa and other ise countries +41 52 675 3777 belgium 00800 2255 4835* brazil +55 (11) 3759 7627 canada 1 800 833 9200 central east europe and the baltics +41 52 675 3777 central europe & greece +41 52 675 3777 denmark +45 80 88 1401 finland +41 52 675 3777 france 00800 2255 4835* germany 00800 2255 4835* hong kong 400 820 5835 india 000 800 650 1835 italy 00800 2255 4835* japan 81 (3) 6714 3010 luxembourg +41 52 675 3777 mexico, central/south america & caribbean 52 (55) 56 04 50 90 middle east, asia, and north africa +41 52 675 3777 the netherlands 00800 2255 4835* norway 800 16098 people's republic of china 400 820 5835 poland +41 52 675 3777 portugal 80 08 12370 republic of korea 001 800 8255 2835 russia & cis +7 (495) 6647564 south africa +41 52 675 3777 spain 00800 2255 4835* sweden 00800 2255 4835* switzerland 00800 2255 4835* taiwan 886 (2) 2722 9622 united kingdom & ireland 00800 2255 4835* usa 1 800 833 9200 * european toll-free number. if not accessible, call: +41 52 675 3777 updated 10 april 2013 for further information. tektronix maintains a comprehensive, constantly expanding collection of application notes, technical briefs and other resources to help engineers working on the cutting edge of technology. please visit www.tektronix.com . copyright ? tektronix, inc. all rights reserved. tektronix products are covered by u.s. and foreign patents, issued and pending. information in this publication supersedes that in all previously published material. specification and price change privileges reserved. tektronix and tek are registered trademarks of tektronix, inc. all other trade names referenced are the service marks, trademarks, or registered trademarks of their respective companies. 24 may 2013 51w-20565-6 www.tektronix.com


▲Up To Search▲   

 
Price & Availability of TDP1500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X