Part Number Hot Search : 
F1206 SW4100 STBP518 MCU0805 ADV7533 PMFR5002 1E473 1C220
Product Description
Full Text Search
 

To Download T520B337M2R5A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2015_t520 ? 12/4/2013 1 benefts ? extremely low esr ? -55c to 105c operating temperature range ? polymer cathode technology ? high frequency capacitance retention ? non-ignition failure mode ? capacitance up to 1,500 f ? 100% accelerated steady state aging ? 100% surge current tested ? taped and reeled per eia 481C1 ? volumetric effciency ? self-healing mechanism ? eia standard case sizes applications typical applications include dc/dc converters, notebook pcs, portable electronics, telecommunications (mobile phone and base station), displays, ssd, hdd and usb. overview the kemet organic capacitor (ko-cap) is a tantalum capacitor with a ta anode and ta 2 o 5 dielectric. a conductive organic polymer replaces the traditionally used mno 2 as the cathode plate of the capacitor. this results in very low esr and improved capacitance retention at high frequency. the ko- cap also exhibits a benign failure mode which eliminates the ignition failures that can occur in standard mno 2 tantalum types. ko-caps may also be operated at steady state voltages up to 90% of rated voltage for part types with rated voltages of 10 volts and up to 80% of rated voltage for part types > 10 volts with equivalent or better reliability than traditional mno 2 tantalum capacitors operated at 50% of rated voltage. the t520 series ko-cap low esr polymer captures the best features of multilayer ceramic (low esr, high frequency capacitance retention), aluminum electrolytic (higher capacitance, benign failure mode), and proven solid tantalum technology (volumetric effciency, surface mount capability, extremely long life). the t520 can reduce component counts, eliminate through- hole assembly by replacing cumbersome leaded aluminum capacitors, and offer a cost-effective and space-saving solution. kemet organic capacitor (ko-cap) t520 series polymer tantalum environmental compliance rohs compliant (6/6) according to directive 2002/95/ec when ordered with 100% sn solder. one world. one kemet
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2015_t520 ? 12/4/2013 2 2 spice for a detailed analysis of specifc part numbers, please visit www.kemet.com for a free download of kemet's spice software. the kemet spice program is freeware intended to aid design engineers in analyzing the performance of these capacitors over frequency, temperature, ripple, and dc bias conditions. ordering information t 520 v 157 m 006 a t e045 capacitor class series case size capacitance code (pf) capacitance tolerance voltage failure rate/ design lead material esr code packaging (c-spec) t = tantalum 520 = polymer a, b, c, d, h, l, m, q, t, u, v, w, x, y first two digits represent signifcant fgures. third digit specifes number of zeros. m = 20% 2r5 = 2.5 v 003 = 3 v 004 = 4 v 006 = 6.3 v 008 = 8 v 010 = 10 v 011 = 11 v 12r = 12.5 v 016 = 16 v 020 = 20 v 025 = 25 v a = n/a t = 100% matte tin (sn) plated h = tin/lead (snpb) solder coated (5% pb minimum) e = esr last three digits specify esr in m. (045 = 45 m) blank = 7" reel 7280 = 13" reel performance characteristics item performance characteristics operating temperature -55c to 105c rated capacitance range 10 C 1,500 f @ 120 hz/25c capacitance tolerance m tolerance (20%) rated voltage range 2.5 C 25 v df (120 hz) 10% esr (100 khz) refer to part number electrical specifcation table leakage current 0.1 cv ( a) at rated voltage after 5 minutes kemet organic capacitor (ko-cap) C t520 series polymer tantalum
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2015_t520 ? 12/4/2013 3 3 qualifcation test condition characteristics endurance 105c @ rated voltage, 2,000 hours c/c within -20%/+10% of initial value df within initial limits dcl within 1.25 x initial limit esr within 2.0 x initial limit storage life 105c @ 0 volts, 2,000 hours c/c c/c within -5%/+35% of initial value df within initial limits dcl within 5.0 x initial limit esr within 2.0 x initial limit temperature stability extreme temperature exposure at a succession of continuous steps at +25oc, -55oc, +25oc, +85oc, +105oc, +25oc +25c -55c +85c +105c c/c i l* 20% 20% 30% df il il 1.2 x il 1.5 x il dcl il n/a 10 x il 10 x il surge voltage 105c, 1.32 x rated voltage, 1,000 cycles c/c within -20%/+10% of initial value df within initial limits dcl within initial limits esr within initial limits mechanical shock/vibration milCstdC202, method 213, condition i, 100 g peak. milCstdC202, method 204, condition d, 10 hz to 2,000 hz, 20 g peak c/c *il = initial limit kemet organic capacitor (ko-cap) C t520 series polymer tantalum
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2015_t520 ? 12/4/2013 4 4 1 1 0 1 0 0 1 0 0 0 1 0 0 1 , 0 0 0 1 0 , 0 0 0 1 0 0 , 0 0 0 1 , 0 0 0 , 0 0 0 1 0 , 0 0 0 , 0 0 0 c a p a c i t a n c e ( f ) f r e q u e n c y ( h z ) t 5 2 0 b 1 5 7 m 0 0 6 a t e 0 3 5 t 5 2 0 c 2 2 7 m 0 0 6 a t e 0 2 5 t 5 2 0 v 3 3 7 m 0 0 6 a t e 0 1 5 t 5 2 0 d 3 3 7 m 0 0 6 a t e 0 0 9 capacitance vs. frequency esr vs. frequency 0 . 0 0 1 0 . 0 1 0 . 1 1 1 0 1 0 0 1 0 0 1 , 0 0 0 1 0 , 0 0 0 1 0 0 , 0 0 0 1 , 0 0 0 , 0 0 0 1 0 , 0 0 0 , 0 0 0 i m p e d a n c e , e s r ( o h m s ) f r e q u e n c y ( h z ) t 5 2 0 b 1 5 7 m 0 0 6 a t e 0 3 5 _ i m p t 5 2 0 c 2 2 7 m 0 0 6 a t e 0 2 5 _ i m p t 5 2 0 v 3 3 7 m 0 0 6 a t e 0 1 5 _ i m p t 5 2 0 d 3 3 7 m 0 0 6 a t e 0 0 9 _ i m p t 5 2 0 b 1 5 7 m 0 0 6 a t e 0 3 5 _ e s r t 5 2 0 c 2 2 7 m 0 0 6 a t e 0 2 5 _ e s r t 5 2 0 v 3 3 7 m 0 0 6 a t e 0 1 5 _ e s r t 5 2 0 d 3 3 7 m 0 0 6 a t e 0 0 9 _ e s r dimensions C millimeters (inches) metric will govern 15 termination cutout at kemet?s option, either end case size component kemet eia l* w* h* f* 0.1 (0.004) s* 0.3 (0.012) b* 0.15 (ref) 0.006 x (ref) p (ref) r (ref) t (ref) a (min) g (ref) e (ref) a 3216C18 3.2 0.2 (0.126 0.008) 1.6 0.2 (0.063 0.008) 1.6 0.2 (0.063 0.008) 1.2 (.047) 0.8 (.031) 0.4 (.016) 0.10 0.10 (.004 .004) 0.4 (.016) 0.4 (.016) 0.13 (.005) 0.8 (.31) 1.1 (.043) 1.3 (.051) b 3528C21 3.5 0.2 (0.138 0.008) 2.8 0.2 (0.110 0.008) 1.9 0.1 (0.075 0.004) 2.2 (.087) 0.8 (.031) 0.4 (.016) 0.10 0.10 (.004 .004) 0.5 (.020) 1.0 (.039) 0.13 (.005) 1.1 (.043) 1.8 (.071) 2.2 (.087) c 6032C28 6.0 0.3 (0.236 0.03) 3.2 0.3 (0.126 0.012) 2.5 0.3 (0.098 0.012) 2.2 (.087) 1.3 (.051) 0.5 (.020) 0.10 0.10 (.004 .004) 0.9 (.035) 1.0 (.039) 0.13 (.005) 2.5(.098) 2.8 (.110) 2.4 (.094) d 7343C31 7.3 0.3 (0.287 0.012) 4.3 0.3 (0.169 0.012) 2.8 0.3 (0.110 0.012) 2.4 (.094) 1.3 (.051) 0.5 (.020) 0.10 0.10 (.004 .004) 0.9 (.035) 1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138) h 7360C20 7.3 0.3 (0.287 0.012) 6.00.3 (0.236 0.012) 2.0 (0.078) maximum 4.1 (.161) 1.3 (.051) n/a 0.10 0.10 (.004 .004) n/a n/a 0.13 (.005) 3.3 (.130) 3.5 (.138) 3.5 (.138) l 6032C19 6.0 0.3 (0.236 0.012) 3.2 0.2 (0.110 0.008) 1.9 (0.075) 2.2 (.087) 1.3 (.051) n/a 0.05 (.002) n/a n/a 0.13 (.005) 2.5(.098) 2.8 (.110) 2.4 (.094) m 3528C15 3.5 0.2 (0.138 0.008) 2.8 0.2 (0.110 0.008) 1.5 (0.059) 2.2 (.087) 0.8 (.031) n/a 0.05 (.002) n/a n/a 0.13 (.005) 1.1 (.043) 1.8 (.071) 2.2 (.087) q 7343-12 7.3 0.3 (0.287 0.012) 4.3 0.3 (0.169 0.012) 1.2 (0.047) maximum 2.4 (.094) 1.3 (.051) n/a 0.05 (.002) n/a n/a 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138) t 3528C12 3.5 0.2 (0.138 0.008) 2.8 0.2 (0.110 0.008) 1.2 (0.047) 2.2 (.087) 0.8 (.031) n/a 0.05 (.002) n/a n/a 0.13 (.005) 1.1 (.043) 1.8 (.071) 2.2 (.087) u 6032C15 6.0 0.3 (0.236 0.012) 3.2 0.2 (0.110 0.008) 1.5 (0.059) 2.2 (.087) 1.3 (.051) n/a 0.05 (.002) n/a n/a 0.13 (.005) 2.5(.098) 2.8 (.110) 2.4 (.094) v 7343C19 7.3 0.3 (0.287 0.012) 4.3 0.3 (0.169 0.012) 1.9 (0.075) 2.4 (.094) 1.3 (.051) n/a 0.05 (.002) n/a n/a 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138) w 7343C15 7.3 0.3 (0.287 0.012) 4.3 0.3 (0.169 0.012) 1.5 (0.059) 2.4 (.094) 1.3 (.051) n/a 0.05 (.002) n/a n/a 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138) x 7343C43 7.3 0.3 (0.287 0.012) 4.3 0.3 (0.169 0.012) 4.0 0.3 (0.157 0.012) 2.4 (.094) 1.3 (.051) 0.5 (.020) 0.10 0.10 (.004 .004) 1.7 (.067) 1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138) y 7343C40 7.3 0.3 (0.287 0.012) 4.3 0.3 (0.169 0.012) 4.0 (0.157) 2.4 (.094) 1.3 (.051) 0.5 (.020) 0.10 0.10 (.004 .004) 1.7 (.067) 1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138) notes: (ref) C dimensions provided for reference only. no dimensions are provided for b, p or r because low profle cases do not have a bevel or a notch. * milCprfC55365/8 specifed dimensions kemet organic capacitor (ko-cap) C t520 series polymer tantalum electrical characteristics
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2015_t520 ? 12/4/2013 5 5 (1) standard with tin terminations (14th character = t). tin/lead terminations is also available (14th character = h). also available on large (13 inch) reels. add 7280 to the end of the part number. higher voltage ratings and tighter tolerance product including esr may be substituted within the same size at kemet's option. voltage substitutions will be marked with the higher voltage rating. substitutions can include better than series. blue color text denotes "under development" bold text denotes black epoxy product rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current moisture sensitivity rated temp vdc f kemet/eia (see below for part options) a @ 20c maximum/5 minutes % @ 20c 120 hz maximum m @ 20c 100 khz maximum (ma) 45c 100 khz temperature 260oc (oc) 2 470 v/7343-19 t520v477m002a(1)e040 94 10 40 2200 3 105 2.5 47 a/3216-18 t520a476m2r5a(1)e090 12 8 90 1100 3 105 2.5 56 t/3528-12 t520t566m2r5a(1)e040 14 8 40 1600 3 105 2.5 56 t/3528-12 t520t566m2r5a(1)e070 14 8 70 1200 3 105 2.5 68 a/3216-18 t520a686m2r5a(1)e070 17 8 70 1300 3 105 2.5 68 a/3216-18 t520a686m2r5a(1)e080 17 8 80 1200 3 105 2.5 100 t/3528-12 t520t107m2r5a(1)e040 25 8 40 1600 3 105 2.5 100 t/3528-12 t520t107m2r5a(1)e070 25 8 70 1200 3 105 2.5 100 b/3528-21 t520b107m2r5a(1)e025 25 8 25 2300 3 105 2.5 100 b/3528-21 t520b107m2r5a(1)e035 25 8 35 1900 3 105 2.5 100 b/3528-21 t520b107m2r5a(1)e040 25 8 40 1800 3 105 2.5 100 b/3528-21 t520b107m2r5a(1)e070 25 8 70 1300 3 105 2.5 150 u/6032-15 t520u157m2r5a(1)e055 38 8 55 1600 3 105 2.5 220 b/3528-21 t520b227m2r5a(1)e015 55 8 15 2900 3 105 2.5 220 b/3528-21 t520b227m2r5a(1)e018 55 8 18 2700 3 105 2.5 220 b/3528-21 t520b227m2r5a(1)e021 55 8 21 2500 3 105 2.5 220 b/3528-21 t520b227m2r5a(1)e025 55 8 25 2300 3 105 2.5 220 b/3528-21 t520b227m2r5a(1)e030 55 8 30 2100 3 105 2.5 220 b/3528-21 t520b227m2r5a(1)e035 55 8 35 1900 3 105 2.5 220 b/3528-21 t520b227m2r5a(1)e055 55 8 55 1500 3 105 2.5 220 b/3528-21 t520b227m2r5a(1)e070 55 8 70 1300 3 105 2.5 220 t/3528-12 t520t227m2r5a(1)e070 55 10 70 1225 3 105 2.5 220 u/6032-15 t520u227m2r5a(1)e055 55 8 55 1600 3 105 2.5 220 c/6032-28 t520c227m2r5a(1)e025 55 8 25 2600 3 105 2.5 220 c/6032-28 t520c227m2r5a(1)e045 55 8 45 1900 3 105 2.5 220 w/7343-15 t520w227m2r5a(1)e025 55 10 25 2700 3 105 2.5 220 v/7343-19 t520v227m2r5a(1)e006 55 10 6 5600 3 105 2.5 220 v/7343-19 t520v227m2r5a(1)e007 55 10 7 5200 3 105 2.5 220 v/7343-19 t520v227m2r5a(1)e009 55 10 9 4600 3 105 2.5 220 v/7343-19 t520v227m2r5a(1)e012 55 10 12 3900 3 105 2.5 220 v/7343-19 t520v227m2r5a(1)e015 55 10 15 3500 3 105 2.5 220 v/7343-19 t520v227m2r5a(1)e025 55 10 25 2700 3 105 2.5 220 v/7343-19 t520v227m2r5a(1)e045 55 10 45 2000 3 105 2.5 220 d/7343-31 t520d227m2r5a(1)e007 55 10 7 5700 3 105 2.5 220 d/7343-31 t520d227m2r5a(1)e040 55 10 40 2400 3 105 2.5 330 b/3528-21 T520B337M2R5A(1)e012 83 8 12 2700 3 105 2.5 330 b/3528-21 T520B337M2R5A(1)e015 83 8 15 2900 3 105 2.5 330 b/3528-21 T520B337M2R5A(1)e018 83 8 18 2700 3 105 2.5 330 b/3528-21 T520B337M2R5A(1)e035 83 8 35 1900 3 105 2.5 330 b/3528-21 T520B337M2R5A(1)e045 83 8 45 1700 3 105 2.5 330 b/3528-21 T520B337M2R5A(1)e070 83 8 70 1300 3 105 2.5 330 c/6032-28 t520c337m2r5a(1)e015 83 8 15 3300 3 105 2.5 330 c/6032-28 t520c337m2r5a(1)e018 83 8 18 3000 3 105 2.5 330 c/6032-28 t520c337m2r5a(1)e025 83 8 25 2600 3 105 2.5 330 c/6032-28 t520c337m2r5a(1)e045 83 8 45 1900 3 105 2.5 330 l/6032-19 t520l337m2r5a(1)e009 83 8 9 4100 3 105 2.5 330 l/6032-19 t520l337m2r5a(1)e012 83 8 12 3500 3 105 2.5 330 l/6032-19 t520l337m2r5a(1)e025 83 8 25 2400 3 105 2.5 330 w/7343-15 t520w337m2r5a(1)e015 83 10 15 3500 3 105 vdc f kemet/eia (see below for part options) a @ 20c maximum/5 minutes % @ 20c 120 hz maximum m @ 20c 100 khz maximum (ma) 45c 100 khz temperature 260 o c (o c) rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current moisture sensitivity rated temp table 1 C ratings & part number reference kemet organic capacitor (ko-cap) C t520 series polymer tantalum
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2015_t520 ? 12/4/2013 6 6 (1) standard with tin terminations (14th character = t). tin/lead terminations is also available (14th character = h). also available on large (13 inch) reels. add 7280 to the end of the part number. higher voltage ratings and tighter tolerance product including esr may be substituted within the same size at kemet's option. voltage substitutions will be marked with the higher voltage rating. substitutions can include better than series. blue color text denotes "under development" bold text denotes black epoxy product rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current moisture sensitivity rated temp vdc f kemet/eia (see below for part options) a @ 20c maximum/5 minutes % @ 20c 120 hz maximum m @ 20c 100 khz maximum (ma) 45c 100 khz temperature 260oc (oc) 2.5 330 w/7343-15 t520w337m2r5a(1)e025 83 10 25 2700 3 105 2.5 330 w/7343-15 t520w337m2r5a(1)e040 83 10 40 2100 3 105 2.5 330 v/7343-19 t520v337m2r5a(1)e006 83 10 6 5600 3 105 2.5 330 v/7343-19 t520v337m2r5a(1)e007 83 10 7 5200 3 105 2.5 330 v/7343-19 t520v337m2r5a(1)e009 83 10 9 4600 3 105 2.5 330 v/7343-19 t520v337m2r5a(1)e012 83 10 12 3900 3 105 2.5 330 v/7343-19 t520v337m2r5a(1)e015 83 10 15 3500 3 105 2.5 330 v/7343-19 t520v337m2r5a(1)e018 83 10 18 3200 3 105 2.5 330 v/7343-19 t520v337m2r5a(1)e025 83 10 25 2700 3 105 2.5 330 v/7343-19 t520v337m2r5a(1)e040 83 10 40 2200 3 105 2.5 330 d/7343-31 t520d337m2r5a(1)e006 83 10 6 6100 3 105 2.5 330 d/7343-31 t520d337m2r5a(1)e007 83 10 7 5700 3 105 2.5 470 v/7343-19 t520v477m2r5a(1)e006 118 10 6 5600 3 105 2.5 470 v/7343-19 t520v477m2r5a(1)e007 118 10 7 5200 3 105 2.5 470 v/7343-19 t520v477m2r5a(1)e009 118 10 9 4600 3 105 2.5 470 v/7343-19 t520v477m2r5a(1)e012 118 10 12 3900 3 105 2.5 470 v/7343-19 t520v477m2r5a(1)e015 118 10 15 3500 3 105 2.5 470 v/7343-19 t520v477m2r5a(1)e018 118 10 18 3200 3 105 2.5 470 c/6032-28 t520c477m2r5a(1)e025 118 8 25 2600 3 105 2.5 470 c/6032-28 t520c477m2r5a(1)e045 118 8 45 1900 3 105 2.5 470 d/7343-31 t520d477m2r5a(1)e006 118 10 6 6100 3 105 2.5 470 d/7343-31 t520d477m2r5a(1)e007 118 10 7 5700 3 105 2.5 470 d/7343-31 t520d477m2r5a(1)e009 118 10 9 5000 3 105 2.5 680 d/7343-31 t520d687m2r5a(1)e010 170 10 10 4700 3 105 2.5 680 d/7343-31 t520d687m2r5a(1)e015 170 10 15 3900 3 105 2.5 680 d/7343-31 t520d687m2r5a(1)e040 170 10 40 2400 3 105 2.5 680 y/7343-40 t520y687m2r5a(1)e015 170 10 15 4000 3 105 2.5 680 y/7343-40 t520y687m2r5a(1)e025 170 10 25 3100 3 105 2.5 1000 d/7343-31 t520d108m2r5a(1)e015 250 10 15 3900 3 105 2.5 1000 d/7343-31 t520d108m2r5a(1)e030 250 10 30 2700 3 105 2.5 1000 y/7343-40 t520y108m2r5a(1)e010 250 10 10 4900 3 105 2.5 1000 y/7343-40 t520y108m2r5a(1)e015 250 10 15 4000 3 105 2.5 1000 y/7343-40 t520y108m2r5a(1)e025 250 10 25 3100 3 105 2.5 1000 x/7343-43 t520x108m2r5a(1)e010 250 10 10 5000 3 105 3 100 b/3528-21 t520b107m003a(1)e025 30 8 25 2300 3 105 3 100 b/3528-21 t520b107m003a(1)e035 30 8 35 1900 3 105 3 100 b/3528-21 t520b107m003a(1)e040 30 8 40 1800 3 105 3 100 b/3528-21 t520b107m003a(1)e070 30 8 70 1300 3 105 3 150 b/3528-21 t520b157m003a(1)e025 45 8 25 2300 3 105 3 150 b/3528-21 t520b157m003a(1)e035 45 8 35 1900 3 105 3 150 b/3528-21 t520b157m003a(1)e040 45 8 40 1800 3 105 3 150 b/3528-21 t520b157m003a(1)e070 45 8 70 1300 3 105 3 330 v/7343-19 t520v337m003a(1)e009 99 10 9 4600 3 105 3 330 v/7343-19 t520v337m003a(1)e012 99 10 12 3900 3 105 3 330 v/7343-19 t520v337m003a(1)e015 99 10 15 3500 3 105 3 330 v/7343-19 t520v337m003a(1)e025 99 10 25 2700 3 105 3 680 d/7343-31 t520d687m003a(1)e015 204 10 15 3900 3 105 3 680 d/7343-31 t520d687m003a(1)e040 204 10 40 2400 3 105 3 1000 x/7343-43 t520x108m003a(1)e015 300 10 15 4100 3 105 vdc f kemet/eia (see below for part options) a @ 20c maximum/5 minutes % @ 20c 120 hz maximum m @ 20c 100 khz maximum (ma) 45c 100 khz temperature 260 o c (o c) rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current moisture sensitivity rated temp table 1 C ratings & part number reference cont'd kemet organic capacitor (ko-cap) C t520 series polymer tantalum
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2015_t520 ? 12/4/2013 7 7 (1) standard with tin terminations (14th character = t). tin/lead terminations is also available (14th character = h). also available on large (13 inch) reels. add 7280 to the end of the part number. higher voltage ratings and tighter tolerance product including esr may be substituted within the same size at kemet's option. voltage substitutions will be marked with the higher voltage rating. substitutions can include better than series. blue color text denotes "under development" bold text denotes black epoxy product rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current moisture sensitivity rated temp vdc f kemet/eia (see below for part options) a @ 20c maximum/5 minutes % @ 20c 120 hz maximum m @ 20c 100 khz maximum (ma) 45c 100 khz temperature 260oc (oc) 3 1000 x/7343-43 t520x108m003a(1)e030 300 10 30 2900 3 105 4 15 t/3528-12 t520t156m004a(1)e100 6 8 100 1000 3 105 4 33 a/3216-18 t520a336m004a(1)e070 13 8 70 1300 3 105 4 33 a/3216-18 t520a336m004a(1)e080 13 8 80 1200 3 105 4 47 a/3216-18 t520a476m004a(1)e070 19 8 70 1300 3 105 4 47 a/3216-18 t520a476m004a(1)e080 19 8 80 1200 3 105 4 47 t/3528-12 t520t476m004a(1)e070 19 8 70 1200 3 105 4 68 t/3528-12 t520t686m004a(1)e070 27 8 70 1200 3 105 4 68 b/3528-21 t520b686m004a(1)e025 27 8 25 2300 3 105 4 68 b/3528-21 t520b686m004a(1)e035 27 8 35 1900 3 105 4 68 b/3528-21 t520b686m004a(1)e040 27 8 40 1800 3 105 4 68 b/3528-21 t520b686m004a(1)e070 27 8 70 1300 3 105 4 68 u/6032-15 t520u686m004a(1)e055 27 8 55 1600 3 105 4 100 a/3216-18 t520a107m004a(1)e150 40 8 150 900 3 105 4 100 a/3216-18 t520a107m004a(1)e200 40 8 200 700 3 105 4 100 t/3528-12 t520t107m004a(1)e070 40 8 70 1200 3 105 4 100 t/3528-12 t520t107m004a(1)e150 40 8 150 800 3 105 4 100 b/3528-21 t520b107m004a(1)e025 40 8 25 2300 3 105 4 100 b/3528-21 t520b107m004a(1)e035 40 8 35 1900 3 105 4 100 b/3528-21 t520b107m004a(1)e040 40 8 40 1800 3 105 4 100 b/3528-21 t520b107m004a(1)e070 40 8 70 1300 3 105 4 100 u/6032-15 t520u107m004a(1)e055 40 8 55 1600 3 105 4 150 b/3528-21 t520b157m004a(1)e015 60 8 15 2900 3 105 4 150 b/3528-21 t520b157m004a(1)e018 60 8 18 2700 3 105 4 150 b/3528-21 t520b157m004a(1)e025 60 8 25 2300 3 105 4 150 b/3528-21 t520b157m004a(1)e030 60 8 30 2100 3 105 4 150 b/3528-21 t520b157m004a(1)e035 60 8 35 1900 3 105 4 150 b/3528-21 t520b157m004a(1)e040 60 8 40 1800 3 105 4 150 b/3528-21 t520b157m004a(1)e070 60 8 70 1300 3 105 4 150 u/6032-15 t520u157m004a(1)e055 60 8 55 1600 3 105 4 150 c/6032-28 t520c157m004a(1)e015 60 8 15 3300 3 105 4 150 c/6032-28 t520c157m004a(1)e025 60 8 25 2600 3 105 4 150 c/6032-28 t520c157m004a(1)e045 60 8 45 1900 3 105 4 150 c/6032-28 t520c157m004a(1)e100 60 8 100 1300 3 105 4 150 v/7343-19 t520v157m004a(1)e007 60 10 7 5200 3 105 4 150 v/7343-19 t520v157m004a(1)e009 60 10 9 4600 3 105 4 150 v/7343-19 t520v157m004a(1)e012 60 10 12 3900 3 105 4 150 v/7343-19 t520v157m004a(1)e015 60 10 15 3500 3 105 4 150 v/7343-19 t520v157m004a(1)e025 60 10 25 2700 3 105 4 150 d/7343-31 t520d157m004a(1)e007 60 10 7 5700 3 105 4 220 b/3528-21 t520b227m004a(1)e035 88 8 35 1900 3 105 4 220 b/3528-21 t520b227m004a(1)e045 88 8 45 1700 3 105 4 220 b/3528-21 t520b227m004a(1)e070 88 8 70 1300 3 105 4 220 c/6032-28 t520c227m004a(1)e015 88 8 15 3300 3 105 4 220 c/6032-28 t520c227m004a(1)e018 88 8 18 3000 3 105 4 220 c/6032-28 t520c227m004a(1)e025 88 8 25 2600 3 105 4 220 c/6032-28 t520c227m004a(1)e045 88 8 45 1900 3 105 4 220 c/6032-28 t520c227m004a(1)e055 88 8 55 1700 3 105 4 220 l/6032-19 t520l227m004a(1)e012 88 8 12 3500 3 105 vdc f kemet/eia (see below for part options) a @ 20c maximum/5 minutes % @ 20c 120 hz maximum m @ 20c 100 khz maximum (ma) 45c 100 khz temperature 260 o c (o c) rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current moisture sensitivity rated temp table 1 C ratings & part number reference cont'd kemet organic capacitor (ko-cap) C t520 series polymer tantalum
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2015_t520 ? 12/4/2013 8 8 (1) standard with tin terminations (14th character = t). tin/lead terminations is also available (14th character = h). also available on large (13 inch) reels. add 7280 to the end of the part number. higher voltage ratings and tighter tolerance product including esr may be substituted within the same size at kemet's option. voltage substitutions will be marked with the higher voltage rating. substitutions can include better than series. blue color text denotes "under development" bold text denotes black epoxy product rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current moisture sensitivity rated temp vdc f kemet/eia (see below for part options) a @ 20c maximum/5 minutes % @ 20c 120 hz maximum m @ 20c 100 khz maximum (ma) 45c 100 khz temperature 260oc (oc) 4 220 l/6032-19 t520l227m004a(1)e025 88 8 25 2400 3 105 4 220 w/7343-15 t520w227m004a(1)e025 88 10 25 2700 3 105 4 220 w/7343-15 t520w227m004a(1)e040 88 10 40 2100 3 105 4 220 v/7343-19 t520v227m004a(1)e006 88 10 6 5600 3 105 4 220 v/7343-19 t520v227m004a(1)e007 88 10 7 5200 3 105 4 220 v/7343-19 t520v227m004a(1)e009 88 10 9 4600 3 105 4 220 v/7343-19 t520v227m004a(1)e012 88 10 12 3900 3 105 4 220 v/7343-19 t520v227m004a(1)e015 88 10 15 3500 3 105 4 220 v/7343-19 t520v227m004a(1)e018 88 10 18 3200 3 105 4 220 v/7343-19 t520v227m004a(1)e025 88 10 25 2700 3 105 4 220 v/7343-19 t520v227m004a(1)e040 88 10 40 2200 3 105 4 220 v/7343-19 t520v227m004a(1)e045 88 10 45 2000 3 105 4 220 d/7343-31 t520d227m004a(1)e006 88 10 6 6100 3 105 4 220 d/7343-31 t520d227m004a(1)e007 88 10 7 5700 3 105 4 220 d/7343-31 t520d227m004a(1)e012 88 10 12 4300 3 105 4 220 d/7343-31 t520d227m004a(1)e065 88 10 65 1900 3 105 4 330 c/6032-28 t520c337m004a(1)e025 132 8 25 2600 3 105 4 330 c/6032-28 t520c337m004a(1)e045 132 8 45 1900 3 105 4 330 v/7343-19 t520v337m004a(1)e007 132 10 7 5200 3 105 4 330 v/7343-19 t520v337m004a(1)e009 132 10 9 4600 3 105 4 330 v/7343-19 t520v337m004a(1)e012 132 10 12 3900 3 105 4 330 v/7343-19 t520v337m004a(1)e018 132 10 18 3200 3 105 4 330 v/7343-19 t520v337m004a(1)e025 132 10 25 2700 3 105 4 330 v/7343-19 t520v337m004a(1)e040 132 10 40 2200 3 105 4 330 d/7343-31 t520d337m004a(1)e006 132 10 6 6100 3 105 4 330 d/7343-31 t520d337m004a(1)e007 132 10 7 5700 3 105 4 330 d/7343-31 t520d337m004a(1)e009 132 10 9 5000 3 105 4 330 d/7343-31 t520d337m004a(1)e012 132 10 12 4300 3 105 4 330 d/7343-31 t520d337m004a(1)e015 132 10 15 3900 3 105 4 330 d/7343-31 t520d337m004a(1)e040 132 10 40 2400 3 105 4 330 d/7343-31 t520d337m004a(1)e045 132 10 45 2200 3 105 4 470 d/7343-31 t520d477m004a(1)e010 188 10 10 4700 3 105 4 470 d/7343-31 t520d477m004a(1)e012 188 10 12 4300 3 105 4 470 d/7343-31 t520d477m004a(1)e015 188 10 15 3900 3 105 4 470 d/7343-31 t520d477m004a(1)e018 188 10 18 3500 3 105 4 470 d/7343-31 t520d477m004a(1)e025 188 10 25 3000 3 105 4 470 d/7343-31 t520d477m004a(1)e040 188 10 40 2400 3 105 4 680 d/7343-31 t520d687m004a(1)e012 272 10 12 4300 3 105 4 680 d/7343-31 t520d687m004a(1)e015 272 10 15 3900 3 105 4 680 d/7343-31 t520d687m004a(1)e025 272 10 25 3000 3 105 4 680 y/7343-40 t520y687m004a(1)e010 272 10 10 4900 3 105 4 680 y/7343-40 t520y687m004a(1)e015 272 10 15 4000 3 105 4 680 y/7343-40 t520y687m004a(1)e025 272 10 25 3100 3 105 4 680 x/7343-43 t520x687m004a(1)e010 272 10 10 5000 3 105 4 680 x/7343-43 t520x687m004a(1)e015 272 10 15 4100 3 105 4 680 x/7343-43 t520x687m004a(1)e035 272 10 35 2700 3 105 6.3 15 t/3528-12 t520t156m006a(1)e100 9 8 100 1000 3 105 6.3 22 a/3216-18 t520a226m006a(1)e090 14 8 90 1100 3 105 6.3 22 a/3216-18 t520a226m006a(1)e100 14 8 100 1100 3 105 vdc f kemet/eia (see below for part options) a @ 20c maximum/5 minutes % @ 20c 120 hz maximum m @ 20c 100 khz maximum (ma) 45c 100 khz temperature 260 o c (o c) rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current moisture sensitivity rated temp table 1 C ratings & part number reference cont'd kemet organic capacitor (ko-cap) C t520 series polymer tantalum
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2015_t520 ? 12/4/2013 9 9 (1) standard with tin terminations (14th character = t). tin/lead terminations is also available (14th character = h). also available on large (13 inch) reels. add 7280 to the end of the part number. higher voltage ratings and tighter tolerance product including esr may be substituted within the same size at kemet's option. voltage substitutions will be marked with the higher voltage rating. substitutions can include better than series. blue color text denotes "under development" bold text denotes black epoxy product rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current moisture sensitivity rated temp vdc f kemet/eia (see below for part options) a @ 20c maximum/5 minutes % @ 20c 120 hz maximum m @ 20c 100 khz maximum (ma) 45c 100 khz temperature 260oc (oc) 6.3 22 t/3528-12 t520t226m006a(1)e100 14 8 100 1000 3 105 6.3 33 a/3216-18 t520a336m006a(1)e070 21 8 70 1300 3 105 6.3 33 a/3216-18 t520a336m006a(1)e080 21 8 80 1200 3 105 6.3 33 a/3216-18 t520a336m006a(1)e120 21 8 120 1000 3 105 6.3 33 t/3528-12 t520t336m006a(1)e070 21 8 70 1200 3 105 6.3 33 b/3528-21 t520b336m006a(1)e025 21 8 25 2300 3 105 6.3 33 b/3528-21 t520b336m006a(1)e035 21 8 35 1900 3 105 6.3 33 b/3528-21 t520b336m006a(1)e040 21 8 40 1800 3 105 6.3 33 b/3528-21 t520b336m006a(1)e070 21 8 70 1300 3 105 6.3 33 c/6032-28 t520c336m006a(1)e100 21 8 100 1300 3 105 6.3 47 a/3216-18 t520a476m006a(1)e150 30 8 150 900 3 105 6.3 47 t/3528-12 t520t476m006a(1)e040 30 8 40 1600 3 105 6.3 47 t/3528-12 t520t476m006a(1)e070 30 8 70 1200 3 105 6.3 47 b/3528-21 t520b476m006a(1)e025 30 8 25 2300 3 105 6.3 47 b/3528-21 t520b476m006a(1)e035 30 8 35 1900 3 105 6.3 47 b/3528-21 t520b476m006a(1)e040 30 8 40 1800 3 105 6.3 47 b/3528-21 t520b476m006a(1)e070 30 8 70 1300 3 105 6.3 68 a/3216-18 t520a686m006a(1)e150 43 8 150 900 3 105 6.3 68 t/3528-12 t520t686m006a(1)e070 43 8 70 1200 3 105 6.3 68 t/3528-12 t520t686m006a(1)e150 43 8 150 800 3 105 6.3 68 b/3528-21 t520b686m006a(1)e025 43 8 25 2300 3 105 6.3 68 b/3528-21 t520b686m006a(1)e035 43 8 35 1900 3 105 6.3 68 b/3528-21 t520b686m006a(1)e040 43 8 40 1800 3 105 6.3 68 b/3528-21 t520b686m006a(1)e070 43 8 70 1300 3 105 6.3 68 u/6032-15 t520u686m006a(1)e055 43 8 55 1600 3 105 6.3 68 u/6032-15 t520u686m006a(1)e070 43 8 70 1400 3 105 6.3 68 c/6032-28 t520c686m006a(1)e100 43 8 100 1300 3 105 6.3 100 a/3216-18 t520a107m006ate070 63 8 70 1035 3 105 6.3 100 t/3528-12 t520t107m006a(1)e070 63 8 70 1200 3 105 6.3 100 b/3528-21 t520b107m006a(1)e015 63 8 15 2900 3 105 6.3 100 b/3528-21 t520b107m006a(1)e018 63 8 18 2700 3 105 6.3 100 b/3528-21 t520b107m006a(1)e025 63 8 25 2300 3 105 6.3 100 b/3528-21 t520b107m006a(1)e035 63 8 35 1900 3 105 6.3 100 b/3528-21 t520b107m006a(1)e040 63 8 40 1800 3 105 6.3 100 b/3528-21 t520b107m006a(1)e045 63 8 45 1700 3 105 6.3 100 b/3528-21 t520b107m006a(1)e070 63 8 70 1300 3 105 6.3 100 u/6032-15 t520u107m006a(1)e055 63 8 55 1600 3 105 6.3 100 w/7343-15 t520w107m006a(1)e040 63 10 40 2100 3 105 6.3 100 v/7343-19 t520v107m006a(1)e009 63 10 9 4600 3 105 6.3 100 v/7343-19 t520v107m006a(1)e012 63 10 12 3900 3 105 6.3 100 v/7343-19 t520v107m006a(1)e015 63 10 15 3500 3 105 6.3 100 v/7343-19 t520v107m006a(1)e045 63 10 45 2000 3 105 6.3 100 c/6032-28 t520c107m006a(1)e025 63 8 25 2600 3 105 6.3 100 c/6032-28 t520c107m006a(1)e045 63 8 45 1900 3 105 6.3 120 b/3528-21 t520b127m006a(1)e035 76 8 35 1900 3 105 6.3 150 m/3528-15 t520m157m006a(1)e070 95 8 70 1300 3 105 6.3 150 m/3528-15 t520m157m006a(1)e150 95 8 150 900 3 105 6.3 150 m/3528-15 t520m157m006a(1)e200 95 8 200 800 3 105 6.3 150 b/3528-21 t520b157m006a(1)e025 95 8 25 2300 3 105 vdc f kemet/eia (see below for part options) a @ 20c maximum/5 minutes % @ 20c 120 hz maximum m @ 20c 100 khz maximum (ma) 45c 100 khz temperature 260 o c (o c) rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current moisture sensitivity rated temp table 1 C ratings & part number reference cont'd kemet organic capacitor (ko-cap) C t520 series polymer tantalum
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2015_t520 ? 12/4/2013 10 10 (1) standard with tin terminations (14th character = t). tin/lead terminations is also available (14th character = h). also available on large (13 inch) reels. add 7280 to the end of the part number. higher voltage ratings and tighter tolerance product including esr may be substituted within the same size at kemet's option. voltage substitutions will be marked with the higher voltage rating. substitutions can include better than series. blue color text denotes "under development" bold text denotes black epoxy product rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current moisture sensitivity rated temp vdc f kemet/eia (see below for part options) a @ 20c maximum/5 minutes % @ 20c 120 hz maximum m @ 20c 100 khz maximum (ma) 45c 100 khz temperature 260oc (oc) 6.3 150 b/3528-21 t520b157m006a(1)e035 95 8 35 1900 3 105 6.3 150 b/3528-21 t520b157m006a(1)e045 95 8 45 1700 3 105 6.3 150 b/3528-21 t520b157m006a(1)e070 95 8 70 1300 3 105 6.3 150 c/6032-28 t520c157m006a(1)e015 95 8 15 3300 3 105 6.3 150 c/6032-28 t520c157m006a(1)e025 95 8 25 2600 3 105 6.3 150 c/6032-28 t520c157m006a(1)e045 95 8 45 1900 3 105 6.3 150 c/6032-28 t520c157m006a(1)e055 95 8 55 1700 3 105 6.3 150 u/6032-15 t520u157m006a(1)e045 95 8 45 1700 3 105 6.3 150 u/6032-15 t520u157m006a(1)e055 95 8 55 1600 3 105 6.3 150 l/6032-19 t520l157m006a(1)e012 95 8 12 3500 3 105 6.3 150 l/6032-19 t520l157m006a(1)e025 95 8 25 2400 3 105 6.3 150 w/7343-15 t520w157m006a(1)e025 95 10 25 2700 3 105 6.3 150 w/7343-15 t520w157m006a(1)e040 95 10 40 2100 3 105 6.3 150 v/7343-19 t520v157m006a(1)e006 95 10 6 5600 3 105 6.3 150 v/7343-19 t520v157m006a(1)e007 95 10 7 5200 3 105 6.3 150 v/7343-19 t520v157m006a(1)e009 95 10 9 4600 3 105 6.3 150 v/7343-19 t520v157m006a(1)e012 95 10 12 3900 3 105 6.3 150 v/7343-19 t520v157m006a(1)e015 95 10 15 3500 3 105 6.3 150 v/7343-19 t520v157m006a(1)e018 95 10 18 3200 3 105 6.3 150 v/7343-19 t520v157m006a(1)e025 95 10 25 2700 3 105 6.3 150 v/7343-19 t520v157m006a(1)e040 95 10 40 2200 3 105 6.3 150 v/7343-19 t520v157m006a(1)e045 95 10 45 2000 3 105 6.3 150 d/7343-31 t520d157m006a(1)e006 95 10 6 6100 3 105 6.3 150 d/7343-31 t520d157m006a(1)e007 95 10 7 5700 3 105 6.3 150 d/7343-31 t520d157m006a(1)e015 95 10 15 3900 3 105 6.3 150 d/7343-31 t520d157m006a(1)e025 95 10 25 3000 3 105 6.3 150 d/7343-31 t520d157m006a(1)e055 95 10 55 2000 3 105 6.3 220 b/3528-21 t520b227m006a(1)e025 139 8 25 2300 3 105 6.3 220 b/3528-21 t520b227m006a(1)e035 139 8 35 1900 3 105 6.3 220 b/3528-21 t520b227m006a(1)e045 139 8 45 1700 3 105 6.3 220 b/3528-21 t520b227m006a(1)e070 139 8 70 1300 3 105 6.3 220 c/6032-28 t520c227m006a(1)e015 139 8 15 3300 3 105 6.3 220 c/6032-28 t520c227m006a(1)e018 139 8 18 3000 3 105 6.3 220 c/6032-28 t520c227m006a(1)e025 139 8 25 2600 3 105 6.3 220 c/6032-28 t520c227m006a(1)e045 139 8 45 1900 3 105 6.3 220 v/7343-19 t520v227m006a(1)e007 139 10 7 5200 3 105 6.3 220 v/7343-19 t520v227m006a(1)e009 139 10 9 4600 3 105 6.3 220 v/7343-19 t520v227m006a(1)e012 139 10 12 3900 3 105 6.3 220 v/7343-19 t520v227m006a(1)e015 139 10 15 3500 3 105 6.3 220 v/7343-19 t520v227m006a(1)e018 139 10 18 3200 3 105 6.3 220 v/7343-19 t520v227m006a(1)e025 139 10 25 2700 3 105 6.3 220 v/7343-19 t520v227m006a(1)e040 139 10 40 2200 3 105 6.3 220 d/7343-31 t520d227m006a(1)e006 139 10 6 6100 3 105 6.3 220 d/7343-31 t520d227m006a(1)e007 139 10 7 5700 3 105 6.3 220 d/7343-31 t520d227m006a(1)e009 139 10 9 5000 3 105 6.3 220 d/7343-31 t520d227m006a(1)e015 139 10 15 3900 3 105 6.3 220 d/7343-31 t520d227m006a(1)e018 139 10 18 3500 3 105 6.3 220 d/7343-31 t520d227m006a(1)e025 139 10 25 3000 3 105 6.3 220 d/7343-31 t520d227m006a(1)e040 139 10 40 2400 3 105 vdc f kemet/eia (see below for part options) a @ 20c maximum/5 minutes % @ 20c 120 hz maximum m @ 20c 100 khz maximum (ma) 45c 100 khz temperature 260 o c (o c) rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current moisture sensitivity rated temp table 1 C ratings & part number reference cont'd kemet organic capacitor (ko-cap) C t520 series polymer tantalum
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2015_t520 ? 12/4/2013 11 11 (1) standard with tin terminations (14th character = t). tin/lead terminations is also available (14th character = h). also available on large (13 inch) reels. add 7280 to the end of the part number. higher voltage ratings and tighter tolerance product including esr may be substituted within the same size at kemet's option. voltage substitutions will be marked with the higher voltage rating. substitutions can include better than series. blue color text denotes "under development" bold text denotes black epoxy product table 1 C ratings & part number reference cont'd rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current moisture sensitivity rated temp vdc f kemet/eia (see below for part options) a @ 20c maximum/5 minutes % @ 20c 120 hz maximum m @ 20c 100 khz maximum (ma) 45c 100 khz temperature 260oc (oc) 6.3 220 d/7343-31 t520d227m006a(1)e050 139 10 50 2100 3 105 6.3 330 v/7343-19 t520v337m006a(1)e015 208 10 15 3500 3 105 6.3 330 v/7343-19 t520v337m006a(1)e018 208 10 18 3200 3 105 6.3 330 v/7343-19 t520v337m006a(1)e025 208 10 25 2700 3 105 6.3 330 v/7343-19 t520v337m006a(1)e040 208 10 40 2200 3 105 6.3 330 v/7343-19 t520v337m006a(1)e045 208 10 45 2000 3 105 6.3 330 d/7343-31 t520d337m006a(1)e009 208 10 9 5000 3 105 6.3 330 d/7343-31 t520d337m006a(1)e010 208 10 10 4700 3 105 6.3 330 d/7343-31 t520d337m006a(1)e015 208 10 15 3900 3 105 6.3 330 d/7343-31 t520d337m006a(1)e018 208 10 18 3500 3 105 6.3 330 d/7343-31 t520d337m006a(1)e025 208 10 25 3000 3 105 6.3 330 d/7343-31 t520d337m006a(1)e040 208 10 40 2400 3 105 6.3 330 d/7343-31 t520d337m006a(1)e045 208 10 45 2200 3 105 6.3 330 y/7343-40 t520y337m006a(1)e010 208 10 10 4900 3 105 6.3 330 y/7343-40 t520y337m006a(1)e015 208 10 15 4000 3 105 6.3 330 y/7343-40 t520y337m006a(1)e025 208 10 25 3100 3 105 6.3 330 y/7343-40 t520y337m006a(1)e040 208 10 40 2500 3 105 6.3 470 w/7343-15 t520w477m006a(1)e055 296 10 55 1800 3 85 6.3 470 w/7343-15 t520w477m006a(1)e035 296 9 35 2300 3 85 6.3 470 v/7343-19 t520v477m006a(1)e055 296 10 55 1800 3 85 6.3 470 v/7343-19 t520v477m006a(1)e035 282 10 35 2300 3 105 6.3 470 y/7343-40 t520y477m006a(1)e010 296 10 10 4900 3 105 6.3 470 y/7343-40 t520y477m006a(1)e015 296 10 15 4000 3 105 6.3 470 y/7343-40 t520y477m006a(1)e018 296 10 18 3700 3 105 6.3 470 y/7343-40 t520y477m006a(1)e025 296 10 25 3100 3 105 6.3 470 y/7343-40 t520y477m006a(1)e035 296 10 35 2600 3 105 6.3 470 d/7343-31 t520d477m006a(1)e015 296 10 15 3900 3 105 6.3 470 d/7343-31 t520d477m006a(1)e025 296 10 25 3000 3 105 6.3 470 d/7343-31 t520d477m006a(1)e030 296 10 30 2700 3 105 6.3 470 x/7343-43 t520x477m006a(1)e010 296 10 10 5000 3 105 6.3 470 x/7343-43 t520x477m006a(1)e018 296 10 18 3700 3 105 6.3 470 x/7343-43 t520x477m006a(1)e035 296 10 35 2700 3 105 6.3 470 x/7343-43 t520x477m006a(1)e040 296 10 40 2500 3 105 6.3 680 x/7343-43 t520x687m006a(1)e025 428 10 25 3100 3 105 6.3 1000 h/7260-20 t520h108m006a(1)e055 630 20 55 1800 3 85 6.3 1500 h/7260-20 t520h158m006a(1)e055 945 20 55 1800 3 85 8 33 t/3528-12 t520t336m008a(1)e070 26 8 70 1200 3 105 8 33 t/3528-12 t520t336m008a(1)e080 26 8 80 1100 3 105 8 33 b/3528-21 t520b336m008a(1)e025 26 8 25 2300 3 105 8 33 b/3528-21 t520b336m008a(1)e035 26 8 35 1900 3 105 8 33 b/3528-21 t520b336m008a(1)e040 26 8 40 1800 3 105 8 33 b/3528-21 t520b336m008a(1)e070 26 8 70 1300 3 105 8 33 u/6032-15 t520u336m008a(1)e070 26 8 70 1400 3 105 8 47 b/3528-21 t520b476m008a(1)e035 38 8 35 1900 3 105 8 47 b/3528-21 t520b476m008a(1)e070 38 8 70 1300 3 105 8 82 c/6032-28 t520c826m008a(1)e025 66 8 25 2600 3 105 8 82 c/6032-28 t520c826m008a(1)e045 66 8 45 1900 3 105 8 150 d/7343-31 t520d157m008a(1)e025 120 10 25 3000 3 105 8 150 d/7343-31 t520d157m008a(1)e040 120 10 40 2400 3 105 vdc f kemet/eia (see below for part options) a @ 20c maximum/5 minutes % @ 20c 120 hz maximum m @ 20c 100 khz maximum (ma) 45c 100 khz temperature 260 o c (o c) rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current moisture sensitivity rated temp kemet organic capacitor (ko-cap) C t520 series polymer tantalum
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2015_t520 ? 12/4/2013 12 12 (1) standard with tin terminations (14th character = t). tin/lead terminations is also available (14th character = h). also available on large (13 inch) reels. add 7280 to the end of the part number. higher voltage ratings and tighter tolerance product including esr may be substituted within the same size at kemet's option. voltage substitutions will be marked with the higher voltage rating. substitutions can include better than series. blue color text denotes "under development" bold text denotes black epoxy product rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current moisture sensitivity rated temp vdc f kemet/eia (see below for part options) a @ 20c maximum/5 minutes % @ 20c 120 hz maximum m @ 20c 100 khz maximum (ma) 45c 100 khz temperature 260oc (oc) 8 150 d/7343-31 t520d157m008a(1)e055 120 10 55 2000 3 105 8 150 v/7343-19 t520v157m008a(1)e040 120 10 40 2200 3 105 10 10 a/3216-18 t520a106m010a(1)e080 10 8 80 1200 3 105 10 15 a/3216-18 t520a156m010a(1)e080 15 8 80 1200 3 105 10 22 a/3216-18 t520a226m010a(1)e080 22 8 80 1200 3 105 10 33 t/3528-12 t520t336m010a(1)e040 33 8 40 1600 3 105 10 33 t/3528-12 t520t336m010a(1)e070 33 8 70 1200 3 105 10 33 t/3528-12 t520t336m010a(1)e080 33 8 80 1100 3 105 10 33 b/3528-21 t520b336m010a(1)e025 33 8 25 2300 3 105 10 33 b/3528-21 t520b336m010a(1)e035 33 8 35 1900 3 105 10 33 b/3528-21 t520b336m010a(1)e040 33 8 40 1800 3 105 10 33 b/3528-21 t520b336m010a(1)e070 33 8 70 1300 3 105 10 33 u/6032-15 t520u336m010a(1)e070 33 8 70 1400 3 105 10 47 b/3528-21 t520b476m010a(1)e035 47 8 35 1900 3 105 10 47 b/3528-21 t520b476m010a(1)e070 47 8 70 1300 3 105 10 47 u/6032-15 t520u476m010a(1)e055 47 8 55 1600 3 105 10 47 c/6032-28 t520c476m010a(1)e100 47 8 100 1300 3 105 10 68 u/6032-15 t520u686m010a(1)e055 68 8 55 1600 3 105 10 68 w/7343-15 t520w686m010a(1)e025 68 10 25 2700 3 105 10 68 w/7343-15 t520w686m010a(1)e040 68 10 40 2100 3 105 10 68 c/6032-28 t520c686m010a(1)e045 68 8 45 1900 3 105 10 68 v/7343-19 t520v686m010a(1)e025 68 10 25 2700 3 105 10 68 v/7343-19 t520v686m010a(1)e040 68 10 40 2200 3 105 10 68 v/7343-19 t520v686m010a(1)e045 68 10 45 2000 3 105 10 68 v/7343-19 t520v686m010a(1)e060 68 10 60 1800 3 105 10 68 v/7343-19 t520v686m010a(1)e100 68 10 100 1400 3 105 10 68 d/7343-31 t520d686m010a(1)e100 68 10 100 1500 3 105 10 100 c/6032-28 t520c107m010a(1)e025 100 8 25 2600 3 105 10 100 c/6032-28 t520c107m010a(1)e045 100 8 45 1900 3 105 10 100 l/6032-19 t520l107m010a(1)e025 100 8 25 2400 3 105 10 100 w/7343-15 t520w107m010a(1)e040 100 10 40 2100 3 105 10 100 v/7343-19 t520v107m010a(1)e018 100 10 18 3200 3 105 10 100 v/7343-19 t520v107m010a(1)e025 100 10 25 2700 3 105 10 100 v/7343-19 t520v107m010a(1)e045 100 10 45 2000 3 105 10 100 v/7343-19 t520v107m010a(1)e050 100 10 50 1900 3 105 10 100 d/7343-31 t520d107m010a(1)e018 100 10 18 3500 3 105 10 100 d/7343-31 t520d107m010a(1)e055 100 10 55 2000 3 105 10 100 d/7343-31 t520d107m010a(1)e080 100 10 80 1700 3 105 10 150 c/6032-28 t520c157m010a(1)e055 150 8 55 1700 3 105 10 150 v/7343-19 t520v157m010a(1)e018 150 10 18 3200 3 105 10 150 v/7343-19 t520v157m010a(1)e025 150 10 25 2700 3 105 10 150 v/7343-19 t520v157m010a(1)e040 150 10 40 2200 3 105 10 150 d/7343-31 t520d157m010a(1)e015 150 10 15 3900 3 105 10 150 d/7343-31 t520d157m010a(1)e018 150 10 18 3500 3 105 10 150 d/7343-31 t520d157m010a(1)e025 150 10 25 3000 3 105 10 150 d/7343-31 t520d157m010a(1)e040 150 10 40 2400 3 105 10 150 d/7343-31 t520d157m010a(1)e055 150 10 55 2000 3 105 10 150 y/7343-40 t520y157m010a(1)e015 150 10 15 4000 3 105 10 150 y/7343-40 t520y157m010a(1)e018 150 10 18 3700 3 105 vdc f kemet/eia (see below for part options) a @ 20c maximum/5 minutes % @ 20c 120 hz maximum m @ 20c 100 khz maximum (ma) 45c 100 khz temperature 260 o c (o c) rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current moisture sensitivity rated temp table 1 C ratings & part number reference cont'd kemet organic capacitor (ko-cap) C t520 series polymer tantalum
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2015_t520 ? 12/4/2013 13 13 table 1 C ratings & part number reference cont'd (1) standard with tin terminations (14th character = t). tin/lead terminations is also available (14th character = h). also available on large (13 inch) reels. add 7280 to the end of the part number. higher voltage ratings and tighter tolerance product including esr may be substituted within the same size at kemet's option. voltage substitutions will be marked with the higher voltage rating. substitutions can include better than series. blue color text denotes "under development" bold text denotes black epoxy product rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current moisture sensitivity rated temp vdc f kemet/eia (see below for part options) a @ 20c maximum/5 minutes % @ 20c 120 hz maximum m @ 20c 100 khz maximum (ma) 45c 100 khz temperature 260oc (oc) 10 150 y/7343-40 t520y157m010a(1)e025 150 10 25 3100 3 105 10 220 v/7343-19 t520v227m010a(1)e045 220 10 45 2000 3 105 10 220 v/7343-19 t520v227m010a(1)e025 220 10 25 2700 3 105 10 220 d/7343-31 t520d227m010a(1)e018 220 10 18 3500 3 105 10 220 d/7343-31 t520d227m010a(1)e025 220 10 25 3000 3 105 10 220 d/7343-31 t520d227m010a(1)e040 220 10 40 2400 3 105 10 220 y/7343-40 t520y227m010a(1)e040 220 10 40 2500 3 105 10 330 y/7343-40 t520y337m010a(1)e010 330 10 10 4900 3 105 10 330 y/7343-40 t520y337m010a(1)e015 330 10 15 4000 3 105 10 330 y/7343-40 t520y337m010a(1)e035 330 10 35 2600 3 105 10 330 x/7343-43 t520x337m010a(1)e010 330 10 10 5000 3 105 10 330 x/7343-43 t520x337m010a(1)e025 330 10 25 3100 3 105 10 330 x/7343-43 t520x337m010a(1)e040 330 10 40 2500 3 105 11 47 q/7343-12 t520q476m011a(1)e040 52 10 40 4500 3 105 12.5 10 t/3528-12 t520t106m12ra(1)e150 13 8 150 800 3 105 12.5 15 t/3528-12 t520t156m12ra(1)e080 19 8 80 1100 3 105 16 10 b/3528-21 t520b106m016a(1)e100 16 8 100 1100 3 105 16 22 c/6032-28 t520c226m016a(1)e080 35 8 80 1400 3 105 16 33 w/7343-15 t520w336m016a(1)e045 53 10 45 2000 3 105 16 33 v/7343-19 t520v336m016a(1)e045 53 10 45 2000 3 105 16 33 v/7343-19 t520v336m016a(1)e060 53 10 60 1800 3 105 16 33 v/7343-19 t520v336m016a(1)e070 53 10 70 1600 3 105 16 47 w/7343-15 t520w476m016a(1)e045 75 10 45 2000 3 105 16 47 v/7343-19 t520v476m016a(1)e045 75 10 45 2000 3 105 16 47 v/7343-19 t520v476m016a(1)e070 75 10 70 1600 3 105 16 47 d/7343-31 t520d476m016a(1)e035 75 10 35 2500 3 105 16 47 d/7343-31 t520d476m016a(1)e070 75 10 70 1800 3 105 16 68 d/7343-31 t520d686m016a(1)e050 109 10 50 2100 3 105 16 150 x/7343-43 t520x157m016a(1)e040 240 10 40 2500 3 105 20 22 v/7343-19 t520v226m020a(1)e040 44 10 40 2200 3 105 20 22 v/7343-19 t520v226m020a(1)e045 44 10 45 2000 3 105 20 22 v/7343-19 t520v226m020a(1)e090 44 10 90 1400 3 105 25 15 v/7343-19 t520v156m025a(1)e090 38 10 90 1400 3 105 25 15 d/7343-31 t520d156m025a(1)e060 38 10 60 1900 3 105 25 15 d/7343-31 t520d156m025a(1)e080 38 10 80 1700 3 105 vdc f kemet/eia (see below for part options) a @ 20c maximum/5 minutes % @ 20c 120 hz maximum m @ 20c 100 khz maximum (ma) 45c 100 khz temperature 260 o c (o c) rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current moisture sensitivity rated temp kemet organic capacitor (ko-cap) C t520 series polymer tantalum
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2015_t520 ? 12/4/2013 14 14 derating guidelines voltage rating maximum recommended steady state voltage maximum recommended transient voltage (1 ms C 1 s) -55c to 105c 2. v v r 10 v 90% of v r v r 12.5 v v r 25 v 80% of v r v r 9 r r ripple current/ripple voltage permissible ac ripple voltage and current are related to equivalent series resistance (esr) and the power dissipation capabilities of the device. permissible ac ripple voltage which may be applied is limited by two criteria: 1. the positive peak ac voltage plus the dc bias voltage, if any, must not exceed the dc voltage rating of the capacitor. 2. the negative peak ac voltage in combination with bias voltage, if any, must not exceed the allowable limits specifed for reverse voltage. see the reverse voltage section for allowable limits. the maximum power dissipation by case size can be determined using the table at right. the maximum power dissipation rating stated in the table must be reduced with increasing environmental operating temperatures. refer to the table below for temperature compensation requirements. temperature compensation multipliers for maximum power dissipation t 45c 45 c < t 85c 85c < t 125c t= environmental temperature using the p max of the device, the maximum allowable rms ripple current or voltage may be determined. ,pd p max/r (p = p max/r i = rms ripple current (amperes) ( plssrr p max = maximum power dissipation(watts) kemet series and case code eia case code maximum power dissipation (p max) mwatts @ 45c with +30c rise t520t 3528C12 105 t520m 3528C15 120 t520a 3216C18 112 t520b 3528C21 127 t520u 6032C15 135 t520l 6032C19 150 t520c 6032C28 165 t520w 7343C15 180 t520v /t522v 7343C19 187 t520q 7343-12 170 t520d 7343C31 225 t520y/t522y 7343C40 241 t520x 7343C43 247 t520h 7360C20 187 7khpdlpxpsrzhuglvvlsdwlrqudwlqjpxvwehuhgxfhgzlwklqfuhdvlqj hqylurqphqwdorshudwlqjwhpshudwxuhv5hihuwrwkh7hpshudwxuh compensation multiplier table for details. maximum transient voltage recommended application voltage < = 10 v recommended application voltage > 10 v 50% 55% 60% 65% 70% 75% 80% 85% 90% 95% 100% -55 25 85 105 % rated voltage temperature ( c) (vtrv vtrv kemet organic capacitor (ko-cap) C t520 series polymer tantalum
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2015_t520 ? 12/4/2013 15 15 reverse voltage polymer tantalum capacitors are polar devices and may be permanently damaged or destroyed if connected in the wrong polarity. these devices will withstand a small degree of transient voltage reversal for short periods as shown in the below table. temperature permissible transient reverse voltage 25c 15% of rated voltage 55c 10% of rated voltage 85c 5% of rated voltage 105c 3% of rated voltage 125c* 1% of rated voltage *for series rated to 125c table 2 C land dimensions/courtyard kemet metric size code density level a: maximum (most) land protrusion (mm) density level b: median (nominal) land protrusion (mm) density level c: minimum (least) land protrusion (mm) case eia w l s v1 v2 l s v1 v2 l s v1 v2 a 3216C18 1.35 2.20 0.62 6.02 2.80 1.23 1.80 0.82 4.92 2.30 1.13 1.42 0.98 4.06 2.04 b 3528C21 2.35 2.21 0.92 6.32 4.00 2.23 1.80 1.12 5.22 3.50 2.13 1.42 1.28 4.36 3.24 c 6032C25 2.35 2.77 2.37 8.92 4.50 2.23 2.37 2.57 7.82 4.00 2.13 1.99 2.73 6.96 3.74 d 7343C31 2.55 2.77 3.67 10.22 5.60 2.43 2.37 3.87 9.12 5.10 2.33 1.99 4.03 8.26 4.84 l 6032C19 2.35 2.77 2.37 8.92 4.50 2.23 2.37 2.57 7.82 4.00 2.13 1.99 2.73 6.96 3.74 m 3528C15 2.35 2.20 0.92 6.32 4.00 2.23 1.80 1.12 5.22 3.50 2.13 1.42 1.28 4.36 3.24 h 7360C20 4.25 2.77 3.67 10.22 7.30 4.13 2.37 3.87 9.12 6.80 4.03 1.99 4.03 8.26 6.54 e 1 7360C38 4.25 2.77 3.67 10.22 7.30 4.13 2.37 3.87 9.12 6.80 4.03 1.99 4.03 8.26 6.54 q 7343C12 2.55 2.77 3.67 10.22 5.60 2.43 2.37 3.87 9.12 5.10 2.33 1.99 4.03 8.26 4.84 r 2 2012C12 1.05 1.83 0.15 4.82 2.50 0.93 1.50 0.22 3.72 2.00 0.83 1.12 0.38 2.86 1.74 s 2 3216C12 1.35 2.20 0.62 6.02 2.80 1.23 1.80 0.82 4.92 2.30 1.13 1.42 0.98 4.06 2.04 t 3528C12 2.35 2.20 0.92 6.32 4.00 2.23 1.80 1.12 5.22 3.50 2.13 1.42 1.28 4.36 3.24 u 6032C15 2.35 2.77 2.37 8.92 4.50 2.23 2.37 2.57 7.82 4.00 2.13 1.99 2.73 6.96 3.74 v 7343C20 2.55 2.77 3.67 10.22 5.60 2.43 2.37 3.87 9.12 5.10 2.33 1.99 4.03 8.26 4.84 w 7343C15 2.55 2.77 3.67 10.22 5.60 2.43 2.37 3.87 9.12 5.10 2.33 1.99 4.03 8.26 4.84 x 1 7343C43 2.55 2.77 3.67 10.22 5.60 2.43 2.37 3.87 9.12 5.10 2.33 1.99 4.03 8.26 4.84 y 1 7343C40 2.55 2.77 3.67 10.22 5.60 2.43 2.37 3.87 9.12 5.10 2.33 1.99 4.03 8.26 4.84 density level a: for low-density product applications. recommended for wave solder applications and provides a wider process window for refow solder processes. density level b: for products with a moderate level of component density. provides a robust solder attachment condition for refow solder processes. density level c: for high component desity product applications. before adapting the minimum land pattern variations the user should perform qualifcation testing based on the conditions outlined in ipc standard 7351 (ipcC7351). 1 height of these chips may create problems in wave soldering. 2 land pattern geometry is too small for silkscreen outline. kemet organic capacitor (ko-cap) C t520 series polymer tantalum
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2015_t520 ? 12/4/2013 16 16 t i m e t e m p e r a t u r e t s m i n 2 5oc to peak t l t s 2 5 t p t s m a x t l t p m a x imum r a m p u p r a t e = 3oc/seconds m a x imum r a m p d o w n r a t e = 6oc/seconds soldering process kemets families of surface mount capacitors are compatible with wave (single or dual), convection, ir, or vapor phase refow techniques. preheating of these components is recommended to avoid extreme thermal stress. kemet's recommended profle conditions for convection and ir refow refect the profle conditions of the ipc/jCstdC020d standard for moisture sensitivity testing. the devices can safely withstand a maximum of three refow passes at these conditions. please note that although the x/7343C43 case size can withstand wave soldering, the tall profle (4.3 mm maximum) dictates care in wave process development. hand soldering should be performed with care due to the diffculty in process control. if performed, care should be taken to avoid contact of the soldering iron to the molded case. the iron should be used to heat the solder pad, applying solder between the pad and the termination, until refow occurs. once refow occurs, the iron should be removed immediately. wiping the edges of a chip and heating the top surface is not recommended. during typical refow operations, a slight darkening of the gold- colored epoxy may be observed. this slight darkening is normal and not harmful to the product. marking permanency is not affected by this change. profle feature snpb assembly pb-free assembly preheat/soak temperature minimum (t smin ) 100c 150c temperature maximum (t smax ) 150c 200c time (t s ) from t smin to t smax ) 60 C 120 seconds 60 C 120 seconds ramp-up rate (t l to t p ) 3c/seconds maximum 3c/seconds maximum liquidous temperature (t l ) 183c 217c time above liquidous (t l ) 60 C 150 seconds 60 C 150 seconds peak temperature (t p ) 220c* 235c** 250c* 260c** time within 5c of maximum peak temperature (t p ) 20 seconds maximum 30 seconds maximum ramp-down rate (t p to t l ) 6c/seconds maximum 6c/seconds maximum time 25c to peak temperature 6 minutes maximum 8 minutes maximum 1rwhoowhpshudwxuhvuhihuwrwkhfhqwhuriwkhsdfndjhphdvxuhgrqwkh sdfndjhergvxuidfhwkdwlvidflqjxsgxulqjdvvhpeouhrz &dvh6lh(3dqg &dvh6lh%&+,.056789:dqg= construction p o l y m e r / t a 2 o 5 /ta s i l v e r a d h e s i v e c a r b o n s i l v e r p a i n t t a n t a l u m w i r e w e l d l e a d f r a m e (-cathode) l e a d f r a m e (+anode) kemet organic capacitor (ko-cap) C t520 series polymer tantalum
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2015_t520 ? 12/4/2013 17 17 capacitor marking (ko) kemet organic polymer rated voltage 476 16 k 230 ko polarity indicator (+) picofarad code kemet id date code* * 230 = 30 th week of 2012 (ko) kemet organic polymer rated voltage 476 16v ko polarity indicator (+) picofarad code kemet id date code* k c6 49 internal code polarity indicator (+) voltage and capacitance code *date code e ja8 storage all ko-cap series are shipped in moisture barrier bags with a desiccant and moisture indicator card. these series are classifed as msl3 (moisture sensitivity level 3). product contained within the moisture barrier bags should be stored in normal working environments with temperatures not to exceed 40c and humidity not in excess of 60% rh. date code* year month x = 2009 1 = jan 7 = jul a = 2010 2 = feb 8 = aug b = 2011 3 = mar 9 = spt c = 2012 4 = apr o = oct d = 2013 5 = may n = nov e = 2014 6 = jun d = dec date code * 1 st digit = last number of year 9 = 2009 0 = 2010 1 = 2011 2 = 2012 3 = 2013 4 = 2014 2 nd and 3 rd digit = week of the year 01 = 1 st week of the year to 52 = 52 nd week of the year date code * jan feb mar apr may jun jul aug sep oct nov dec 2013 a b c d e f g h j k l m 2014 n p q r s t u v w x y z 2015 a b c d e f g h j k l m 2016 n p q r s t u v w x y z code e g j a rated voltage 2.5 v 4 v 6 v 10 v code j7 n7 s7 w7 a8 n8 capacitance 22 33 47 68 100 330 kemet organic capacitor (ko-cap) C t520 series polymer tantalum
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2015_t520 ? 12/4/2013 18 18 tape & reel packaging information kemets molded tantalum and aluminum chip capacitor families are packaged in 8 and 12 mm plastic tape on 7" and 13" reels in accordance with eia standard 481C1 : embossed carrier taping of surface mount components for automatic handling. this packaging system is compatible with all tape-fed automatic pick-and-place systems. table 3 C packaging quantity case code tape width (mm) 7" reel* 13" reel* kemet eia r 2012-12 8 2,500 10,000 i 3216-10 8 3,000 12,000 s 3216-12 8 2,500 10,000 t 3528-12 8 2,500 10,000 m 3528-15 8 2,000 8,000 u 6032-15 12 1,000 5,000 l 6032-19 12 1,000 5,000 w 7343-15 12 1,000 3,000 z 7343-17 12 1,000 3,000 q 7343-12 12 1,000 3,000 v 7343-19 12 1,000 3,000 a 3216-18 8 2,000 9,000 b 3528-21 8 2,000 8,000 c 6032-28 12 500 3,000 d 7343-31 12 500 2,500 y 7343-40 12 500 2,000 x 7343-43 12 500 2,000 e/t428p 7360-38 12 500 2,000 h 7360-20 12 1,000 3,000 * no c-spec required for 7" reel packaging. c-7280 required for 13" reel packaging. * a case with black epoxy only available in 7" reel top tape thickness 0.10 mm (0.004") maximum thickness 8 mm (0.315") or 12 mm (0.472") 180 mm (7.0") or 330 mm (13.0") kemet organic capacitor (ko-cap) C t520 series polymer tantalum
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2015_t520 ? 12/4/2013 19 19 figure 1 C embossed (plastic) carrier tape dimensions p o t f w c en t er li n e s of cav i t y a o b o u s e r d i r e c t i o n o f u n r e elin g c ov er t ap e k o b 1 i s f or t ap e f e ed er r e f e r ence onl y, i ncl u di ng dr a ft con c en t r i c a bou t b o . t 2 ? d 1 ? d o b 1 s 1 t 1 e 1 e 2 p 1 p 2 e m b os s m e nt f or c a v i t y s i z e , s e e n o t e 1 t a b l e 4 [ 1 0 p i t c h e s c um u l at i v e t ol er a n c e o n t a p e 0. 2 m m ] 7deoh2(pervvhg 3odvwlf &duulhu7dsh'lphqvlrqv metric will govern constant dimensions millimeters (inches) tape size d 0 d 1 minimum note 1 e 1 p 0 p 2 r reference note 2 s 1 minimum note 3 t maximum t 1 maximum 8 mm 1.5 +0.10/-0.0 (0.059 +0.004/-0.0) 1.0 (0.039) 1.75 0.10 (0.069 0.004) 4.0 0.10 (0.157 0.004) 2.0 0.05 (0.079 0.002) 25.0 (0.984) 0.600 (0.024) 0.600 (0.024) 0.100 (0.004) 12 mm 1.5 (0.059) 30 (1.181) 16 mm variable dimensions millimeters (inches) tape size pitch b 1 maximum note 4 e 2 minimum f p 1 t 2 maximum w maximum a 0 ,b 0 & k 0 8 mm single (4 mm) 4.35 (0.171) 6.25 (0.246) 3.5 0.05 (0.138 0.002) 4.0 0.10 (0.157 0.004) 2.5 (0.098) 8.3 (0.327) note 5 12 mm single (4 mm) & double (8 mm) 8.2 (0.323) 10.25 (0.404) 5.5 0.05 (0.217 0.002) 8.0 0.10 (0.315 0.004) 4.6 (0.181) 12.3 (0.484) 16 mm triple (12 mm) 12.1 (0.476) 14.25 (0.561) 5.5 0.05 (0.217 0.002) 8.0 0.10 (0.315 0.004) 4.6 (0.181) 16.3 (0.642) 1. the embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. dimensions of embossment location and hole location shall be applied independent of each other. 2. the tape, with or without components, shall pass around r without damage (see figure 5). 3. if s 1 < 1.0 mm, there may not be enough area for cover tape to be properly applied (see eia standard 481C1, paragraph 4.3, section b). 4. b 1 dimension is a reference dimension for tape feeder clearance only. 5. the cavity def ned by a 0 , b 0 and k 0 shall surround the component with suff cient clearance that: (a) the component does not protrude above the top surface of the carrier tape. (b) the component can be removed from the cavity in a vertical direction without mechanical restriction, after the top cover tape has been removed. (c) rotation of the component is limited to 20 maximum for 8 and 12 mm tapes and 10 maximum for 16 mm tapes (see figure 2). (d) lateral movement of the component is restricted to 0.5 mm maximum for 8 mm and 12 mm wide tape and to 1.0 mm maximum for 16 mm tape (see figure 3). (e) see addendum in eia standard 481C1 for standards relating to more precise taping requirements. kemet organic capacitor (ko-cap) C t520 series polymer tantalum
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2015_t520 ? 12/4/2013 20 20 packaging information performance notes 1. cover tape break force: 1.0 kg minimum. 2. cover tape peel strength: the total peel strength of the cover tape from the carrier tape shall be: tape width peel strength 8 mm 0.1 to 1.0 newton (10 to 100 gf) 12 and 16 mm 0.1 to 1.3 newton (10 to 130 gf) the direction of the pull shall be opposite the direction of the carrier tape travel. the pull angle of the carrier tape shall be 165 to 180 from the plane of the carrier tape. during peeling, the carrier and/or cover tape shall be pulled at a velocity of 300 10 mm/minute. 3. labeling: bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. refer to eia standards 556 and 624 . figure 2 C maximum component rotation a o b o t s maxi m u m c ompone n t r o t a tio n t op v i e w m a x i mum c o mponent r o t a t ion s ide v i e w t a p e m axi m u m width (mm) r otati o n ( t ) 8,12 2 0 16 ? 200 1 0 t a p e m a x i m u m widt h ( mm) r o tati o n ( s ) 8,12 20 16 ? 56 1 0 72 ? 200 5 t y p ic a l p o c k e t cente r line t y p i c a l c o m pon e n t c e n t e r l i n e figure 3 C maximum lateral movement 0 . 5 m m m a x i mum 0 . 5 m m m a x i mum 8 m m & 1 2 m m tape 1 . 0 m m m a x i mum 1 . 0 m m m a x i mum 1 6 m m t a p e figure 4 C bending radius r r b end i n g r a d i u s e mbo ssed c a r r i e r p unc hed c a rrier kemet organic capacitor (ko-cap) C t520 series polymer tantalum
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2015_t520 ? 12/4/2013 21 21 figure 5 C reel dimensions a d (see n o te ) full r a d i us, see n o t e b ( s ee note) access h o le at s l o t loc a ti on (? 40 m m mi nimum) i f p r es en t, tape slot i n core for t ape start: 2.5 mm minimum wi dt h x 10.0 mm mi n imum dep th w 3 (incl u des flan g e dis to r tion at out e r e dge) w 2 ( m eas u re d a t hub ) w 1 ( m eas u re d a t hub ) c (arbor hol e di a m e ter ) note: driv e spok es o ptiona l ; if u s ed, d i mensi o ns b an d d shall a pply. n 7deoh25hho'lphqvlrqv metric will govern constant dimensions millimeters (inches) variable dimensions millimeters (inches) kemet organic capacitor (ko-cap) C t520 series polymer tantalum
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2015_t520 ? 12/4/2013 22 22 figure 6 C tape leader & trailer dimensions t r a i le r 160 mm min imum c a r r i e r t ape e n d s t a r t r o und s p rocke t h o l e s e l ongated s p r o cke t h o l e s ( 32 mm tape and w i der ) t op c o ver t ape top c over t ape p unched c a r r i e r 8 mm & 12 m m o n l y e mboss ed c a r r i e r c o m p o n e n t s 1 0 0 m m m i n imum leader 4 0 0 mm m i n i m u m figure 7 C maximum camber c a r r i e r t a p e r o u n d s p r o c k e t h ol e s 1 m m max i m u m , e i t h e r d i r e c t i o n s t r ai gh t edge 2 5 0 m m e l o n g a t ed s p r oc k e t h ol e s ( 32 m m & w ide r t a pes ) kemet organic capacitor (ko-cap) C t520 series polymer tantalum
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2015_t520 ? 12/4/2013 23 23 kemet corporation world headquarters 2835 kemet way simpsonville, sc 29681 mailing address: p.o. box 5928 greenville, sc 29606 www.kemet.com tel: 864-963-6300 fax: 864-963-6521 corporate off ces fort lauderdale, fl tel: 954-766-2800 north america southeast lake mary, fl tel: 407-855-8886 northeast wilmington, ma tel: 978-658-1663 central novi, mi tel: 248-994-1030 west milpitas, ca tel: 408-433-9950 mexico guadalajara, jalisco tel: 52-33-3123-2141 europe southern europe paris, france tel: 33-1-4646-1006 sasso marconi, italy tel: 39-051-939111 central europe landsberg, germany tel: 49-8191-3350800 kamen, germany tel: 49-2307-438110 northern europe bishops stortford, united kingdom tel: 44-1279-460122 espoo, finland tel: 358-9-5406-5000 asia northeast asia hong kong tel: 852-2305-1168 shenzhen, china tel: 86-755-2518-1306 beijing, china tel: 86-10-5829-1711 shanghai, china tel: 86-21-6447-0707 taipei, taiwan tel: 886-2-27528585 southeast asia singapore tel: 65-6586-1900 penang, malaysia tel: 60-4-6430200 bangalore, india tel: 91-806-53-76817 note: kemet reserves the right to modify minor details of internal and external construction at any time in the interest of product improvement. kemet does not assume any responsibility for infringement that might result from the use of kemet capacitors in potential circuit designs. kemet is a registered trademark of kemet electronics corporation. kemet organic capacitor (ko-cap) C t520 series polymer tantalum
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2015_t520 ? 12/4/2013 24 24 other kemet resources tools resource location conf gure a part: capedge http://capacitoredge.kemet.com spice & fit software http://www.kemet.com/spice search our faqs: knowledgeedge http://www.kemet.com/keask electrolytic lifecalculator http://www.kemet.com:8080/elc product information resource location products http://www.kemet.com/products technical resources (including soldering techniques) http://www.kemet.com/technicalpapers rohs statement http://www.kemet.com/rohs quality documents http://www.kemet.com/qualitydocuments product request resource location sample request http://www.kemet.com/sample engineering kit request http://www.kemet.com/kits contact resource location website www.kemet.com contact us http://www.kemet.com/contact investor relations http://www.kemet.com/ir call us 1-877-mykemet twitter http://twitter.com/kemetcapacitors disclaimer all product specif cations, statements, information and data (collectively, the information) in this datasheet are subject to change. the customer is responsible for checking and verifying the extent to which the information contained in this publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on kemet electronics corporations (kemet) knowledge of typical operating conditions for such applications, but are not intended to constitute C and kemet specif cally disclaims C any warranty concerning suitability for a specif c customer application or use. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by kemet with reference to the use of kemets products is given gratis, and kemet assumes no obligation or liability for the advice given or results obtained. although kemet designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all productCrelated warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not be required. kemet organic capacitor (ko-cap) C t520 series polymer tantalum


▲Up To Search▲   

 
Price & Availability of T520B337M2R5A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X