Part Number Hot Search : 
6C12D DLH0835 LC865008 FRF1005 51021 P4SMA60 AOZ1014 6562A
Product Description
Full Text Search
 

To Download SS210-HE352T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay general semiconductor ss29 & ss210 document number 88749 07-jul-06 www.vishay.com 1 high voltage surface mount schottky rectifier features ? low profile package ? ideal for automated placement ? guardring for overvoltage protection ? low power losses, high efficiency ? low forward voltage drop ? high surge capability ? meets msl level 1, per j-std-020c, lf max peak of 260 c ? solder dip 260 c, 40 seconds ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec typical applications for use in low voltage high frequency inverters, free- wheeling, dc-to-dc converters, and polarity protection applications. mechanical data case: do-214aa (smb) epoxy meets ul 94v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002b and jesd22-b102d e3 suffix for commercial grade, he3 suffix for high reliability grade (aec q101 qualified) polarity: color band denotes the cathode end do-214aa (smb) major ratings and characteristics i f(av) 1.5 a v rrm 90 v, 100 v i fsm 75 a v f 0.71 v t j max. 150 c maximum ratings (t a = 25 c unless otherwise noted) parameter symbol ss29 ss210 unit device marking code s9 s10 maximum repetitive peak reverse voltage v rrm 90 100 v maximum rms voltage v rms 63 70 v maximum dc blocking voltage v dc 90 100 v maximum average forward rectified current (see fig. 1) i f(av) 1.5 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load i fsm 75 a peak repetitive reverse surge current at t p = 2 s, 1 khz i rrm 1.0 a voltage rate of change (rated v r ) dv/dt 10000 v/s operating junction and storage temperature range t j , t stg - 55 to + 150 c
www.vishay.com 2 document number 88749 07-jul-06 vishay general semiconductor ss29 & ss210 note: (1) pulse test: 300 s pulse width, 1 % duty cycle note: (1) p.c.b. mounted with 0.2 x 0.2" (5.0 x 5.0 mm) copper pad areas ratings and characteristics curves (t a = 25 c unless otherwise noted) electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol ss29 ss210 unit maximum instantaneous forward voltage at: (1) i f = 0.1 a, i f = 1.0 a, i f = 3.0 a, i f = 1.5 a, i f = 3.0 a, t a = 25 c t a = 25 c t a = 25 c t a = 100 c t a = 100 c v f 0.43 0.75 0.95 0.71 0.85 v maximum dc reverse current at rated v r (1) t a = 25 c t a = 100 c i r 30 5 a ma thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol ss29 ss210 unit maximum thermal resistance (1) r ja r jl 85 25 c/w ordering information preferred p/n unit weight (g) preferred package code base quantity delivery mode ss210-e3/52t 0.096 52t 750 7" diameter plastic tape & reel ss210-e3/5bt 0.096 5bt 3200 13" diameter plastic tape & reel figure 1. forward current derating curve 0 0.5 1 1.5 2 0 25 50 75 100 125 150 a v erage for w ard c u rrent ( a) lead temperat u re (c) resisti v e or ind u cti v e load p.c.b. mo u nted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pad areas figure 2. forward power loss characteristics 0 0.5 1.0 1.5 2.0 2.5 00.40. 8 1.2 1.6 2.0 2.4 2. 8 3.2 3.6 d = tp/t tp t d = 0.1 d = 0.2 d = 0.3 d = 0.5 d = 0. 8 d = 1.0 a v erage for w ard c u rrent (a) a v erage po w er loss ( w )
document number 88749 07-jul-06 www.vishay.com 3 ss29 & ss210 vishay general semiconductor package outline dimensions in inches (millimeters) figure 3. maximum non-repetitive peak forward surge current figure 4. typical instantaneous forward characteristics 0 25 50 75 100 110100 nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a) 0.1 1 10 100 0 0.2 0.4 0.6 0. 8 1.0 1.2 1.4 t j = 150 c t j = 125 c t j = 25 c instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) figure 5. typical revers e leakage characteristics figure 6. typical junction capacitance 0.1 1 10 100 1000 10000 10 20 30 40 50 60 70 8 0 90 100 percent of rated peak re v erse v oltage ( % ) instantaneo u s re v erse c u rrent (ma) t j = 150 c t j = 125 c t j = 25 c 10 100 1000 0.1 1 10 100 re v erse v oltage ( v ) j u nction capacitance (pf) 0.160 (4.06) 0.1 8 0 (4.57) 0.006 (0.152) 0.012 (0.305) 0.030 (0.76) 0.060 (1.52) 0.205 (5.21) 0.220 (5.59) 0 (0) 0.00 8 (0.2) 0.130 (3.30) 0.155 (3.94) 0.0 8 4 (2.13) 0.096 (2.44) 0.077 (1.95) 0.0 8 6 (2.20) cathode band do-214aa (smb) 0.0 8 5 max. (2.159 max.) 0.220 ref 0.0 8 6 mi n . (2.1 8 mi n .) 0.060 mi n . (1.52 mi n .) mountin g pad layout
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of SS210-HE352T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X