Part Number Hot Search : 
4HC40 DS1305N 1N571 CM1103 20N1TR TC74LC N2895 KSD560
Product Description
Full Text Search
 

To Download SR10100S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features mechanical data u n i t s v m a x i m u m r a t i n g s a n d e l e c t r i c a l c h a r a c t e r i s t i c s r a t i n g 2 5 c a m b i e n t t e m p e r a t u r e u n l e s s o t h e r w i s e s p e c i f i e d . s i n g l e p h a s e h a l f w a v e , 6 0 h z , r e s i s t i v e o r i n d u c t i v e l o a d . f o r c a p a c i t i v e l o a d , d e r a t e c u r r e n t b y 2 0 % . t y p e n u m b e r m a x i m u m r e c u r r e n t p e a k r e v e r s e v o l t a g e w o r k i n g p e a k r e v e r s e v o l t a g e m a x i m u m d c b l o c k i n g v o l t a g e m a x i m u m a v e r a g e f o r w a r d r e c t i f i e d c u r r e n t s e e f i g . 1 p e a k f o r w a r d s u r g e c u r r e n t , 8 . 3 m s s i n g l e h a l f s i n e - w a v e s u p e r i m p o s e d o n r a t e d l o a d ( j e d e c m e t h o d ) m a x i m u m i n s t a n t a n e o u s f o r w a r d v o l t a g e ( i = 1 0 a m p s , t = 2 5 c ) m a x i m u m d c r e v e r s e c u r r e n t t a = 2 5 c a t r a t e d d c b l o c k i n g v o l t a g e t a = 1 2 5 c t y p i c a l j u n c t i o n c a p a c i t a n c e ( n o t e 1 ) 1 0 0 . 3 2 0 v v a a v m a m a p f j c ( n o t e 2 ) 2 . 0 - 5 0 + 1 5 0 - 6 5 + 1 7 5 n o t e s : 1 . m e a s u r e d a t 1 m h z a n d a p p l i e d r e v e r s e v o l t a g e o f 5 . 0 v d . c . 2 . t h e r m a l r e s i s t a n c e j u n c t i o n t o c a s e . o p e r a t i n g s t o r a g e t e m p e r a t u r e r a n g e t s t g t e m p e r a t u r e r a n g e t j c c c / w s r 1 0 1 0 0 s 1 0 0 1 0 0 1 0 0 1 6 0 f f m a x i m u m i n s t a n t a n e o u s f o r w a r d v o l t a g e ( i = 5 a m p s , t = 1 2 5 c ) f f typical thermal resistance rq 350 0.72 0.85 * low forward voltage drop * high current capability * high reliability * high surge current capability * epitaxial construction * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: lead solderable per mil-std-202, method 208 guaranteed * polarity: as marked * mounting position: any * weight: 2.24 grams(approximately) any changing of specification will not be informed individua l SR10100S voltage 100v 10.0amp schottky barrier rectifiers http://www.secosgmbh.com elektronische bauelemente 0 1 - j u n - 2 0 0 2 r e v . a p a g e 1 o f 2 ~ ~ .412 .248 .040 .180 .050 .120 .158 .595 .550 .200 .051 .040 .108 (10.5) (6.3) (1.0) (4.6) (1.27) (3.05) (4.0) (15.1) (14.0) (5.08) (1.3) (1.0) (2.75) max. max. max. max. min. max. max. 3.8 +.2 hole thru f cathode dimensions in inch and (millimeters) anode to-220a p i n 1 p i n 2 p i n 3 1 2 3 rohs compliant product a suffix of "-c" specifies halogen & lead-free
any changing of specification will not be informed individua l SR10100S voltage 100v 10.0amp schottky barrier rectifiers rating and characteristic curves (SR10100S) reverse voltage,(v) fig.4-typical junction capacitance reverse voltage,(v) junction capacitance,(pf) 500 700 400 300 200 100 0 600 1 2 5 tj=25 c 10 50 100 number of cycles at 60hz peak forward surge current,(a) fig.3-maximum non-repetitive forward 80 40 0 120 200 160 110 50 tj=25 c surge current 8.3ms single half sine wave jedec method 4 6 8 10 12 2 0 70 80 90 100 110 120 tc,case temperature,( c) 130 140 150 160 180 dc rated voltage r q 70 fig.1-typical forward current derating curve i ,average power dissipation(watts) f(av) i ,instaneous forwaed current(amp) f(av) 50 20 10 5 2 1 0 square wave  v ,instantaneous voltage(volts)     0.2 0.4 0.6 0.8 1.0 v r , reverse current (volts) 10,000 1,000 100 10 1 0 20 40 60 80 100 120 140 160 180 200 fig.5-typical reverse current(per leg) 0 100 100,000 i , reverse current( a) r m tj=25 c tj=100 c tj=125 c tj=150 c tj=25 c tj=100 c tj=125 c tj=150 c http://www.secosgmbh.com elektronische bauelemente 01-jun-2002 rev. a page 2 of 2


▲Up To Search▲   

 
Price & Availability of SR10100S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X