Part Number Hot Search : 
LUGR29M NV4V31SF PK25FG40 M29F10 60ZFP AN1216 203D5 EFEPBF
Product Description
Full Text Search
 

To Download SR10100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description features mechanical dimensions maximum ratings average forward rectified current...i f(av) @ t c = 104 c repetitive peak forward surge current...i fm 20khz square wave non-repetitive peak forward surge current...i fsm @ rated load conditions, 8.3ms, ? sine wave repetitive peak reverse surge current...i rsm operating temperature range...t j storage temperature range...t strg maximum forward voltage...v f @ i f = 10 amps t c = 25 c @ i f = 10 amps t c = 125 c maximum dc reverse current...i r @ rated dc blocking voltage t c = 25 c t c =125 c maximum thermal resistance...r q jc page 7-16 data sheet 10 amp high voltage schottky barrier rectifiers units volts volts volts n high current capability with low v f n superior metal process n high surge voltage and transient protection n meets ul specification 94v-0 ............................................. 1 0 ............................................... ............................................. 2 0 ............................................... ............................................. 150 ............................................... ............................................. 0.5 ............................................... ......................................... -65 to 150 .......................................... ......................................... -65 to 175 .......................................... ............................................. .80 ............................................... ............................................. .70 ............................................... ............................................. 2.0 ............................................... ............................................. 3 5 ............................................... ............................................. 2 ............................................... amps amps amps amps c c volts volts mamps mamps c / w 60 70 80 90 100 60 70 80 90 100 60 70 80 90 100 peak repetitive reverse voltage...v rrm working peak reverse voltage...v rwm dc blocking voltage...v dc jedec t0-220ac 1 3 2 case electrical characteristics sr1060~SR10100 sr1060~SR10100 series sr1060 sr1070 sr1080 sr1090 SR10100
data sheet 10 amp high voltage schottky barrier rectifiers page 7-17 ratings at 25 deg. c ambient temperature unless otherwise specified. single phase half wave, 60 hz resistive or inductive load. for capacitive load, derate current by 20%. reverse current (ma) reverse voltage (v) typical reverse characteristics average forward current (a) reverse voltage (v) forward current derating curve forward current (a) forward voltage (v) typical forward characteristics junction capacitance (pf) case temperature ( o c) typical junction capacitance peak forward surge current (a) number of cycles @ 60 hz non-repetitive peak forward surge current 1 3 2 case 1 3 2 case case cathode, no suffix required case anode, use suffix "r"


▲Up To Search▲   

 
Price & Availability of SR10100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X