Part Number Hot Search : 
0100C NAL25 500ET MAX3461 BAR28 0271K R47M1 2500W
Product Description
Full Text Search
 

To Download SMP30-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smp30-xxx n bidirectional crowbar protection n voltage range from 62v to 270v n low capacitance from 12pf to 20pf typ.@ 50v n low leakage current: i r = 2a max. n holding current: i h = 150 ma min. n repetitive peak pulse current: i pp = 30 a (10/1000 s) features sma (jedec do-214ac) the smp30-xxx series has been designed to protect telecommunication equipment against lightning and transient induced by ac power lines. the package / die size ratio has been optimized by using the sma package. description schematic diagram telecom equipment protection: trisil? telecommunication equipment such as n analog and digital line cards (xdsl, t1/e1, isdn...). n terminals (phone, fax, modem...) and central office equipment. main applications trisils are not subject to ageing and provide a fail safe mode in short circuit for a better protection. trisils are used to help equipment to meet various standards such as ul1950, iec950 / csa c22.2, ul1459 and fcc part 68. trisils have ul94 v0 resin approved. sma package is jedec registred. (trisils are ul 497b approved - file: e136224). benefits product specification 1 of 4 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
smp30-xxx standard peak surge voltage (v) voltage waveform (s) required peak current (a) current waveform (s) minimum serial resistor to meet standard ( w ) gr-1089 core first level 2500 1000 2/10 10/1000 500 100 2/10 10/1000 20 24 gr-1089 core second level 5000 2/10 500 2/10 40 gr-1089 core intra-building 1500 2/10 100 2/10 0 itu-t-k20 / k21 6000 1500 10/700 150 37.5 5/310 110 0 itu-t-k20 (iec61000-4-2) 6000 8000 1/60 ns esd contact discharge esd air discharge 0 0 vde0433 4000 2000 10/700 100 50 5/310 60 10 vde0878 4000 2000 1.2/50 100 50 1/20 18 0 iec61000-4-5 4000 4000 10/700 1.2/50 100 100 5/310 8/20 60 18 fcc part 68, lightning surge type a 1500 800 10/160 10/560 200 100 10/160 10/560 26 15 fcc part 68, lightning surge type b 1000 9/720 25 5/320 0 in compliances with the following standards symbol parameter v rm stand-off voltage i rm leakage current at v rm v r continuous reverse voltage v br breakdown voltage v bo breakover voltage i h holding current i bo breakover current i pp peak pulse current c capacitance electrical characteristics (t amb = 25c) symbol parameter value unit r th (j-a) junction to ambient with recommended footprint 120 c/w r th (j-l) junction to leads 30 c/w thermal resistances product specification 2 of 4 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
smp30-xxx type i rm @v rm max i r @v r max note 1 dynamic v bo @i bo max note 2 static v bo @i bo max note 3 i h min note 4 c typ. note 5 c typ. note 6 a v a v v ma v ma ma pf pf smp30-62 2 56 50 62 85 800 82 800 150 20 40 smp30-68 61 68 93 90 150 20 40 SMP30-100 90 100 135 133 150 16 35 smp30-120 108 120 160 160 150 16 30 smp30-130 117 130 173 173 150 14 30 smp30-180 162 180 235 240 150 14 25 smp30-200 180 200 262 267 150 12 25 smp30-220 198 220 285 293 150 12 25 smp30-240 216 240 300 320 150 12 25 smp30-270 243 270 350 360 150 12 25 note 1: i r measured at v r guarantee v brmin 3 v r note 2: see functional breakover voltage test circuit 1. note 3: see test circuit 2. note 4: see functional holding current test circuit 3. note 5: v r = 50v bias,vrms = 1v , f = 1mhz. note 6: v r = 2v bias, vrms = 1v , f = 1mhz electrical parameters (tamb = 25c) 1e-2 1e-1 1e+0 1e+1 1e+2 1e+3 0 5 10 15 20 f=50hz t(s) i (a) tsm fig. 1: non repetitive surge peak on-state current versus overload duration (tj initial = 25c) 012345678910 1 2 5 10 20 50 v (v) t i (a) t tj=25c fig. 2: on-state voltage versus on-state current (typical values). product specification 3 of 4 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
smp30-xxx smp 30 xx - trisil? surface mount i = 30a pp voltage order code part number marking package weight base qty delivery mode smp30-62 qa4 sma 0.06 g 5000 tape & reel smp30-68 qab SMP30-100 qac smp30-120 qad smp30-130 qae smp30-180 qaf smp30-200 qag smp30-220 qah smp30-240 qai smp30-270 qaj ordering information product specification 4 of 4 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of SMP30-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X