Part Number Hot Search : 
CX162 D1215 C686M SM8S36A DD251 01GW3B2 FD1000 GL41G
Product Description
Full Text Search
 

To Download SG73S2A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  12 europe gmbh ? kaddenbusch 6 ? d-25578 d?geling / itzehoe ? phone: +49 (0) 48 21 / 89 89-0 ? fax: +49 (0) 48 21/ 89 89 89 ? internet: www.koaeurope.de revision: 10. nov. 2006 resistors products with pb-free terminations meet rohs requirements flat chip surge current thick film sg73 ? sg73s ? sg73p f e a tures ruo 2 thick film resistor element anti-leaching nickel barrier terminations superior to chip resistor of rk73 series in surge withstanding voltage and pulse withstanding voltage if tight tolerances (down to 0.5%) are requested, the sg73s (for surge) and the sg 73p (for pulse) are ideal ideal for use in e.c.us and in circuits to catch inductive lightning surge rated ambient temperature: +70 c operating temperature range: -55 c +155 c meets or exceeds iec 60 115-8, jis c 5201-8, eiaj rc-2134a suitable for reflow and wave soldering 1 ceramic substrate 2 top termination (ag pd) 3 bottom termination (ag) 4 resistive layer 5 glass layer 6 protective layer 7 end termination 8 diffusion barrier (ni) 9 solder plating dimensions (mm) identific a tion sg73 wine red white, 3 digits sg73p 1j none sg73s, 2 a , 2b, 2e green white, 3 digits sg73p, 2 a , 2b, 2e black, 3 digits product code co a ting color m a rking structure type l 0.2 w c d t 0.1 0603 sg73 1j 1.6 0.8 0.1 0.3 0.1 0.3 0.1 0.45 0805 sg73 2 a 2.0 1.25 0.1 0.4 0.2 0.5 1206 sg73 2b 1.6 0.2 1210 sg73 2e 3.2 2.6 0.2 0.5 0.3 0.6 2010 sg73 w2h* 5.0 2.5 0.2 0.65 0.15 2512 sg73 w3 a * 6.3 3.1 0.2 0603 sg73p 1j 1.6 0.8 0.1 0.3 0.1 0.3 0.1 0.45 0805 sg73s 2 a 2.0 1.25 0.1 0.5 sg73p 2 a 1206 sg73s 2b 1.6 0.2 sg73p 2b 3.2 0.6 1210 sg73s 2e 2.6 0.2 sg73p 2e type design a tion (how to order) *please see packaging product code sg73 sg73s sg73p style 1jw3a taping* tp, td, te bk, bc nominal resistance d,f: 4 digits g,j,k,m: 3 digits termination surface material t: sn l: sn/pb sg73 2 a td 103 t k tolerance d: 0.5% f: 1% g: 2% j: 5% k: 10% m: 20% one-pulse limiting electric power + 0.2 C 0.1 * sg73 2h and sg73 3a are also still available (different d dimensions = 0.4 mm) new new size + 0.2 C 0.1 + 0.2 C 0.1 + 0.2 C 0.1 + 0.2 C 0.1 + 0.2 C 0.1 new new new 0.3 0.4 + 0.2 C 0.1 0.3 0.4 0.3 0.4 new sg73p 1j specifications given herein may be changed at any time without prior notice. please confirm technical specifications before you order and/or use. resistors
13 europe gmbh ? kaddenbusch 6 ? d-25578 d?geling / itzehoe ? phone: +49 (0) 48 21 / 89 89-0 ? fax: +49 (0) 48 21/ 89 89 89 ? internet: www.koaeurope.de specifications given herein may be changed at any time without prior notice. please confirm technical specifications before you order and/or use. revision: 10. nov. 2006 resistors 0603 sg73 1j 400 0.1 w 50 v 100 v C C C 1 ? ... 8.2 ? 200 10 ? ... 1 m? 0805 sg73 2 a 400 0.125 w 150 v 200 v C C C 1 ? ... 8.2 ? 200 10 ? ... 1 m? 1206 sg73 2b 400 0.25 w C C C 1 ? ... 8.2 ? 200 10 ? ... 1 m? sg73 2e 400 0.5 w C C 1 ? ... 8.2 ? 1210 200 C 10 ? ... 1 k? 0.33 w 200 v 400 v 1.2 k? ... 1.m? 2010 sg73 w2h 400 0.75 w C C C 1 ? 8.2 ? - 55c ... +155c 200 10 ? ... 1 m? 2512 sg73 w3 a 400 1 w C C C 1 ? ... 8.2 ? 200 10 ? ... 1 m? 0603 sg73p 1j 0.125 w 50 v 100 v 0805 sg73s 2 a 0.25 w 150 v 200 v sg73p 2 a 1206 sg73s 2b 200 0.33 w 10? 1 m? 1 ? 1 m? 1 ? 10 m? C sg73p 2b 200 v 400 v 1210 sg73s 2e 0.5 w sg73p 2e ra ting esd limiting volt age a nd dera ting curve dera ting curve sg73s 2e size type t.c.r. (ppm/k) power* ra ting max. working volt age max. overlo ad volt age resist a nce range d ( 0.5%) e24 f ( 1%) e24 g ( 2%), j ( 5%) e24 k ( 10%), m ( 20%) e12 new new new opera ting tempera ture range rated voltage = power rating x resistance value or max. working voltage, whichever is lower. * for resistors operated in ambient temperature over +70c, power rating shall be derated like shown in below ?derating curve . flat chip surge current thick film sg73 ? sg73s ? sg73p new new ambient temperature (c) nominal resistance ( ?) nominal resistance ( ?) esd limiting voltage (kv) nominal resistance ( ?) esd limiting voltage (kv) esd limiting voltage (kv) sg73s 2 a sg73s 2b z new resistors


▲Up To Search▲   

 
Price & Availability of SG73S2A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X