Part Number Hot Search : 
STZ8160C TDA1574 4740A MT1210 120N1T CF601M 30N45T ML4869
Product Description
Full Text Search
 

To Download PMBT2907A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pmbt2907; PMBT2907A features high current (max. 600 ma) low voltage (max. 60 v). applications switching and linear amplification. description pnp switching transistor in a sot23 plastic package. npn complements: pmbt2222 and pmbt2222a. marking type number marking code (1) pmbt2907 * 2b PMBT2907A * 2f pinning pin description 1 base 2 emitter 3 collector fig.1 simplified outline (sot23) and symbol. handbook, halfpage 2 1 3 mam256 top view 2 3 1 limiting values in accordance with the absolute maximum rating system (iec 134). symbol parameter conditions min. max. unit v cbo collector-base voltage open emitter -- 60 v v ceo collector-emitter voltage open base pmbt2907 -- 40 v PMBT2907A -- 60 v v ebo emitter-base voltage open collector -- 5v i c collector current (dc) -- 600 ma i cm peak collector current -- 800 ma i bm peak base current -- 200 ma p tot total power dissipation t amb 25 c - 250 mw t stg storage temperature - 65 +150 c t j junction temperature - 150 c t amb operating ambient temperature - 65 +150 c product specification 1 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
thermal characteristics note 1. transistor mounted on an fr4 printed-circuit board. characteristics t j =25 c unless otherwise speci?ed. symbol parameter conditions value unit r th j-a thermal resistance from junction to ambient note 1 500 k/w symbol parameter conditions min. max. unit i cbo collector cut-off current i e = 0; v cb = - 50 v pmbt2907 -- 20 na PMBT2907A -- 10 na collector cut-off current i e = 0; v cb = - 50 v; t j = 125 c pmbt2907 -- 20 m a PMBT2907A -- 10 m a i ebo emitter cut-off current i c = 0; v eb = - 5v -- 50 na h fe dc current gain i c = - 0.1 ma; v ce = - 10 v pmbt2907 35 - PMBT2907A 75 - dc current gain i c = - 1 ma; v ce = - 10 v pmbt2907 50 - PMBT2907A 100 - dc current gain i c = - 10 ma; v ce = - 10 v pmbt2907 75 - PMBT2907A 100 - dc current gain i c = - 150 ma; v ce = - 10 v 100 300 dc current gain i c = - 500 ma; v ce = - 10 v pmbt2907 30 - PMBT2907A 50 - v cesat collector-emitter saturation voltage i c = - 150 ma; i b = - 15 ma -- 400 mv i c = - 500 ma; i b = - 50 ma -- 1.6 v v besat base-emitter saturation voltage i c = - 150 ma; i b = - 15 ma -- 1.3 v i c = - 500 ma; i b = - 50 ma -- 2.6 v c c collector capacitance i e =i e = 0; v cb = - 10 v; f = 1 mhz - 8pf c e emitter capacitance i c =i c = 0; v eb = - 2 v; f = 1 mhz - 30 pf f t transition frequency i c = - 50 ma; v ce = - 20 v; f = 100 mhz 200 - mhz pmbt2907; PMBT2907A product specification 2 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
switching times (between 10% and 90% levels); (see fig.2) t on turn-on time i con = - 150 ma; i bon = - 15 ma; i boff =15ma - 40 ns t d delay time - 12 ns t r rise time - 30 ns t off turn-off time - 365 ns t s storage time - 300 ns t f fall time - 65 ns symbol parameter conditions min. max. unit v i = - 9.5 v; t = 500 m s; t p =10 m s; t r =t f 3 ns. r1 = 68 w ; r2 = 325 w ; r b = 325 w ; r c = 160 w . v bb = 3.5 v; v cc = - 29.5 v. oscilloscope: input impedance z i =50 w . fig.2 test circuit for switching times. h andbook, full pagewidth r c r2 r1 dut mgd624 v o r b (probe) 450 w (probe) 450 w oscilloscope oscilloscope v bb v i v cc pmbt2907; PMBT2907A product specification 3 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of PMBT2907A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X