Part Number Hot Search : 
TL431 SK312 AN1593 BS757 2SA1576A 23621 0603L KT521205
Product Description
Full Text Search
 

To Download NRE-HS220M200V125X16F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change miniature aluminum electrolytic capacitors nre-hs series rated voltage range 6.3 ~ 50vdc 160 ~ 250vdc 350 ~ 450vdc capacitance range 100 ~ 10,000 f 4.7 ~ 220 f 1.5 ~ 68 f operating temperature range -55 ~ +105c -40 ~ +105c -25 ~ +105c capacitance tolerance 20%(m) max. leakage current @ 20c 6.3 ~ 50vdc 160 ~ 450vdc 0.01cv or 3 a whichever is greater after 2 minutes cv<1,000 f cv>1,000 f 0.1cv + 40 a (1 min.) 0.04cv + 100 a (1 min.) .03cv + 15 a (5 min.) 0.02cv + 25 a (5 min.) max. tan @ 120hz/20c w.v. (vdc) 6.3 10 16 25 35 50 160 200 250 350 400 450 s.v. (vdc) 8.0 13 20 32 44 63 200 250 300 400 450 500 c<1,000 f 0.30 0.26 0.20 0.18 0.14 0.12 0.20 0.20 0.20 0.20 0.20 0.25 w.v. (vdc) 6.3 10 16 25 35 50 160 200 250 350 400 450 c<1,000 f 0.26 0.22 0.18 0.16 0.14 0.12 0.20 0.20 0.20 0.20 0.20 0.25 c=2,000 f 0.28 0.24 0.20 0.18 0.16 014 - - - - - - c=3,300 f 0.30 0.26 0.22 0.20 0.18 - - - - - - - c=4,700 f 0.32 0.28 0.24 0.22 - - - - - - - - c=6,800 f 0.36 0.32 0.28 - - - - - - - - - c=10,000 f 0.44 0.40 - - - - - - - - - - low temperature stability inpedance ratio @ 120hz w.v. (vdc) 6.3 10 16 25 35 50 160 200 250 350 400 450 z-25c/z+20c 4 3 2 2 2 2 3 3 3 6 6 6 z-40c/z+20c 8 6 4 4 3 3 - - - - - - load life test at rated w.v. +105c 2,000 hours capacitance change within 25% of initial measured value tan less than 200% of speci ed maximum value leakage current less than speci ed maximum value high cv, high temperature , radial leads, polarized features ? extended value and high voltage ? new reduced sizes characteristics cap. ( f) code working voltage (vdc) 6.3 10 16 25 35 50 160 200 250 350 400 450 1.51r5-----------8x9 2.22r2----------8x9 10x9 3.33r3---------8x9 10x9 - 4.7 4r7 - - - - - - 8x9 8x9 8x9 10x9 10x9 - 6.8 6r8 - - - - - - 8x9 8x9 10x9 12.5x16 12.5x16 12.5x16 10 100 - - - - - - 10x9 10x9 - 12.5x16 12.5x16 16x16 22220------- 12.5x16 12.5x16 18x16 16x20 16x20 33 330 - - - - - - 12.5x16 12.5x16 16x16 16x20 16x20 18x25 47 470 - - - - - - 16x16 16x16 18x16 18x20 18x20 18x25 68 680 - - - - - - 18x16 16x20 16x20 18x25 - - 100 101 - - - - - 8x9 16x20 16x20 18x25 - - - 150 151 - - - - 8x9 10x9 18x20 18x25 - - - - 220 221 - - - 8x9 10x9 - 18x25 - - - - - 330 331 - - 8x9 10x9 10x9 ------- 470 471 8x9 8x9 8x9 10x9 - 12.5x16 - - - - - - 680 681 8x9 10x9 10x9 12.5x16 12.5x16 16x16 - - - - - - 1000 102 10x9 10x9 - 12.5x16 16x16 16x20 - - - - - - 2200 222 12.5x16 12.5x16 16x16 16x20 18x20 18x25 - - - - - - 3300 332 16x16 16x16 16x20 18x20 18x25 ------- 4700 472 18x16 16x20 18x20 18x25 -------- 6800 682 16x20 18x20 18x25 --------- 10000 103 18x20 18x25 - --------- 8 ~ 10 12 ~ 18 case diameter lead spacing and diameter (mm) case dia. (d ) 8 10 12.5 16 18 lead dia. (d ) 0.6 0.6 0.6 0.8 0.8 lead spacing (f) 3.5 5.0 5.0 7.5 7.5 dim. 0.5 0.5 0.5 0.5 0.5 standard product and case size table d xl (mm) *see part number system for details p n bs fd il rohs compliant includes all homogeneous materials
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change miniature aluminum electrolytic capacitors nre-hs series part number cap. ( f) w.v. (vdc) dissipation factor +20c/120hz ripple current rating (ma) +105c/120hz load life hours @+105c nre-hs471m6.3v8x9f 470 6.3 0.30 270 2,000 nre-hs681m6.3v8x9f 680 0.30 300 2,000 nre-hs102m6.3v10x9f 1000 0.30 460 2,000 nre-hs222m6.3v12.5x16f 2200 0.28 770 2,000 nre-hs332m6.3v16x16f 3300 0.30 930 2,000 nre-hs472m6.3v18x16f 4700 0.32 1000 2,000 nre-hs682m6.3v16x20f 6800 0.36 1200 2,000 nre-hs103m6.3v18x20f 10000 0.44 1430 2,000 nre-hs471m10v8x9f 470 10 0.26 295 2,000 nre-hs681m10v10x9f 680 0.26 350 2,000 nre-hs102m10v10x9f 1000 0.26 460 2,000 nre-hs222m10v12.5x16f 2200 0.24 770 2,000 nre-hs332m10v16x16f 3300 0.26 930 2,000 nre-hs472m10v16x20f 4700 0.28 1200 2,000 nre-hs682m10v18x20f 6800 0.32 1330 2,000 nre-hs103m10v18x25f 10000 0.40 1680 2,000 nre-hs331m16v8x9f 330 16 0.20 270 2,000 nre-hs471m16v8x9f 470 0.20 310 2,000 nre-hs681m16v10x9f 680 0.20 370 2,000 nre-hs222m16v16x16f 2200 0.20 930 2,000 nre-hs332m16v16x20f 3300 0.22 1200 2,000 nre-hs472m16v18x20f 4700 0.24 1330 2,000 nre-hs682m16v18x25f 6800 0.28 1680 2,000 nre-hs221m25v8x9f 220 25 0.18 240 2,000 nre-hs331m25v10x9f 330 0.18 310 2,000 nre-hs471m25v10x9f 470 0.18 370 2,000 nre-hs681m25v12.5x16f 680 0.16 640 2,000 nre-hs102m25v12.5x16f 1000 0.16 670 2,000 nre-hs222m25v16x20f 2200 0.18 1100 2,000 nre-hs332m25v18x20f 3300 0.20 1200 2,000 nre-hs472m25v18x25f 4700 0.22 1490 2,000 nre-hs151m35v8x9f 150 35 0.14 250 2,000 nre-hs221m35v10x9f 220 0.14 300 2,000 nre-hs331m35v10x9f 330 0.14 360 2,000 nre-hs681m35v12.5x16f 680 0.14 640 2,000 nre-hs102m35v16x16f 1000 0.14 850 2,000 nre-hs222m35v18x20f 2200 0.16 1200 2,000 nre-hs332m35v18x25f 3300 0.18 1490 2,000 nre-hs101m50v8x9f 100 50 0.12 200 2,000 nre-hs151m50v10x9f 150 0.12 300 2,000 nre-hs471m50v12.5x16f 470 0.12 570 2,000 nre-hs681m50v16x16f 680 0.12 710 2,000 nre-hs102m50v16x20f 1000 0.12 890 2,000 nre-hs222m50v18x25f 2200 0.14 1320 2,000 nre-hs4r7m160v8x9f 4.7 160 0.20 54 2,000 nre-hs6r8m160v8x9f 6.8 0.20 60 2,000 nre-hs100m160v10x9f 10 0.20 85 2,000 nre-hs330m160v12.5x16f 33 0.20 175 2,000 nre-hs470m160v16x16f 47 0.20 245 2,000 nre-hs680m160v18x16f 68 0.20 305 2,000 nre-hs101m160v16x20f 100 0.20 381 2,000 nre-hs151m160v18x20f 150 0.20 464 2,000 nre-hs221m160v18x25f 220 0.20 602 2,000 nre-hs4r7m200v8x9f 4.7 200 0.20 54 2,000 nre-hs6r8m200v8x9f 6.8 0.20 60 2,000 nre-hs100m200v10x9f 10 0.20 85 2,000 nre-hs220m200v12.5x16f 22 0.20 156 2,000 nre-hs330m200v12.5x16f 33 0.20 175 2,000 nre-hs470m200v16x16f 47 0.20 250 2,000 nre-hs680m200v16x20f 68 0.20 355 2,000 nre-hs101m200v16x20f 100 0.20 381 2,000 nre-hs151m200v18x25f 150 0.20 532 2,000 standard values, specifications and case sizes (mm)
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change frequency (hz) 60 120 500 1k 10k > 1.5 ~ 6.8 f 0.65 1.00 1.20 1.30 1.50 10 ~ 68 f 0.80 1.00 1.20 1.30 1.50 100 ~ 1000 f 0.80 1.00 1.10 1.15 1.20 2200 ~ 10000 f 0.80 1.00 1.05 1.10 1.15 ripple current frequency correction factors part number cap. ( f) w.v. (vdc) dissipation factor +20c/120hz ripple current rating (ma) +105c/120hz load life hours @+105c nre-hs4r7m250v8x9f 4.7 250 0.20 54 2,000 nre-hs6r8m250v10x9f 6.8 0.20 69 2,000 nre-hs220m250v12.5x16f 22 0.20 156 2,000 nre-hs330m250v16x16f 33 0.20 238 2,000 nre-hs470m250v18x16f 47 0.20 309 2,000 nre-hs680m250v16x20f 68 0.20 397 2,000 nre-hs101m250v18x25f 100 0.20 451 2,000 nre-hs3r3m350v8x9f 3.3 350 0.20 37 2,000 nre-hs4r7m350v10x9f 4.7 0.20 49 2,000 nre-hs6r8m350v12.5x16f 6.8 0.20 94 2,000 nre-hs100m350v12.5x16f 10 0.20 100 2,000 nre-hs220m350v18x16f 22 0.20 183 2,000 nre-hs330m350v16x20f 33 0.20 238 2,000 nre-hs470m350v18x20f 47 0.20 309 2,000 nre-hs680m350v18x25f 68 0.20 397 2,000 nre-hs2r2m400v8x9f 2.2 400 0.20 35 2,000 nre-hs3r3m400v10x9f 3.3 0.20 40 2,000 nre-hs4r7m400v10x9f 4.7 0.20 49 2,000 nre-hs6r8m400v12.5x16f 6.8 0.20 94 2,000 nre-hs100m400v12.5x16f 10 0.20 100 2,000 nre-hs220m400v16x20f 22 0.20 187 2,000 nre-hs330m400v16x20f 33 0.20 238 2,000 nre-hs470m400v18x20f 47 0.20 309 2,000 nre-hs1r5m450v8x9f 1.5 450 0.25 19 2,000 nre-hs2r2m450v10x9f 2.2 0.25 29 2,000 nre-hs6r8m450v12.5x16f 6.8 0.25 77 2,000 nre-hs100m450v16x16f 10 0.25 109 2,000 nre-hs220m450v16x20f 22 0.25 170 2,000 nre-hs330m450v18x25f 33 0.25 238 2,000 nre-hs470m450v18x25f 47 0.25 275 2,000 miniature aluminum electrolytic capacitors nre-hs series precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com standard values, specifications and case sizes (mm) nre-hs 331 m 35v 10x9 tb f ... rohs compliant tb = tape & box* case size (d xl) working voltage (vdc) tolerance code (m=20%) capacitance code: first 2 characters signi cant, third character is multiplier series part number system *see taping speci cations for details max. l< 16mm = 1.5mm, l> 20mm = 2.0mm dimensions (mm) d 0.05 sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking drawing is representative of parts as supplied in bulk or straight lead format, please see taping speci cation for details on taped format packaging. - +


▲Up To Search▲   

 
Price & Availability of NRE-HS220M200V125X16F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X