Part Number Hot Search : 
MSM6595 1331B1 20M16 AD1849K 170M4017 LA6551 1N3156A SGM300N
Product Description
Full Text Search
 

To Download NAZV220M25V5X73LBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors nazv series features ? cylindrical v-chip construction ? long life (7,000 ~ 10,000 hours) ? wide temperature range (-25c ~ +105c) ? designed for reflow soldering characteristics rated voltage range 6.3 ~ 50v rated capacitance range 10 ~ 1000 f operating temperature range -25c ~ +105c capacitance tolerance 20% (m) max. leakage current after 2 minutes at 20c 0.01cv or 3 a whichever is greater surge voltage and max. tan w.v. (vdc) 6.3 10 16 25 35 50 s.v.(vdc) 8 13 20 32 44 63 tan 0.32 0.28 0.26 0.16 0.14 0.14 low temperature stability (impedance ratio @ 120hz) z-25c/z+20c 432222 high temperature load life at 105c and rated working voltage load life hours d < 6.3mm = 7,000 d > 8 = 10,000 hours capacitance change within 30% of initial measured value tan less than 300% of speci ed value leakage current less than the speci ed value precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com standard product and size d xl (mm) dimensions (mm) 0.3mm max. d l + - i i w p a b case size d 0.5 l max. a/b0.2 i 0.2 w p0.2 5x7.3 5 7.3 5.3 2.2 0.5 ~ 0.8 1.4 6.3x7.3 6.3 7.3 6.6 2.5 0.5 ~ 0.8 2.2 6.3x8.7 6.3 8.7 6.6 2.5 0.5 ~ 0.8 2.2 8x10.5 8 10.5 8.3 2.9 0.7 ~ 1.0 3.2 10x10.5 10 10.5 10.3 3.2 1.0 ~ 1.4 4.6 cap. ( f) code working voltage (vdc) 6.3 10 16 25 35 50 10100---- 5x7.3 - 22 220 - - 5x7.3 5x7.3 5x7.3 6.3x8.7 33 330 - 5x7.3 - 6.3x7.3 6.3x8.7 8x10.5 47 470 5x7.3 - 6.3x7.3 6.3x7.3 6.3x8.7 8x10.5 100 101 6.3x7.3 - 6.3x7.3 6.3x8.7 8x10.5 10x10.5 150 151 - 6.3x7.3 6.3x8.7 8x10.5 -- 220 221 6.3x8.7 - 6.3x8.7 8x10.5 10x10.5 - 330 331 6.3x8.7 - 8x10.5 10x10.5 - - 470 471 8x10.5 - 10x10.5 - - - 1000 102 10x10.5 ----- nazv 220 m 25v 5x7.3 l b f rohs compliant b=sn-bi finish & 330mm (13?) reel lb=sn-bi finish & 380mm (15") reel re ow temp. codetape & reel size in mm working voltage tolerance code m=20% capacitance code in f, rst 2 digits are signi cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system *see part number system for details pnbs fdil rohs compliant includes all homogeneous materials
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors nazv series nic part number cap. ( f) w.v. (vdc) dissipaton factor (tan ) max. ripple current (ma) +105c/100khz max. z ( ) +20c/100khz load life hours @ +105c nazv470m6.3v5x7.3l bf 47 6.3 0.32 95 2.2 7,000 nazv101m6.3v6.3x7.3l bf 100 0.32 140 1.1 7,000 nazv221m6.3v6.3x8.7l bf 220 0.32 230 1.0 7,000 nazv331m6.3v6.3x8.7l bf 330 0.32 230 1.0 7,000 nazv471m6.3v8x10.5lbf 470 0.32 600 0.22 10,000 nazv102m6.3v10x10.5lbf 1000 0.32 850 0.16 10,000 nazv330m10v5x7.3l bf 33 10 0.28 95 2.2 7,000 nazv151m10v6.3x7.3l bf 150 0.28 140 1.1 7,000 nazv220m16v5x7.3l bf 22 16 0.26 95 2.2 7,000 nazv470m16v6.3x7.3l bf 47 0.26 140 1.1 7,000 nazv101m16v6.3x7.3l bf 100 0.26 140 1.1 7,000 nazv151m16v6.3x8.7l bf 150 0.26 230 1.0 7,000 nazv221m16v6.3x8.7l bf 220 0.26 230 1.0 7,000 nazv331m16v8x10.5lbf 330 0.26 600 0.22 10,000 nazv471m16v10x10.5lbf 470 0.26 850 0.16 10,000 nazv220m25v5x7.3l bf 22 25 0.16 95 2.2 7,000 nazv330m25v6.3x7.3l bf 33 0.16 140 1.1 7,000 nazv470m25v6.3x7.3l bf 47 0.16 140 1.1 7,000 nazv101m25v6.3x8.7l bf 100 0.16 230 1.0 7,000 nazv151m25v8x10.5lbf 150 0.16 600 0.22 10,000 nazv221m25v8x10.5lbf 220 0.16 600 0.22 10,000 nazv331m25v10x10.5lbf 330 0.16 850 0.16 10,000 nazv100m35v5x7.3l bf 10 35 0.14 95 2.2 7,000 nazv220m35v5x7.3l bf 22 0.14 95 2.2 7,000 nazv330m35v6.3x8.7l bf 33 0.14 230 1.0 7,000 nazv470m35v6.3x8.7l bf 47 0.14 230 1.0 7,000 nazv101m35v8x10.5lbf 100 0.14 600 0.22 10,000 nazv221m35v10x10.5lbf 220 0.14 850 0.16 10,000 navz220m50v6.3x8.7lbf 22 50 0.14 100 1.80 7.000 navz330m50v8x10.5lbf 33 0.14 350 0.53 10,000 nazv470m50v8x10.5lbf 47 0.14 350 0.53 10,000 nazv101m50v10x10.5lbf 100 0.14 850 0.35 10,000 review & compare re ow soldering heat limits v-chip smt aluminum electrolytic capacitors www.niccomp.com/rsl standard values, case sizes and specifications cap. ( f) frequency 120hz 1khz 10khz 100khz 10 ~ 22 0.50 0.80 0.90 1.00 33 ~ 150 0.65 0.85 0.92 1.00 220 ~ 1000 0.70 0.85 0.95 1.00 ripple current frequency correction factors diameter time above 200c time above 230c peak temperature 5 seconds 5 ~ 6.3mm 70 sec. max. 40 sec. max. 250c 8 ~ 10mm 60 sec. max. 20 sec. max. 250c peak reflow temperature and duration time above 200c (see table) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (150c ~ 180c) peak temperature (see table) 230 time above 230c (see table) case size a b c 5x7.3 1.4 3.0 1.8 6.3x7.3 6.3x8.7 1.8 3.6 1.8 8x10.5 2.8 4.1 2.1 10x10.5 4.3 4.4 2.5 a c b recommended land pattern dimensions (mm) capacitors can withstand two times reflow at the above conditions. second reflow shall be at least one hour after natural cool to room temperature.
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change taping specifications (mm) 1. both leader and trailer tape: minimum 40mm (1.57") empty carrier tape pockets. 2. leader tape: approximately 20cm of cover tape at leader. 3. connection: maximum 3 connections (slices) per reel. case size a 0.3 b 0.3 c 0.3 d 0.1 p 0.1 t 0.2 t 0.1 5x7.3 5.7 5.7 12.0 5.5 12.0 7.1 0.4 6.3x7.3 7.0 7.0 16.0 7.5 12.0 7.5 0.4 6.3x8.7 7.0 7.0 16.0 7.5 12.0 9.2 0.4 8x10.5 8.7 8.7 24.0 11.5 16.0 11.1 0.4 10x10.5 10.7 10.7 24.0 11.5 16.0 11.2 0.4 13 ? 0.5 3.0 0.5 330 or 380mm 50 ? min. 21 0.8 2.00.5 w t a p feeding + - 1.5 +0.1/- 1.75 d b c 1.5+0.1/-0 1.75 + 0.15 t 4 + 0.1 embossed carrier dimensions (mm) reel dimensions and quantities case size w 1.0 reel quantity 330mm reel quantity 380mm 5x7.3 14 800 1,000 6.3x7.3 18 800 1,000 6.3x8.7 18 500 800 8x10.5 26 300 500 10x10.5 26 300 500 surface mount aluminum electrolytic capacitors nazv series


▲Up To Search▲   

 
Price & Availability of NAZV220M25V5X73LBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X