Part Number Hot Search : 
PIC16F87 SR106 084319 MC68306 11N60S5 HWS420 130LA2 G911T76B
Product Description
Full Text Search
 

To Download NACK330M100V10X105TR13F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors nack series features ? cylindrical v-chip construction for surface mounting ? very low impedance (up to 60% lower than nacz) ? wide temperature range (-55 +105 o c) ? reduced size (up to 50% smaller than nacz) ? designed for automatic mounting and reflow soldering ? meets the requirements of aec-q200* *contact nic for supporting test data characteristics rated voltage range 6.3 ~ 100vdc rated capactance range 3.3 ~ 6,800 f operating temperature range -55c ~ +105c capacitance tolerance 20%(m) maximum leakage current after 2 minutes @ 20c 0.01cv or 3a, whichever is greater maximum tan @ 120hz/20c w.v. (vdc) 6.3 10 16 25 35 50 63 80 100 s.v. (vdc) 8.0 13 20 32 44 63 79 100 125 all case sizes c 1,000 f 0.26 0.19 0.16 0.14 0.12 0.10 0.08 0.08 0.07 c = 2,200 f - 0.21 - 0.16 - - - - - c = 3,300 f 0.30 - 0.20 0.18 - - - - - c = 4,700 f - 0.25 0.22 - - - - - - c = 6,800 f 0.36 0.29 - - - - - - - low temperature stability impedance ratio @ 120hz z -25c/z +20c 2 2 2 2 2 2 2 2 2 z -40c/z +20c 3 3 3 3 3 3 3 3 3 z -55c/z +20c 4 4 4 3 3 3 3 3 3 load life test @ 105c 4 ~ 10mm dia. 2,000 hours 8x10.5mm 5,000 (opt.) 10x10.5mm 5,000 (opt.) 12.5 ~ 18mm dia. 5,000 hours capacitance change within 30% of initial measured value tan less than 200% of speci ed maximum value leakage current less than speci ed maximum value nack rev. 1 05212007 standard product and case size d xl (mm) cap ( f) code working voltage (vdc) 6.3 10 16 25 35 50 63 80 100 3.3 3r3 - - - - - - - 5x6.1 - 4.7 4r7 - - - - 4x6.1 4x6.1 5x6.1 6.3x6.1 - 10 100 - - 4x6.1 4x6.1 4x6.1 5x6.1 6.3x6.1 6.3x8 - 5x6.1 6.3x6.1 8x6.5 22 220 4x6.1 4x6.1 4x6.1 5x6.1 5x6.1 6.3x6.1 6.3x8 8x10.5 8x10.5 5x6.1 8x6.5 33 330 - 4x6.1 - 5x6.1 6.3x1 6.3x8 8x10.5 8x10.5 10x10.5 5x6.1 6.3x6.1 8x6.5 47 470 4x6.1 - 5x6.1 6.3x6.1 6.3x6.1 6.3x8 8x10.5 10x10.5 12.5x14 5x6.1 6.3x6.1 8x6.5 68 680 - - 6.3x6.1 6.3x6.1 6.3x8 - 8x10.5 12.5x14 12.5x14 100 101 5x6.1 - 6.3x6.1 6.3x8 6.3x8 8x10.5 10x10.5 12.5x14 16x17 6.3x6.1 8x6.5 8x10.5 150 151 - 6.3x6.1 6.3x8 8x10.5 8x10.5 10x10.5 12.5x14 12.5x14 16x17 220 221 6.3x6.1 6.3x8 6.3x8 8x10.5 8x10.5 10x10.5 12.5x14 - 18x17 8x6.5 8x6.5 330 331 6.3x8 8x10.5 8x10.5 8x10.5 10x10.5 12.5x14 - 16x17 18x17 8x6.5 390 391 - - - - - 12.5x14 - - 470 471 8x10.5 8x10.5 8x10.5 10x10.5 12.5x14 16x17 16x17 18x17 - 560 561 - - - - - 16x17 - - - 680 681 - 8x10.5 10x10.5 - 12.5x14 16x17 18x17 - - 1000 102 8x10.5 10x10.5 - 12.5x14 16x17 16x17 - - - 1500 152 10x10.5 - 12.5x14 16x17 16x17 - - - - 2200 222 - 12.5x14 - 16x17 - - - - - 3300 332 12.5x14 - 16x17 18x17 - - - - - 4700 472 - 16x17 18x17 - - - - - - 6800 682 16x17 18x17 - - - - - - - *see part number system for details pnbs fdil rohs compliant includes all homogeneous materials see nazt for new designs available in "y" control option (for automotive equipment)
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors nack series nic part number* cap. (f) w.v. (vdc) dissipaton factor (tan ) max. ripple current (ma) +105c/100khz max. impedance () +20c/100khz load life hours @ +105c nack220m6.3v4x6.1tr13f 22 6.3 0.26 90 1.35 2,000 nack470m6.3v4x6.1tr13f 47 0.26 90 1.35 2,000 nack470m6.3v5x6.1tr13f 0.26 160 0.70 2,000 nack101m6.3v5x6.1tr13f 100 0.26 160 0.70 2,000 nack101m6.3v6.3x6.1tr13f 0.26 240 0.36 2,000 nack221m6.3v6.3x6.1tr13f 220 0.26 240 0.36 2,000 nack331m6.3v6.3x8tr13f 330 0.26 280 0.34 2,000 nack331m6.3v8x6.5tr13f 0.26 300 0.26 2,000 nack471m6.3v8x10.5tr13f 470 0.26 600 0.16 2,000 nack471m6.3v8x10.5tr13ef 470 0.26 600 0.16 5,000 nack102m6.3v8x10.5tr13f 1000 0.26 600 0.16 2,000 nack102m6.3v8x10.5tr13ef 1000 0.26 600 0.16 5,000 nack152m6.3v10x10.5tr13f 1500 0.28 850 0.08 2,000 nack152m6.3v10x10.5tr13 e f 1500 0.28 850 0.08 5,000 nack332m6.3v12.5x14tr13f 3300 0.30 1100 0.06 5,000 nack682m6.3v16x17tr15f 6800 0.36 1800 0.035 5,000 nack220m10v4x6.1tr13f 22 10 0.19 90 1.35 2,000 nack330m10v4x6.1tr13f 33 0.19 90 1.35 2,000 nack330m10v5x6.1tr13f 0.19 160 0.70 2,000 nack151m10v6.3x6.1tr13f 150 0.19 240 0.36 2,000 nack221m10v6.3x8tr13f 220 0.19 160 0.34 2,000 nack221m10v8x6.5tr13f 0.19 300 0.26 2,000 nack331m10v8x10.5tr13f 330 0.19 600 0.16 2,000 nack331m10v8x10.5tr13 e f 330 0.19 600 0.16 5,000 nack471m10v8x10.5tr13f 470 0.19 600 0.16 2,000 nack471m10v8x10.5tr13 e f 470 0.19 600 0.16 5,000 nack681m10v8x10.5tr13f 680 0.19 600 0.16 2,000 nack681m10v8x10.5tr13 e f 680 0.19 600 0.16 5,000 nack102m10v10x10.5tr13f 1000 0.19 850 0.08 2,000 nack102m10v10x10.5tr13 e f 1000 0.19 850 0.08 5,000 nack222m10v12.5x14tr13f 2200 0.21 1100 0.06 5,000 nack472m10v16x17tr15f 4700 0.25 1800 0.035 5,000 nack682m10v18x17tr13f 6800 0.29 2060 0.033 5,000 nack100m16v4x6.1tr13f 10 16 0.16 90 1.35 2,000 nack220m16v4x6.1tr13f 22 0.16 90 1.35 2,000 nack220m16v5x6.1tr13f 0.16 160 0.70 2,000 nack470m16v5x6.1tr13f 47 0.16 160 0.70 2,000 nack470m16v6.3x6.1tr13f 0.16 240 0.36 2,000 nack680m16v6.3x6.1tr13f 68 0.16 240 0.36 2,000 nack101m16v6.3x6.1tr13f 100 0.16 240 0.36 2,000 nack151m16v6.3x8tr13f 150 0.16 280 0.34 2,000 nack221m16v6.3x8tr13f 220 0.16 280 0.34 2,000 nack221m16v8x6.5tr13f 0.16 300 0.26 2,000 nack331m16v8x10.5tr13f 330 0.16 600 0.16 2,000 nack331m16v8x10.5tr13 e f 330 0.16 600 0.16 5,000 nack471m16v8x10.5tr13f 470 0.16 600 0.16 2,000 nack471m16v8x10.5tr13 ef 470 0.16 600 0.16 5,000 nack681m16v10x10.5tr13f 680 0.16 850 0.08 2,000 nack681m16v10x10.5tr13 e f 680 0.16 850 0.08 5,000 nack152m16v12.5x14tr15f 1500 0.18 1100 0.06 5,000 nack332m16v16x17tr15f 3300 0.20 1800 0.035 5,000 nack472m16v18x17tr13f 4700 0.22 2060 0.033 5,000 nack100m25v4x6.1tr13f 10 25 0.14 90 1.35 2,000 nack220m25v5x6.1tr13f 22 0.14 160 0.70 2,000 nack330m25v5x6.1tr13f 33 0.14 160 0.70 2,000 nack330m25v6.3x6.1tr13f 0.14 240 0.36 2,000 nack470m25v6.3x6.1tr13f 47 0.14 240 0.36 2,000 nack680m25v6.3x6.1tr13f 68 0.14 240 0.36 2,000 nack101m25v6.3x8tr13f 100 0.14 280 0.34 2,000 standard values, case sizes and specifications *see part numbering system for how to denote wt termination style available in "y" control option (for automotive equipment)
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors nack series nic part number* cap. (f) w.v. (vdc) dissipaton factor (tan ) max. ripple current (ma) +105c/100khz max. impedance () +20c/100khz load life hours @ +105c nack101m25v8x6.5tr13f 100 25 0.14 300 0.26 2,000 nack151m25v8x10.5tr13f 150 0.14 600 0.16 2,000 nack151m25v8x10.5tr13 e f 150 0.14 600 0.16 5,000 nack221m25v8x10.5tr13f 220 0.14 600 0.16 2,000 nack221m25v8x10.5tr13 e f 220 0.14 600 0.16 5,000 nack331m25v8x10.5tr13f 330 0.14 600 0.16 2,000 nack331m25v8x10.5tr13 e f 330 0.14 600 0.16 5,000 nack471m25v10x10.5tr13f 470 0.14 850 0.08 2,000 nack471m25v10x10.5tr13 e f 470 0.14 850 0.08 5,000 nack102m25v12.5x14tr15f 1000 0.14 1100 0.06 5,000 nack152m25v16x17tr13f 1500 0.16 1800 0.035 5,000 nack222m25v16x17tr15f 2200 0.16 1800 0.035 5,000 nack332m25v18x17tr13f 3300 0.18 1800 0.033 5,000 nack4r7m35v4x6.1tr13f 4.7 35 0.12 90 1.35 2,000 nack100m35v4x6.1tr13f 10 0.12 90 1.35 2,000 nack100m35v5x6.1tr13f 0.12 160 0.70 2,000 nack220m35v5x6.1tr13f 22 0.12 160 0.70 2,000 nack330m35v6.3x1tr13f 33 0.12 240 0.36 2,000 nack470m35v6.3x6.1tr13f 47 0.12 240 0.36 2,000 nack680m35v6.3x8tr13f 68 0.12 280 0.34 2,000 nack101m35v6.3x8tr13f 100 0.12 280 0.34 2,000 nack101m35v8x10.5tr13f 0.12 600 0.16 2,000 nack101m35v8x10.5tr13 e f 100 0.12 600 0.16 5,000 nack151m35v8x10.5tr13f 150 0.12 600 0.16 2,000 nack151m35v8x10.5tr13 e f 150 0.12 600 0.16 5,000 nack221m35v8x10.5tr13f 220 0.12 600 0.16 2,000 nack221m35v8x10.5tr13 e f 220 0.12 600 0.16 5,000 nack331m35v10x10.5tr13f 330 0.12 850 0.08 2,000 nack331m35v10x10.5tr13 e f 330 0.12 850 0.08 5,000 nack471m35v12.5x14tr15f 470 0.12 1100 0.06 5,000 nack681m35v12.5x14tr15f 680 0.12 1100 0.06 5,000 nack102m35v16x17tr15f 1000 0.12 1800 0.035 5,000 nack152m35v16x17tr15f 1500 0.12 1800 0.035 5,000 nack4r7m50v4x6.1tr13f 4.7 50 0.10 60 2.9 2,000 nack100m50v5x6.1tr13f 10 0.10 85 1.52 2,000 nack100m50v6.3x6.1tr13f 0.10 165 0.88 2,000 nack220m50v6.3x6.1tr13f 22 0.10 165 0.88 2,000 nack330m50v6.3x8tr13f 33 0.10 195 0.68 2,000 nack330m50v8x6.5tr13f 0.10 195 0.68 2,000 nack470m50v6.3x8tr13f 47 0.10 195 0.68 2,000 nack470m50v8x6.5tr13f 0.10 195 0.68 2,000 nack101m50v8x10.5tr13f 100 0.10 350 0.34 2,000 nack101m50v8x10.5tr13 e f 100 0.10 350 0.34 5,000 nack151m50v10x10.5tr13f 150 0.10 670 0.18 2,000 nack151m50v10x10.5tr13 ef 150 0.10 670 0.18 5,000 nack221m50v10x10.5tr13f 220 0.10 670 0.18 2,000 nack221m50v10x10.5tr13 e f 220 0.10 670 0.18 5,000 nack331m50v12.5x14tr15f 330 0.10 900 0.12 5,000 nack391m50v12.5x14tr13f 390 0.10 900 0.12 5,000 nack471m50v16x17tr15f 470 0.10 1610 0.073 5,000 nack561m50v16x17tr13f 560 0.10 1610 0.073 5,000 nack681m50v16x17tr15f 680 0.10 1610 0.073 5,000 nack102m50v16x17tr15f 1000 0.10 1610 0.073 5,000 nack4r7m63v5x6.1tr13f 4.7 63 0.08 50 3.0 2,000 nack100m63v6.3x6.1tr13f 10 0.08 80 1.5 2,000 nack220m63v6.3x8tr13f 22 0.08 120 1.2 2,000 nack220m63v8x6.5tr13f 0.08 120 1.2 2,000 nack330m63v8x10.5tr13f 33 0.08 250 0.65 2,000 nack470m63v8x10.5tr13f 47 0.08 250 0.65 2,000 standard values, case sizes and specifications *see part numbering system for how to denote wt termination style available in "y" control option (for automotive equipment)
4 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change nic part number* cap. (f) w.v. (vdc) dissipaton factor (tan ) max. ripple current (ma) +105c/100khz max. impedance () +20c/100khz load life hours @ +105c nack680m63v8x10.5tr13f 68 63 0.08 250 0.65 2,000 nack101m63v10x10.5tr13f 100 0.08 400 0.35 2,000 nack151m63v12.5x14tr13f 150 0.08 800 0.16 5,000 nack221m63v12.5x14tr13f 220 0.08 800 0.16 5,000 nack471m63v16x17tr15f 470 0.08 1410 0.082 5,000 nack681m63v18x17tr13f 680 0.08 1690 0.08 5,000 nack3r3m80v5x6.1tr13f 3.3 80 0.08 25 5.0 2,000 nack4r7m80v6.3x6.1tr13f 4.7 0.08 40 3.0 2,000 nack100m80v6.3x8tr13f 10 0.08 60 2.4 2,000 nack100m80v8x6.5tr13f 0.08 60 2.4 2,000 nack220m80v8x10.5tr13f 22 0.08 130 1.3 2,000 nack330m80v8x10.5tr13f 33 0.08 130 1.3 2,000 nack470m80v10x10.5tr13f 47 0.08 200 0.7 2,000 nack680m80v12.5x14tr15f 68 0.08 500 0.32 5,000 nack101m80v12.5x14tr15f 100 0.08 500 0.32 5,000 nack151m80v12.5x14tr15f 150 0.08 500 0.32 5,000 nack331m80v16x17tr15f 330 0.08 793 0.17 5,000 nack471m80v18x17tr13f 470 0.08 917 0.153 5,000 nack220m100v8x10.5tr13f 22 100 0.07 130 1.3 2,000 nack330m100v10x10.5tr13f 33 0.07 200 0.7 2,000 nack470m100v12.5x14tr15f 47 0.07 500 0.32 5,000 nack680m100v12.5x14tr15f 68 0.07 500 0.32 5,000 nack101m100v16x17tr15f 100 0.07 793 0.17 5,000 nack151m100v16x17tr15f 150 0.07 793 0.17 5,000 nack221m100v18x17tr13f 220 0.07 917 0.153 5,000 nack331m100v18x17tr13f 330 0.07 917 0.153 5,000 surface mount aluminum electrolytic capacitors nack series frequency 60hz 120hz 1khz 10khz 100khz correction factor 0.7 0.75 0.9 0.95 1.0 ripple current frequency correction factor standard values, case sizes and specifications *see part numbering system for how to denote wt termination style precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog. also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com nack 101 m 50v 8x10.5 tr 13 wt y e f rohs compliant opt. 5,000 hour (8x10.5 & 10x10.5) opt. wt = wide terminal 13 = 13" (330mm) reel, 15 = 15" (380mm) reel tape & reel size in mm working voltage tolerance code m=20% capacitance code in f, rst 2 digits are signi cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system optional: suitable for automotive equipment, sourced to special production and inspection at ts-16949 certi ed production site available in "y" control option (for automotive equipment)
5 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change recommended land pattern (mm) standard terminal e e d + - f support terminals solder pads + - b b a c solder pads case dia. a b c 4x6.1 1.0 2.6 1.8 5x6.1 1.4 3.0 1.8 6.3x6.1 2.1 3.5 1.8 6.3x8 2.1 3.5 1.8 8x6.5 2.2 4.5 1.6 8x10.5 2.8 4.1 2.2 10x10.5 4.5 4.5 2.5 12.5x14 4.3 5.8 2.5 16x17 6.6 6.5 4.0 18x17 6.0 7.5 2.5 surface mount aluminum electrolytic capacitors nack series standard termination wt style termination recommended land pattern (mm) wide terminal case dia. d e f 8x6.5wt 1.8 4.1 5.0 8x10.5wt 2.7 4.0 4.7 10x10.5 wt 3.9 4.4 4.7 12.5x14wt 3.9 6.0 2.5 16x17wt 4.7 8.4 9.6 18x17wt 4.7 8.4 9.6 case size d 0.5 l max. a, b h max. i 0.3 p 0.3 w k r s t 4 x 6.1 4.0 6.1 4.3 0.2 5.5 1.8 1.0 0.65 0.15 0.35 0.2 - - - 5 x 6.1 5.0 6.1 5.3 0.2 6.5 2.2 1.5 0.65 0.15 0.35 0.2 - - - 6.3 6.1 6.3 6.1 6.6 0.2 7.8 2.6 1.8 0.65 0.15 0.35 0.2 - - - 6.3 x 8 6.3 8.0 6.6 0.2 7.8 2.6 1.8 0.65 0.15 0.35 0.2 - - - 8 x 6.5 8.0 6.5 8.3 0.2 9.5 3.4 2.2 0.65 0.15 0.35 0.2 - - - 8 x 6.5wt 8.0 6.8 8.3 0.2 9.5 3.4 2.2 0.70 0.10 0.35 0.2 0.70 0.2 5.3 0.2 1.7 0.2 8 x 10.5 8.0 10.5 8.3 0.2 10.0 3.1 3.1 0.90 0.20 0.70 +0.2/-0.5 - - - 8 x 10.5wt 8.0 10.8 8.3 0.2 10.0 3.4 3.1 1.20 0.20 0.70 0.2 0.70 0.2 5.3 0.2 1.3 0.2 10 x 10.5 10.0 10.5 10.3 0.2 12.0 3.2 4.6 1.05 0.35 0.70 +0.2/-0.5 - - - 10 x 10.5wt 10.0 10.8 10.3 0.2 12.0 3.5 4.6 1.20 0.20 0.70 0.2 0.70 0.2 6.9 0.2 1.3 0,.2 12.5 x 14 12.5 14.0 13.2 0.6 15.0 4.5 4.6 1.00 0.40 0.70 +0.3/-0.5 - - - 12.5 x 14wt 12.5 14.3 13.5 0.2 15.0 4.7 4.4 1.20 0.30 0.70 0.3 2.2 0.2 7.1 0.2 2.4 0.2 16 x 17 16.0 17.0 16.7 0.6 19.0 5.2 6.9 1.50 0.60 0.70 +0.3/-0.4 - - - 16 x 17wt 16.0 17.5 17.0 0.2 20.0 5.5 6.9 1.65 0.45 0.70 +0.3/-0.4 3.0 0.2 9.0 0.2 1.9 0.2 18 x 17 18.0 17.0 19.0 0.2 21.0 6.7 6.7 1.20 0.30 0.70 0.3 - - - 18 x 17wt 18.0 17.3 19.0 0.2 21.0 6.7 6.7 1.40 0.20 0.70 0.3 3.0 0.2 11.0 0.2 1.9 0.2 dimensions (mm) b w p a w p a r r s b termination de ection: standard = 0.30mm wt = +0.15mm/-0.05mm d l k k h standard i i + - i i t wt style + - anti-vibration skirt on wt style 8mm ~ 18mm dia.
6 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change carrier tape surface mount aluminum electrolytic capacitors nack series case size a 0.5 b 0.2 c 0.3 d 0.1 p 0.1 t 0.2 4 x 6.1 4.7 4.7 12.0 5.5 8.0 6.4 5 x 6.1 5.7 5.7 12.0 5.5 12.0 6.4 6.3 x 6.1 7.0 7.0 16.0 7.5 12.0 6.4 6.3 x 8 7.0 7.0 16.0 7.5 12.0 8.3 8 x 6.5 8.7 8.7 16.0 7.5 12.0 6.8 8 x 6.5wt 8 x 10.5 8.7 8.7 24.0 7.5 12.0 11.1 8 x 10.5wt 10 x 10.5 10.7 10.7 24.0 11.5 16.0 11.2 10 x 10.5wt 12.5 x 14 13.2 13.2 32.0 14.2 24.0 14.2 12.5 x 14wt 14.0 14.0 32.0 14.2 24.0 14.2 16 x 17 17.5 17.5 44.0 20.2 28.0 17.5 16 x 17wt 18 x 17 19.5 19.5 44.0 20.2 32.0 17.5 18 x17wt case size w 1.0 quantity per reel 13" reel 15" reel 4 x 6.1 14.0 1,200 pcs 2,000 pcs 5 x 6.1 14.0 800 pcs 1,000 pcs 6.3 x 6.1 18.0 800 pcs 1,000 pcs 6.3 x 8 18.0 500 pcs 900 pcs 8 x 6.5 18.0 800 pcs 1,000 pcs 8 x 10.5 26.0 300 pcs 500 pcs 10 x 10.5 26.0 300 pcs 500 pcs 12.5 x 14 34.0 200 pcs* 250 pcs* 16 x 17 46.0 125 pcs* 200 pcs* 18 x 17 46.0 125 pcs 150 pcs tr13 330mm (13") reel tr15 380mm (15") reel taping specifications (mm) 1. both leader and trailer tape: minimum 40mm (1.57") empty carrier tape pockets. 2. leader tape: approximately 20cm of cover tape at leader. 3. connection: maximum 3 connections (slices) per reel. 13? 0.5 3.0 0.5 330 or 380mm 50? min. 21 0.8 2.00.5 w reel t a p feeding + - 1.5? +0.1/- 1.75 d b c 1.5+0.1/-0 1.75 + 0.15 0.4 + 0.2 4 + 0.1 carrier *see speci c part number in standard values tables for available reel diameter.


▲Up To Search▲   

 
Price & Availability of NACK330M100V10X105TR13F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X