Part Number Hot Search : 
G15BN 21002 FL5150 1202D CA3161E XF0542P LL4448 TVR05330
Product Description
Full Text Search
 

To Download MT4600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tcmt1600, tcMT4600 series www.vishay.com vishay semiconductors rev. 2.5, 23-jan-12 1 document number: 83512 for technical ques tions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 optocoupler, phototransistor output, ac input, single/quad channel, half pitch mini-flat package description the low profile miniflat package includes an optocoupler with ac input and transistor output. it is available in single channel (4 pin) tcmt1600 or quad channel (16 pin) tcMT4600. features ? low profile package (half pitch) ? ac isolation test voltage 3750 v rms ? low coupling capacitance of typical 0.3 pf ? low temperature coefficient of ctr ? wide ambient temperature range ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec applications ? programmable logic controllers agency approvals ? ul1577, file no. e76222 system code m, double protection ? cul csa 22.2 bulletin 5a ? din en 60747-5-2 (vda 0884) din en 60747-5-5 (pending) ? fimko: fi en 60950-1:2006 ? bsi: bs en60065:2002 bs en60950-1:2006 notes ? available only on tape and reel. (1) product is rotated 180 in tape and re el cavity. 16467-6 ce ac 4 pin 16 pin 12 8 9 ordering information tcmt#60# part number agency certified/package ctr (%) single channel quad channel ul, cul, fimko, bsi, vde 80 to 300 80 to 300 100 to 300 sop-4 tcmt1600 - - sop-4 tcmt1600t3 (1) -- sop-16 - tcMT4600 tcmt4606 sop-16 - tcMT4600t0 (1) - absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit input forward current i f 60 ma forward surge current t p 10 s i fsm 1.5 a power dissipation p diss 100 mw junction temperature t j 125 c 7 mm s op-#
tcmt1600, tcMT4600 series www.vishay.com vishay semiconductors rev. 2.5, 23-jan-12 2 document number: 83512 for technical ques tions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? stresses in excess of the abso lute maximum ratings can cause permanent damage to the device. functional operation of the devic e is not implied at these or any other conditions in excess of those give n in the operational sections of this document. exposure to abs olute maximum ratings for extended periods of the time can adversely affect reliability. (2) wave soldering three cycles are allowed. also refer to assembly instructions ( www.vishay.com/doc?80054 ). note ? minimum and maximum values are testing requirements. typical valu es are characteristics of the device and are the result of en gineering evaluation. typical values are for information only and are not part of the testing requirements. output collector emitter voltage v ceo 70 v emitter collector voltage v eco 7v collector current i c 50 ma collector peak current t p /t = 0.5, t p 10 ms i cm 100 ma power dissipation p diss 150 mw junction temperature t j 125 c coupler ac isolation test voltage (rms) v iso 3750 v rms total power dissipation p tot 250 mw operating ambient temperature range t amb - 40 to + 100 c storage temperature range t stg - 40 to + 125 c soldering temperature (1) t sld 260 c electrical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit input forward voltage i f = 50 ma v f 1.25 1.6 v junction capacitance v r = 0 v, f = 1 mhz c j 50 pf output collector emitter voltage i c = 100 a v ceo 70 v emitter collector voltage i e = 100 a v eco 7v collector dark current v ce = 20 v, i f = 0 i ceo 100 na coupler collector emitter sa turation voltage i f = 10 ma, i c = 1 ma v cesat 0.3 v cut-off frequency v ce = 5 v, i f = 10 ma, r l = 100 f c 100 khz capacitance (input to output) f = 1 mhz c io 0.3 pf current transfer ratio (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit i c /i f v ce = 5 v, i f = 5 ma tcmt1600 ctr 80 300 % tcMT4600 ctr 80 300 % tcmt4606 ctr 100 300 % absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit
tcmt1600, tcMT4600 series www.vishay.com vishay semiconductors rev. 2.5, 23-jan-12 3 document number: 83512 for technical ques tions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 1 - test circuit, non-saturated operation fig. 2 - test circuit, saturated operation fig. 3 - switching times switching characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit delay time v s = 5 v, i c = 2 ma, r l = 100 (see figure 1) t d 3s rise time v s = 5 v, i c = 2 ma, r l = 100 (see figure 1) t r 3s fall time v s = 5 v, i c = 2 ma, r l = 100 (see figure 1) t f 4.7 s storage time v s = 5 v, i c = 2 ma, r l = 100 (see figure 1) t s 0.3 s turn-on time v s = 5 v, i c = 2 ma, r l = 100 (see figure 1) t on 6s turn-off time v s = 5 v, i c = 2 ma, r l = 100 (see figure 1) t off 5s turn-on time v s = 5 v, i f = 10 ma, r l = 1 k (see figure 2) t on 9s turn-off time v s = 5 v, i f = 10 ma, r l = 1 k (see figure 2) t off 18 s 100 50 channel ii channel i i c = 2 ma; adjusted through input amplitude + 5 v i f i f 0 r g = 50 t p t p = 50 s t = 0.01 oscilloscope r l = 1 m c l = 20 pf 15234 1 k 50 channel ii channel i + 5 v i f 0 r g = 50 t p t p = 50 s t = 0.01 oscilloscope r l = 1 m c l = 20 pf 15235 i f = 10 ma t p t t 0 0 10 % 90 % 100 % t r t d t on t s t f t off i f i c t p pulse duration t d delay time t r rise time t on (= t d + t r ) turn-on time t s storage time t f fall time t off (= t s + t f ) turn-off time 96 11698
tcmt1600, tcMT4600 series www.vishay.com vishay semiconductors rev. 2.5, 23-jan-12 4 document number: 83512 for technical ques tions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (t amb = 25 c, unless otherwise specified) fig. 4 - total power dissipation vs. ambient temperature fig. 5 - forward current vs. forward voltage fig. 6 - relative curr ent transfer ratio vs. ambient temperature fig. 7 - collector dark current vs. ambient temperature fig. 8 - collector current vs. forward current fig. 9 - collector current vs. collector em itter voltage 0 50 100 150 200 250 300 0 40 80 120 p tot - total power dissipation (mw) t amb - ambient temperature (c) 96 11700 coupled device phototransistor ir-diode 0.1 1 10 100 1000 0 v f - forward voltage (v) 96 11862 i f - forward current (ma) 1.6 1.2 0.8 0.4 2.0 - 25 0 25 50 0 0.5 1.0 1.5 2.0 ctr rel - relative current transfer ratio 95 11025 75 t amb - ambient temperature (c) v ce = 5 v i f = 5 ma 0255075 1 10 100 1000 10 000 i ceo - collector dark current, 100 95 11026 with open base (na) v ce = 20 v i f = 0 t amb - ambient temperature (c) 0.1 1 10 0.01 0.1 1 100 i c - collector current (ma) i f - forward current (ma) 100 95 11027 10 v ce = 5 v 0.1 1 10 0.1 1 10 100 v ce - collector emitter voltage (v) 100 95 10985 i c - collector current (ma) i f = 50 ma 5 ma 2 ma 1 ma 20 ma 10 ma
tcmt1600, tcMT4600 series www.vishay.com vishay semiconductors rev. 2.5, 23-jan-12 5 document number: 83512 for technical ques tions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 10 - collector emitte r saturation voltage vs. collector current fig. 11 - current transfer ratio vs. forward current fig. 12 - turn-on/turn-off time vs. forward current fig. 13 - turn-on/turn-off time vs. collector current 110 0 0.2 0.4 0.6 0.8 1.0 v cesat - collector emitter saturation voltage (v) i c - collector current (ma) 100 ctr = 50 % used 20 % used 95 11028 10 % used 0.1 1 10 1 10 100 1000 ctr - current transfer ratio (%) i f - forward current (ma) 100 95 11029 v ce = 5 v 01015 0 10 20 30 40 50 i f - forward current (ma) 20 95 11031 t on /t off - turn-on/turn-off time (s) saturated operation v s = 5 v r l = 1 k t off t on 5 04 0 2 4 6 8 10 i c - collector current (ma) 8 95 11030 t on /t off - turn-on /turn-off time (s) non-saturated operation v s = 5 v r l = 100 t off t on 6 2
tcmt1600, tcMT4600 series www.vishay.com vishay semiconductors rev. 2.5, 23-jan-12 6 document number: 83512 for technical ques tions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters 16283 possible footprint technical drawings according to din specifications 0.15 + 0.10 - 0.05 0.7 + 0.3 - 0.4 7 + 0.3 - 0.4 0.1 0.1 1 2 4 3 pin no. 1 identification 2.1 max. 1.9 2.8 max. 1.27 nom. 0.45 0.1 0.9 1.27 4.4 0.2 2.5 5 7.6 7.6 5 4.4 0.2 1.9 1.27 nom. 0.45 0.1 7 + 0.3 - 0.4 0.7 + 0.3 - 0.4 0.1 0.1 0.15 + 0.10 - 0.05 1.27 0.9 specifications according to din technical drawings 10.12 10.4 max. 7 x 1.27 = 8.89 8.89 2.1 max. pin no. 1 identification issue: 1; 04.04.00 drawing-no.: 6.544-5330.03-4 possible footprint 16 15 14 13 12 11 10 9 12345678 15226
tcmt1600, tcMT4600 series www.vishay.com vishay semiconductors rev. 2.5, 23-jan-12 7 document number: 83512 for technical ques tions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package marking mt1600 v yww m 68 tcMT4600 v yww m 68
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of MT4600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X