Part Number Hot Search : 
4A000 MCP25511 AD7874AQ MB160 CD5265CS GV860 C143E SJ78L05
Product Description
Full Text Search
 

To Download MC74HC244ADTG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2012 july, 2012 ? rev. 14 1 publication order number: mc74hc244a/d mc74hc244a octal 3-state noninverting buffer/line driver/ line receiver high ? performance silicon ? gate cmos the mc74hc244a is identical in pinout to the ls244. the device inputs are compatible with standard cmos outputs; with pullup resistors, they are compatible with lsttl outputs. this octal noninverting buffer/line driver/line receiver is designed to be used with 3 ? state memory address drivers, clock drivers, and other bus ? oriented systems. the device has noninverting outputs and two active ? low output enables. the hc244a is similar in function to the hc240a. features ? output drive capability: 15 lsttl loads ? outputs directly interface to cmos, nmos, and ttl ? operating voltage range: 2.0 to 6.0 v ? low input current: 1  a ? high noise immunity characteristic of cmos devices ? in compliance with the requirements defined by jedec standard no. 7 a ? chip complexity: 136 fets or 34 equivalent gates ? nlv prefix for automotive and other applications requiring unique site and control change requirements; aec ? q100 qualified and ppap capable ? these devices are pb ? free, halogen free/bfr free and are rohs compliant http://onsemi.com see detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. ordering information 1 20 marking diagrams soic ? 20 dw suffix case 751d hc244a awlyywwg hc 244a alyw   tssop ? 20 dt suffix case 948e 1 1 20 1 20 20 pdip ? 20 n suffix case 738 1 20 mc74hc244an awlyywwg 1 20 a = assembly location wl, l = wafer lot yy, y = year ww, w = work week g or  = pb ? free package (*note: microdot may be in either location)
mc74hc244a http://onsemi.com 2 logic diagram data inputs a1 a2 a3 a4 b1 b2 b3 b4 17 15 13 11 8 6 4 218 16 14 12 9 7 5 3 yb4 yb3 yb2 yb1 ya4 ya3 ya2 ya1 noninverting outputs pin 20 = v cc pin 10 = gnd output enables enable a enable b 1 19 function table inputs outputs enable a, enable b a, b ya, yb lll lhh hxz z = high impedance pin assignment a3 a2 yb4 a1 enable a gnd yb1 a4 yb2 yb3 5 4 3 2 1 10 9 8 7 6 14 15 16 17 18 19 20 11 12 13 ya2 b4 ya1 enable b v cc b1 ya4 b2 ya3 b3 ordering information device package shipping ? mc74hc244ang pdip ? 20 (pb ? free) 18 units / rail mc74hc244adwg soic ? 20 wide (pb ? free) 38 units / rail mc74hc244adwr2g soic ? 20 wide (pb ? free) 1000 / tape & reel MC74HC244ADTG tssop ? 20 (pb ? free) 75 units / rail mc74hc244adtr2g tssop ? 20 (pb ? free) 2500 / tape & reel nlv74hc244adwr2g* soic ? 20 wide (pb ? free) 1000 / tape & reel nlv74hc244adtr2g* tssop ? 20 (pb ? free) 2500 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *nlv prefix for automotive and other applications requiring unique site and control change requirements; aec ? q100 qualified and ppap capable
mc74hc244a http://onsemi.com 3 maximum ratings symbol parameter value unit v cc dc supply voltage (referenced to gnd) ? 0.5 to + 7.0 v v in dc input voltage (referenced to gnd) ? 0.5 to v cc + 0.5 v v out dc output voltage (referenced to gnd) ? 0.5 to v cc + 0.5 v i in dc input current, per pin 20 ma i out dc output current, per pin 35 ma i cc dc supply current, v cc and gnd pins 75 ma i ik input clamp current (v i < 0 or v i > v cc ) 20 ma i ok output clamp current (v o < 0 or v o > v cc ) 20 ma p d power dissipation in still air, plastic dip? soic package? tssop package? 750 500 450 mw t stg storage temperature ? 65 to + 150  c t l lead temperature, 1 mm from case for 10 seconds (plastic dip, soic, ssop or tssop package) 260  c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recom mended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. ?derating ? plastic dip: ? 10 mw/  c from 65  to 125  c soic package: ? 7 mw/  c from 65  to 125  c tssop package: ? 6.1 mw/  c from 65  to 125  c recommended operating conditions symbol parameter min max unit v cc dc supply voltage (referenced to gnd) 2.0 6.0 v v in , v out dc input voltage, output voltage (referenced to gnd) 0 v cc v t a operating temperature, all package types ? 55 + 125  c t r , t f input rise and fall time v cc = 2.0 v (figure 1) v cc = 4.5 v v cc = 6.0 v 0 0 0 1000 500 400 ns dc electrical characteristics (voltages referenced to gnd) guaranteed limit symbol parameter test conditions v cc v ? 55 to 25  c  85  c  125  c unit v ih minimum high ? level input voltage v out = v cc ? 0.1 v |i out |  20  a 2.0 3.0 4.5 6.0 1.5 2.1 3.15 4.2 1.5 2.1 3.15 4.2 1.5 2.1 3.15 4.2 v v il maximum low ? level input voltage v out = 0.1 v |i out |  20  a 2.0 3.0 4.5 6.0 0.5 0.9 1.35 1.8 0.5 0.9 1.35 1.8 0.5 0.9 1.35 1.8 v v oh minimum high ? level output voltage v in = v ih |i out |  20  a 2.0 4.5 6.0 1.9 4.4 5.9 1.9 4.4 5.9 1.9 4.4 5.9 v v in = v ih |i out |  2.4 ma |i out |  6.0 ma |i out |  7.8 ma 3.0 4.5 6.0 2.48 3.98 5.48 2.34 3.84 5.34 2.2 3.7 5.2 this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high ? impedance cir- cuit. for proper operation, v in and v out should be constrained to the range gnd  (v in or v out )  v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open.
mc74hc244a http://onsemi.com 4 dc electrical characteristics (voltages referenced to gnd) guaranteed limit symbol unit  125  c  85  c ? 55 to 25  c v cc v test conditions parameter v ol maximum low ? level output voltage v in = v il |i out |  20  a 2.0 4.5 6.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 v v in = v il |i out |  2.4 ma |i out |  6.0 ma |i out |  7.8 ma 3.0 4.5 6.0 0.26 0.26 0.26 0.33 0.33 0.33 0.4 0.4 0.4 i in maximum input leakage current v in = v cc or gnd 6.0 0.1 1.0 1.0  a i oz maximum three ? state leakage current output in high ? impedance state v in = v il or v ih v out = v cc or gnd 6.0 0.5 5.0 10  a i cc maximum quiescent supply cur- rent (per package) v in = v cc or gnd i out = 0  a 6.0 4.0 40 160  a ac electrical characteristics (c l = 50 pf, input t r = t f = 6 ns) symbol parameter v cc v guaranteed limit unit ? 55 to 25  c  85  c  125  c t plh , t phl maximum propagation delay, a to ya or b to yb (figures 1 and 3) 2.0 3.0 4.5 6.0 96 50 18 15 115 60 23 20 135 70 27 23 ns t plz , t phz maximum propagation delay, output enable to ya or yb (figures 2 and 4) 2.0 3.0 4.5 6.0 110 60 22 19 140 70 28 24 165 80 33 28 ns t pzl , t pzh maximum propagation delay, output enable to ya or yb (figures 2 and 4) 2.0 3.0 4.5 6.0 110 60 22 19 140 70 28 24 165 80 33 28 ns t tlh , t thl maximum output transition time, any output (figures 1 and 3) 2.0 3.0 4.5 6.0 60 23 12 10 75 27 15 13 90 32 18 15 ns c in maximum input capacitance ? 10 10 10 pf c out maximum three ? state output capacitance (output in high ? impedance state) ? 15 15 15 pf c pd power dissipation capacitance (per buffer)* typical @ 25 c, v cc = 5.0 v pf 34 * used to determine the no ? load dynamic power consumption: p d = c pd v cc 2 f + i cc v cc .
mc74hc244a http://onsemi.com 5 switching waveforms figure 1. figure 2. v cc gnd t f t r data input a or b output ya or yb 10% 50% 90% 10% 50% 90% t tlh t plh t phl t thl enable a or b output y output y 50% 50% 50% 90% 10% t pzl t plz t pzh t phz v cc gnd high impedance v ol v oh high impedance test circuits *includes all probe and jig capacitance c l * test point device under test output figure 3. test circuit *includes all probe and jig capacitance c l * test point device under test output figure 4. test circuit connect to v cc when testing t plz and t pzl . connect to gnd when testing t phz and t pzh . 1 k  pin descriptions inputs a1, a2, a3, a4, b1, b2, b3, b4 (pins 2, 4, 6, 8, 11, 13, 15, 17) data input pins. data on these pins appear in noninverted form on the corresponding y outputs, when the outputs are enabled. controls enable a, enable b (pins 1, 19) output enables (active ? low). when a low level is applied to these pins, the outputs are enabled and the devices function as noninverting buffers. when a high level is applied, the outputs assume the high impedance state. outputs ya1, ya2, ya3, ya4, yb1, yb2, yb3, yb4 (pins 18, 16, 14, 12, 9, 7, 5, 3) device outputs. depending upon the state of the output ? enable pins, these outputs are either noninverting outputs or high ? impedance outputs.
mc74hc244a http://onsemi.com 6 logic detail data input a or b enable a or enable b to three other a or b inverters one of 8 inverters ya or yb v cc
mc74hc244a http://onsemi.com 7 package dimensions pdip ? 20 n suffix plastic dip package case 738 ? 03 issue e notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of lead when formed parallel. 4. dimension b does not include mold flash. m l j 20 pl m b m 0.25 (0.010) t dim min max min max millimeters inches a 25.66 27.17 1.010 1.070 b 6.10 6.60 0.240 0.260 c 3.81 4.57 0.150 0.180 d 0.39 0.55 0.015 0.022 g 2.54 bsc 0.100 bsc j 0.21 0.38 0.008 0.015 k 2.80 3.55 0.110 0.140 l 7.62 bsc 0.300 bsc m 0 15 0 15 n 0.51 1.01 0.020 0.040   e 1.27 1.77 0.050 0.070 1 11 10 20 ? a ? seating plane k n f g d 20 pl ? t ? m a m 0.25 (0.010) t e b c f 1.27 bsc 0.050 bsc soic ? 20 dw suffix case 751d ? 05 issue g 20 1 11 10 b 20x h 10x c l 18x a1 a seating plane  h x 45  e d m 0.25 m b m 0.25 s a s b t e t b a dim min max millimeters a 2.35 2.65 a1 0.10 0.25 b 0.35 0.49 c 0.23 0.32 d 12.65 12.95 e 7.40 7.60 e 1.27 bsc h 10.05 10.55 h 0.25 0.75 l 0.50 0.90  0 7 notes: 1. dimensions are in millimeters. 2. interpret dimensions and tolerances per asme y14.5m, 1994. 3. dimensions d and e do not include mold protrusion. 4. maximum mold protrusion 0.15 per side. 5. dimension b does not include dambar protrusion. allowable protrusion shall be 0.13 total in excess of b dimension at maximum material condition. 
mc74hc244a http://onsemi.com 8 package dimensions tssop ? 20 dt suffix case 948e ? 02 issue c dim a min max min max inches 6.60 0.260 millimeters b 4.30 4.50 0.169 0.177 c 1.20 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.27 0.37 0.011 0.015 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ? w ? . 110 11 20 pin 1 ident a b ? t ? 0.100 (0.004) c d g h section n ? n k k1 jj1 n n m f ? w ? seating plane ? v ? ? u ? s u m 0.10 (0.004) v s t 20x ref k l l/2 2x s u 0.15 (0.006) t detail e 0.25 (0.010) detail e 6.40 0.252 --- --- s u 0.15 (0.006) t 7.06 16x 0.36 16x 1.26 0.65 dimensions: millimeters 1 pitch soldering footprint *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d.
mc74hc244a http://onsemi.com 9 on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other intellectual property. a list ing of scillc?s product/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent ? marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parame ters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 mc74hc244a/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MC74HC244ADTG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X