creat by art ? ul recognized file # e-326243 ? low power loss, high efficiency ? high current capability, low forward voltage drop ? guard-ring for overvoltage protection mechanical data mbrf3035ct ito-220ab 50 / tube maximum ratings and el ectrical characteristics rating at 25 ambient temperature unless otherwise specified. symbol mbrf 3035 ct mbrf 3045 ct mbrf 3050 ct mbrf 3060 ct mbrf 3090 ct mbrf 30100 ct mbrf 30150 ct mbrf 30200 ct unit v rrm 35 45 50 60 90 100 150 200 v v rms 24 31 35 42 63 70 105 140 v v dc 35 45 50 60 90 100 150 200 v i f(av) a i rrm a dv/dt v/us cj pf r jc o c/w t j o c t stg o c version:j12 ordering information (example) part no. package packing packing code (green) c0g operating temperature range - 65 to + 150 storage temperature range - 65 to + 150 note 1: 2.0us pulse width, f=1.0khz note 2: pulse test : 300us pulse width, 1% duty cycle typical junction capacitance 580 480 360 typical thermal resistance per leg 4 ma 20 15 10 voltage rate of change (rated v r ) 10000 maximum reverse current @ rated vr t a =25 t a =125 i r 0.2 maximum instantaneous forward voltage (note 2) if=15a, t a =25 if=15a, t a =125 if=30a, t a =25 if=30a, t a =125 v f v 0.70 0.75 0.84 0.95 0.60 0.65 0.70 0.80 0.82 0.90 0.94 1.05 0.73 0.78 0.82 0.92 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 200 a peak repetitive reverse surge current (note 1) 1 0.5 maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 30 peak repetitive forward current (rated vr, square wave, 20khz) i frm 30 ? polarity: as marked ? mounting position:any ? mounting torque: 5 in. - lbs, max ? weight: 1.69 grams parameter maximum repetitive peak reverse voltage c0 packing code ? high surge capability ? for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications ? high temperature soldering guaranteed: 260 /10 seconds, at terminals ? green compound with suffix "g" on packing code & prefix "g" on datecode ? case:ito-220ab molded plastic body ? terminals: pure tin plated, lead free, solderable per mil-std-750, method 2026 mbrf3035ct - MBRF30200CT 30.0 amps. isolated scho ttky barrier rectifiers ito-220ab features ? plastic material used carriers underwriters laboratory classification 94v-0 ? metal silicon junction, majority carrier conduction
version:j12 ratings and characteristic curves (mbrf3035ct thru MBRF30200CT) 0 5 10 15 20 25 30 35 50 60 70 80 90 100 110 120 130 140 150 average forward a current (a) case temperature ( o c) fig.1 forward current derating curve resistive or inductiveload with heatsink 50 75 100 125 150 175 200 225 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 2 maximum non-repetitive forward surge current per leg 8.3ms single half sine wave jedec method 0.001 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 instantaneous reverse current (ma) percent of rated peak reverse voltage (%) fig. 4 typical reverse characteristics per leg ta=75 ta=125 mbrf3035ct - 3045ct mbrf3050ct - 30200ct ta=25 100 1000 10000 0.1 1 10 100 junction capacitance (pf) a reverse voltage (v) fig. 5 typical junc tion capacitance per leg ta=25 f=1.0mhz vsig=50mvp-p mbrf3035ct - 3045ct mbrf3050ct - 3060ct mbrf3090ct - 30200ct 0.01 0.1 1 10 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 instantaneous forward current (a) forward voltage (v) fig. 3 typical forward characteristics per leg ta=25 pulse width=300us 1% duty cycle mbrf3035ct-3045ct mbrf3050ct-3060ct mbrf3090ct-30100ct mbrf30150ct-30200ct 0.1 1 10 100 0.01 0.1 1 10 100 transient thermal impedance ( /w) t-pulse duration(s) fig. 6 typical transient thermal impedance per leg
ito-220ab dimensions min max min max a 4.30 4.70 0.169 0.185 b 2.50 3.16 0.098 0.124 c 2.30 2.96 0.091 0.117 d 0.46 0.76 0.018 0.030 e 6.30 6.90 0.248 0.272 f 9.60 10.30 0.378 0.406 g 3.00 3.40 0.118 0.134 h 0.95 1.45 0.037 0.057 i 0.50 0.90 0.020 0.035 j 2.40 3.20 0.094 0.126 k 14.80 15.50 0.583 0.610 l - 4.10 - 0.161 m 12.60 13.80 0.496 0.543 n - 1.80 - 0.071 o 2.41 2.67 0.095 0.105 p/n = specific device code g = green compound yww = date code c0 packing code (green) c0g dim. unit(mm) unit(inch) marking diagram mbrf30xxct 50 / tube note: "xx" is device code from "35" thru "200". ordering information part no. package bulk packing packing code
|