Part Number Hot Search : 
NJM2761 2SK3150L TDA84 3225K30 MX5305 ZMM5259 NJM2761 AK2364
Product Description
Full Text Search
 

To Download MBL06S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary bruckewell technology corp., ltd. surface mount bridge rectifier MBL06S features ? high current capability ? high surge current capability ? high reliability ? low forward voltage drop applications: ? input rectification for led lighting ? power over ethernet (poe) peripherals ? general purpose full wave rectification mechanical data case: mbs epoxy: ul94v-o rate flame retardant lead: lead formed for surface mount maximum ratings (tc=25c unless otherwise noted) parameter symbol mbl106s unit maximum repetitive peak reverse voltage vrrm 600 v working peak reverse voltage vrwm 420 v maximum dc blocking voltage vdc 600 v maximum average forward rectifie d current total device if(av) 0.8 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) ifsm 50 a operating junction temperature range tj -55 to +150 c storage temperature range tstg -55 to +150 c electrical characteristics (tc=25c unless otherwise noted) parameter symbol typ max unit maximun instantaneous at if=0.4a, tj=25c vf 0.78 0.85 v maximum reverse current tj=25c 1 5 u'a at working peak reverse voltage tj=125c ir - 500 u'a thermal characteristics (tc=25c unless otherwise noted) parameter symbol unit r ja 75 typical thermal resistance rthjl 28 c/w (1) pulse test: 300 s pulse width, 1 % duty cycle (2) pulse test: pulse width 40 ms
preliminary bruckewell technology corp., ltd.


▲Up To Search▲   

 
Price & Availability of MBL06S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X