Part Number Hot Search : 
M41T82 74VHC1 58C2336M 74VHC1 74VHC1 HCPL7611 AK7735EQ 12A50
Product Description
Full Text Search
 

To Download MAX8211CSAT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ________________general description maxim? max8211 and max8212 are cmos micropower voltage detectors that warn microprocessors (?s) of power failures. each contains a comparator, a 1.5v bandgap reference, and an open-drain n-channel output driver. two external resistors are used in conjunction with the internal reference to set the trip voltage to the desired level. a hysteresis output is also included, allowing the user to apply positive feedback for noise-free output switching. the max8211 provides a 7ma current-limited output sink whenever the voltage applied to the threshold pin is less than the 1.5v internal reference. in the max8212, a voltage greater than 1.5v at the threshold pin turns the output stage on (no current limit). the cmos max8211/max8212 are plug-in replacements for the bipolar icl8211/icl8212 in applications where the maximum supply voltage is less than 16.5v. they offer sev- eral performance advantages, including reduced supply current, a more tightly controlled bandgap reference, and more available current from the hysteresis output. ________________________applications ? voltage monitoring undervoltage detection overvoltage detection battery-backup switching power-supply fault monitoring low-battery detection ____________________________features p power-fail warning improved 2nd source for icl8211/icl8212 low-power cmos design 5a quiescent current on-board hysteresis output 40mv threshold accuracy (3.5%) 2.0v to 16.5v supply-voltage range define output current limit (max8211) high output current capability (max8212) _______________ordering information max8211/max8212 microprocessor voltage monitors with programmable voltage detection ________________________________________________________________ maxim integrated products 1 v+ hyst thresh max8211 out gnd v+ r3 r2 r1 logic-supply undervoltage detector (detailed circuit diagram?igure 5) p nmi ___________________pin configuration top view v+ max8211 max8212 n.c. n.c. gnd 8 7 6 5 2 3 4 n.c. 1 hyst thresh out dip/so ___________t ypical operating circuit part temp range pin-package max8211 cpa 0? to +70? 8 plastic dip max8211csa 0? to +70? 8 so max8211cua 0? to +70? 8 ?ax max8211cty 0? to +70? 8 to-99 max8211epa -40? to +85? 8 plastic dip max8211esa -40? to +85? 8 so max8211eja -40? to +85? 8 cerdip max8211mja -55? to +125? 8 cerdip max8211mtv -55? to +125? 8 to-99 max8211ety -40? to +85? 8 to-99 19-0539; rev 4; 9/02 ordering information continued on last page. * contact factory for dice specifications. for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. pin configurations continued at end of data sheet.
max8211/max8212 microprocessor voltage monitors with programmable voltage detection 2 _______________________________________________________________________________________ supply voltage .......................................................-0.5v to +18v output voltage .......................................................-0.5v to +18v hysteresis...................+0.5v to -18v with respect to (v+ + 0.5v) threshold input voltage ...............................-0.5v to (v+ + 0.5v) current into any terminal .................................................?0ma continuous power dissipation (t a = +70?) 8-pin plastic dip (derate 9.09mw/? above +70?) .....727mw 8-pin so (derate 5.88mw/? above +70?)..................471mw 8-pin cerdip (derate 8.00mw/? above +70?)..........640mw 8-pin to-99 (derate 6.67mw/? above +70?).............533mw operating temperature ranges max821_c_ _ .......................................................0? to +70? max821_e_ _.....................................................-40? to +85? max821_m_ _ ..................................................-55? to +125? storage temperature range .............................-65? to +150? lead temperature (soldering, 10s) .................................+300? stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. absolute maximum ratings electrical characteristics (v+ = 5v, t a = +25?, unless otherwise noted.) parameter symbol conditions units t a = +25? 515 515 supply current i+ 2v v+ 16.5v, gnd v th v+ t a = t min to t max 20 20 ? threshold voltage disparity between output and hysteresis output v thp ?.1 ?.1 mv 2.0 16.5 2.0 16.5 guaranteed operating supply voltage range v supp 2.2 16.5 2.2 16.5 v typical operating supply voltage range v supp 1.5 16.5 1.5 16.5 v threshold voltage temperature coefficient ? v th / ? t -200 -200 ppm/? variation of threshold voltage with supply voltage ? v th v+ = 4.5v to 5.5v 1.0 0.2 mv 0.01 10 0.01 10 threshold input current i th 20 20 na output leakage current i lout v out = 16.5v, v th = 1.0v 10 v out = 16.5v, v th = 1.3v 10 v out = 5v, v th = 1.0v 1 t a = t min to t max , c/e temp. ranges v out = 5v, v th = 1.3v 1 v out = 16.5v, v th = 0.9v 30 v out = 16.5v, v th = 1.3v 30 v out = 5v, v th = 0.9v 10 t a = t min to t max , m temp. range v out = 5v, v th = 1.3v 10 ? max8212 min typ max max8211 min typ max t a = t min to t max 0v v th v+, t a = +25? i out = 4ma, i hyst = 1ma t a = +25? t a = t min to t max see figure 4 v+ = 16.5v, i out = 3ma 1.05 1.25 1.05 1.25 v+ = 16.5v, i out = 4ma 1.11 1.19 1.11 1.19 threshold trip voltage v th t a = +25? v+ = 2v, i out = 500? v t a = t min to t max v+ = 2.2v, i out = 500?
max8211/max8212 microprocessor voltage monitors with programmable voltage detection ________________________________________________________________________________________ 3 note 1: the maximum output current of the max8211 is limited by design to 30ma under any operating condition. the output voltage may be sustained at any voltage up to +16.5v as long as the maximum power dissipation of the device is not exceeded. note 2: the maximum output current of the max8212 is not defined, and systems using the max8212 must therefore ensure that the output current does not exceed 50ma and that the maximum power dissipation of the device is not exceeded. electrical characteristics (continued) (v+ = 5v, t a = +25?, unless otherwise noted.) parameter symbol conditions units i out = 2ma, v th = 1.0v 0.17 0.4 output saturation voltage v ol i out = 2ma, v th = 1.3v 0.17 0.4 v v th = 1.0v (note 1) 47.0 maximum available output current i oh c temp. range, v out = 5v v th = 1.3v (note 2) 12 35 ma t a = t min to t max , c/e temp. ranges, v+ = 16.5v, v th = 1.0v, v hyst = -16.5v with respect to v+ 0.1 0.1 hysteresis leakage current i lhys t a = t min to t max , m temp. range, v+ = 16.5v, v th = 0.9v, v hyst = -16.5v with respect to v+ 3 3 ? hysteresis saturation voltage v hys (max) i hyst = 0.5ma, v th = 1.3v, measured with respect to v+ -0.1 -0.2 -0.1 -0.2 v maximum available hysteresis current v hys (max) v th = 1.3v, v hys = 0v 210 210 ma max8212 min typ max max8211 min typ max _______________detailed description as shown in the block diagrams of figures 1 and 2, the max8211 and max8212 each contain a 1.15v refer- ence, a comparator, an open-drain n-channel output transistor, and an open-drain p-channel hysteresis out- put. the max8211 output n-channel turns on when the voltage applied to the thresh pin is less than the internal reference (1.15v). the sink current is limited to 7ma (typical), allowing direct drive of an led without a series resistor. the max8212 output turns on when the voltage applied to thresh is greater than the internal reference. it is not current limited, and will typically sink 35ma. compatibility with icl8211/icl8212 the cmos max8211/max8212 are plug-in replacements for the bipolar icl8211/icl8212 in most applications. the use of cmos technology has several advantages. the quiescent supply current is much less than in the bipolar parts. higher-value resistors can also be used p n 1.15v reference hyst out thresh v+ figure 1. max8211 block diagram
max8211/max8212 microprocessor voltage monitors with programmable voltage detection 4 _______________________________________________________________________________________ v+ hyst thresh max8211 max8212 out gnd v+ r3 r2 r1 v out v in figure 3. basic overvoltage/undervoltage circuit in the networks that set up the trip voltage, since the comparator input (thresh pin) is a low-leakage mosfet transistor. this further reduces system current drain. the tolerance of the internal reference has also been significantly improved, allowing for more precise voltage detection without the use of potentiometers. the available current from the hyst output has been increased from 21? to 10ma, making the hysteresis feature easier to use. the disparity between the hyst output and the voltage required at thresh to switch the out pin has also been reduced in the max8211 from 8mv to 0.1mv to eliminate output ?hatter?or oscillation. most voltage detection circuits operate with supplies of 15v or less; in these applications, the max8211/ max8212 will replace icl8211/icl8212s with the per- formance advantages described above. however, note that the cmos parts have an absolute maximum sup- ply-voltage rating of 18v, and should never be used in applications where this rating could be exceeded. exercise caution when replacing icl8211/icl8212s in closed-loop applications such as programmable zeners. although neither the icl8211/icl8212 nor the max8211/max8212 are internally compensated, the cmos parts have higher gain and may not be stable for the external compensation-capacitor values used in lower-gain icl8211/icl8212 circuits. __________applications information basic voltage detectors figure 3 shows the basic circuit for both undervoltage detection (max8211) and overvoltage detection (max8212). for applications where no hysteresis is needed, r3 should be omitted. the ratio of r1 to r2 is then chosen such that, for the desired trip voltage at v in , 1.15v is applied to the thresh pin. since the com- parator inputs are very low-leakage mosfet transis- tors, the max8211/max8212 can use much higher resistors values in the attenuator network than can the bipolar icl8211/icl8212. see table 1 for switching delays. table 1. switching delays voltage detectors with hysteresis to ensure noise-free output switching, hysteresis is frequently used in voltage detectors. for both the max8211 and max8212 the hyst output is on for threshold voltages greater than 1.15v. r3 (figure 3) controls the amount of current (positive feedback) sup- plied from the hyst output to the mid-point of the resis- tor divider, and hence the magnitude of the hysteresis, or dead-band. figure 2. max8212 block diagram p n 1.15v reference hyst out thresh v+ typical delays max8211 max8212 t (on) 40? 250? t (off) 1.5ms 3ms
calculate resistor values for figure 3 as follows: 1) choose a value for r1. typical values are in the 10k ? to 10m ? range. 2) calculate r2 for the desired upper trip point v u using the formula: 3) calculate r3 for the desired amount of hysteresis, where v l is the lower trip point: or, if v + = v in : figure 5 shows an alternate circuit, suitable only when the voltage being detected is also the power-supply voltage for the max8211 or max8212. calculate resistor values for figure 5 as follows: 1) choose a value for r1. typical values are in the 10k ? to 10m ? range. 2) calculate r2: 3) calculate r3: low-voltage detector for logic supply the circuit of figure 5 will detect when a 5.0v (nominal) supply goes below 4.5v, which is the v min normally specified in logic systems. the selected resistor values ensure that false undervoltage alarms will not be gener- ated, even with worst-case threshold trip values and resistor tolerances. r3 provides approximately 75mv of hysteresis. r3 r1 (v u v l ) 1.15v = ? r2 r1 (v l v th ) v th r1 (v l 1.15v) 1.15v = ? = ? r3 r2 (v l v th ) (v u v l ) r2 (v l 1.15v) (v u v l ) = ? ? = ? ? r3 r2 (v v th ) (v u v l ) r2 (v + 1.15v) (v u v l ) = +? ? = ? ? r2 = r1 (v u v th ) v th r1 (v u 1.15v) 1.15v ? = ? max8211/max8212 microprocessor voltage monitors with programmable voltage detection ________________________________________________________________________________________ 5 -55 t a (?) v th (v) 1.250 1.230 1.210 1.190 1.170 1.150 1.130 1.110 1.090 1.070 1.050 max8211,8212-fig 4 -252575125 v+ = 16.5v v+ = 2v figure 4. max8211/max8212 threshold trip voltage vs. ambient temperature v in hyst max8211 out gnd v+ r3 48.7k ? 1% r2 2.2m ? 1% r1 750k ? 1% v out (low for v in < 4.5v) thresh figure 5. max8211 logic-supply low-voltage detector
max8211/max8212 microprocessor voltage monitors with programmable voltage detection 6 _______________________________________________________________________________________ _ordering information (continued) _____________________________________________pin configurations (continued) part temp range pin-package max8212 cpa 0? to +70? 8 plastic dip max8212csa 0? to +70? 8 so max8212cua 0? to +70? 8 ?ax max8212cty 0? to +70? 8 to-99 max8212epa -40? to +85? 8 plastic dip max8212esa -40? to +85? 8 so max8212eja -40? to +85? 8 cerdip max8212mja -55? to +125? 8 cerdip max8212mtv -55? to +125? 8 to-99 max8212ety -40? to +85? 8 to-99 1 2 3 4 8 7 6 5 thresh hyst n.c. v+ gnd n.c. n.c. out max8211 max8212 max top view top view 8 7 6 5 4 3 2 1 hyst v+ n.c. n.c. gnd n.c. thresh out to-99* case is connected to pin 7 on tv package. case is connected to pin 4 on ty package. * * contact factory for dice specifications.
max8211/max8212 microprocessor voltage monitors with programmable voltage detection _______________________________________________________________________________________ 7 8lumaxd.eps package outline, 8l umax/usop 1 1 21-0036 j rev. document control no. approval proprietary information title: max 0.043 0.006 0.014 0.120 0.120 0.198 0.026 0.007 0.037 0.0207 bsc 0.0256 bsc a2 a1 c e b a l front view side view e h 0.60.1 0.60.1 ? 0 .500.1 1 top view d 8 a2 0.030 bottom view 1 6 s b l h e d e c 0 0.010 0.116 0.116 0.188 0.016 0.005 8 4x s inches - a1 a min 0.002 0.950.75 0.5250 bsc 0.25 0.36 2.95 3.05 2.95 3.05 4.78 0.41 0.65 bsc 5.03 0.66 60 0.13 0.18 max min millimeters - 1.10 0.05 0.15 dim package information (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline information, go to www.maxim-ic.com/packages .)
max8211/max8212 microprocessor voltage monitors with programmable voltage detection 8 _______________________________________________________________________________________ soicn .eps package outline, .150" soic 1 1 21-0041 b rev. document control no. approval proprietary information title: top view front view max 0.010 0.069 0.019 0.157 0.010 inches 0.150 0.007 e c dim 0.014 0.004 b a1 min 0.053 a 0.19 3.80 4.00 0.25 millimeters 0.10 0.35 1.35 min 0.49 0.25 max 1.75 0.050 0.016 l 0.40 1.27 0.394 0.386 d d mindim d inches max 9.80 10.00 millimeters min max 16 ac 0.337 0.344 ab 8.75 8.55 14 0.189 0.197 aa 5.004.80 8 n ms012 n side view h 0.2440.228 5.80 6.20 e 0.050 bsc 1.27 bsc c h e e b a1 a d 0-8 l 1 variations: package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline information, go to www.maxim-ic.com/packages .)
max8211/max8212 microprocessor voltage monitors with programmable voltage detection _______________________________________________________________________________________ 9 pdipn.eps package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline information, go to www.maxim-ic.com/packages .)
maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circuit patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 10 __________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 (408) 737-7600 ? 2002 maxim integrated products printed usa is a registered trademark of maxim integrated products. max8211/max8212 microprocessor voltage monitors with programmable voltage detection to-99, 8ld .eps package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline information, go to www.maxim-ic.com/packages .)
e nglish ? ???? ? ??? ? ??? what's ne w p roducts solutions de sign ap p note s sup p ort buy comp any me mbe rs m axim > p roduc ts > t imekeeping, t imers , and c ounters max8211, max8212 microprocessor voltage monitors with programmable voltage detection quickview technical documents ordering info more information all ordering information notes: other options and links for purchasing parts are listed at: http://www.maxim-ic.com/sales . 1. didn't find what you need? ask our applications engineers. expert assistance in finding parts, usually within one business day. 2. part number suffixes: t or t&r = tape and reel; + = rohs/lead-free; # = rohs/lead-exempt. more: see full data sheet or part naming c onventions . 3. * some packages have variations, listed on the drawing. "pkgc ode/variation" tells which variation the product uses. 4. devices: 1-55 of 55 m ax8211 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is max8211eja c eramic dip;8 pin;81 mm dwg: 21-0045a (pdf) use pkgcode/variation: j8-2 * -40c to +85c rohs/lead-free: no materials analysis max8211mja/hr c eramic dip;8 pin;81 mm dwg: 21-0045a (pdf) use pkgcode/variation: j8-2 * -55c to +125c rohs/lead-free: no materials analysis max8211mja/883b c eramic dip;8 pin;81 mm dwg: 21-0045a (pdf) use pkgcode/variation: j8-2 * -55c to +125c rohs/lead-free: no materials analysis max8211mja c eramic dip;8 pin;81 mm dwg: 21-0045a (pdf) use pkgcode/variation: j8-2 * -55c to +125c rohs/lead-free: no materials analysis max8211c /d rohs/lead-free: see data sheet max8211mfb/883b -55c to +125c rohs/lead-free: see data sheet max8211mtv/hr gold c an -to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: g99-8 * -55c to +125c rohs/lead-free: no materials analysis max8211mtv/883b gold c an -to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: g99-8 * -55c to +125c rohs/lead-free: no materials analysis max8211c ty metal c an-to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: t99-8 * 0c to +70c rohs/lead-free: no materials analysis max8211c ty-2 metal c an-to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: t99-8 * 0c to +70c rohs/lead-free: no materials analysis max8211ety metal c an-to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: t99-8 * -40c to +85c rohs/lead-free: no materials analysis max8211mty metal c an-to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: t99-8 * -55c to +125c rohs/lead-free: no materials analysis max8211c pa+ pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8+1 * 0c to +70c rohs/lead-free: lead free materials analysis
max8211c pa pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8-1 * 0c to +70c rohs/lead-free: no materials analysis max8211epa+ pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8+1 * -40c to +85c rohs/lead-free: lead free materials analysis max8211epa pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8-1 * -40c to +85c rohs/lead-free: no materials analysis max8211ipa pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8-1 * -20c to +85c rohs/lead-free: no materials analysis max8211c sa+t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+2 * 0c to +70c rohs/lead-free: lead free materials analysis max8211c sa soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * 0c to +70c rohs/lead-free: no materials analysis max8211c sa-t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * 0c to +70c rohs/lead-free: no materials analysis max8211c sa+ soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+2 * 0c to +70c rohs/lead-free: lead free materials analysis max8211esa-t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * -40c to +85c rohs/lead-free: no materials analysis max8211esa soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * -40c to +85c rohs/lead-free: no materials analysis max8211esa+ soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+2 * -40c to +85c rohs/lead-free: lead free materials analysis max8211esa+t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+2 * -40c to +85c rohs/lead-free: lead free materials analysis max8211c ua+t umax;8 pin;16 mm dwg: 21-0036j (pdf) use pkgcode/variation: u8+1 * 0c to +70c rohs/lead-free: lead free materials analysis max8211c ua+ umax;8 pin;16 mm dwg: 21-0036j (pdf) use pkgcode/variation: u8+1 * 0c to +70c rohs/lead-free: lead free materials analysis max8211c ua umax;8 pin;16 mm dwg: 21-0036j (pdf) use pkgcode/variation: u8-1 * 0c to +70c rohs/lead-free: no materials analysis max8211c ua-t umax;8 pin;16 mm dwg: 21-0036j (pdf) use pkgcode/variation: u8-1 * 0c to +70c rohs/lead-free: no materials analysis m ax8212 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is max8212eja c eramic dip;8 pin;81 mm dwg: 21-0045a (pdf) use pkgcode/variation: j8-2 * -40c to +85c rohs/lead-free: no materials analysis max8212mja c eramic dip;8 pin;81 mm dwg: 21-0045a (pdf) use pkgcode/variation: j8-2 * -55c to +125c rohs/lead-free: no materials analysis max8212mja/883b c eramic dip;8 pin;81 mm dwg: 21-0045a (pdf) use pkgcode/variation: j8-2 * -55c to +125c rohs/lead-free: no materials analysis max8212mtv/hr gold c an -to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: g99-8 * -55c to +125c rohs/lead-free: no materials analysis max8212mtv/883b gold c an -to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: g99-8 * -55c to +125c rohs/lead-free: no materials analysis max8212mtv gold c an -to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: g99-8 * -55c to +125c rohs/lead-free: no materials analysis
max8212c ty metal c an-to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: t99-8 * 0c to +70c rohs/lead-free: no materials analysis max8212c ty-2 metal c an-to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: t99-8 * 0c to +70c rohs/lead-free: no materials analysis max8212ety metal c an-to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: t99-8 * -40c to +85c rohs/lead-free: no materials analysis max8212mty metal c an-to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: t99-8 * -55c to +125c rohs/lead-free: no materials analysis max8212epa+ pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8+1 * -40c to +85c rohs/lead-free: lead free materials analysis max8212c pa+ pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8+1 * 0c to +70c rohs/lead-free: lead free materials analysis max8212c pa pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8-1 * 0c to +70c rohs/lead-free: no materials analysis max8212epa pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8-1 * -40c to +85c rohs/lead-free: no materials analysis max8212c sa+ soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+2 * 0c to +70c rohs/lead-free: lead free materials analysis max8212c sa soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * 0c to +70c rohs/lead-free: no materials analysis max8212c sa-t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * 0c to +70c rohs/lead-free: no materials analysis max8212c sa+t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+2 * 0c to +70c rohs/lead-free: lead free materials analysis max8212esa+ soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+2 * -40c to +85c rohs/lead-free: lead free materials analysis max8212esa+t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+2 * -40c to +85c rohs/lead-free: lead free materials analysis max8212esa soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * -40c to +85c rohs/lead-free: no materials analysis max8212esa-t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * -40c to +85c rohs/lead-free: no materials analysis max8212c ua+t umax;8 pin;16 mm dwg: 21-0036j (pdf) use pkgcode/variation: u8+1 * 0c to +70c rohs/lead-free: lead free materials analysis max8212c ua+ umax;8 pin;16 mm dwg: 21-0036j (pdf) use pkgcode/variation: u8+1 * 0c to +70c rohs/lead-free: lead free materials analysis max8212c ua umax;8 pin;16 mm dwg: 21-0036j (pdf) use pkgcode/variation: u8-1 * 0c to +70c rohs/lead-free: no materials analysis max8212c ua-t umax;8 pin;16 mm dwg: 21-0036j (pdf) use pkgcode/variation: u8-1 * 0c to +70c rohs/lead-free: no materials analysis didn't find what you need? next day product selection assistance from applications engineers parametric search applications help
quickview technical documents ordering info more information des c ription key features a pplic ations /u s es key spec ific ations diagram data sheet a pplic ation n otes des ign guides e ngineering journals reliability reports software/m odels e valuation kits p ric e and a vailability samples buy o nline p ac kage i nformation lead-free i nformation related p roduc ts n otes and c omments e valuation kits doc ument ref.: 1 9 -0 5 3 9 ; rev 4 ; 2 0 0 3 -0 9 -1 2 t his page las t modified: 2 0 0 7 -0 5 -3 0 c ontac t us: send us an email c opyright 2 0 0 7 by m axim i ntegrated p roduc ts , dallas semic onduc tor ? legal n otic es ? p rivac y p olic y


▲Up To Search▲   

 
Price & Availability of MAX8211CSAT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X