Part Number Hot Search : 
STU40 SP706SEU 470M1 BZX70C11 W10NK60Z 12D05 R12X09 2N1596
Product Description
Full Text Search
 

To Download MAH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mmd monitor/quartztek 30400 esperanza, rancho santa margarita, ca, 92688 phone: (949) 709-5075, fax: (949) 709-3536, www.mmdcomp.com sales@mmdcomp.com in the event of conflict, the requiremen ts of this specification shall govern. revision: 04/08/11 g revisions only with customer approval pg 1 of 2 m m a a h h s s e e r r i i e e s s 1 1 4 4 p p i i n n d d i i p p o o s s c c i i l l l l a a t t o o r r shock mil-std-883, method 2002 cond b solderability mil-std-883, method 2003 solvent resistance mil-std-202, method 215 vibration mil-std-883, method 2007, cond a gross leak test mil-std-883, method 1014, cond c fine leak test mil-std-883, method 1014, cond a2 msl level 1 per ipc/jedec j-std 20 environmental & mechanical detail marking detail ?? industry standard package ?? rohs compliant available ?? hcmos output ?? wide frequency range line 1 = mxxxxx m = mmd xxxxx = frequency in mhz line 2 = syywwl s = internal code yyww = 4 numerical digit date code (year / week) l = denotes rohs compliant line 3 = xxxxx internal use only may vary with lots pin 1 designator frequency range 5.000khz to 200.000mhz frequency stability (inclusive of temperature, load, voltage and aging) see part number guide operating temperature see part number guide storage temperature -55c to +125c waveform hcmos logic ?0? 10% vdd max logic ?1? 90% vdd min duty cycle 50% of waveform see part number guide load 50pf max start up time 10msec max rise/fall time up to 70.000mhz 6 nsec max above 70.000mhz 4 nsec max standby current consumption 100a supply voltage (vdc 10%) ? su pply current (in ma max) +5.0 +3.3 +2.5/+1.8 5.000khz to 1.000mhz 35 10 na 1.001mhz to 24.000mhz 45 25 na 24.001mhz to 50.000mhz 55 35 na 50.001mhz to 70.000mhz 60 35 na 70.001mhz to 200.000mhz 85 40 na 24.000mhz to 30.000mhz na na 20 30.001mhz to 80.000mhz na na 40
mmd monitor/quartztek 30400 esperanza, rancho santa margarita, ca, 92688 phone: (949) 709-5075, fax: (949) 709-3536, www.mmdcomp.com sales@mmdcomp.com in the event of conflict, the requiremen ts of this specification shall govern. revision: 04/08/11 g revisions only with customer approval pg 2 of 2 part number guide mechanical details 1 14 8 7 5.08 [.200] 15.24 [.600] 7.62 [.300] pin 1 pin 7 pin 8 pin 14 n/c, tri-state or standby case ground output supply voltage pin connections dimensions in bracket are in inches external bypass capacitor recommended 20.70 [.815] max 5.08 [.200] min .50 [.020] 13.10 [.516] max mxxxxx syywwl xxxxx high impedance oscillation tri-state operation logic "0" or grd logic "1" or n/c pin 1 pin 8 010 = 10 ppm 020 = 20 ppm 025 = 25 ppm 050 = 50 ppm 100 = 100 ppm frequency stability supply voltage 5 = +5.0 vdc 3 = +3.3 vdc 2 = +2.5 vdc 1 = +1.8 vdc rohs compliant blank = not compliant f = is rohs compliant blank = no added options g = gull-wing (option 2) clxxx = cut leads xxx = lead length code value added options pin 1 connection blank = no connect h = tri-state s = standby blank = 40/60% a = 45/55% b = 47.5/52.5% symmetry blank = 0c to +70c 27 = -20c to +70c 48 = -40c to +85c operating temperature MAH frequency please consult with mmd sales department for any other parameters or options 14 pin dip


▲Up To Search▲   

 
Price & Availability of MAH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X