linear p.t.c. thermistor type lt series literature no. 1773243 issued: 04-05 dimensions are shown for reference purposes only. dimensions are in millimetres unless otherwise specified. specifications subject to change. www.tycoelectronics.com passives.tycoelectronics.com key features insulated package style positive temperature coefficient supplied on tape for auto insertion 0.16 watts or 0.25 watts available wide operating temperature range available with pre formed leads type lt series the lt temperature sensing resistors are trimmed to specification on latest equipment. the case construction epoxy coated with axial leads, permits automatic insertion with available tape and reel packaging. characteristics - electrical characteristics - environmental style 16 style 14 resistance range: 10r to 5k1 10r to 10k resistance values: e24 grid e24 grid resistance tolerance: ?% 5% t.c.r. tolerance: ?0% ?0% power rating (watts): 0.16 watts at 70? 0.25 watts at 70? withstand voltage: 300v 500v short time overload: 2.5 x rated voltage 2.5 x rated voltage for 5 seconds for 5 seconds marking dimensions operating temperature range: -40? to +125? load life at 70?: ?% +0.05 ohms (after 1000 hours) temperature cycling: -40? to +125? (5 cycles) moisture resistance: ?% +0.05 ohms (after 1000 hours at 40?, 95% rh) style l max. d d ltxxxx16 3.4 1.7 0.2 0.45 ltxxxx14 6.8 2.3 0.3 0.60 lt 3000 16 t26 1k0 j resistance multiplier resistance 2nd code resistance 1st code t.c.r. 2nd code t.c.r. 1st code common part 3000 - 3000ppm/? 3300 - 3300ppm/? t.c.r power rating lt - linear positive tcr thermistor sensor 16 - 0.16 watts 14 - 0.25 watts packaging 1 ohm (1 ohm) 1r0 1k ohm (1000 ohms) 1k0 resistance value tolerance t-26 taped and ammo packed j - 5% how to order
|