Part Number Hot Search : 
X1000 DG529 MAX197BC SN102 BSV24 B200022 SN102 BA158
Product Description
Full Text Search
 

To Download KK1232 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data power supply control with built-in watchdog timer ordering information kk 1232n plastic kk 1232d soic t a = -40 to 8 5 c for all packages . kk 1232 is designed to monitor power supply within the system of reset signal generation for m i croprocessors. it is used in m onitor system s for controlling various processes and entities. packaged in 8-pin sop or dip. features: ? rated supply voltage 5.0 v ? accurate 5% or 10% m i croprocessor power supply m onitoring ? program m i ng of watchdog tim er overflow tim e ? generation of reset signals at power on for correct m i croproces sor start. KK1232 the chip contains reference voltage source, analog com p arator, w a tchdog tim er, circuit for m onitoring power supply deviation accuracy. . functions: ? reset signal generation after power failure/ error ? reset signal generation from external ?reset? pushbutton ? reset signal generation from watchdog tim er fig 1 ? pin assignment 06 rst 05 rst gnd 04 pbrst 01 td 02 tol 03 07 st 08 vcc tabl e 1 ? absol u t e m a xi m u m rat i ngs typical sy m bol param e ter min max un its v suppl y vol t a ge - 7.0 v v ih input vol t a ge, hi gh l e vel - 7.0 v v il input vol t a ge, l o w l e vel -1.0 - v a operat i ng t e m p erat ure range -40 +85 t stg st orage t e m p erat ure -60 +125 1
KK1232 table 2 ? recom m e nded operating conditions typical sy m bol param e ter min max un its v suppl y vol t a ge 4.5 5.5 v v ih input vol t a ge, hi gh l e vel 2.0 u + 0 . 3 v v il input vol t a ge, l o w l e vel -0.3 0.8 v a operat i ng t e m p erat ure range -20 +70 table 3 dc electrical characteristics (t am b = -40 to +85 ) typical sy m b o l p a r a m e t e r t e s t c o n d i t i o n s mi n m a x un its i lil1 input leakage current, low level, st, tol v cc =5 v 10% , v il =0 v - - 1 i lil2 input leakage current, low level, td v cc =5 v 10% , v il =0 v - - 3 0 0 i lil3 input leakage current, low level, pbrst v cc =5 v 10% , v il =0 v - - 1 0 0 0 i lih1 input leakage current, high level, st, tol v cc =5 v 10% , v ih =v cc - 1 i lih2 input leakage current, high level, td v cc =5 v 10% , v ih =v cc - 3 0 0 i oh output current, high level, rst v cc =5 v 10% , v oh =2.4 v - 8 - i ol output current, low level, rst, rst v cc =5 v 10% , v ol =0.4 v 8 - m v oh output voltage, high level, rst v cc =5 v 10% , i oh = -500 v -0.5 - v v oh1 output voltage, high level,- rst v cc =2 v, i oh = -500 v -0.5 - v v ol output voltage, low level, rst v cc =2 v, i ol =1 m - 0 . 4 v i operating current v cc =5 v 10% - 2 m v cc tp1 v cc trip point tol = gnd 4 . 5 4 . 7 4 v v cc tp2 v cc trip point tol = v cc 4 . 2 5 4 . 4 9 v 2
KK1232 table 4 ? ac electrical characteristics ( am b = from -40 to +85 ) typical sy m b o l p a r a m e t e r t e s t c o n d i t i o n s mi n m a x un its t td1 watchdog tim er overflow tim e v cc =5.0 v 10% t st 20 ns td = gnd 6 2 . 5 2 5 0 ms t td2 td disconnected 250 1000 ms t td3 t d = v cc 5 0 0 2 0 0 0 ms t pdly pbrst stable low to rst and rst v cc =5.0 v 10% t pb 20 m s - 2 0 ms t rst reset active tim e v cc =5.0 v 10% t pb 20 m s 2 5 0 1 0 0 0 ms t rpd v cc fail detect to rst and rst v cc =from 5.0 to 4.0 v t f 10 s - 1 7 5 s t rpu v cc detect to rst and rst transition v cc = from 5.0 to 4.0 v t r 1 s 2 5 0 1 0 0 0 ms table 5 ? pin description pi n s y m bol descri pt i o n 0 1 p b r s t pushbut t on reset i nput 02 td tim e delay set 03 tol sel ect s 5% or 10% v cc detect 0 4 g n d g r o u n d 05 r s t r e set out put (act i v e hi gh) 06 r s t r e set out put (act i v e low, open drai n) 0 7 s t st r o b e input 0 8 v cc suppl y out put from vol t a ge source 3
t pb 20 m s t pdly 20 m s 250 m s t rst 1000 m s v il v ih t rst t pb t pdly ______ pbrst ____ rst rst fi g. 2 ? ti m i ng di agram of form i ng reset si gnal from ext e rnal pb r s t cont rol but t on t st m ax mi n t td1 - t td3 rst ___ st indet e rm i n at e st rob valid stro b inval i d st rob t st 20 ? 62.5 m s t td1 250 m s 250 m s t td2 1000 m s 500 m s t td3 2000 m s fi g. 3 ? ti m i ng di agram : st robe i nput 4 KK1232
t f 10 s t rpd 175 s fi g. 4 ? ti m i ng di agram : power error / down t o v cctp t r 1 s 250 m s t rpu 1000 m s ____ rst rst v ol v oh t rpd t r t rpu v oh v ol rst rst v cc v cctp 4.75 v 4.25 v v cc 4.25 v 4.5 v 4.75 v t f fi g. 5 ? ti m i ng di agram : power-up/ st abl e 5 KK1232
fi g.6 b l ock di agram r e ferance vol t a ge source vcc tolerance bias w a t c hdog t i m er rst rst gnd pbrst td st tol v cc + - KK1232 fi g.7 appl i cat i on c i rcui t : w a t c hdog ti m e r 6 KK1232
n s u f f i x p l as t i c di p ( m s ? 00 1b a ) sy m b o l m i n m a x a 8. 51 10. 16 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 2 a a) sy m b o l m i n m a x a 4. 8 5 b 3. 8 4 c 1. 35 1. 75 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h j 0 8 no t e s : k 0. 1 0 . 2 5 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r p r ot r u s i on . m 0. 19 0. 25 2. m a x i m u m m o l d f l a s h o r p r o t r u s i o n 0. 15 m m ( 0 . 006) p e r s i d e p 5. 8 6 . 2 fo r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . r 0. 25 0. 5 1. 27 5. 72 d i me n s i o n , mm d i me n s i o n , mm 2. 54 7. 62 a b h c k c m j f m p g d r x 4 5 se a t i n g pl a n e 0 . 25 (0 . 0 10 ) m t -t - 1 8 4 5 l h m j a b f g d se a t i n g pl a n e n k 0 . 2 5 ( 0 .01 0 ) m t -t - c 1 8 4 5 7 KK1232


▲Up To Search▲   

 
Price & Availability of KK1232

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X