Part Number Hot Search : 
2815S KBL01 2SC3979A DTA143Z MN102L35 GP20K PAM2845 MAX4691
Product Description
Full Text Search
 

To Download KB520G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  auk corp. KB520G (klb-520 g) the contents of this data sheet are subject to change without advance notice for the purpose of improvement. when using this product, would you please refer to the latest specifications. rev.odate:01-feb-11 auk-ldm-001(a) 1. features transparent epoxy lens high optical output 2. applications display indicator signage camera 2. outline dimensions unit : mm
auk corp. KB520G (klb-520 g) the contents of this data sheet are subject to change without advance notice for the purpose of improvement. when using this product, would you please refer to the latest specifications. rev.odate:01-feb-11 auk-ldm-001(a) 3. maximum ratings (ta=25 ) parameter symbol rating unit reverse voltage v r 5 v forward current i f 30 ma * 1 pulse forward current i fp 0.5 a power dissipation p d 105 mw operating temperature t opr -30 ~ +85 storage temperature t stg -40 ~ +100 * 2 soldering temperature t sol 260 *1. i fp measured under duty 1/10 @ 1khz *2. soldering time 5 sec keep the distance more than 3mm from soldering foundation. 4. electrical / optical characteristics (ta=25 ) parameter symbol conditions min typ max unit forward voltage v f i f = 20 ma - 3.2 3.5 v reverse current i r v r = 5 v - - 50 ua luminous intensity i v i f = 20 ma 15 20 - cd peak emission wavelength p i f = 20 ma - 520 - nm doninant wave length d i f = 20 ma 520 - 530 nm spectral half bandwidth ? i f = 20 ma - 15 - nm half angle 2 ? 1/2 i f = 20 ma - 8 - deg.
auk corp. KB520G (klb-520 g) the contents of this data sheet are subject to change without advance notice for the purpose of improvement. when using this product, would you please refer to the latest specifications. rev.odate:01-feb-11 auk-ldm-001(a) 5. characteristic diagrams


▲Up To Search▲   

 
Price & Availability of KB520G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X