Part Number Hot Search : 
LTC1485 HK8S03B AM447 55M45 LC66558B 01701 FN155 232GE
Product Description
Full Text Search
 

To Download IRFHM4226PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hexfet ? power mosfet base part number package type standard pack orderable part number ? ? form quantity irfhm4226trpbf pqfn 3.3mm x 3.3mm tape and reel 4000 irfhm4226trpbf v dss 25 v r ds(on) max (@ v gs = 10v) 2.2 ? (@ v gs = 4.5v) 3.3 qg (typical) 16 nc i d (@t c (bottom) = 25c) 40 ?? a m ??? ? ? pqfn 3.3 x 3.3 mm features benefits low r dson (<2.2m? ) lower conduction losses low charge (typical 16nc) low switching losses low thermal resistance to pcb (<3.2c/w) enable better thermal dissipation low profile (<0.9 mm) results in increased power density industry-standard pinout ?? multi-vendor compatibility compatible with existing surface mount techniques easier manufacturing rohs compliant, halogen-free environmentally friendlier msl1 increased reliability notes ? through ? are on page 8 absolute maximum ratings ?? parameter max. units v gs gate-to-source voltage 20 v i d @ t a = 25c continuous drain current, v gs @ 10v 28 i d @ t c(bottom) = 25c continuous drain current, v gs @ 10v 105 ?? i d @ t c(bottom) = 100c continuous drain current, v gs @ 10v 67 ?? i d @ t c = 25c continuous drain current, v gs @ 10v (source bonding technology limited) 40?? i dm pulsed drain current ? 420? ? p d @t a = 25c power dissipation ? 2.7 w p d @t c(bottom) = 25c power dissipation ? 39 linear derating factor ? 0.021 w/c t j operating junction and -55 to + 150 c t stg storage temperature range a ? applications ?? control or synchronous mosfet fo r high frequency buck converters ? 3 2 1 8 7 6 5 4 d d d d s s s g top view fast ir fet? irfhm4226trpbf 1 www.irf.com ? 2013 international rectifier datasheet feedback december 5, 2013
? irfhm4226trpbf 2 www.irf.com ? 2013 international rectifier datasheet feedback december 5, 2013 d s g static @ t j = 25c (unless otherwise specified) ???? parameter min. typ. max. units conditions bv dss drain-to-source breakdown voltage 25 ??? ??? v v gs = 0v, i d = 250a ? bv dss / ? t j breakdown voltage temp. coefficient ??? 21 ??? mv/c reference to 25c, i d = 1ma r ds(on) static drain-to-source on-resistance ??? 1.7 2.2 m ? v gs = 10v, i d = 30a ? ??? 2.6 3.3 v gs = 4.5v, i d = 30a ? v gs(th) gate threshold voltage 1.1 1.6 2.1 v v ds = v gs , i d = 50a ? v gs(th) gate threshold voltage coefficient ??? -5.7 ??? mv/c i dss drain-to-source leakage current ??? ??? 1.0 a v ds = 20v, v gs = 0v i gss gate-to-source forward leakage ??? ??? 100 na v gs = 20v gate-to-source reverse leakage ??? ??? -100 v gs = -20v gfs forward transconductance 136 ??? ??? s v ds = 10v, i d = 30a q g total gate charge ??? 32 ??? nc v gs = 10v, v ds = 13v, i d = 30a q g total gate charge ??? 16 24 q gs1 pre-vth gate-to-source charge ??? 3.6 ??? ? v ds = 13v q gs2 post-vth gate-to-source charge ??? 2.0 ??? nc v gs = 4.5v q gd gate-to-drain charge ??? 5.8 ??? ? i d = 30a q godr gate charge overdrive ??? 4.6 ??? ? q sw switch charge (q gs2 + q gd ) ??? 7.8 ??? ? q oss output charge ??? 15 ??? nc v ds = 16v, v gs = 0v r g gate resistance ??? 1.1 ??? ? ? t d(on) turn-on delay time ??? 11 ??? v dd = 13v, v gs = 4.5v t r rise time ??? 35 ??? ns i d = 30a t d(off) turn-off delay time ??? 14 ??? ? r g =1.8 ? t f fall time ??? 8.1 ??? ? c iss input capacitance ??? 2000 ??? v gs = 0v c oss output capacitance ??? 570 ??? pf v ds = 13v c rss reverse transfer capacitance ??? 150 ??? ? ? = 1.0mhz ??? parameter typ. max. units r ? jc (bottom) junction-to-case ? ??? 3.2 r ? jc (top) junction-to-case ? ??? 35 c/w r ? ja junction-to-ambient ? ??? 47 r ? ja (<10s) junction-to-ambient ? ??? 30 thermal resistance avalanche characteristics ?? ? parameter typ. max. units e as single pulse avalanche energy ? ??? 124 mj i ar avalanche current ? ??? 30 a diode characteristics ??? ? parameter min. typ. max. units conditions i s continuous source current ??? ??? 40 ?? a mosfet symbol (body diode) showing the i sm pulsed source current ??? ??? 420 ? integral reverse (body diode) ? p-n junction diode. v sd diode forward voltage ??? ??? 1.0 v t j = 25c, i s = 30a, v gs = 0v ? t rr reverse recovery time ??? 16 24 ns t j = 25c, i f = 30a, v dd = 13v q rr reverse recovery charge ??? 28 42 nc di/dt = 450a/s ?
? irfhm4226trpbf 3 www.irf.com ? 2013 international rectifier datasheet feedback december 5, 2013 fig 1. typical output characteristics fig 4. normalized on-resistance vs. temperature fig 5. typical capacitance vs. drain-to-source voltage fig 6. typical gate charge vs . gate-to-source voltage fig 3. typical transfer characteristics fig 2. typical output characteristics 0.1 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) vgs top 10v 5.5v 4.5v 4.0v 3.5v 3.25v 3.0v bottom 2.75v ? 60s pulse width tj = 25c 2.75v 0.1 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 2.75v ? 60s pulse width tj = 150c vgs top 10v 5.5v 4.5v 4.0v 3.5v 3.25v 3.0v bottom 2.75v 1.0 2.0 3.0 4.0 5.0 6.0 7.0 v gs , gate-to-source voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) t j = 25c t j = 150c v ds = 10v ? 60s pulse width -60 -40 -20 0 20 40 60 80 100 120 140 160 t j , junction temperature (c) 0.6 0.8 1.0 1.2 1.4 1.6 1.8 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = 30a v gs = 10v 0.1 1 10 100 v ds , drain-to-source voltage (v) 100 1000 10000 100000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 0 5 10 15 20 25 30 35 40 q g , total gate charge (nc) 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 20v v ds = 13v v ds = 5.0v i d = 30a
? irfhm4226trpbf 4 www.irf.com ? 2013 international rectifier datasheet feedback december 5, 2013 fig 8. maximum safe operating area fig 7. typical source-drain diode forward voltage fig 9. maximum drain current vs. case temperature fig 10. threshold voltage vs. temperature fig 11. maximum effective transient thermal impedance, junction-to-case 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 v sd , source-to-drain voltage (v) 0.1 1 10 100 1000 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 150c v gs = 0v 25 50 75 100 125 150 t c , case temperature (c) 0 20 40 60 80 100 120 i d , d r a i n c u r r e n t ( a ) limited by package -75 -50 -25 0 25 50 75 100 125 150 t j , temperature ( c ) 0.8 1.2 1.6 2.0 2.4 2.8 v g s ( t h ) , g a t e t h r e s h o l d v o l t a g e ( v ) i d = 50a i d = 250a i d = 1.0ma i d = 10ma 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 t 1 , rectangular pulse duration (sec) 0.001 0.01 0.1 1 10 t h e r ma l r e s p o n s e ( z t h j c ) c / w 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc 0.1 1 10 v ds , drain-to-source voltage (v) 0.01 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) tc = 25c tj = 150c single pulse 10msec 1msec operation in this area limited by r ds (on) 100sec dc limited by package
? irfhm4226trpbf 5 www.irf.com ? 2013 international rectifier datasheet feedback december 5, 2013 fig 12. on? resistance vs. gate voltage fig 13. maximum avalanche energy vs. drain current fig 14. single avalanche current vs. pulse width 2 4 6 8 10 12 14 16 18 20 v gs, gate -to -source voltage (v) 0.0 2.0 4.0 6.0 8.0 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ? ? ) i d = 30a t j = 25c t j = 125c 25 50 75 100 125 150 starting t j , junction temperature (c) 0 100 200 300 400 500 600 e a s , s i n g l e p u l s e a v a l a n c h e e n e r g y ( m j ) i d top 5.1a 7.2a bottom 30a 1.0e-06 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 tav (sec) 0.1 1 10 100 a v a l a n c h e c u r r e n t ( a ) allowed avalanche current vs avalanche pulsewidth, tav, assuming ?? j = 25c and tstart = 125c. allowed avalanche current vs avalanche pulsewidth, tav, assuming ? tj = 125c and tstart =25c (single pulse)
? irfhm4226trpbf 6 www.irf.com ? 2013 international rectifier datasheet feedback december 5, 2013 fig 15. peak diode recovery dv/dt test circuit for n-channel hexfet ? power mosfets fig 18. gate charge test circuit vds vgs id vgs(th) qgs1 qgs2 qgd qgodr fig 19. gate charge waveform fig 17a. switching time test circuit fig 17b. switching time waveforms fig 16a. unclamped inductive test circuit r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v t p v (br)dss i as fig 16b. unclamped inductive waveforms
? irfhm4226trpbf 7 www.irf.com ? 2013 international rectifier datasheet feedback december 5, 2013 note: for the most current drawing please refer to ir website at http://www.irf.com/package/ pqfn 3.3 x 3.3 package details pqfn 3.3 x 3.3 part marking for more information on board mounting, including footprint and stencil recommendation, please refer to application note an-1136: http://www.irf.com/technical-info/appnotes/an-1136.pdf for more information on package inspection techniques, please refer to application note an-1154: http://www.irf.com/technical-info/appnotes/an-1154.pdf
? irfhm4226trpbf 8 www.irf.com ? 2013 international rectifier datasheet feedback december 5, 2013 qualification information ? ? moisture sensitivity level pqfn 3.3mm x 3.3mm msl1 (per jedec j-std-020d ??) rohs compliant yes ir world headquarters: 101 n. sepulveda blvd., el segundo, california 90245, usa to contact international rectifier, please visit http://www.irf.com/whoto-call/ pqfn 3.3 x 3.3 tape and reel ? qualification standards can be found at international rectifier?s web site: http://www.irf.com/product-info/reliability ?? applicable version of jedec standard at the time of product release. notes: ? ? repetitive rating; pulse width limited by max. junction temperature. ? starting t j = 25c, l = 0.275mh, r g = 50 ? , i as = 30a. ? pulse width ? 400s; duty cycle ? 2%. ? r ? is measured at tj of approximately 90c. ? when mounted on 1 inch square pcb (fr-4). please refer to an-994 for more details: http://www.irf.com/technical-info/appnotes/an-994.pdf ? calculated continuous current based on maxi mum allowable junction temperature. ? current is limited to 40a by source bonding technology. ? pulse drain current is limited at 160a by source bonding technology. note: for the most current drawing please refer to ir website at http://www.irf.com/package/ camber not e: 1. dimension measured on the bottom of the cavity. 2. pitch tolerance over any 10 pitches = 0.008 [0.2] 3. esd requirement: 0200volts 4. surface resistivity = 10 to 10 ohms per square inch 5. roll should contain splice-free material 6. engrave resy symbol every 100 sprockets (about 15.75 [400] ( conform supplier specification) ps the camber shall not exceed in 1mm/250 revision history date comments 08/07/13 ?? added "fast ir fet?" above part number, on page1 12/5/13 ?? updated fig.14, limit curve to 40a package limitation current, on page 5


▲Up To Search▲   

 
Price & Availability of IRFHM4226PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X