Part Number Hot Search : 
CG6462AM 1SS400 44000 SSS91850 RS207 BA760 1602A20 03994
Product Description
Full Text Search
 

To Download IM20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  devices incorporated 1 l6116 2k x 8 static ram (low power) 07/07/1999Clds.6116-g 16k static rams row address control column select & column sense row select i/o 7-0 4 column address 128 x 16 x 8 memory array 7 8 we oe ce q q q q q 2k x 8 static ram with chip select powerdown, output enable q q q q q auto-powerdown? design q q q q q advanced cmos technology q q q q q high speed to 15 ns maximum q q q q q low power operation active: 425 mw typical at 25 ns standby (typical): 400 w (l6116) 200 w (l6116-l) q q q q q data retention at 2 v for battery backup operation q q q q q desc smd no. 5962-84036 l6116 5962-89690 l6116 5962-88740 l6116-l q q q q q available 100% screened to mil-std-883, class b q q q q q plug compatible with idt6116, cypress cy7c128/cy6116 q q q q q package styles available: ? 24-pin plastic dip ? 24-pin cerdip ? 24-pin plastic soj ? 24-pin ceramic flatpack ? 28-pin ceramic lcc ? 32-pin ceramic lcc features description l6116 2k x 8 static ram (low power) devices incorporated (typical) respectively, at 3 v, allowing effective battery backup operation. the l6116 provides asynchronous (unclocked) operation with matching access and cycle times. an active-low chip enable and a three-state i/o bus with a separate output enable control simplify the connection of several chips for increased storage capacity. memory locations are specified on address pins a 0 through a 10 . reading from a designated location is accomplished by presenting an address and driving ce and oe low, while we remains high. the data in the addressed memory location will then appear on the data out pins within one access time. the output pins stay in a high-impedance state when ce or oe is high, or we is low. writing to an addressed location is accomplished when the active-low ce and we inputs are both low. either signal may be used to terminate the write operation. data in and data out signals have the same polarity. latchup and static discharge pro- tection are provided on-chip. the l6116 can withstand an injection current of up to 200 ma on any pin without damage. the l6116 is a high-performance, low- power cmos static ram. the storage circuitry is organized as 2048 words by 8 bits per word. the 8 data in and data out signals share i/o pins. these devices are available in three speeds with maximum access times from 15 ns to 25 ns. inputs and outputs are ttl compat- ible. operation is from a single +5 v power supply. power consumption for the l6116 is 425 mw (typical) at 25 ns. dissipation drops to 60 mw (typical) for the l6116 and 50 mw (typical) for the l6116-l when the memory is deselected. two standby modes are available. proprietary auto-powerdown? circuitry reduces power consumption automatically during read or write accesses which are longer than the minimum access time or when the memory is deselected. in addition, data may be retained in inactive storage with a supply voltage as low as 2 v. the l6116 and l6116-l consume only 30 w and 15 w l6116 b lock d iagram obsolete
devices incorporated l6116 2k x 8 static ram (low power) 2 16k static rams 07/07/1999Clds.6116-g m aximum r atings above which useful life may be impaired (notes 1, 2) storage temperature ........................................................................................................... C65c to +150c operating ambient temperature ........................................................................................... C55c to +125c v cc supply voltage with respect to ground ............................................................................ C0.5 v to +7. 0v input signal with respect to ground ........................................................................................ C3. 0 v to +7.0 v signal applied to high impedance output ............................................................................... C3.0 v to +7.0 v output current into low outputs ................................................................................................ ............. 25 ma latchup current ................................................................................................................ ............... > 200 ma l6116- symbol parameter test condition 25 20 15 unit i cc1 v cc current, active (note 6) 115 135 160 ma o perating c onditions to meet specified electrical and switching characteristics mode temperature range (ambient) supply voltage active operation, commercial 0c to +70c 4.5 v v cc 5.5 v active operation, industrial C40c to +85c 4.5 v v cc 5.5 v active operation, military C55c to +125c 4.5 v v cc 5.5 v data retention, commercial 0c to +70c 2.0 v v cc 5.5 v data retention, industrial C40c to +85c 2.0 v v cc 5.5 v data retention, military C55c to +125c 2.0 v v cc 5.5 v l6116 l6116-l symbol parameter test condition min typ max min typ max unit v oh output high voltage v cc = 4.5 v, i oh = C4.0 ma 2.4 2.4 v v ol output low voltage i ol = 8.0 ma 0.4 0.4 v v ih input high voltage 2.2 v cc 2.2 v cc v +0.3 +0.3 v il input low voltage (note 3) C3.0 0.8 C3.0 0.8 v i ix input leakage current ground v in v cc C10 +10 C10 + 10 a i oz output leakage current (note 4) C10 +10 C10 + 10 a i cc2 v cc current, ttl inactive (note 7) 12 25 10 15 ma i cc3 v cc current, cmos standby (note 8) 80 300 40 150 a i cc4 v cc current, data retention v cc = 3.0 v (note 9) 10 150 5 50 a c in input capacitance ambient temp = 25c, v cc = 5.0 v 5 5 pf c out output capacitance test frequency = 1 mhz (note 10) 77pf e lectrical c haracteristics over operating conditions (note 5) obsolete
devices incorporated 3 l6116 2k x 8 static ram (low power) 07/07/1999Clds.6116-g 16k static rams l6116C 25 20 15 symbol parameter min max min max min max t avav read cycle time 25 20 15 t avqv address valid to output valid (notes 13, 14) 25 20 15 t axqx address change to output change 3 3 3 t clqv chip enable low to output valid (notes 13, 15) 25 20 15 t clqz chip enable low to output low z (notes 20, 21) 333 t chqz chip enable high to output high z (notes 20, 21) 10 8 8 t olqv output enable low to output valid 12 10 8 t olqz output enable low to output low z (notes 20, 21) 000 t ohqz output enable high to output high z (notes 20, 21) 10 8 5 t pu input transition to power up (notes 10, 19) 000 t pd power up to power down (notes 10, 19) 25 20 20 t chvl chip enable high to data retention (note 10) 000 switching characteristics over operating range r ead c ycle notes 5, 11, 12, 22, 23, 24 (ns) r ead c ycle a ddress c ontrolled notes 13, 14 r ead c ycle ce/oe c ontrolled notes 13, 15 d ata r etention note 9 previous data valid data valid address data out t avav i cc t pd t avqv t axqx t pu high impedance data valid high impedance data out 50% 50% t pu i cc oe t olqz t pd t avav t ohqz t chqz t olqv t clqz t clqv ce 4.5 v data retention mode 4.5 v ce v cc t chvl t avav v ih v ih 3 2 v obsolete
devices incorporated l6116 2k x 8 static ram (low power) 4 16k static rams 07/07/1999Clds.6116-g l6116C 25 20 15 symbol parameter min max min max min max t avav write cycle time 20 20 15 t clew chip enable low to end of write cycle 15 15 12 t avbw address valid to beginning of write cycle 0 0 0 t avew address valid to end of write cycle 15 15 12 t ewax end of write cycle to address change 0 0 0 t wlew write enable low to end of write cycle 15 15 12 t dvew data valid to end of write cycle 10 10 7 t ewdx end of write cycle to data change 1 1 1 t whqz write enable high to output low z (notes 20, 21) 000 t wlqz write enable low to output high z (notes 20, 21) 775 switching characteristics over operating range w rite c ycle notes 5, 11, 12, 22, 23, 24 (ns) w rite c ycle we c ontrolled notes 16, 17, 18, 19 data-in valid high impedance address data out data in t pd ce i cc we t wlqz t pu t pu t dvew t ewdx t whqz t ewax t wlew t avew t clew t avbw t avav w rite c ycle ce c ontrolled notes 16, 17, 18, 19 data-in valid address data in high impedance t avbw we t avav t clew t avew t wlew t dvew t ewdx t ewax t pd t pu ce i cc data out obsolete
devices incorporated 5 l6116 2k x 8 static ram (low power) 07/07/1999Clds.6116-g 16k static rams notes +5 v output r 1 480 w 30 pf r 2 255 w including jig and scope 11. test conditions assume input transition times of less than 3 ns, reference levels of 1.5 v, output loading for specified i ol and i oh plus 30 pf (fig. 1a), and input pulse levels of 0 to 3.0 v (fig. 2). 12. each parameter is shown as a minimum or maximum value. input requirements are specified from the point of view of the exter- nal system driving the chip. for example, t avew is specified as a minimum since the external system must supply at least that much time to meet the worst-case require- ments of all parts. responses from the inter- nal circuitry are specified from the point of view of the device. access time, for ex- ample, is specified as a maximum since worst-case operation of any device always provides data within that time. 13. we is high for the read cycle. 14. the chip is continuously selected ( ce low). 15. all address lines are valid prior-to or coincident-with the ce transition to active. 16. the internal write cycle of the memory is defined by the overlap of ce active and we low. all three signals must be active to initiate a write. any signal can terminate a write by going inactive. the address, data, and control input setup and hold times should be referenced to the signal that be- comes active last or becomes inactive first. 17. if we goes low before or concurrent with the latter of ce going active, the output remains in a high impedance state. 18. if ce goes inactive before or concurrent with we going high, the output remains in a high impedance state. 19. powerup from i cc2 to i cc1 occurs as a result of any of the following conditions: a. falling edge of ce. b. falling edge of we (ce active). c. transition on any address line (ce active). d. transition on any data line (ce, and we active). the device automatically powers down from i cc1 to i cc2 after t pd has elapsed from any of the prior conditions. this means that power dissipation is dependent on only cycle rate, and is not on chip select pulse width. 20. at any given temperature and voltage condition, output disable time is less than output enable time for any given device. 21. transition is measured 200 mv from steady state voltage with specified loading in fig. 1b. this parameter is sampled and not 100% tested. 22. all address timings are referenced from the last valid address line to the first transi- tioning address line. 23. ce or we must be inactive during ad- dress transitions. 24. this product is a very high speed device and care must be taken during testing in order to realize valid test information. in- adequate attention to setups and proce- dures can cause a good part to be rejected as faulty. long high inductance leads that cause supply bounce must be avoided by bringing the v cc and ground planes di- rectly up to the contactor fingers. a 0.01 f high frequency capacitor is also required between v cc and ground. to avoid signal reflections, proper terminations must be used. f f f f f igure igure igure igure igure 1a. 1a. 1a. 1a. 1a. <3 ns gnd +3.0 v 90% 10% 90% 10% <3 ns f f f f f igure igure igure igure igure 2. 2. 2. 2. 2. +5 v output 5 pf including jig and scope r 1 480 w r 2 255 w f f f f f igure igure igure igure igure 1b. 1b. 1b. 1b. 1b. 1. maximum ratings indicate stress specifi- cations only. functional operation of these products at values beyond those indicated in the operating conditions table is not implied. exposure to maximum rating con- ditions for extended periods may affect re- liability of the tested device. 2. the products described by this specifica- tion include internal circuitry designed to protect the chip from damaging substrate injection currents and accumulations of static charge. nevertheless, conventional precautions should be observed during storage, handling, and use of these circuits in order to avoid exposure to excessive elec- trical stress values. 3. this product provides hard clamping of transient undershoot. input levels below ground will be clamped beginning at C0.6 v. a current in excess of 100 ma is required to reach C2.0 v. the device can withstand in- definite operation with inputs as low as C3 v subject only to power dissipation and bond wire fusing constraints. 4. tested with gnd v out v cc . the device is disabled, i.e., ce = v cc . 5. a series of normalized curves is available to supply the designer with typical dc and ac parametric information for logic devices static rams. these curves may be used to determine device characteristics at various temperatures and voltage levels. 6. tested with all address and data inputs changing at the maximum cycle rate. the device is continuously enabled for writing, i.e., ce v il , we v il . input pulse levels are 0 to 3.0 v. 7. tested with outputs open and all address and data inputs changing at the maximum read cycle rate. the device is continuously disabled, i.e., ce 3 v ih . 8. tested with outputs open and all address and data inputs stable. the device is con- tinuously disabled, i.e., ce = v cc . input levels are within 0.2 v of v cc or gnd. 9. data retention operation requires that v cc never drop below 2.0 v. ce must be 3 v cc C 0.2 v. all other inputs must meet v in 3 v cc C 0.2 v or v in 0.2 v to ensure full powerdown. for low power version (if applicable), this requirement applies only to ce and we; there are no restrictions on data and address. 10. these parameters are guaranteed but not 100% tested. obsolete
devices incorporated l6116 2k x 8 static ram (low power) 6 16k static rams 07/07/1999Clds.6116-g 24-pin 0.3" wide 24-pin 0.6" wide *the low power version is specified by adding the "l" suffix after the speed grade (e.g., l6116cmb15l) 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 a 7 a 6 a 5 a 4 a 3 a 2 a 1 a 0 i/o 0 i/o 1 i/o 2 gnd v cc a 8 a 9 we oe a 10 ce i/o 7 i/o 6 i/o 5 i/o 4 i/o 3 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 a 7 a 6 a 5 a 4 a 3 a 2 a 1 a 0 i/o 0 i/o 1 i/o 2 gnd v cc a 8 a 9 we oe a 10 ce i/o 7 i/o 6 i/o 5 i/o 4 i/o 3 ordering information 0c to +70c c ommercial s creening C55c to +125c mil-std-883 c ompliant C55c to +125c c ommercial s creening C40c to +85c c ommercial s creening speed 20 ns 15 ns 20 ns 15 ns 25 ns 20 ns 15 ns 25 ns 20 ns 15 ns plastic dip (p2) l6116pc20* l6116pc15* l6116pi20* l6116pi15* plastic dip (p1) l6116nc20* l6116nc15* l6116ni20* l6116ni15* ceramic dip (c4) l6116ic20* l6116ic15* l6116im25* l6116IM20* l6116im15* l6116imb25* l6116imb20* l6116imb15* ceramic dip (c1) l6116cc20* l6116cc15* l6116cm25* l6116cm20* l6116cm15* l6116cmb25* l6116cmb20* l6116cmb15* obsolete
devices incorporated 7 l6116 2k x 8 static ram (low power) 07/07/1999Clds.6116-g 16k static rams 24-pin 0.3" wide 24-pin *the low power version is specified by adding the "l" suffix after the speed grade (e.g., l6116mmb15l) 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 a 7 a 6 a 5 a 4 a 3 a 2 a 1 a 0 i/o 0 i/o 1 i/o 2 gnd v cc a 8 a 9 we oe a 10 ce i/o 7 i/o 6 i/o 5 i/o 4 i/o 3 24 23 22 21 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 9 10 11 12 v cc a 8 a 9 we oe a 10 ce i/o 7 i/o 6 i/o 5 i/o 4 i/o 3 a 7 a 6 a 5 a 4 a 3 a 2 a 1 a 0 i/o 0 i/o 1 i/o 2 gnd speed 20 ns 15 ns 20 ns 15 ns 25 ns 20 ns 15 ns 25 ns 20 ns 15 ns plastic soj (w1) l6116wc20* l6116wc15* l6116wi20* l6116wi15* ceramic flatpack (m1) l6116mc20* l6116mc15* l6116mm25* l6116mm20* l6116mm15* l6116mmb25* l6116mmb20* l6116mmb15* ordering information 0c to +70c c ommercial s creening C55c to +125c mil-std-883 c ompliant C55c to +125c c ommercial s creening C40c to +85c c ommercial s creening obsolete
devices incorporated l6116 2k x 8 static ram (low power) 8 16k static rams 07/07/1999Clds.6116-g 28-pin 32-pin 5 6 7 8 9 10 11 25 24 23 22 21 20 19 26 top view 27 12 17 18 4 28 31 2 13 14 15 16 we oe a 10 nc nc ce i/o 7 a 3 a 2 nc nc a 1 a 0 i/o 0 i/o 1 i/o 2 gnd i/o 3 i/o 4 i/o 5 i/o 6 a 4 a 5 a 6 a 7 v cc a 8 a 9 5 6 7 8 9 10 11 12 13 29 28 27 26 25 24 23 22 21 30 top view 31 14 19 20 4 32 31 2 15 16 17 18 a 8 a 9 nc we oe a 10 ce i/o 7 i/o 6 a 6 a 5 a 4 a 3 a 2 a 1 a 0 nc i/o 0 i/o 1 i/o 2 gnd nc i/o 3 i/o 4 i/o 5 a 7 nc nc nc v cc nc nc ordering information 0c to +70c c ommercial s creening C55c to +125c mil-std-883 c ompliant C55c to +125c c ommercial s creening C40c to +85c c ommercial s creening speed 20 ns 15 ns 20 ns 15 ns 25 ns 20 ns 15 ns 25 ns 20 ns 15 ns ceramic leadless chip carrier (k1) l6116kc20* l6116kc15* l6116km25* l6116km20* l6116km15* l6116kmb25* l6116kmb20* l6116kmb15* ceramic leadless chip carrier (k7) l6116tc20* l6116tc15* l6116tm25* l6116tm20* l6116tm15* l6116tmb25* l6116tmb20* l6116tmb15* *the low power version is specified by adding the "l" suffix after the speed grade (e.g., l6116kmb15l) obsolete


▲Up To Search▲   

 
Price & Availability of IM20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X