Part Number Hot Search : 
OPT8C CY7C138 XLN8018 2T213 2SJ661 1000W 17015E 1N498
Product Description
Full Text Search
 

To Download HSC106DM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hsc106d/m semihow rev.a2 jun 2007 ? repetitive peak off-state voltage (v rm = 400v/600v) ? r.m.s on-state current (i t(rms) =4.0a) ? average on-state current (i t(av) =2.55a) ? sensitive gate triggering (0.2ma max @25 ) features hsc106d/m sensitive gate silicon controlled rectifier glassivated pnpn devices designed for high volume consumer applications such as temperature, light and speed control ; process and remote control, and warning systems where reliability of operation is important. general description v drm = 400v / 600v i t(rms) = 4.0a 1.cathode symbol 2.anode 3.gate v 400 600 repetitive peak off-state vo ltage (reverse) hsc106d hsc106m v rrm -40 to +110 operating junction temperature t j -40 to +150 storage temperature range t stg a 0.2 forward peak gate current (pulse width 1.0 sec, tc=80 ) i fgm v 6.0 reverse peak gate voltage v grm w 0.1 forward average gate power dissipation (pulse width 1.0 sec, tc=80 ) p g(av) w 0.5 forward peak gate power dissipation (pulse width 1.0 sec,tc=80 ) p gm a 2 s 1.65 circuit fusing considerations (t=8.3ms) i 2 t a 20 surge on-state current (1/2 cycle, 60hz, sine wa ve, non-repetitive, tj = 110 c) i tsm a 2.55 on-state average current (180 ? condition angles, t c =80 ) i t(av) a 4.0 on-state r.m.s current (180 ? condition angles, t c =80 ) i t(rms) v 400 600 repetitive peak off-state vo ltage (forward) hsc106d hsc106m v drm units value parameter symbol absolute maximum ratings ( t j =25) hsc106d/m 1 2 3 1. k 2. a 3. g to-126
hsc106d/m semihow rev.a2 jun 2007 v 2.2 i fm =1a peak forward on-state voltage (2) v tm ma 5.0 0.2 0.35 v ak = 12vdc, i g = 20ma, gate open, t j = 25 t j = 110 latching current i l (2) pulse test : pulse width 2.0ms, duty cycle 2% (1) r gk current is not included in measurement v/us 8.0 v ak = v drm , exponential waveform, r gk = 1 ? , gate open, t j =110 critical rate of rise off state voltage dv/dt ua ua 10 100 v ak = v drm or v rrm , t c = 25 t c = 110 repetitive or reverse peak blocking current i drm i rrm ma 3.0 6.0 2.0 0.19 0.33 0.07 v ak = 12vdc, gate open, initiating current=20ma, t j = 25 t j = -40 t j = 110 holding current i h v 0.2 v ak = 12vdc, r l = 100 ? , t c = 110 non trigger gate voltage v gd v 0.8 1.0 0.6 0.75 0.4 0.5 v ak = 6vdc, r l = 100 ? , t j = 25 v ak = 6vdc, r l = 100 ? , t j = -40 gate trigger voltage (1) v gt ua 200 500 15 35 v ak = 6vdc, r l = 100 ? , t j = 25 v ak = 6vdc, r l = 100 ? , t j = -40 gate trigger current (1) i gt units max typ min test conditions parameter symbol electrical characteristics ( t a =25 ) /w 3.0 junction to case thermal resistance r th(j-c) 260 maximum lead temperature for soldering purpose 1/8 ? , from case for 10second tl /w 75 junction to ambient thermal resistance r th(j-a) units max typ min conditions parameter symbol thermal characteristics
hsc106d/m semihow rev.a2 jun 2007 fig 5. typical gate trigger voltage vs junction temperature fig 1. average current derating 0 .4 .8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 i t(av) average on-state current (a) t c , case temperature ( ) 110 100 90 80 70 60 50 40 30 20 10 fig 2. maximum on-state power dissipation 0 .4 .8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 i t(av) average on-state current (a) p (av) , average on-state power dissipation (watt) 10 8 6 4 2 0 fig 3. typical gate trigger current vs junction temperature -40 -25 -10 5 20 35 50 65 80 95 110 t j junction temperature ( ) i gt , gate trigger current ( a) 100 10 1 fig 4. typical holding current vs junction temperature i h , holding current ( a) -40 -25 -10 5 20 35 50 65 80 95 110 100 10 1 t j junction temperature ( ) -40 -25 -10 5 20 35 50 65 80 95 110 v gt , gate trigger voltage (v) 1.0 0.6 0.2 0.3 0.4 0.5 0.7 0.8 0.9 t j junction temperature ( ) fig 6. typical latching current vs junction temperature i l , latching current ( a) -40 -25 -10 5 20 35 50 65 80 95 110 1000 100 10 t j junction temperature ( ) performance curves half sine wave resistive or inductive load 50 to 400hz half sine wave resistive or inductive load 50 to 400hz dc dc junction temperature = 110
hsc106d/m semihow rev.a2 jun 2007 12max 13max 1.2 0.2 0.78 0.08 8.5max 3.8 0.2 2.5 0.2 3.2 0 . 2 1.27typ 2.3max 2.3max 2.8max 0.5 0.1 package dimension hsc106d/m hsc106d/m (to (to - - 126) 126)


▲Up To Search▲   

 
Price & Availability of HSC106DM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X