Part Number Hot Search : 
OA162 U2N60 2SD1263A ZX84C18 SDN8000G SMAJ51A AOZ8102 NB2760A
Product Description
Full Text Search
 

To Download FP0115CAC1FF-C2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series fp01 contactless pushbuttons indicators accessories supplement tactiles keylocks rotaries pushbuttons d illuminated pb slides programmable rockers touch tilt toggles www.nkk.com d4 distinctive characteristics brilliant illumination for highly visible status indication with leds and caps in red, green, or amber; subdued illumination for low light requirements with white cap over red, green, or amber leds. photo interrupter, rather than contacts, ensures high reliability and long life of 3 million operations minimum. rugged construction and smooth actuation allow repeated, rapid actuation force anywhere on cap surface. snap-in mounting for easy installation. connector socket with 6 pins for simple connection. well suited for gaming and vending machines, as well as equipment exposed to corrosive gases used in environments such as chemical or steel manufacturing plants. actual size fp0 1-1 5
series fp01 contactless pushbuttons www.nkk.com d5 indicators accessories supplement tactiles keylocks rotaries pushbuttons d illuminated pb slides programmable toggles rockers touch tilt photo transistor 1 single typical switch ordering example photo interrupter 5 unshaded (shaded) (momentary operating function) description for typical ordering example fp0115cac1ff housing a black round, black housing green actuator with green led single photo transistor with normally unshaded photo interrupter leds c red d amber f green actuator colors b white c red d amber f green fp01 shape c round receptacle c1 6-pin socket see connector. connector c2 assembled connector with wire leads * c3 unassembled connector and pins no code no connector * available in americas only contact factory for custom options 1 5 c a c1 f f housing shape & color receptacle round shape black housing 6-pin socket c1 65432 1 c a actuator position photo interrupter schematics model normal down unshaded shaded led connector pins are 5 & 6; interrupter connector pins are 3-4 & 1-2. fp0115 single photo transistor when shaded, the photo transistor momentarily activates electrical function which signals the external device to change its state. actuator & interrupter 6 5 4 3 2 1 normally unshaded with momentary shaded status 1 5
series fp01 contactless pushbuttons indicators accessories supplement tactiles keylocks rotaries pushbuttons d illuminated pb slides programmable rockers touch tilt toggles www.nkk.com d6 actuator up actuator down status of photo interrupter: unshaded shaded collector current i c : 0.8ma minimum 10a maximum status of photo transistor: on off output condition of photo transistor: i f = 20ma & v ce = 5v switch specifications total travel: .079 (2.0mm) operating force: 0.75 n (.169 lbf) mechanical life: 3,000,000 operations minimum operating temperature range: C25c through +50c (C13f through +122f) mechanical specifications actuator: polyacetal housing: polyamide materials photo interrupter specifications electrical & optical characteristics typical maximum condition input forward voltage v f : 1.3v 1.6v i f = 50ma reverse current i r : 10a f r = 5v transmission collector-emitter saturation voltage v ce sat: 0.4v i f = 20ma & i c = 0.1ma absolute maximum ratings input led output photo transistor forward current i f : 50ma collector-emitter voltage v ceo : 30v reverse voltage v r : 5v emitter-collector voltage v eco : 4.5v power dissipation p d : 80mw collector current i c : 30ma collector dissipation p c : 80mw circuit design considerations output of the infrared led in the photo interrupter decreases approximately 50% after 100,000 hours. recommended load resistance (rl) is 40k ~ 120k for the illustrated circuit. (temperature @ 25c) color red amber green forward peak current i fm 30ma 25ma 25ma typical forward current i f 20ma 20ma 20ma forward voltage v f 1.85v 2.0v 2.25v reverse peak voltage v rm 5v 5v 5v current reduction rate above 25c ?i f 0.38ma /c 0.28ma /c 0.40ma /c ambient temperature range C25 ~ +50c c led colors & specifications single element led d f leds are an integral part of the switch and not available separately. the electrical speci- fcations shown are determined at a basic temperature of 25c. if the source voltage exceeds the rated voltage, a ballast resistor is required. v f i f r + ? e anode cathode r = e ? v f i f where: r e v f i f = resistor v alue (ohms) = source v oltage (v) = for ward v oltage (v) = for ward current (a) 180 gnd v out r l v = 5v cc threshold v oltage v hi : 3.8v v lo : 1.0v 1 2 3 4
series fp01 contactless pushbuttons www.nkk.com d7 indicators accessories supplement tactiles keylocks rotaries pushbuttons d illuminated pb slides programmable toggles rockers touch tilt actuator colors b white c red d amber f green (1.5) .059 (5.0) .197 (5.3) .209 (21.4) .843 (2.3) .091 nkk p/n this side typical switch dimensions fp0115cac1ff (19.6) dia .772 (26.0) dia 1.024 65432 1 (22.8) dia .898 t erminal connector detail pin 1 (22.9) dia .902 (25.1) .988 (1.1 )r ty p .043 recommended panel thickness range: .098 ~ .197 (2.5mm ~ 5.0mm) at022 unassembled connector and pins connector options c2 at021 assembled connector with wire leads c3 no code no connector recommended connector for assembly: jst model number zhr-6 recommended crimp connector pins: jst model szh-002t-p0.5 for 28-26awg wire leads or szh-003t-p0.5 for 32-28awg wire leads. 1 connector and 8 crimp connector pins only (no wire leads provided). matching wire leads: 28-26awg connector body: jst model zhr-6 crimp connector pins: jst model szh-002t-p0.5 wire leads: 28-26awg; 12-inch, unstripped; blue for pin 1 legends shaded area is printable area. nkk switches can provide custom legends for caps. contact factory for more information. recommended methods: screen print on cap. epoxy based ink is recommended. suggested printable area for fp01 cap (16.56) dia .475 (19.6) dia .772 (1.52) ty p .060 aler t


▲Up To Search▲   

 
Price & Availability of FP0115CAC1FF-C2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X