FGP-2410 version: 1 24 fe poe-plus + 2 ge combo sfp switch, 240w levelone FGP-2410 provides 24 10/100mbps ports with ieee 802.3at poe-plus supported and plus 2 gigabit combo sfp ports. it supports mdi / mdi-x convertible on 24-10/100mbps ports and provides poe inject function on poe ports. with its 8.8gbps non-blocking switch fabric, 4k mac address table, and 802.3x, full-duplex flow control, the FGP-2410 offers wire-speed packet transfer performance without risks of packet loss. all 24 fast ethernet rj-45 copper interfaces support 10/100mbps and 2 gigabit ethernet rj-45 copper interfaces support 10/100/1000mbps autonegotiation for optimal speed detection through rj-45 category 6, 5 or 5e cables. mdi/mdi-x auto detection is provided for direct wire connection to any ethernet devices like switches, hubs, or workstations without requiring a crossover cables. through the front panel led indicators, users can easily tell the network connection status directly from the indicators. the FGP-2410 also provides a simple, cost-effective, and highly reliable network connection for data and power transmission. furthermore, it is the ideal device for bridging among ethernet, fast ethernet workgroups and networks. it fits all kind of ethernet installations such as campus, workgroup, department, enterprise, telecom or industrial applications. key features - 24 poe-plus fast ethernet ports and 2 gigabit combo (rj-45/sfp) ports - ieee 802.3af/at poe compliant to simplify deployment and installation - supports 4k mac address auto-learning and auto-aging - auto-detection and protection of non-standard poe devices - ieee 802.3x flow control protects against lost packets for reliable data transmission www.level1.com page 1 of 5
- 19-inch metal housing - total poe power budget: 240w, up to 30w per port - internal power supply works well with sfp-3001 1.25g mmf sfp transceiver, 550m, 850nm sfp-3711 1.25g smf sfp transceiver, 120km, 1550nm specifications system specifications buffer memory (kb): 352kb connectors and cabling: 24 x 10/100base-tx rj-45 poe ports 2 x 10/100/1000base-t rj-45 ports with 2 shared 1000base-x sfp slot button: power on/off switch indicator: power; link/active; poe transmission method: store-and-forward power: power consumption: < 250w power input: 100-240v ac, 50-60 hz, 5a, internal power supply standards & protocols: ieee 802.3 10-base-t, ethernet ieee 802.3u 100-base-tx, fast ethernet ieee 802.3ab 1000base-t, gigabit ethernet ieee 802.3x full-duplex flow control ieee 802.3af power over ethernet (poe) ieee 802.3at power over ethernet plus (poe+) features poe: power budget: max. 240w power output: 56v dc, up to 30w per port protection: poe over current & poe circuit sorting protection, pd classification identity pin assignment: 1/2(+), 3/6(-) performance backplane (gbps): 8.8gbps www.level1.com page 2 of 5
mac address table: 4k data transfer rate: 10/100/1000mbps packet forwarding rate: 1000mbps port - 1,488,000pps 100mbps port - 148,000pps 10mbps port - 14,880pps environment temperature (c): operating: 0c ~ 45c storage: - 40c ~ 70c humidity (non-condensing): storage: 10% ~ 90% operating: 10% ~ 90% physical specifications dimensions (w x d x h mm): 200 x 480 x 44 mm weight (g): 3800 g others approval and compliance: fcc, ce deployment: desktop and 19-inch rack-mountable diagram www.level1.com page 3 of 5
order information FGP-2410 package contents power cord rubber feet quick installation guide no liability or responsibility for any errors or omissions in the content. specifications are subject to change without notice. www.level1.com page 4 of 5
all mentioned brand names are registered trademarks and property of their owners. copyright ? digital data communications gmbh, germany. all rights reserved. powered by tcpdf (www.tcpdf.org) www.level1.com page 5 of 5
|