FGP-1000 version: 1 8 fe poe + 1 ge + 1 ge sfp switch,120w FGP-1000 is a 8-port 10/100mbps fast ethernet switch with power over ethernet (poe) capability. with 8 dip switches, each poe port can be manually set for on-off control. FGP-1000 supports up to 30w on each lan port when the dip switch is in the on position . using a levelone poe repeater, it is possible to extend the connection a further 100 meters, or even daisy-chain several poe repeaters together for greater distances. dual 10/100mbps ports can connect with other edge switches or nvr as uplink ports. key features - ieee 802.3x flow control protects against lost packets for reliable data transmission - 1000mbps-full-duplex, 10/100mbps-full/half-duplex, auto-negotiation, auto-mdi/mdix - poe on/off control per port by dip switches - total poe power budget: 120w, up to 30w per port - simple plug and play installation specifications system specifications buffer memory (kb): 512kb connectors and cabling: www.level1.com page 1 of 4
8 x 10/100base-tx rj-45 poe ports 1 x 10/100/1000base-t rj-45 poe port 1 x 100/1000base-t sfp slot button: poe power on/off switch indicator: power, active, 10/100/1000m, poe transmission method: store-and-forward power: power consumption: < 120w power input: 100-240v ac, 50-60 hz,52vdc out, external power supply standards & protocols: ieee 802.3 10-base-t, ethernet ieee 802.3u 100-base-tx, fast ethernet ieee 802.3ab 1000base-t, gigabit ethernet ieee 802.3x full-duplex flow control features poe: power budget: max. 115w power output: 52v dc, up to 30w per port protection: poe over current & poe circuit sorting protection, pin assignment: 4/5(+), 7/8(-) performance backplane (gbps): 5.6gbps mac address table: 4k data transfer rate: 10/100/1000mbps packet forwarding rate: 1000mbps port - 1,488,000pps 100mbps port - 148,000pps 10mbps port - 14,880pps environment temperature (c): operating: 0c ~ 45c storage: - 40c ~ 70c humidity (non-condensing): storage: 10% ~ 90% operating: 10% ~ 90% physical specifications dimensions (w x d x h mm): 188 x 118 x 38 mm weight (g): 1200g www.level1.com page 2 of 4
others approval and compliance: fcc, ce deployment: desktop diagram order information FGP-1000 package contents power adapter user manual no liability or responsibility for any errors or omissions in the content. specifications are subject to change without notice. www.level1.com page 3 of 4
all mentioned brand names are registered trademarks and property of their owners. copyright ? digital data communications gmbh, germany. all rights reserved. powered by tcpdf (www.tcpdf.org) www.level1.com page 4 of 4
|