Part Number Hot Search : 
GP12200 BAS16W SG2644J UDN2954 AP4750 2SJ410 MT8976AE STA003T
Product Description
Full Text Search
 

To Download FDN327N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  FDN327N applications load switch battery protection power management features 2 a, 20 v. r ds(on) = 70 m w @ v gs = 4.5 v r ds(on) = 80 m w @ v gs = 2.5 v r ds(on) = 120 m w @ v gs = 1.8 v low gate charge (4.5 nc typical) fast switching speed high performance trench technology for extremely low r ds(on) g d s supersot -3 tm d s g absolute maximum ratings t a =25 o c unless otherwise noted symbol parameter ratings units v dss drain-source voltage 20 v v gss gate-source voltage 8 v i d drain current ? continuous (note 1a) 2 a ? pulsed 8 power dissipation for single operation (note 1a) 0.5 p d (note 1b) 0.46 w t j , t stg operating and storage junction temperature range ?55 to +150 c thermal characteristics r q ja thermal resistance, junction-to-ambient (note 1a) 250 c/w r q jc thermal resistance, junction-to-case (note 1) 75 c/w package marking and ordering information device marking device reel size tape width quantity 327 FDN327N 7?? 8mm 3000 units 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com smd type smd type smd type product specification
electrical characteristics t a = 25c unless otherwise noted symbol parameter test conditions min typ max units off characteristics bv dss drain?source breakdown voltage v gs = 0 v, i d = 250 m a 20 v d bv dss d t j breakdown voltage temperature coefficient i d = 250 m a,referenced to 25 c 12 mv/ c i dss zero gate voltage drain current v ds = 16 v, v gs = 0 v 1 m a i gssf gate?body leakage, forward v gs = 8 v, v ds = 0 v 100 na i gssr gate?body leakage, reverse v gs = ?8 v, v ds = 0 v ?100 na on characteristics (note 2) v gs( th ) gate threshold voltage v ds = v gs , i d = 250 m a 0.4 0.7 1.5 v d v gs( th) d t j gate threshold voltage temperature coefficient i d = 250 m a,referenced to 25 c ?3 mv/ c r ds(on) static drain?source on?resistance v gs = 4.5 v, i d = 2.0 a v gs = 2.5 v, i d = 1.9 a v gs = 1.8 v, i d = 1.6 a v gs = 4.5v, i d = 2 a, t j = 125 c 40 49 65 55 70 80 120 103 m w i d(on) on?state drain current v gs = 4.5v, v ds = 5 v 8 a g fs forward transconductance v ds = 5v, i d = 2 a 11 s dynamic characteristics c iss input capacitance 423 pf c oss output capacitance 87 pf c rss reverse transfer capacitance v ds = 10 v, v gs = 0 v f = 1.0 mhz 48 pf switching characteristics (note 2) t d(on) turn?on delay time 6 12 ns t r turn?on rise time 6.5 13 ns t d(off) turn?off delay time 14 29 ns t f turn?off fall time v dd = 10 v, i d = 1 a, v gs = 4.5 v, r gen = 6 w 2 4 ns q g total gate charge 4.5 6.3 nc q gs gate?source charge 0.89 nc q gd gate?drain charge v ds = 10 v, i d = 2 a, v gs = 4.5 v 0.95 nc drain?source diode characteristics and maximum ratings i s maximum continuous drain?source diode forward current 0.42 a v sd drain?source diode forward voltage v gs = 0 v, i s = 0.42 a (note 2) 0.6 1.2 v notes: 1. r q ja is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. r q jc is guaranteed by design while r q ca is determined by the user's board design. a) 250 c/w when mounted on a 0.02 in 2 pad of 2 oz. copper. b) 270c/w when mounted on a minimum pad . scale 1 : 1 on letter size paper 2. pulse test: pulse width 300 m s, duty cycle 2.0% FDN327N product specification 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of FDN327N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X