Part Number Hot Search : 
4LVCH DB3TG SAA71 1284P LMV931 OB2263 F18N20 BZX97C10
Product Description
Full Text Search
 

To Download FDG315N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  FDG315N absolute maximum ratings t a = 25c unless otherwise noted symbol parameter ratings units v dss drain-source voltage 30 v v gss gate-source voltage 20 v i d drain current - continuous (note 1a) 2a - pulsed 6 power dissipation for single operation (note 1a) 0.75 w p d (note 1b) 0.48 t j , t stg operating and storage junction temperature range -55 to +150 c thermal characteristics r ja thermal resistance, junction-to-ambient (note 1b) 260 c/w package marking and ordering information device marking device reel size tape width quantity . 15 FDG315N 7?? 8mm 3000 units applications ? dc/dc converter ? load switch ? power management features ? 2 a, 30 v. r ds(on) = 0.12 ? @ v gs = 10 v r ds(on) = 0.16 ? @ v gs = 4.5 v. ? low gate charge (2.1nc typical). ? high performance trench technology for extremely low r ds(on) . ? compact industry standard sc70-6 surface mount package. sc70-6 d s d g d d 3 5 6 4 1 2 3 product specification 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
electrical characteristics t a = 25c unless otherwise noted symbol parameter test conditions min typ max units off characteristics bv dss drain-source breakdown voltage v gs = 0 v, i d = 250 a 30 v ? bv dss ? t j breakdown voltage temperature coefficient i d = 250 a, referenced to 25 c 26 mv/ c i dss zero gate voltage drain current v ds = 24 v, v gs = 0 v 1 a i gss gate-body leakage forward v gs = 16 v, v ds = 0 v 100 na i gss gate-body leakage reverse v gs = -16 v, v ds = 0 v -100 na on characteristics (note 2) v gs(th) gate threshold voltage v ds = v gs , i d = 250 a 11.83 v ? v gs(th) ? t j gate threshold voltage temperature coefficient i d = 250 a, referenced to 25 c -4 mv/ c r ds(on) static drain-source on-resistance v gs = 10 v, i d = 2 a v gs = 10 v, i d = 2 a, t j = 125 c v gs = 4.5 v, i d = 1.7 a 0.100 0.140 0.130 0.12 0.20 0.16 ? i d(on) on-state drain current v gs = 4.5 v, v ds = 5 v 3 a g fs forward transconductance v ds = 5 v, i d = 2 a 5 s dynamic characteristics c iss input capacitance 220 pf c oss output capacitance 50 pf c rss reverse transfer capacitance v ds = 15 v, v gs = 0 v, f = 1.0 mhz 20 pf switching characteristics (note 2) i d(on) turn-on delay time 3 6 ns t r turn-on rise time 11 22 ns t d(off) turn-off delay time 7 14 ns t f turn-off fall time v dd = 15 v, i d = 1 a, v gs = 10 v, r gen = 6 ? 36ns q g total gate charge 2.1 4 nc q gs gate-source charge 0.8 nc q gd gate-drain charge v ds = 15 v, i d = 2 a, v gs = 5 v 0.7 nc drain-source diode characteristics and maximum ratings i s maximum continuous drain-source diode forward current 0.42 a v sd drain-source diode forward voltage v gs = 0 v, i s = 0.42 a (note 2) 0.7 1.2 v notes: 1. r ja is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the s older mounting surface of the drain pins. r jc is guaranteed by design while r ca is determined by the user's board design. 2. pulse test: pulse width 300 s, duty cycle 2.0% a) 170 c/w when mounted on a 1 in 2 pad of 2oz copper. b) 260 c/w when mounted on a minimum pad. FDG315N product specification 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of FDG315N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X