Part Number Hot Search : 
1E331 AD7512 30A45 ULX2803X AAT8641A MC10216 AAT8641A ZPD62
Product Description
Full Text Search
 

To Download FA11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  previous page | return to index | next page 1/4" phone jacks 1. 14b 2. fal-11 .205 faston terminal 3. pc-12a 4. 11
click here to download a schematic drawing click here to download a schematic drawing (you will need to have adobe acrobat installed on your system to do this) littel-jax? commercial phone jacks 2- and 3-conductor littel-jax phone jacks mate with standard commercial phone plugs and are available with .25 inch and .21 inch inside diameter bushings. mil littel-jax? phone jacks 2- and 3-conductor mil-spec, mil-j-641 (e) mil jacks mate with mil-type phone plugs with .25 inch (6.35mm) or .21 inch (5.34mm) diameter bushings. numbers c11 and c12b have a non-turn locating pin which keys the jack to the mounting surface. for low contact resistance applications, jack number c12a has fine silver contacts on shunts and tip springs. mounting chassis/panel: see mounting data drawing below; small hole is required only for jacks numbers c11 and c12b with non-turn locating pin. maximum panel thickness: .156 inch (4mm) for standard .276 inch (7mm) long bushing; .25 inch (6.35mm) for .375 inch (9.5mm) long bushing. note: for panels thicker than .25 inch see thick panel phone jax.
insulated mount: see drawing. s1028 flatwasher and part number s1029 shoulder washer must be ordered separately for mounting in .437 inch diameter hole. note: see hi-d jax? for jack specifically designed for insulated mounting without additional washers. pc board mounting: see recommended pc board layout drawing below for jacks with pc terminals. recommended pc board thickness is .062 inches. mounting centers: 1.188 inch (30mm) recommended. centers may vary with jack selected, for example, number 11 mounts on .813 inch (20.6mm) and 14b mounts on 1.125 inch (28.6mm) minimum centers. prefix options series circuitry blank- 1/4" commercial jack 1-littel jax? 1- i c- accepts mill plug 2a- iii fa- .205" faston terminals 2b- iv fal- .205" faston terminals and .375" long bushing 3- v l- .375" long bushing 3a- vi pc- pc terminals 3b- vii s- accepts .206 diameter plugs 3e- ix 4b- xii two conductor part numbers part number description jack schematic 1 typical mating plug
11 open circuit i 250 c11 mil number m641/6-1 i 440 FA11 .205 inch faston terminal i 250 fal11 .375 inch long bushing .205 faston terminal i 250 l11 .375 inch long bushing i 250 12a tip shunt iii 250 c12a milnumber m641/12-1 iii 440 l12a .375 inch long bushing iii 250 pc12a pc board mount iii 250 13 isolated "make" circuit v 250 13a transfer circuit vi 250 13e isolated "break" circuit ix 250 three conductor part numbers 12b double open circuit iv 267 l12b .375 inch long bushing iv 267 c12b mil number m641/5-1, .210 inch inside diameter iv 480 13b tip shunt vii 267 14b double closed circuit xii 267 part numbers (.210 inch inside diameter bushing) s11 2 conductor i s250 s12a 2 conductor iii s250 s12b 3 conductor iv s267 s13b 3 conductor vii s267 1 refer to jack schematics on pages 65 and 66. other circuits are available; contact factory. specifications mechanical life: commercial jacks - 10,000 insertion/withdrawal
cycles, minimum. military jacks - 20,000 insertions/withdrawals, minimum. mechanical shock: military jacks - per mil-std 202, method 213, test condition h (75g). vibration: military jacks - per mil-std-202, method 213, (10-55 hz). insertion/withdrawal forces: (see charts below) commercial jacks plug diameter (inches) .210 .250 insertion (maximum) 7 lb. 7 lb. withdrawal (minimum) 1 lb. 1 lb. military jacks part number c11 c12a c12b insertion (maximum) 6 lb. 7 lb. 6 lb. withdrawal (minimum) 2 lb. 3 lb. 1.5 lb. withdrawal (maximum) 7 lb. 7 lb. 5 lb. electrical contact resistance: commercial jacks - .030 ohms maximum (initial), .050 ohms maximum (after humidity, durability exposure). per mil-std-202e. military jacks - .010 ohms maximum (initial), .020 ohms maximum (after life), .10 ohms maximum (after salt spray).
insulation resistance: commercial jacks - 10,000 m(omega) minimum (initial), 1,000 m(omega) minimum (after humidity). military jacks - 10,000 m(omega) minimum (initial), 1,000 m(omega) minimum (after humidity, durability exposure). dielectric withstanding voltage: 500 v, 60 hz (rms) ac. contact rating: 1 a, 25 v dc. environmental thermal range: commercial jacks; -55c to +85c (non- operating); -20c to +65c (operating). military jacks; -55c to +85c (non-operating); -40c to +65c (operating). thermal shock: commercial jacks - per mil-std 202, method 107. military jacks - per mil-std 202, method 107. humidity: commercial jacks - per mil-std 202, method 106. military jacks - 0% to 95% operating and non-operating. salt spray: commercial jacks - per mil-std 202, method 101. military jacks - per mil-std 202, method 101 (48 hours). moisture resistance: military jacks - per mil-std 202, method 106 (240 hours).
material mounting bushing: nickel-plated copper alloy. insulation: rigid plastic. springs: special copper alloy. integral contacts are standard in the isolated switching circuits; fine silver contacts in c12a switching circuit. sleeve terminal: copper alloy. hardware: supplied with one number p10001 copper alloy nickel-plated hex nut, and one number s1022 steel nickel-plated washer - except copper alloy nickel-plated washer number s10451 supplied on c11, c12a and c12b. * commercial jacks feature integral contacts. integral contacts should not be used where low contact resistance is a requirement. previous page | return to index | next page to search a category please click on the corresponding icon: | connectors | jacks and plugs | | patch panels, patch kits & jackfields | cable assemblies and patch cords | switches |
online catalog switchcraft, inc. 5555 n. elston ave. chicago, il 60630 ? 773 792-2700 ? fax: 773 792-2129 www.switchcraft.com dimensions are for reference only inch _____ (mm) 1/4" phone jacks littel jax ? jacks


▲Up To Search▲   

 
Price & Availability of FA11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X