Part Number Hot Search : 
SM1126 AS56VDC5 EMC1413 04102 IRLR210A BLF647PS PESD15V 2SB932
Product Description
Full Text Search
 

To Download E1040-4R7M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fdve1040 inductance range: 1.5 ? 10 h tolerance ? 0.3 (unit: mm) (unit: mm) features ? ? ? ? 11.2 10.0mm square and 4.0mm max. height. ? magnetically shielded, low dc resistance. ? suitable for large current ? the use of magnetic iron powder ensure capability for large current. ? low audible core noise. ? ideal for dc-dc converter applications in hand held personal computer and etc. ? rohs compliant. ? 11.2 10.0mm z?^ 4.0mm max. ? ?z ? v ? ? g ?v 0 ? 
qpt .%
q?;mh g ?v 0 ? ??ev?? ? ??1?srw dc-dc ???;????? srt7 & ? rohs |? 0 toko standard part numbers ? f? a j ?a type fdve1040 (quantity/reel; 500 pcs) f? ? j ?????? (1) ?0) v ? (2) v o t?0 ?v (3) 9 s ?0 ?v (4) toko part number inductance (1) ( h) tolerance (%) dc resistance (2) (m ) max. (typ.) inductance decrease current (3) (a) max. (typ.) =20% temperature rise current (4) t=40 c (a) max. (typ.) fdve1040-1r5m fdve1040-2r2m fdve1040-2r7m fdve1040-3r3m fdvE1040-4R7M 1.5 2.2 2.7 3.3 4.7 20 20 20 20 20 4.6 (4.10) 6.8 (6.10) 8.8 (8.00) 10.1 (9.20) 13.8 (12.5) 13.7 (17.1) 11.4 (14.2) 10.9 (13.6) 9.8 (12.3) 8.2 (10.2) 14.6 (18.2) 11.6 (14.5) 10.5 (13.1) 9.0 (11.3) 8.0 (10.0) fdve1040-5r6m fdve1040-6r8m fdve1040-100m 5.6 6.8 10.0 20 20 20 18.0 (16.3) 20.2 (18.4) 34.1 (31.0) 7.9 (9.90) 7.1 (8.90) 6.1 (7.70) 7.3 (9.20) 7.1 (8.80) 5.2 (6.50) (1) inductance is measured with a lcr meter 4284a (agilent technologies) or equivalent. test frequency at 100khz (2) dc resistance is measured with 34420a (agilent technologies) or 3541(hioki). (reference ambient temperature 25c) (3) inductance decrease current based upon 20% inductance reduction from the initial value (4) temperature rise current based upon 40c temperature rise. (reference ambient temperature 25c) (5) absolute maximum voltage 30vdc. notice: please be sure that you carefully discuss your planned purchase with our sales division if you intend to use the product for business use etc. is severe. (1) ??????x lcr y?? 4284a  agilent technologies ? ?hx ? s ?t?? b?{  * t
:x 100khz { (2) v ?x + 34420a  agilent technologies ?hx 3541(hioki) q ? s ?t?? b?{ *?9 s 25 ? (3) v o t?0 ?v v o t ?v?v`h??????w ? u s8 ??? 20% n ?b? v ?v ? (4) 9 s ?0 ?v??w9 su 40 ? b? ?  *?9 s 25 ??, jqb?{ (5)
? 07 g ?y? 30vdc ] ???;srzk`m?; epw]?;?]u |w ?x ?c?
2tt?
?p]
?xi^m{ l l recommended patterns
* ????
$ fixed inductors for surface mounting ??
;{ ?????


▲Up To Search▲   

 
Price & Availability of E1040-4R7M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X