Part Number Hot Search : 
AIDL40 BU608 RF310 RL205 SAA7327 Z5248 SJ5018 2N6360
Product Description
Full Text Search
 

To Download DZT751 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  DZT751 low v ce(sat) pnp surface mount transistor features ? epitaxial planar die construction ? complementary npn type available (dzt651) ? ideally suited for automated assembly processes ? ideal for medium pow er switching or amplification applications ? lead free by design/rohs compliant (note 1) ? ?green? dev ice (note 2) mechanical data ? case: sot-223 ? case material: molded plastic, ?green? molding compound. ul f lammability classification rating 94v-0 ? moisture sensitivity : level 1 per j-std-020c ? terminals: finish ? matte tin annealed over copper leadframe (lead free plating). solderable per mil-std-202, method 208 ? marking & ty pe code information: see page 4 ? ordering information: see page 4 ? weight: 0.115 grams sot-223 new product 2,4 3 1 collector emitte r base 4 3 2 1 c c b e top view schematic and pin configuration maximum ratings @t a = 25c unless otherwise specified characteristic symbol value unit collector-base voltage v cbo -80 v collector-emitter voltage v ceo -60 v emitter-base voltage v ebo -5 v continuous collector current i c -3 a peak pulse collector current i cm -6 a thermal characteristics characteristic symbol value unit power dissipation @ t a = 25c p d 1 (note 3) 2 (note 4) w thermal resistance, junction to ambient air (note 3) @t a = 25c r ja 125 c/w operating and storage temperature range -55 to +150 c t j , t stg notes: 1. no purposefully added lead. 2. diodes inc.'s "green" policy c an be found on our website at http:// www.di odes.com/products/lead_f ree/index.php. 3. device mounted on fr-4 pcb, pad lay out as shown on last page or in diodes inc. suggested pad lay out document ap02001, which can be f ound on our website at http://www.di odes.com/dat asheets/ap02001.pdf , or on page 4 of this data sheet. 4. dev ice mounted on polyimide pcb with 1.8cm 2 copper area. ds31115 rev. 3 - 2 1 of 4 www. diodes.com DZT751 ? diodes incorporated
electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min typ max unit test condition off characteristics (note 5) collector-base breakdown voltage v (br)cbo -80 ? ? v i c = -100 a, i e = 0 collector-emitter breakdown voltage v (br)ceo -60 ? ? v i c = -10ma, i b = 0 emitter-base breakdown voltage v (br)ebo -5 ? ? v i e = -100 a, i c = 0 collector cutoff current i cbo new product ? ? -0.1 -10 a a v cb = -60v, i e = 0 v cb = -60v, i e = 0, t a = 100c emitter cutoff current i ebo -0.1 ? ? a v eb = -4v, i c = 0 on characteristics (note 5) collector-emitter saturation voltage v ce(sat) ? ? -0.08 -0.2 -0.3 -0.6 v v i c = -1a, i b = -100ma i c = -3a, i b = -300ma base-emitter saturation voltage v be(sat) ? -0.9 -1.25 v i c = -1a, i b = -100ma base-emitter turn-on voltage v be(on) ? -0.8 -1 v v ce = -2v, i c = -1a dc current gain h fe ? 300 ? ? 70 100 80 40 200 180 160 140 ? v ce = -2v, i c = -50ma v ce = -2v, i c = -500ma v ce = -2v, i c = -1a v ce = -2v, i c = -2a ac characteristics transition frequency f t 100 145 ? mhz v ce = -5v, i c = -100ma, f = 100mhz output capacitance c obo ? ? 30 pf v cb = -10v, f = 1mhz switching times t on t off ? ? v cc = -10v, i c = -500ma, 45 200 ns ns ? ? i b1 = i b2 = -50ma notes: 5. pulse test: pulse width 300 s. duty cycle 2.0%. 0 0 0.2 0.4 0.6 0.8 1.0 25 50 75 100 125 150 p , p o we r dissi p a t i o n (w) d t , ambient temperature ( c) a fig. 1 power dissipation vs. ambient temperature (note 3) -v , collector-emitter voltage (v) fig. 2 typical collector current vs. collector-emitter voltage ce 01 2 3 4 5 ds31115 rev. 3 - 2 2 of 4 www. diodes.com DZT751 ? diodes incorporated
-i collector current (a) fig. 4 typical collector-emitter saturation voltage vs. collector current c , 0 0.05 0.1 0.15 0.2 0.25 0.3 -i , collector current (a) fig. 3 typical dc current gain vs. collector current c 0 50 100 150 200 250 300 350 400 new product 1 -i collector current (a) fig. 5 typical base-emitter turn-on voltage vs. collector current c , -i collector current (a) fig. 6 typical base-emitter saturation voltage vs. collector current c , v reverse voltage (v) fig. 7 typical capacitance characteristics r , 0 50 100 150 200 250 300 350 400 -i , collector current (ma) c f , current gain-bandwidth product (mhz) t fig. 8 typical gain-bandwidth product vs. collector current 0 50 100 150 200 010 2030405060708090100 v = -10v f = 100mhz ce ds31115 rev. 3 - 2 3 of 4 www. diodes.com DZT751 ? diodes incorporated
ordering information (note 6) device packaging shipping sot-223 2500/tape & reel DZT751-13 notes: 6. for packaging details, please go to our website at http://www.di odes.com/ap02007.pdf. new product marking information ds31115 rev. 3 - 2 4 of 4 www. diodes.com DZT751 ? diodes incorporated package outline dimensions kp2 y w w (top view) kp2 = product type marking code yww = date code marking y = last digit of year ex: 7 = 2007 ww = week code 01 - 52 sot-223 dim min max typ a 1.55 1.65 1.60 a1 0.010 0.15 0.05 b1 2.90 3.10 3.00 b2 0.60 0.80 0.70 c 0.20 0.30 0.25 d 6.45 6.55 6.50 e 3.45 3.55 3.50 e1 6.90 7.10 7.00 e ? ? 4.60 e1 ? ? 2.30 l 0.85 1.05 0.95 q 0.84 0.94 0.89 all dimensions in mm suggested pad layout (unit: mm) important notice diodes incorporated and its subsidiaries rese rve the right to make modifications, enhancements, improvements, corrections or ot her changes without further notice to any product herein. diodes incorporat ed does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the ri ghts of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes inco rporated and all the companies whose products are represented on our website, harmless against all damages. life support diodes incorporated products are not authoriz ed for use as critical components in life support devices or systems without the e xpressed written approval of the president of diodes incorporated.


▲Up To Search▲   

 
Price & Availability of DZT751

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X