Part Number Hot Search : 
S10DC12 TAR5S27U SSCP485 FTS2022 W25Q1 063XW10 HEF4086B 31M10
Product Description
Full Text Search
 

To Download DTA144EUA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistor (see equivalent circuit). the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. only the on/off conditions need to be set for operation, marking device design easy. green compound (halogen free) with suffix "g" on packing code and prefix "g" on date code. dta144 em sot-723 8k / 7" reel rm 16 maximum ratings and el ectrical characteristics rating at 25c ambient temperature unless otherwise specified. maximum ratings em ee esa p d 100 150 300 mw v cc v v in v i o ma t j , t stg c notes : 1. valid provided that electrodes are kept at ambient temperature electrical characteristics symbol min typ max unit v i(off) -0.5 v i(on) -3 v o(on) -0.3 v i i -0.18 ma i o off) -0.5 a g i 68 r 1 32.9 47 61.1 k ? r 2 /r 1 0.8 1 1.2 f t 250 mhz symbol ordering information (example) rmg part no. note : detail please see "ordering information(detail, example)" below. package packing resistance ratio 200 input voltage -40 ~ +10 unit eua / eca -50 power dissipation supply voltage parameter small signal product output current -100 marking input resistance features packing code packing code (green) dta144 em/ee/eua/eca/es a pnp small signal transistor equivalent circuit version : b13 value m0 manufacture code output voltage input current output current dc current gain -55 to + 150 junction and storage temperature range paramete r input voltage transition frequency v condtion v cc = -5v, i o = -100 a v o = -0.3v, i o = -2ma i o / i i = -10ma / -0.5ma v i = -5v v cc = -50v, v i =0 v o = -5v, i o = -10ma v o = -10v, i o = -5ma, f=100mhz
sot-723 rm 16 sot-523 rn 16 sot-323 rv 16 sot-23 ru 16 to-92s a3 sot-723 rm 16 sot-523 rn 16 sot-323 rv 16 sot-23 ru 16 to-92s a3 min max min max a 3.85 4.15 0.15 0.16 b 3.01 3.31 0.12 0.13 c 15.10 15.50 0.59 0.61 d 0.38 0.55 0.01 0.02 e 1.42 1.62 0.06 0.06 d 0.66 0.86 0.03 0.03 e 0.36 0.51 0.01 0.02 dta144 eca 3k / 7" reel 3k /7" reel dta144 eua dta144 ee small signal product ordering information part no. package packing rng rvg rug 3k / 7" reel to-92s note : manufacture special control, if empty means no special control requirement. dimensions dta144 esa 3k / box(ammo) a3g m0 version : b13 unit(mm) unit(inch) m0 dim. m0 m0 marking dta144 em 8k / 7" reel rmg m0 packing code manufacture code (note) rug dta144 esa dta144 eua 3k / 7" reel rvg packing code (green) 3k / box(ammo) a3g rmg dta144 ee 3k /7" reel rng dta144 em 8k / 7" reel dta144 eca 3k / 7" reel
min max min max min max min max a 2.80 3.00 0.11 0.12 a 1.90 2.10 0.07 0.08 b 1.20 1.40 0.05 0.06 b 1.15 1.35 0.05 0.05 c 0.30 0.50 0.01 0.02 c 0.25 0.35 0.01 0.01 d 1.80 2.00 0.07 0.08 d 1.20 1.40 0.05 0.06 e 2.25 2.55 0.09 0.10 e 2.00 2.20 0.08 0.09 f 0.90 1.20 0.04 0.04 f 0.80 1.00 0.03 0.04 g min max min max min max min max a 1.50 1.70 0.06 0.07 a 1.15 1.25 0.05 0.05 b 0.70 0.80 0.03 0.03 b 0.75 0.85 0.03 0.03 c 0.25 0.35 0.01 0.01 c 0.17 0.27 0.01 0.01 d 0.90 1.10 0.04 0.04 d e 1.50 1.70 0.06 0.07 e 1.15 1.25 0.05 0.05 f 0.70 0.90 0.03 0.04 f 0.50 0.02 version : b13 dim. unit(mm) unit(inch) sot-323 dim. unit(mm) unit(inch) 0.8 typ 0.31 typ sot-723 dim. unit(mm) unit(inch) small signal product sot-23 sot-523 dim. unit(inch) 0.550 ref 0.022 ref unit(mm)


▲Up To Search▲   

 
Price & Availability of DTA144EUA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X