Part Number Hot Search : 
1N5258B 2SC39 C102Z BSP21TH TF10N60 LS244 74HC86D 2SA16
Product Description
Full Text Search
 

To Download D72A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  single-in-line conformal coated diode array d series www.bitechnologies.com www.irctt.com www.welwyn-tt.com general note tt electronics reserves the right to make changes in product specifcation without notice or liability. all information is subject to tt electronics own data and is considered accurate at time of going to print. ? tt electronics plc 08.13 4 to 14 leads standard and custom circuits space saving design specifcation reverse voltage, v r 80v reverse current, i r 1.0a (v r = 70v) forward current, i f 100ma average, 300ma surge (1s max.) forward voltage, v f 1.2v @ i f = 100ma package power, p pkg 200mw @ 25 o c reverse recovery time, t rr 4ns (v r = 6v, i f = 5ma, r l = 50) capacitance, c 5.5pf (v r = 6v, f = 1mhz) storage temperature range - 55c to 125c operating temperature range - 25c to 80c
single-in-line conformal coated diode array d series www.bitechnologies.com www.irctt.com www.welwyn-tt.com general note tt electronics reserves the right to make changes in product specifcation without notice or liability. all information is subject to tt electronics own data and is considered accurate at time of going to print. ? tt electronics plc 08.13 specifcation circuit type polarity a polarity c 1 n = 4 to 14 2 n = 3 to 13 (odd #) 3 n = 4 to 14 (even #) 5 n = 4 to 14
single-in-line conformal coated diode array d series www.bitechnologies.com www.irctt.com www.welwyn-tt.com general note tt electronics reserves the right to make changes in product specifcation without notice or liability. all information is subject to tt electronics own data and is considered accurate at time of going to print. ? tt electronics plc 08.13 outline dimensions (inch/mm) typical part marking
single-in-line conformal coated diode array d series www.bitechnologies.com www.irctt.com www.welwyn-tt.com general note tt electronics reserves the right to make changes in product specifcation without notice or liability. all information is subject to tt electronics own data and is considered accurate at time of going to print. ? tt electronics plc 08.13 ordering information material part material substrate alumina ceramic diode small mold package silicon expitaxial planar diode array termination 100% ag lead pins 100% sn plated steel junction and lead pin fnish 96%sn, 3.5%ag, 0.5%cu conformal coat expoxy resin, ul-94 v-0 rated packaging d 8 - 3 c model number of pins: 4 to 14 circuit type: 1 = bussed with pin 1 in common. 2 = bussed with centered common. 3 = isolated. 5 = dual termination. polartity (see schematic) a = common anode ( circuit 1, circuit 2) annode is at pin number 1 (circuit 3, circuit 5) c = common cathode (circuit 1, circuit 2) cathode is at pin number 1 (circuit 3, circuit 5) all sizes of d series product are packed in boxes of 200 pieces.


▲Up To Search▲   

 
Price & Availability of D72A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X