Part Number Hot Search : 
LM3860 P800KTL TB2119FN ST13005 C32R4MN TC8129 MA101 HD74LV
Product Description
Full Text Search
 

To Download BAP1321-04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet BAP1321-04 b ook, halfpage m3d088 product specification 1 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
features high voltage, current controlled rf resistor for rf attenuators and switches low diode capacitance low diode forward resistance very low series inductance for applications up to 3 ghz. applications rf attenuators and switches. description two planar pin diodes in series configuration in a sot23 small smd plastic package. pinning pin description 1 anode 2 cathode 3 common connection k , 4 columns 21 3 top view mam107 21 3 marking code: 6fp. fig.1 simplified outline (sot23) and symbol. limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min. max. unit per diode v r continuous reverse voltage - 60 v i f continuous forward current - 100 ma p tot total power dissipation t s 90 c - 250 mw t stg storage temperature - 65 +150 c t j junction temperature - 65 +150 c product specification BAP1321-04 2 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
electrical characteristics t j = 25 c unless otherwise speci?ed. note 1. guaranteed on aql basis: inspection level s4, aql 1.0. thermal characteristics symbol parameter conditions typ. max. unit per diode v f forward voltage i f = 50 ma 0.95 1.1 v i r reverse leakage current v r =60v - 100 na c d diode capacitance v r = 0; f = 1 mhz 0.42 - pf v r = 1 v; f = 1 mhz 0.375 0.45 pf v r = 20 v; f = 1 mhz 0.275 0.325 pf r d diode forward resistance f = 100 mhz; note 1 i f = 0.5 ma 3.4 5.0 w i f = 1 ma 2.4 3.6 w i f = 10 ma 1.2 1.8 w i f = 100 ma 0.85 1.3 w | s 21 | 2 isolation v r = 0; f = 900 mhz 15.7 - db v r = 0; f = 1800 mhz 10.5 - db v r = 0; f = 2450 mhz 7.9 - db | s 21 | 2 insertion loss i f = 0.5 ma; f = 900 mhz 0.27 - db i f = 0.5 ma; f = 1800 mhz 0.35 - db i f = 0.5 ma; f = 2450 mhz 0.43 - db | s 21 | 2 insertion loss i f = 1 ma; f = 900 mhz 0.21 - db i f = 1 ma; f = 1800 mhz 0.29 - db i f = 1 ma; f = 2450 mhz 0.37 - db | s 21 | 2 insertion loss i f = 10 ma; f = 900 mhz 0.14 - db i f = 10 ma; f = 1800 mhz 0.21 - db i f = 10 ma; f = 2450 mhz 0.29 - db | s 21 | 2 insertion loss i f = 100 ma; f = 900 mhz 0.10 - db i f = 100 ma; f = 1800 mhz 0.18 - db i f = 100 ma; f = 2450 mhz 0.26 - db t l charge carrier life time when switched from i f = 10 ma to i r = 6 ma; r l = 100 w ; measured at i r =3ma 0.5 -m s l s series inductance i f = 100 ma; f = 100 mhz 1.4 - nh symbol parameter value unit r th j-s thermal resistance from junction to soldering point 220 k/w product specification BAP1321-04 3 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of BAP1321-04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X