Part Number Hot Search : 
D452A 9010D AD8039 RN1414 1616A BRF1060 M38256 12N23
Product Description
Full Text Search
 

To Download AUIRL2203N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AUIRL2203N hexfet ? power mosfet  www.irf.com 1 s d g automotive grade gds gate drain source to-220ab AUIRL2203N d s d g features  advanced planar technology  low on-resistance  dynamic dv/dt rating  175c operating temperature  fast switching  fully avalanche rated  repetitive avalanche allowed up to tjmax  lead-free, rohs compliant  automotive qualified * specifically designed for automotive applications, this stripe planar design of hexfet? power mosfets utilizes the latest processing techniques to achieve low on-resistance per silicon area. this benefit combined with the fast switching speed and ruggedized device design that hexfet power mosfets are well known for, pro- vides the designer with an extremely efficient and reliable device for use in automotive and a wide variety of other applications. description absolute maximum ratings stresses beyond those listed under ?absolute maximum ratings? may cause permanent damage to the device. these are stress ratings only; and functional operation of the device at these or any other condition beyond those indicated in the specifications is not implied.exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. the thermal resistance and power dissipation ratings are measured under board mounted and still air conditions. ambient temperature (t a ) is 25c, unless otherwise specified. hexfet ? is a registered trademark of international rectifier. * qualification standards can be found at http://www.irf.com/ v (br)dss 30v r ds(on) max. 7m i d (silicon limited) 116a i d (package limited) 75a parameter units i d @ t c = 25c continuous drain current, v gs @ 10v (silicon limited) i d @ t c = 100c continuous drain current, v gs @ 10v (silicon limited) a i d @ t c = 25c continuous drain current, v gs @ 10v (package limited) i dm pulsed drain current p d @t c = 25c power dissipation linear derating factor w/c v gs gate-to-source voltage v e as single pulse avalanche energy  mj i ar avalanche current  a e ar repetitive avalanche energy mj dv/dt peak diode recovery dv/dt  v/ns t j operating junction and t stg storage temperature range c soldering temperature, for 10 seconds mounting torque, 6-32 or m3 screw thermal resistance parameter typ. max. units r 0. , , 0.0 1 .0 0 1 10  in (1.1n  m) -55 to + 175 300 (1.6mm from case ) c/w w 290 180 max. 116  82  400 75 1.2 pd - 96416

2 www.irf.com s d g  repetitive rating; pulse width limited by max. junction temperature. ( see fig. 11 )  starting t j = 25c, l = 0.16mh, r g = 25 , i as = 60a, v gs =10v (see figure 12)  i sd  60a  di/d   110a/ s, v dd   v (br)dss , t j 175c  pulse width 400 s; duty cycle 2%.  this is a calculated value limited to t j = 175c .  calculated continuous current based on maximum allowable junction temperature. package limitation current is 75a.  s d g static electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units v (br)dss drain-to-source breakdown voltage 30 ??? ??? v . 0.0 .0 10 1.0 a ??? ??? 250 i gss gate-to-source forward leakage ??? ??? 100 na gate-to-source reverse leakage ??? ??? -100 dynamic electrical characteristics @ t j = 25c (unless otherwise specified) q g total gate charge ??? ??? 60 q gs gate-to-source charge ??? ??? 14 nc q gd gate-to-drain ("miller") charge ??? ??? 33 t d(on) turn-on delay time ??? 11 ??? t r rise time ??? 160 ??? t d(off) turn-off delay time ??? 23 ??? ns t f fall time ??? 66 ??? l d internal drain inductance between lead, nh 6mm (0.25in.) l s internal source inductance between lead, and center of die contact c iss input capacitance ??? 3290 ??? c oss output capacitance ??? 1270 ??? c rss reverse transfer capacitance ??? 170 ??? ? = 1.0mhz, see fig.5 diode characteristics parameter min. typ. max. units i s continuous source current (body diode) a i sm pulsed source current (body diode)  v sd diode forward voltage ??? ??? 1.2 v t rr reverse recovery time ??? 56 84 ns q rr reverse recovery charge ??? 110 170 nc t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by ls+ld) pf ??? mosfet symbol showing the ??? ??? ??? 116  400 ??? ??? ??? ??? 4.5 7.5 v gs = 4.5v, see fig.6 and 13  v dd = 15v i d = 60a r g = 1.8 t j = 25c, i s = 60a, v gs = 0v  t j = 25c, i f = 60a di/dt = 100a/ s  conditions v gs = 0v, i d = 250 a reference to 25c, i d = 1ma v gs = 10v, i d = 60a  v ds = v gs , i d = 250 a v ds = 30v, v gs = 0v v ds = 24v, v gs = 0v, t j = 125c integral reverse p-n junction diode. v ds = 25v, i d = 60a  i d = 60a v ds = 24v conditions v gs = 4.5v, , see fig.10  v gs = 0v v ds = 25v v gs = 16v v gs = -16v m v gs = 4.5v, i d = 48a 

www.irf.com 3 ? qualification standards can be found at international rectifier?s web site: http//www.irf.com/ ?? exceptions (if any) to aec-q101 requirements are noted in the qualification report. ??? highest passing voltage qualification information ? moisture sensitivity level 3l-to-220 n/a rohs compliant yes esd machine model class m3(+/- 400v ) ??? (per aec-q101-002) human body model class h1c(+/- 2000v ) ??? (per aec-q101-001) charged device model class c5(+/- 2000v ) ??? (per aec-q101-005) qualification level automotive (per aec-q101) ?? comments: this part number(s) passed automotive qualification. ir?s industrial and consumer qualification level is granted by extension of the higher automotive level.

4 www.irf.com fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics 1 10 100 1000 0.1 1 10 100 20 s pulse width t = 25 c j top bottom vgs 15v 10v 4.5v 3.7v 3.5v 3.3v 3.0v 2.7v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 2.7v 1 10 100 1000 0.1 1 10 100 20 s pulse width t = 175 c j top bottom vgs 15v 10v 4.5v 3.7v 3.5v 3.3v 3.0v 2.7v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 2.7v 10 100 1000 2.0 3.0 4.0 5.0 6.0 7.0 v = 15v 20 s pulse width ds v , gate-to-source voltage (v) i , drain-to-source current (a) gs d t = 25 c j t = 175 c j -60 -40 -20 0 20 40 60 80 100 120 140 160 180 0.0 0.5 1.0 1.5 2.0 2.5 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 100a

www.irf.com 5 fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 0 20 40 60 80 0 3 6 9 12 15 q , total gate charge (nc) v , gate-to-source voltage (v) g gs for test circuit see figure i = d 13 60a v = 15v ds v = 24v ds 0.1 1 10 100 1000 0.0 0.4 0.8 1.2 1.6 2.0 2.4 v ,source-to-drain voltage (v) i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 175 c j 1 10 100 0 1000 2000 3000 4000 5000 6000 v , drain-to-source voltage (v) c, capacitance (pf) ds v c c c = = = = 0v, c c c f = 1mhz + c + c c shorted gs iss gs gd , ds rss gd oss ds gd c iss c oss c rss 1 10 100 v ds , drain-tosource voltage (v) 1 10 100 1000 10000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) tc = 25c tj = 175c single pulse 1msec 10msec operation in this area limited by r ds (on) 100 sec

6 www.irf.com fig 11. maximum effective transient thermal impedance, junction-to-case fig 9. maximum drain current vs. case temperature 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) v ds 90% 10% v gs t d(on) t r t d(off) t f  
    

     25 50 75 100 125 150 175 0 20 40 60 80 100 120 t , case temperature ( c) i , drain current (a) c d limited by package    
 1     0.1 %      


  + -  

www.irf.com 7 d.u.t. v ds i d i g 3ma v gs .3 f 50k .2 f 12v current regulator same type as d.u.t. current sampling resistors + - 
  
      
  
                   t p v (br)dss i as       ! 
" #$%   25 50 75 100 125 150 175 0 100 200 300 400 500 600 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom 24a 42a 60a r g i as 0.01 t p d.u.t l v ds + - v dd driver a 15v 20v v gs q g q gs q gd v g charge # 

8 www.irf.com   for n-channel  hexfet ? power mosfets 
  

  p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - -        ?     ?       ?


     
&    ?  !"   ? # $  ? ! %&    '(  & $'

'$)    '( &&&   *+
,' &  -   

www.irf.com 9 
  
         
       
         
         )* +  ,-
 -  %  ./.  /0 0 /   1- 2

10 www.irf.com ordering information base part package type standard pack complete part number form quantity AUIRL2203N to-220 tube 50 AUIRL2203N

www.irf.com 11 important notice unless specifically designated for the automotive market, international rectifier corporation and its subsidiaries (ir) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or services without notice. part numbers designated with the ?au? prefix follow automotive industry and / or customer specific requirements with regards to product discontinuance and process change notification. all products are sold subject to ir?s terms and conditions of sale supplied at the time of order acknowledgment. ir warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with ir?s standard warranty. testing and other quality control techniques are used to the extent ir deems necessary to support this warranty. except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. ir assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using ir components. to minimize the risks with customer products and applications, customers should provide adequate design and operating safeguards. reproduction of ir information in ir data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. reproduction of this information with alterations is an unfair and deceptive business practice. ir is not responsible or liable for such altered documentation. information of third parties may be subject to additional restrictions. resale of ir products or serviced with statements different from or beyond the parameters stated by ir for that product or service voids all express and any implied warranties for the associated ir product or service and is an unfair and deceptive business practice. ir is not responsible or liable for any such statements. ir products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or in any other application in which the failure of the ir product could create a situation where personal injury or death may occur. should buyer purchase or use ir products for any such unintended or unauthorized application, buyer shall indemnify and hold international rectifier and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that ir was negligent regarding the design or manufacture of the product. only products certified as military grade by the defense logistics agency (dla) of the us department of defense, are designed and manufactured to meet dla military specifications required by certain military, aerospace or other applications. buyers acknowledge and agree that any use of ir products not certified by dla as military-grade, in applications requiring military grade products, is solely at the buyer?s own risk and that they are solely responsible for compliance with all legal and regulatory requirements in connection with such use. ir products are neither designed nor intended for use in automotive applications or environments unless the specific ir products are designated by ir as compliant with iso/ts 16949 requirements and bear a part number including the designation ?au?. buyers acknowledge and agree that, if they use any non-designated products in automotive applications, ir will not be responsible for any failure to meet such requirements. for technical support, please contact ir?s technical assistance center http://www.irf.com/technical-info/ world headquarters: 101 n. sepulveda blvd., el segundo, california 90245 tel: (310) 252-7105


▲Up To Search▲   

 
Price & Availability of AUIRL2203N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X