Part Number Hot Search : 
DDTA143 1N5060 2N6217 F2003 45TTR DS2406PR BAV19 RU7570L
Product Description
Full Text Search
 

To Download AFB0912HHD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  92 x 92 x 20 mm series afb dimensions drawing p & q curve (at ra ted volt age) mounting panel cut out bearing type ball bearing material impeller & frame : plastic (ul 94v-0) lead wires : ul 1061 a wg #24 or equivalent red wire positive (+)black wire negative (-) weight : 92g (3.24 oz) s * * * * * function type is optional. * the max. air flow and the speed are measured in free air ; max. air pressure is measured at zero air flow.* noise is measured in anechoic chamber in free air, one meter from intake side. * all readings are typical values at rated voltage. * specifications are subject to change without notice. operating voltage range model rated voltage maximum air flow rated input power rated current spee d maximum air pressure no ise unit: (inch) mm (m /mi n) 3 0.4 0.8 1.6 1.2 2.4 air fl ow 0 16 .0 (cf m) 3.0 0 1.0 2.0 4.0 5.0 6.0 0.0 0.2 4 ( i n h o ) 2 2 ( m m h o ) 0.2 0 0.1 6 0.0 6 0.0 4 0.0 2 0 a i r p r e s s u r e af b0 91 2/2 4x d m m (in ch ) un it : outlet side inlet side http://www.deltaww.com new 2.0 32 .0 48 .0 64 .0 80 .0 part n o. 3 function vdc vd c a mp wa tt r.p .m. m /min cfm mmh o in h o db-a 22 afb0912ld -r00 / -f00 12 7.0 to 13.8 0.08 0.96 2100 1.161 41.00 2.13 0.084 28.5 afb0924ld -r00 / -f00 24 14.0 to 27.6 0.06 1.44 afb0912md -r00 / -f00 12 7.0 to 13.8 0.10 1.20 2400 1.335 47.14 2.74 0.108 32.0 afb0924md -r00 / -f00 24 14.0 to 27.6 0.08 1.92 afb0912hd -r00 / -f00 12 7.0 to 13.8 0.16 1.92 2700 1.546 54.60 3.51 0.138 35.0 afb0924hd -r00 / -f00 24 14.0 to 27.6 0.10 2.40 AFB0912HHD -r00 / -f00 12 7.0 to 13.8 0.24 2.88 3000 1.686 59.54 4.22 0.166 38.0 afb0924hhd -r00 / -f00 24 14.0 to 27.6 0.13 3.12 afb0912vhd -r00 / -f00 12 7.0 to 13.8 0.28 3.36 3300 1.872 66.11 5.03 0.198 40.5 afb0924vhd -r00 / -f00 24 14.0 to 27.6 0.16 3.84


▲Up To Search▲   

 
Price & Availability of AFB0912HHD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X