Part Number Hot Search : 
SDT3763 B9034 SI9136 TPD4142K STC708M BTPA94A3 100AT UERP10D
Product Description
Full Text Search
 

To Download AFB0912H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  outlet side inlet side mm (inch) unit: unit : (inch) mm label 82.5 0.3 82.5 0.3 92.0 0.5 92.0 0.5 (3.622 0.020) (3.248 0.012) (3.248 0.012) (3.622 0.020) 25.4 0.5 4.0 0.3 (1.000 0.020) (0.157 0.012) 4.0 0.3 (0.157 0.012) 10.0 305.0 10.0 (0.394) (12.008 0.394) 8- 4.5 0.3 (8- 0.177 0.012) 88.0 82.5 (3.465) (3.248) (3.248) (3.465) 88.0 82.5 103.4 ( 4.071) 82.5 (3.465) (3.248) 88.0 (3.248) (3.465) 88.0 82.5 95.4 ( 3.756) 4- 4.5 (4- 0.177) (4- 0.177) 4- 4.5 vh hh h m l (m /min) 3 air flow 0 20.0 40.0 60.0 80.0 (cfm) 0.36 (in h o) 2 2 (mm h o) 0.30 0.24 0.18 0.12 0.06 0 air pressure afb0912/24/48x 0 0.5 1.0 2.0 1.5 2.5 9.0 7.5 6.0 3.0 1.5 0 4.5 31 http://www.deltaww.com afb 92 x 92 x 25.4 mm series * bearing type ball bearings * material impeller & frame : plastic (ul 94v-0) * lead wires : ul 1007 awg #24 or equivalent red wire positive (+) black wire negative (-) * weight : 99g (3.49 oz) dimensions drawing p & q curve (at rated voltage) mounting panel cutout model rated voltage operating voltage range input current input power speed maximum air flow maximum air pressure noise part no. function vdc vdc amp watt r.p.m. m 3 /min cfm mmh 2 o in h 2 o db-a afb0912l -r00 / -f00 12 7.0 to 13.8 0.07 0.84 2100 1.050 37.08 2.53 0.100 25.0 afb0924l -r00 / -f00 24 14.0 to 27.6 0.06 1.44 afb0948l -r00 / -f00 48 28.0 to 56.0 0.05 2.40 afb0912m -r00 / -f00 12 7.0 to 13.8 0.11 1.32 2450 1.240 43.79 3.25 0.130 30.0 afb0924m -r00 / -f00 24 14.0 to 27.6 0.08 1.92 afb0948m -r00 / -f00 48 28.0 to 56.0 0.05 2.40 AFB0912H -r00 / -f00 12 7.0 to 13.8 0.16 1.92 2850 1.450 51.21 4.50 0.177 34.0 afb0924h -r00 / -f00 24 14.0 to 27.6 0.10 2.40 afb0948h -r00 / -f00 48 28.0 to 56.0 0.06 2.88 AFB0912Hh -r00 / -f00 12 7.0 to 13.8 0.25 3.00 3200 1.640 57.92 5.62 0.221 38.0 afb0924hh -r00 / -f00 24 14.0 to 27.6 0.13 3.12 afb0948hh -r00 / -f00 48 28.0 to 56.0 0.08 3.84 afb0912vh -r00 / -f00 12 7.0 to 13.8 0.40 4.80 3800 1.920 67.80 7.67 0.302 45.0 afb0924vh -r00 / -f00 24 14.0 to 27.6 0.22 5.28 * function type is optional. * the max. air fow and the speed are measured in free air ; max. air pressure is measured at zero air fow. * noise is measured in anechoic chamber in free air, one meter from intake side. * all readings are typical values at rated voltage. * specifcations are subject to change without notice.
32 http://www.deltaww.com afb 92 x 92 x 25.4 mm series outlet side inlet side mm (inch) unit: unit : (inch) mm (3.6226 0.020) 82.5 0.3 (3.248 0.012) 92.0 0.5 (3.622 0.020) 82.5 0.3 92.0 0.5 (3.248 0.012) 8- 4.5 0.3 (8- 0.177 0.012) label 310.0 10.0 (12.205 0.394) (0.394) 10.0 (2-0.157 0.012) (1.000 0.020) 2-4.0 0.3 25.4 0.5 vh h hh l m sh (m /min) (cfm) air pressure 1.2 air flow (in h o) 2 2 0.6 0 0 24.0 10.0 5.0 7.5 2.5 0.2 0.1 0 0 0.3 0.4 3 2.4 1.8 48.0 72.0 3.0 96.0 afb0912/24x-a 15.0 12.5 0.5 0.6 (mm h o) 104.0 ( 4.094) 82.5 88.4 (3.480) (3.248) 88.4 (3.248) 82.5 (3.480) (4- 0.177) 4- 4.5 104.4 ( 4.110) 82.5 88.4 (3.480) (3.248) 82.5 88.4 (3.480) (3.248) (4- 0.177) 4- 4.5 afb 92 x 92 x 25.4 mm series * bearing type ball bearings * material impeller & frame : plastic (ul 94v-0) * lead wires : ul 1007 awg #24 or equivalent red wire positive (+) black wire negative (-) * weight : 120g (4.23 oz) dimensions drawing p & q curve (at rated voltage) mounting panel cutout model rated voltage operating voltage range input current input power speed maximum air flow maximum air pressure noise part no. rev. function vdc vdc amp watt r.p.m. m 3 /min cfm mmh 2 o in h 2 o db-a afb0912l -a -r00/-f00 12 5.0 to 13.8 0.10 1.20 1800 1.055 37.25 2.05 0.080 25.0 afb0924l -a -r00/-f00 24 14.0 to 26.4 0.08 1.92 afb0912m -a -r00/-f00 12 5.0 to 13.8 0.12 1.44 2300 1.402 49.51 3.38 0.133 31.5 afb0924m -a -r00/-f00 24 14.0 to 26.4 0.10 2.40 AFB0912H -a -r00/-f00 12 5.0 to 13.8 0.21 2.52 2800 1.696 59.89 4.86 0.191 37.0 afb0924h -a -r00/-f00 24 14.0 to 26.4 0.12 2.88 AFB0912Hh -a -r00/-f00 12 5.0 to 13.8 0.32 3.84 3300 2.060 72.74 6.65 0.262 42.5 afb0924hh -a -r00/-f00 24 14.0 to 26.4 0.18 4.32 afb0912vh -a -r00/-f00 12 5.0 to 12.6 0.40 4.80 3800 2.307 81.47 8.76 0.345 46.0 afb0924vh -a -r00/-f00 24 14.0 to 26.4 0.25 6.00 afb0912sh -a -r00/-f00 12 5.0 to 12.6 0.75 9.00 4800 2.905 102.59 13.35 0.526 53.0 afb0924sh -a -r00/-f00 24 14.0 to 26.4 0.40 9.60 * function type is optional. * the max. air fow and the speed are measured in free air ; max. air pressure is measured at zero air fow. * noise is measured in anechoic chamber in free air, one meter from intake side. * all readings are typical values at rated voltage. * specifcations are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of AFB0912H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X