Part Number Hot Search : 
CSP10 56160 YB18T5 J170A KD7180 2SA1797 AD558J 87C54
Product Description
Full Text Search
 

To Download A73-FREQ2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the connor-winfield corp . 2111 comprehensive drive. aurora, il 60505.fax (630) 851-5040. phone (630) 851-4722. www.conwin.com product da t a sheet specifications subject to change without notice. data sheet #: rev: date: page of copyright 2001 connor-winfield all rights reserved. a cr yst al controlled oscilla tors the connor-winfield a73 is a hermetically sealed, 5.0v, crystal controlled oscillator (xo) cmos/ttl compatible. the a73 is designed for applications requiring a wide temperature range. 1 1 a73 - 50.00mhz acmos clockseries center frequency features de sc rip tio n ordering information 5.0v operation low jitter <1ps rmsfrequency tolerance 100ppm temperature range: -55 to 125c hermetically sealed dip p ackage rohs 5/6 compliant 8 p in dip a cmos clock oscilla tor a73 ac008 05 02/22/07 cw 0 711 a 73 50m hz pin connect ion 1 n/c 2 ground 3 output 4 vcc dimensional tolerance: .005 (.127mm) absolu te max imum r atings table 1.0 parameter units minimum nominal maxim um units note storage temperature - 65 - 135 c supply voltage (vcc) - 0.5 - 7 vdc operating specific ations table 2.0 parameter minimum nominal maxim um units note frequency range (fo) 10.0 - 157.0 mhz total frequency tolerance - 100 - 100 ppm 1 operating temperature range - 55 - 125 c supply voltage (vcc) 4.75 5.00 5.25 vdc supply current (icc) - - 70 ma jitter (bw=10hz to 20mhz) - - 5 ps rms jitter (bw=12khz to 20mhz) - - 1 ps rms ssb phase noise at 10hz offset - - 60 - dbc/hz ssb phase noise at 100hz offset - - 90 - dbc/hz ssb phase noise at 1khz offset - - 125 - dbc/hz ssb phase noise at 10khz offset - - 135 - dbc/ hz ssb phase noise at 100khz offset - - 140 - dbc/hz acmos output characteristics table 3.0 parameter minimum nominal maxim um units note load - - 50 pf voltage (high) (voh) 4.40 - - vdc (low ) ( vol) - - 0.44 vdc current (high) (ioh) - 24 - - ma (low ) (ioh) - - 24 ma duty cycle at 50% of vcc (10 to 50 mhz) 45 50 55 % duty cycle at 50% of vcc (>50 to 133 mhz) 40 50 60 % rise / fall time 10% to 90% - 1.5 3 ns note: 1) inclusive of calibration, frequency vs. t emperature stability, supply voltage c hange, load change, shock and vibration, 15 years ag ing. packag e characteristics table 4.0 package hermetically sealed, metal package. solder profile 1 0 0 c 1 5 0 c 2 2 5 c 2 5 c 1 8 3 c 3 6 0 s e c . m a x . 6 0 - 1 2 0 s m a x . 6 0 - 1 5 0 s m a x . t i m e t e m p e r a t u r e 2 2 5 c 0 t p r a m p - d o w n r a t e 6 c / s e c o n d m a x . 1 0 - 3 0 s r a m p - u p r a t e 3 c / s e c o n d m a x . f r o m 1 5 0 c t o 2 2 5 c .


▲Up To Search▲   

 
Price & Availability of A73-FREQ2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X