Part Number Hot Search : 
BGC420 M6244 MAX6496 AO4930 C845U TOTX170 D45242 10C3TR
Product Description
Full Text Search
 

To Download 91228-3002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 10/01/2013 please check www.molex.com for latest part information part number: 91228-3002 status: active overview: chipsim connectors and cardholders description: 2.54mm pitch chipsim connector with ejector, 6 circuits, with pegs, black button documents: 3d model test summary str-1244 (pdf) drawing (pdf) rohs certificate of compliance (pdf) packaging specification pk-91228-002 (pdf) agency certification ul e29179 general product family memory card sockets series 91228 component type receptacle (card) overview chipsim connectors and cardholders product name chipsim style push-push type n/a upc 822350935104 physical card detection switch yes circuits (loaded) 6 circuits (maximum) 6 color - resin black durability (mating cycles max) 5,000 ejector button yes ejector button side left entry angle vertical (top entry) flammability 94v-0 keying to mating part yes material - metal phosphor bronze, piano wire, stainless steel material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic net weight 1.736/g pcb locator yes pcb mounting side normal pcb retention none packaging type embossed tape on reel pitch - mating interface 2.54mm, 7.32mm pitch - termination interface 2.54mm, 7.32mm plating min - mating 0.102m plating min - termination 3.048m ports 1 surface mount compatible (smc) yes temperature range - operating -40c to +85c termination interface: style surface mount electrical current - maximum per contact 0.5a shielded no voltage - maximum 50v dc series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 91228 series use with card holder 91236
voltage key n/a solder process data duration at max. process temperature (seconds) 5 lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 2 process temperature max. c 240 material info reference - drawing numbers packaging specification pk-91228-002 sales drawing sd-91228-001, sda-91228-9001 test summary str-1244 this document was generated on 10/01/2013 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 91228-3002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X