Part Number Hot Search : 
24LC41A 08J1A H1959 NTE492 2A6HTB1 ML6101 102MP FIP8B11C
Product Description
Full Text Search
 

To Download 892N-1AC-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  song chuan 113 892 type list features  10mm slim miniature pcb power relay.  ul/cul ? csa/cus ? tuv ? vde approved.  high cti 250 material (vde and e version).  high sensitivity ? 200 mw & 400mw.   high surge voltage 8,000 v between contacts and coil  standard type  high power type designation (provided with) terminal style contact form ul insulation system approval flux tight sealed type sealed type washable ---------- 892-1ac-c 892-1ac-v 892-1ac-s 1a f 892-1ac-f-c 892-1ac-f-v 892-1ac-f-s (spno) ---------- 892-1ah-c 892-1ah-v 892-1ah-s f 892-1ah-f-c 892-1ah-f-v 892-1ah-f-s pcb terminal ---------- 892-1cc-c 892-1cc-v 892-1cc-s 1c f 892-1cc-f-c 892-1cc-f-v 892-1cc-f-s (spdt) ---------- 892-1ch-c 892-1ch-v 892-1ch-s f 892-1ch-f-c 892-1ch-f-v 892-1ch-f-s  high sensitivity type ---------- 892h-1ac-c 892h-1ac-v 892h-1ac-s 1a f 892h-1ac-f-c 892h-1ac-f-v 892h-1ac-f-s (spno) ---------- 892h-1ah-c 892h-1ah-v 892h-1ah-s f 892h-1ah-f-c 892h-1ah-f-v 892h-1ah-f-s pcb terminal ---------- 892h-1cc-c 892h-1cc-v 892h-1cc-s 1c f 892h-1cc-f-c 892h-1cc-f-v 892h-1cc-f-s (spdt) ---------- 892h-1ch-c 892h-1ch-v 892h-1ch-s f 892h-1ch-f-c 892h-1ch-f-v 892h-1ch-f-s ---------- 892N-1AC-C 892n-1ac-v 892n-1ac-s 1a f 892n-1ac-f-c 892n-1ac-f-v 892n-1ac-f-s (spno) ---------- 892n-1ah-c 892n-1ah-v 892n-1ah-s f 892n-1ah-f-c 892n-1ah-f-v 892n-1ah-f-s pcb terminal ---------- 892n-1cc-c 892n-1cc-v 892n-1cc-s 1c f 892n-1cc-f-c 892n-1cc-f-v 892n-1cc-f-s (spdt) ---------- 892n-1ch-c 892n-1ch-v 892n-1ch-s f 892n-1ch-f-c 892n-1ch-f-v 892n-1ch-f-s comply with rohs-directive 201 1/65/eu. (1.250s).
song chuan 114 892 contact rating ordering information coil rating (dc) 1. 892 -- basic series designation 1bh -- single pole normally closed ? contact material agsno 2. blank -- standard type 1ch -- single pole double throw ? contact h -- high power type material agsno 3. blank -- standard type 5. blank -- standard type n -- high sensitivity type f -- class f 4. 1ac -- single pole normally open ? contact 6. c -- flux tight material agni v -- sealed type 1bc -- single pole normally closed ? contact s -- sealed type washable material agni 1cc -- single pole double throw ? contact 7. blank -- standard type material agni e -- cti 250v 1ah -- single pole normally open ? contact material agsno  standard type rated rated current coil resistance max. continuous pick up drop out power consumption voltage p 10 % at 23 c p 10 % at 23 c voltage voltage(max.) voltage(min.) at rated (v) (ma) ( 7 ) at 85 c at 23 c at 23 c voltage 3 133.3 22.5 5 80 62.5 80 % of rated 6 66.7 90 voltage 9 44.4 202.5 160 % of (h type only) 5 % of 12 33.3 360 rated rated approx. 0.4w 18 22.2 810 voltage 75 % of voltage 24 16.7 1440 rated 36 11.1 3240 voltage 48 8.3 5760 60 6.7 9000 892 892h no / nc ? 5a/3a 240vac no / nc ? 10a/5a 120vac (50,000 ops.) resistive load no / nc ? 7a/3a 120vac no / nc ? 7a/5a 240vac max. switching current no / nc ? 7a/3a no / nc ? 10a/5a max. switching voltage 277vac 277vac max. switching capacity no / nc ? 1200va/720va no / nc ? 1680va/1200va type 892 - 1ac - - c 123 4 5 6 7 8 8. -- coil voltage (please refer to the coil rating data for the availability)
song chuan 115 892 operating extremes 10  55hz , amplitude 1.5 mm vibration resistance damage limit 10  55hz , amplitude 1.5 mm operating extremes 30g shock resistance damage limits 100g 10,000,000 operations mechanical (frequency 18,000 operations/hr) 100,000 operations life expectancy electrical (frequency 900 operations/hr) operating ambient temperature -40 c  +85 c (no freezing) weight approx. 8g contact material agni / ag sno alloy contact resistance (1) 100m 7 max. (1a/6vdc by 4 pipes m 7 meter) operate time (1) 10ms max. release time (1) 5ms max. insulation resistance (1) 1000m 7 min. (dc 500v) between open contact : ac 1000v , 50/60hz 1 min. dielectric strength (1) between contact and coil : ac 4000v , 50/60hz 1 min. note ? (1) initial value specification safety approval  high sensitivity type rated rated current coil resistance max. continuous pick up drop out power consumption voltage p 10 % at 23 c p 10 % at 23 c voltage voltage(max.) voltage(min.) at rated (v) (ma) ( 7 ) at 85 c at 23 c at 23 c voltage 3 66.7 45 5 40.0 125 6 33.3 180 170 % of 5 % of 9 22.2 405 rated 80 % of rated voltage (hn type or 1c type only) rated approx. 0.2w 12 16.7 720 voltage 75 % of voltage 18 11.1 1620 rated 24 8.3 2880 voltage 36 5.6 6480 certified csa / cus tuv vde ul / cul file no. 1245129 r 50006512 40006318 e88991
song chuan 116 892 safety approval rating outline dimensions wiring diagram bottom view 1c 1a pc board layout bottom view 7.62 (0.300) 10.16 (0.400) 2.54 (0.100) (0.051) k 1.3-5 7.62 (0.300) csa / cus tuv 892 892h 892 892h no ? 7a 125vac no ? 10a 125vac no ? 7a 120vac no ? 10a 120vac 5a 277vac 7a 277vac 5a 240vac 7a 240vac nc ? 3a 125vac tv-3 nc ? 3a 120vac nc ? 5a 120vac 3a 277vac nc ? 5a 125vac 3a 240vac 5a 240vac 5a 277vac vde ul /cul 892 892h 892 892h no ? 5a 250vac t85 no ? 7a 250vac t85 no ? 7a 125vac no ? 10a 125vac nc ? 3a 250vac t85 nc ? 5a 250vac t85 5a 277vac 7a 277vac 1/10hp 125vac nc ? 5a 125vac 1/6hp 277vac 5a 277vac nc ? 3a 125vac no/nc ? 4fla/4lra 3a 277vac 120vac (0.146) 3.7 20 (0.787) (0.614) 15.6 (0.016) 0.4 10.3 (0.406) 7.62 (0.300) 0.5-2 0.5-3 (0.020) 0.4-2 (0.016) (0.020) 0.7-3 (0.028)
song chuan 117 all speci?cations subject to change. please contact song chuan for update. 892 engineering data life expectancy(892h) ac resistive load/switching current(a) 10 01 6 number of operations 5 10 10 7 2468 10 240vac 10 4 no nc temperature rise (  ) 20 60 50 40 30 10 % of nominal coil voltage (at 23  ) 100 80 60 160 140 120 180 80 70 90 coil temperature rise 10a 7a 5a 5 ac resistive load/switching current(a) number of operations life expectancy(892) 5 10 0 4 10 1 10 6 10 7 240vac 2 46 810 no nc 80 temperature rise (  ) 5a % of nominal coil voltage (at 85  ) 5 60 80 40 20 10 30 60 50 70 120 100 140 10a 160 180 7a coil temperature rise 90 1 2 avg min max 0 140 130 120 110 90 100 70 80 150 160 min avg max 180 170 operate time release time 15 14 13 12 11 8 6 9 7 5 3 4 10 16 17 18 20 operate time/release time time (ms) % of nominal coil voltage (at 23  )


▲Up To Search▲   

 
Price & Availability of 892N-1AC-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X