Part Number Hot Search : 
BR305 3061364 MAX196 HIP6200 SD820S VN16B BCD07 AS192H
Product Description
Full Text Search
 

To Download 74HC4060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this is information on a product in full production. may 2013 docid1967 rev 2 1/16 16 m74HC4060 14-stage binary counter/oscillator datasheet - production data features ? high speed: f max = 65 mhz (typ.) at v cc = 6 v ? low power dissipation: i cc = 4 a (max.) at t a = 25 c ? high noise immunity: v nih = v nil = 28% v cc (min.) ? symmetrical output impedance: |i oh | = i ol = 4 ma (min.) ? balanced propagation delays: t plh ? t phl ? wide operating voltage range: v cc (opr.) = 2 v to 6 v ? pin and function compatible with 74 series 4060 applications ? automotive ? industrial ? computer ? consumer description the m74HC4060 device is a high speed cmos 14-stage binary counter/oscillator fabricated with silicon gate c 2 mos technology. the oscillator configuration allows design of either rc or crystal oscillator circ uits. a high level on the clear accomplishes the reset function, i.e. all counter outputs are made low and the oscillator is disabled. a negative transition on the clock input increments the counter. ten kinds of divided output are provided; 4 to 10 and 12 to 14 stage inclusive. the maximum division available at q12 is 1/16384 of the oscillator frequency. the ? i input and the clear input are equipped with protection circuits against static discharge and transient excess voltage. 76623 3',3 62 table 1. device summary o r d e r i n g c o d e t e m p e r a t u r e r a n g e p a c k a g e m a r k i n g m74HC4060b1r -55 c to +125 c pdip-16 m74HC4060b1 m74HC4060rm13tr -55 c to +125 c so-16 74HC4060 m74HC4060yrm13tr (1) -40 c to +125 c so-16 (automotive version) 74HC4060y m74HC4060ttr -55 c to +125 c tssop-16 hc4060 m74HC4060yttr (1) -40 c to +125 c tssop- 16 (automotive version) hc4060y 1. qualification and characterization according to aec q1 00 and q003 or equivalent, advanced screening according to aec q001 and q002 or equivalent. www.st.com
contents m74HC4060 2/16 docid1967 rev 2 contents 1 pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 functional description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 3 maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 4 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 5 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 6 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 7 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
docid1967 rev 2 3/16 m74HC4060 pin description 1 pin description figure 1. pin connecti on and iec logic symbols figure 2. input and output equivalent circuit table 2. pin description pin no symbol name and function 1, 2, 3 q12 to q14 counter outputs 7, 5, 4, 6, 14, 13, 15 q4 to q10 counter outputs 9 ? o external capacitor connection 10 ? o external resistor connection 11 ? i clock input / oscillator pin 12 clear master reset 8 gnd ground (0 v) 16 v cc positive supply voltage $09                 4 4 4 4 4 4 4 *1' 9 && 4 4 4 &/($5 2, 22 22 /&     &; 5; &7  ,* 5&75     &7           4 4 4 4 4 4 4 4 4 4 2 2 6&
functional description m74HC4060 4/16 docid1967 rev 2 2 functional description figure 3. logic diagram 1. this logic diagram has not be used to estimate propagation delays. table 3. truth table ? i clear function x (1) 1. x: don't care. h counter is reset to zero state ? o output goes to high level ? o output goes to low level l count up one step l no change $0 ' &. 5 4 ' &. 5 4 ' &. 5 4 ' &. 5 4 ' &. 5 4 &. ' 5 4  4 &. ' 5 4  4 &. ' 5 4  4 &. ' 5 4  4 &. ' 5 4 &. ' 5 4  4 &. ' 5 4  4 &. ' 5 4  4 &. ' 5 4  4  &/($5 2, 22 22    4  4 
docid1967 rev 2 5/16 m74HC4060 maximum ratings 3 maximum ratings table 4. absolute maximum ratings (1) 1. absolute maximum ratings are those values bey ond which damage to the device may occur. functional operation under these conditions is not implied. symbol parameter value unit v cc supply voltage -0.5 to +7 v v i dc input voltage -0.5 to v cc + 0.5 v v o dc output voltage -0.5 to v cc + 0.5 v i ik dc input diode current 20 ma i ok dc output diode current 20 ma i o dc output current 25 ma i cc or i gnd dc vcc or ground current 50 ma p d power dissipation 500 (2) 2. 500 mw at 65 c; derate to 300 mw by 10 mw/ c from 65 c to 85 c. mw t stg storage temperature -65 to +150 c t l lead temperature (10 sec.) 300 c table 5. recommended operating conditions symbol parameter value unit v c supply voltage 2 to 6 v v i input voltage 0 to v cc v v o output voltage 0 to v cc v t op operating temperature -55 to 125 c t r , t f input rise and fall time v cc = 2.0 v 0 to 1000 ns v cc = 4.5 v 0 to 500 ns v cc = 6.0 v 0 to 400 ns
electrical characteristics m74HC4060 6/16 docid1967 rev 2 4 electrical characteristics table 6. dc specifications symbol parameter test condition value unit v cc (v) t a = 25c -40 to 85 c -55 to 125 c min. typ. max. min. max. min. max. v ih high level input voltage 2.0 1.5 1.5 1.5 v 4.5 3.15 3.15 3.15 6.0 4.2 4.2 4.2 v il low level input voltage 2.0 0.5 0.5 0.5 v 4.5 1.35 1.35 1.35 6.0 1.8 1.8 1.8 v oh high level output voltage (q output) 2.0 i o = -20 a 1.9 2.0 1.9 1.9 v 4.5 i o = -20 a 4.4 4.5 4.4 4.4 6.0 i o = -20 a 5.9 6.0 5.9 5.9 4.5 i o = -4.0 ma 4.18 4.31 4.13 4.10 6.0 i o = -5.2 ma 5.68 5.8 5.63 5.60 v ol low level output voltage (q output) 2.0 i o = 20 a 0.0 0.1 0.1 0.1 v 4.5 i o = 20 a 0.0 0.1 0.1 0.1 6.0 i o = 20 a 0.0 0.1 0.1 0.1 4.5 i o = 4.0 ma 0.17 0.26 0.33 0.40 6.0 i o = 5.2 ma 0.18 0.26 0.33 0.40 v oh high level output voltage ( ? o, ? o output) 2.0 i o =-20 a 1.8 2.0 1.8 1.8 2.0 v 4.5 i o = -20 a 4.4 4.5 4.0 4.0 6.0 i o = -20 a 5.5 5.9 5.5 5.5 v ol low level output voltage ( ? o, ? o output) 2.0 i o = -20 a 0.0 0.2 0.2 0.2 v 4.5 i o = -20 a 0.0 0.5 0.5 0.5 6.0 i o = -20 a 0.1 0.5 0.5 0.5 i i input leakage current 6.0 v i = v cc or gnd 0.1 ? 1 ? 1 ? a i cc quiescent supply current 6.0 v i = v cc or gnd 4 40 80 ? a
docid1967 rev 2 7/16 m74HC4060 electrical characteristics table 7. ac electrical characteristics (c l = 50 pf, input t r = t f = 6 ns) symbol parameter test condition value unit v cc (v) t a = 25 c -40 to 85 c -55 to 125 c min. typ. max. min. max. min. max. t tlh t thl output transition time 2.0 30 75 95 110 ns 4.5 8 15 19 22 6.0 7 13 16 19 t plh t phl propagation delay time ( ? i - q4 ) 2.0 170 300 375 450 ns 4.5 41 60 75 90 6.0 30 51 64 76 t pd propagation delay time difference (qn - qn+1) 2.0 32 75 95 110 ns 4.5 7 15 19 22 6.0 5 13 16 19 t phl propagation delay time (clear - qn) 2.0 85 195 245 295 ns 4.5 23 39 49 59 6.0 17 33 42 50 f max maximum clock frequency 2.0 6 12 5 4 mhz 4.5 30 50 24 20 6.0 35 65 28 24 t w(h) , t w(l) minimum pulse width ( ? i ) 2.0 30 75 95 110 ns 4.5 8 15 19 22 6.0 7 13 16 19 t w(h) minimum pulse width (clear) 2.0 30 75 95 110 ns 4.5 8 15 19 22 6.0 7 13 16 19 t rem minimum removal time 2.0 40 100 125 150 ns 4.5 10 20 25 30 6.0 9 17 21 26
electrical characteristics m74HC4060 8/16 docid1967 rev 2 figure 4. test circuit 1. c l = 50 pf or equivalent (includes jig and probe capacitance) r t = z out of pulse generator (typically 50 ? ). table 8. capacitive characteristics symbol parameter test condition value unit v cc (v) t a = 25 c -40 to 85 c -55 to 125 c min. typ. max. min. max. min. max. c in input capacitance 5.0 5 10 10 10 pf c pd power dissipation capacitance (1) 1. c pd is defined as the value of the ic's internal equi valent capacitance which is calculated from the operating current consumption without load. (refer to figure 4: test circuit ). average operating current can be obtained by the following equation. i cc (opr.) = c pd x v cc x f in + i cc . 5.0 27 pf 6&
docid1967 rev 2 9/16 m74HC4060 waveforms 5 waveforms figure 5. waveform 1: propagation delay times, minimum pulse width ( ? i ) (f = 1 mhz; 50% duty cycle) figure 6. waveform 2: propagation del ay times, minimum pulse width (clear) (f = 1 mhz; 50% duty cycle) 6 2, 4 9 && *1' 9 2+ 9 2/       w z w 3/+ w z w 3+/ qv qv 6 &/($5 41 9 && *1' 9 2+ 9 2/     w z w 3+/ qv qv
waveforms m74HC4060 10/16 docid1967 rev 2 figure 7. waveform 3:propagation delay times (f = 1 mhz; 50% duty cycle) figure 8. waveform 4: propagation delay times (f = 1 mhz; 50% duty cycle) 6 41 41    w 7+/    w 7/+ w 3/+ 6 41 41 9 2+ 9 2/ 9 2+ 9 2/    w 7+/    w 7+/ w 3+/
docid1967 rev 2 11/16 m74HC4060 waveforms figure 9. typical clock drive circuits 6 6 6 23(1 23(1 ^ 2, 22 22 2, 22 22 2, 22 22 56 5; &; 55;a5; 5i ;7$/ & &
package information m74HC4060 12/16 docid1967 rev 2 6 package information in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack specifications, grade definitions a nd product status are available at: www.st.com . ecopack is an st trademark. figure 10. plastic dip-16 package outline table 9. plastic dip-16 (0.25) package mechanical data symbol dimensions mm inch min. typ. max. min. typ. max. a1 0.51 0.020 b 0.77 1.65 0.030 0.065 b 0.5 0.020 b1 0.25 0.010 d200.787 e 8.5 0.335 e 2.54 0.100 e3 17.78 0.700 f 7.1 0.280 i 5.1 0.201 l 3.3 0.130 z 1.27 0.050 3& = e% h h d , / e ( ' )    
docid1967 rev 2 13/16 m74HC4060 package information figure 11. so-16 package outline table 10. so-16 package mechanical data symbol dimensions mm inch min. typ. max. min. typ. max. a1.750.068 a1 0.1 0.2 0.003 0.007 a2 1.65 0.064 b 0.35 0.46 0.013 0.018 b1 0.19 0.25 0.007 0.010 c 0.5 0.019 c1 45 (typ.) d 9.8 10 0.385 0.393 e 5.8 6.2 0.228 0.244 e 1.27 0.050 e3 8.89 0.350 f 3.8 4.0 0.149 0.157 g 4.6 5.3 0.181 0.208 l 0.5 1.27 0.019 0.050 m0.620.024 s 8 (max.)  ' eh h d $ /* & f 6 d ( e ' 0    )
package information m74HC4060 14/16 docid1967 rev 2 figure 12. tssop-16 package outline table 11. tssop-16 mechanical data symbol dimensions mm inch min. typ. max. min. typ. max. a 1.2 0.047 a1 0.05 0.15 0.002 0.004 0.006 a2 0.8 1 1.05 0.031 0.039 0.041 b 0.19 0.30 0.007 0.012 c 0.09 0.20 0.004 0.0089 d 4.9 5 5.1 0.193 0.197 0.201 e 6.2 6.4 6.6 0.244 0.252 0.260 e1 4.3 4.4 4.48 0.169 0.173 0.176 e 0.65 bsc 0.0256 bsc k0 80 8 l 0.45 0.60 0.75 0.018 0.024 0.030 f ( e $ $ ( '  3,1,'(17,),&$7,21 $ / . h '
docid1967 rev 2 15/16 m74HC4060 revision history 7 revision history table 12. document revision history date revision changes 1-feb-2008 1 initial release. 15-may-2013 2 added applications on page 1. corrected description (replaced ?the maximum division available at q12 is 1/16384 f oscillator.? by ?the maximum division available at q12 is 1/16384 of the oscillator frequency.?). updated table 1 (added order codes, temperature range, updated package, added marking). moved figure 1 to page 3. redrawn figure 1 , figure 3 , figure 5 to figure 9 . added contents . added titles to section 1: pin description to section 7: revision history . added numbers to table 1 to table 12 and figure 1 to figure 12 . updated section 6: package information (added ecopack text, reversed order of figure 10 to figure 12 and table 10 to table 11 ). minor corrections throughout document.
m74HC4060 16/16 docid1967 rev 2 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. st products are not authorized for use in weapons. nor are st products designed or authorized for use in: (a) safety critical applications such as life supporting, active implanted devices or systems with product functional safety requirements; (b) aeronautic applications; (c) automotive applications or environments, and/or (d) aerospace applications or environments. where st products are not designed for such use, the purchaser shall use products at purchaser?s sole risk, even if st has been informed in writing of such usage, unless a product is expressly designated by st as being intended for ?automotive, automotive safety or medical? industry domains according to st product design specifications. products formally escc, qml or jan qualified are deemed suitable for use in aerospace by the corresponding governmental agency. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2013 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of 74HC4060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X