Part Number Hot Search : 
X9420WP OP16GJ 2N4416A 1N3526A 3M9913 2N4416A GBJ40 060PB
Product Description
Full Text Search
 

To Download 50SMDJ70 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount transient voltage suppressors (tvs) revision october 18, 2013 1 / 7 @ un semiconductor co., ltd. 2013 specifications are subject to change without notice. please refer to www.unsemi.com.tw for current information. 5.0smdj series 11 to 440 v 5000w un semiconductor co., ltd. www.unsemi.com.tw the 5.0smdj series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events. uni-directional bi-directional u for surface mounted applications in order to optimize board space u low leakage u uni and bidirectional unit u glass passivated junction u low inductance u excellent clamping capability u 5000w peak power capability at 10 1000 s waveform repetition rate (duty cycle):0.01% u fast response time: typically less than 1.0ps from 0 volts to v br min u typical i r less than 5 a above 25v. u high temperature soldering: 260 c/40 seconds at terminals u typical maximum temperature coefficient v br = 0.1% v br @25 c t u plastic package has underwriters laboratory flammability 94v-0 u matte tin lead C free plated u halogen free and rohs compliant u typical failure mode is short from over-specified voltage or current u whisker test is conducted based on jedec jesd201a per its table 4a and 4c u iec-61000-4-2 esd 15kv(air), 8kv (contact) u esd protection of data lines in accordance with iec 61000-4-2 (iec801-2) u eft protection of data lines in accordance with iec 61000-4-4 (iec801-4) tvs devices are ideal for the protection of i/o interfaces, v cc bus and other vulnerable circuits used in telecom, computer, industrial and consumer electronic applications. parameter symbol value unit peak pulse power dissipation with a 10/1000 s waveform (fig.1)(note 1), (note 2) p ppm 5000 watts peak pulse current with a 10/1000 s waveform.(note1,fig.3) i pp see next table amps power dissipation on infinite heat sink at t l =75 c p m(av) 6.5 watt peak forward surge current, 8.3ms single half sine wave (note 3) i fsm 300 amps maximum instantaneous forward voltage at 25a for unidirectional only (note 4) v f 3.5/5.0 voltage operating junction and storage temperature range. t j , t stg -55 to +150 c notes: 1. non-repetitive current pulse, per fig. 3 and derated above t a = 25 c per fig. 2. 2. mounted on 5.0mm x 5.0mm (0.03mm thick) copper pads to each terminal. 3. 8.3ms single half sine-wave, or equivalent square wave, duty cycle = 4 pulses per minutes maximum. 4. v f < 3.5v for v br < 200v and v f < 6.5v for v br > 201v. func tional diagram applications maximum ratings (t a =25 unless otherwise noted) description features electrical characteristics (t a =25 unless otherwise noted) bi-directional uni-direction cathode anode
surface mount transient voltage suppressors (tvs) revision october 18, 2013 2 / 7 @ un semiconductor co., ltd. 2013 specifications are subject to change without notice. please refer to www.unsemi.com.tw for current information. 5.0smdj series 11 to 440 v 5000w un semiconductor co., ltd. www.unsemi.com.tw part number marking breakdown voltage v br (v) @i t uni bi uni bi reverse stand-off voltage v rwm (v) min max test current i t (ma) maximum clamping voltage v c @i pp (v) maximum peak pulse current i pp (a) maximum reverse leakage i r @v rwm ( a ) 5.0smdj11 5.0smdj11c 5pdw 5bdw 11.0 12.20 14.90 1 20.1 251.24 800 5.0smdj11a 5.0smdj11ca 5pdx 5bdx 11.0 12.20 13.50 1 18.2 277.47 800 5.0smdj12 5.0smdj12c 5pdy 5bdy 12.0 13.30 16.30 1 22.0 229.55 800 5.0smdj12a 5.0smdj12ca 5pdz 5bdz 12.0 13.30 14.70 1 19.9 253.77 800 5.0smdj13 5.0smdj13c 5ped 5bed 13.0 14.40 17.60 1 23.8 212.18 500 5.0smdj13a 5.0smdj13ca 5pee 5bee 13.0 14.40 15.90 1 21.5 234.88 500 5.0smdj14 5.0smdj14c 5pef 5bef 14.0 15.60 19.10 1 25.8 195.74 200 5.0smdj14a 5.0smdj14ca 5peg 5beg 14.0 15.60 17.20 1 23.2 217.67 200 5.0smdj15 5.0smdj15c 5peh 5beh 15.0 16.70 20.40 1 26.9 187.73 100 5.0smdj15a 5.0smdj15ca 5pek 5bek 15.0 16.70 18.50 1 24.4 206.97 100 5.0smdj16 5.0smdj16c 5pel 5bel 16.0 17.80 21.80 1 28.8 175.35 50 5.0smdj16a 5.0smdj16ca 5pem 5bem 16.0 17.80 19.70 1 26.0 194.23 50 5.0smdj17 5.0smdj17c 5pen 5ben 17.0 18.90 23.10 1 30.5 165.57 20 5.0smdj17a 5.0smdj17ca 5pep 5bep 17.0 18.90 20.90 1 27.6 182.97 20 5.0smdj18 5.0smdj18c 5peq 5beq 18.0 20.00 24.40 1 32.2 156.83 10 5.0smdj18a 5.0smdj18ca 5per 5ber 18.0 20.00 22.10 1 29.2 172.95 10 5.0smdj19 5.0smdj19c 5pes 5bes 19.0 21.13 25.76 1 34.0 148.49 10 5.0smdj19a 5.0smdj19ca 5pet 5bet 19.0 21.10 23.30 1 30.8 164.07 10 5.0smdj20 5.0smdj20c 5peu 5beu 20.0 22.20 27.10 1 35.8 141.06 5 5.0smdj20a 5.0smdj20ca 5pev 5bev 20.0 22.20 24.50 1 32.4 155.86 5 5.0smdj22 5.0smdj22c 5pew 5bew 22.0 24.40 29.80 1 39.4 128.17 5 5.0smdj22a 5.0smdj22ca 5pex 5bex 22.0 24.40 26.90 1 35.5 142.25 5 5.0smdj24 5.0smdj24c 5pey 5bey 24.0 26.70 32.60 1 43.0 117.44 5 5.0smdj24a 5.0smdj24ca 5pez 5bez 24.0 26.70 29.50 1 38.9 129.82 5 5.0smdj26 5.0smdj26c 5pfd 5bfd 26.0 28.90 35.30 1 46.6 108.37 5 5.0smdj26a 5.0smdj26ca 5pfe 5bfe 26.0 28.90 31.90 1 42.1 119.95 5 5.0smdj28 5.0smdj28c 5pff 5bff 28.0 31.10 38.00 1 50.0 101.00 5 5.0smdj28a 5.0smdj28ca 5pfg 5bfg 28.0 31.10 34.40 1 45.4 111.23 5 5.0smdj30 5.0smdj30c 5pfh 5bfh 30.0 33.30 40.70 1 53.5 94.39 5 5.0smdj30a 5.0smdj30ca 5pfk 5bfk 30.0 33.30 36.80 1 48.4 104.34 5 5.0smdj33 5.0smdj33c 5pfl 5bfl 33.0 36.70 44.90 1 59.0 85.59 5 5.0smdj33a 5.0smdj33ca 5pfm 5bfm 33.0 36.70 40.60 1 53.3 94.75 5 5.0smdj36 5.0smdj36c 5pfn 5bfn 36.0 40.00 48.90 1 64.3 78.54 5 5.0smdj36a 5.0smdj36ca 5pfp 5bfp 36.0 40.00 44.20 1 58.1 86.92 5 5.0smdj40 5.0smdj40c 5pfq 5bfq 40.0 44.40 54.30 1 71.4 70.73 5 5.0smdj40a 5.0smdj40ca 5pfr 5bfr 40.0 44.40 49.10 1 64.5 78.29 5 5.0smdj43 5.0smdj43c 5pfs 5bfs 43.0 47.80 58.40 1 76.7 65.84 5 5.0smdj43a 5.0smdj43ca 5pft 5bft 43.0 47.80 52.80 1 69.4 72.77 5 5.0smdj45 5.0smdj45c 5pfu 5bfu 45.0 50.00 61.10 1 80.3 62.89 5 5.0smdj45a 5.0smdj45ca 5pfv 5bfv 45.0 50.00 55.30 1 72.7 69.46 5 5.0smdj48 5.0smdj48c 5pfw 5bfw 48.0 53.30 65.10 1 85.5 59.06 5 5.0smdj48a 5.0smdj48ca 5pfx 5bfx 48.0 53.30 58.90 1 77.4 65.25 5 5.0smdj51 5.0smdj51c 5pfy 5bfy 51.0 56.70 69.30 1 91.1 55.43 5 5.0smdj51a 5.0smdj51ca 5pfz 5bfz 51.0 56.70 62.70 1 82.4 61.29 5 5.0smdj54 5.0smdj54c 5pgd 5bgd 54.0 60.00 73.30 1 96.3 52.44 5 5.0smdj54a 5.0smdj54ca 5pge 5bge 54.0 60.00 66.30 1 87.1 57.98 5 5.0smdj58 5.0smdj58c 5pgf 5bgf 58.0 64.40 78.70 1 103.0 49.03 5 5.0smdj58a 5.0smdj58ca 5pgg 5bgg 58.0 64.40 71.20 1 93.6 53.95 5 electrical characteristics (t a =25 unless otherwi se noted) (continue)
surface mount transient voltage suppressors (tvs) revision october 18, 2013 3 / 7 @ un semiconductor co., ltd. 2013 specifications are subject to change without notice. please refer to www.unsemi.com.tw for current information. 5.0smdj series 11 to 440 v 5000w un semiconductor co., ltd. www.unsemi.com.tw part number marking breakdown voltage v br (v) @i t uni bi uni bi reverse stand-off voltage v rwm (v) min max test current i t (ma) maximum clamping voltage v c @i pp (v) maximum peak pulse current i pp (a) maximum reverse leakage i r @v rwm ( a ) 5.0smdj60 smaj60c 5pgh 5bgh 60.0 66.70 81.50 1 107.0 47.20 5 5.0smdj60a smaj60ca 5pgk 5bgk 60.0 66.70 73.70 1 96.8 52.17 5 5.0smdj64 smaj64c 5pgl 5bgl 64.0 71.10 86.90 1 114.0 44.30 5 5.0smdj64a smaj64ca 5pgm 5bgm 64.0 71.10 78.60 1 103.0 49.03 5 5.0smdj70 smaj70c 5pgn 5bgn 70.0 77.80 95.10 1 125.0 40.40 5 5.0smdj70a smaj70ca 5pgp 5bgp 70.0 77.80 86.00 1 113.0 44.69 5 5.0smdj75 smaj75c 5pgq 5bgq 75.0 83.30 102.00 1 134.0 37.69 5 5.0smdj75a smaj75ca 5pgr 5bgr 75.0 83.30 92.10 1 121.0 41.74 5 5.0smdj78 smaj78c 5pgs 5bgs 78.0 86.70 106.00 1 139.0 36.33 5 5.0smdj78a smaj78ca 5pgt 5bgt 78.0 86.70 95.80 1 126.0 40.08 5 5.0smdj80 smaj80c 5pga 5bga 80.0 88.96 108.80 1 143.2 35.27 5 5.0smdj80a smaj80ca 5pgb 5bgb 80.0 88.80 97.60 1 129.6 38.97 5 5.0smdj85 smaj85c 5pgu 5bgu 85.0 94.40 115.00 1 151.0 33.44 5 5.0smdj85a smaj85ca 5pgv 5bgv 85.0 94.40 104.00 1 137.0 36.86 5 5.0smdj90 smaj90c 5pgw 5bgw 90.0 100.00 122.00 1 160.0 31.56 5 5.0smdj90a smaj90ca 5pgx 5bgx 90.0 100.00 111.00 1 146.0 34.59 5 5.0smdj100 smaj100c 5pgy 5bgy 100.0 111.00 136.00 1 179.0 28.21 5 5.0smdj100a smaj100ca 5pgz 5bgz 100.0 111.00 123.00 1 162.0 31.17 5 5.0smdj110 smaj110c 5phd 5bhd 110.0 122.00 149.00 1 196.0 25.77 5 5.0smdj110a smaj110ca 5phe 5bhe 110.0 122.00 135.00 1 177.0 28.53 5 5.0smdj120 smaj120c 5phf 5bhf 120.0 133.00 163.00 1 214.0 23.60 5 5.0smdj120a smaj120ca 5phg 5bhg 120.0 133.00 147.00 1 193.0 26.17 5 5.0smdj130 smaj130c 5phh 5bhh 130.0 144.00 176.00 1 231.0 21.86 5 5.0smdj130a smaj130ca 5phk 5bhk 130.0 144.00 159.00 1 209.0 24.16 5 5.0smdj140 smaj140c 5pha 5bha 140.0 155.68 190.40 1 250.6 20.15 5 5.0smdj140a smaj140ca 5phb 5bhb 140.0 155.00 171.00 1 226.8 22.27 5 5.0smdj150 smaj150c 5phl 5bhl 150.0 167.00 204.00 1 268.0 18.84 5 5.0smdj150a smaj150ca 5phm 5bhm 150.0 167.00 185.00 1 243.0 20.78 5 5.0smdj160 smaj160c 5phn 5bhn 160.0 178.00 218.00 1 287.0 17.60 5 5.0smdj160a smaj160ca 5php 5bhp 160.0 178.00 197.00 1 259.0 19.50 5 5.0smdj170 smaj170c 5phq 5bhq 170.0 189.00 231.00 1 304.0 16.61 5 5.0smdj170a smaj170ca 5phr 5bhr 170.0 189.00 209.00 1 275.0 18.36 5 5.0smdj180 smaj180c 5phs 5bhs 180.0 201.00 244.80 1 322.2 15.67 5 5.0smdj180a smaj180ca 5pht 5bht 180.0 201.00 220.00 1 291.6 17.32 5 5.0smdj190 smaj190c 5phu 5bhu 190.0 211.21 258.40 1 340.1 14.85 5 5.0smdj190a smaj190ca 5phv 5bhv 190.0 211.00 232.00 1 307.8 16.41 5 5.0smdj200a smaj200ca 5phw 5bhw 200.0 224.00 247.00 1 324.0 9.26 5 5.0smdj220a smaj220ca 5phx 5bhx 220.0 246.00 272.00 1 356.0 8.43 5 5.0smdj250a smaj250ca 5phz 5bhz 250.0 279.00 309.00 1 405.0 7.41 5 5.0smdj300a smaj300ca 5pje 5bje 300.0 335.00 371.00 1 486.0 6.17 5 5.0smdj350a smaj350ca 5pjg 5bjg 350.0 391.00 432.00 1 567.0 5.29 5 5.0smdj400a smaj400ca 5pjk 5bjk 400.0 447.00 494.00 1 648.0 4.63 5 5.0smdj440a smaj440ca 5pjm 5bjm 440.0 492.00 543.00 1 713.0 4.21 5 note: 1. suffix 'a ' denotes 5% tolerance device. without 'a' denotes 10% tolerance device 2. add suffix 'c 'or ' ca ' after part number to specify bi-directional devices 3. for bi-directional devices having v r of 10 volts and under, the i r limit is double ratings and characteristic curves ( t a =25 c unless otherwise noted )
surface mount transient voltage suppressors (tvs) revision october 18, 2013 4 / 7 @ un semiconductor co., ltd. 2013 specifications are subject to change without notice. please refer to www.unsemi.com.tw for current information. 5.0smdj series 11 to 440 v 5000w un semiconductor co., ltd. www.unsemi.com.tw i - v curve characteristics figu re 1 - pe a k pulse power r a ting curve figure 3 - pulse w a veform figure 4 - typic a l junction c a p a cit a nce 0 25 50 75 100 125 150 175 100 80 60 40 20 0 t a -ambient temperature( c) peak pulse power (p pp ) or current ( i pp ) derating in percentage % figure 5 - steady state power derating curve figure 2 - pulse der a ting curve figure 6 - maximum non - repetitive surge current 150 100 50 0 i ppm - peak pulse current, % i rsm t r =10 sec peak value ippm half value i ppm (i ppm /2) t c 10/1000 sec. waveform as de ? ned by r.e.a 0 1.0 2.0 3.0 4.0 t j =25 c pulse width(td) is de ? ned as the point where the peak current decays to 50% of i ppm t - time (ms) t d - pulse width ( s ) p ppm - peak pulse power (kw) 10 0 0.1 1 0.1 1 10 100 1000 10000 10 number of cycles at 60hz i fsm - peak forward surge current (a) 1 10 100 250 200 150 100 300 t j =t j max. 8.3 ms single half sine - wave 5.0 0 25 50 75 100 125 150 175 200 4.0 3.0 2.0 1.0 0.0 t l - lead temperature( c) p m(av) , steady state power dissipation (w ) 6.0 7.0 8.0 100000 1.0 10.0 100.0 1000.0 1000 100 1 v br -reverse breakdown voltage (v) c j C junction cap acitance (pf) 10 10000 tj=25 c f=1.0mhz vsig=50mvp-p bi - directional @zero bins un i - directional @zero bins un i - directional @v rwm b i - directional @v rwm
surface mount transient voltage suppressors (tvs) revision october 18, 2013 5 / 7 @ un semiconductor co., ltd. 2013 specifications are subject to change without notice. please refer to www.unsemi.com.tw for current information. 5.0smdj series 11 to 440 v 5000w un semiconductor co., ltd. www.unsemi.com.tw temperature cycle jesd22-a104 weight 0.007 ounce, 0.21 gram pressure cooker jesd22-a102 case jedec do-214ab molded plastic over glass passivated junction high temp. storage jesd22-a103 polarity color band denotes cathode except bipolar htrb jesd22-a108 terminal matte tin-plated leads, solderable per jesd22-b102d thermal shock jesd22-a106 reflow condition lead C free assembly -temperature min (t s(min) ) 150 c -temperature max (t s(max) ) 200 c pre heat - time (min to max) (t s ) 60 -180 seconds average ramp up rate ( liquidus temp t l ) to peak 3 c/second max t s(max) to tl - ramp-up rate 3 c/second max - temperature (t l ) (liquidus) 217 c reflow - time (min to max) (t s ) 60 -150 seconds peak temperature (t p ) 260 +0/-5 c time within 5 c of actual peak temperature (t p ) 20 -40 seconds ramp-down rate 6 c/second max time 25 c to peak temperature (t p ) 8 minutes max do not exceed 280 c ramp-down preheat critical zone t l to t p time to peak temperature (t 25 to peak) t p t l t s(max) t s(min) 25 temperature ramp-up time dimensions soldering parameters physical specifications environmental specifications
surface mount transient voltage suppressors (tvs) revision october 18, 2013 6 / 7 @ un semiconductor co., ltd. 2013 specifications are subject to change without notice. please refer to www.unsemi.com.tw for current information. 5.0smdj series 11 to 440 v 5000w un semiconductor co., ltd. www.unsemi.com.tw inches millimeters dimensions min max min max a 0.114 0.126 2.86 3.160 b 0.260 0.280 6.520 7.020 c 0.220 0.245 5.520 6.150 d 0.079 0.103 1.980 2.590 e 0.030 0.060 0.750 1.510 f - 0.008 - 0.203 g 0.305 0.320 7.640 8.020 h 0.006 0.012 0.152 0.305 i 0.129 - 3.300 - j 0.094 - 2.400 - k - 0.165 - 4.200 l 0.094 - 2.400 - part number component quantity packaging option packaging 5.0smdj ca 5% v br voltage tolerance bi-directional v r voltage series part numbering packaging do -214ab (smc) cathode band
surface mount transient voltage suppressors (tvs) revision october 18, 2013 7 / 7 @ un semiconductor co., ltd. 2013 specifications are subject to change without notice. please refer to www.unsemi.com.tw for current information. 5.0smdj series 11 to 440 v 5000w un semiconductor co., ltd. www.unsemi.com.tw package specification 15.0smdjxxxxx do-214ab 500 tape & reel -16mm/7 tape eia std rs-481 tape and reel s pecifications direction of feed 0.646 (16.4) 0.512(13.0) arbor hole diameter 7.0 (177.8) dimensions are in inches (and millimeters) 0. 524 (13.3) 0. 157 (4.0) 0.059 (1.5) diameter 0. 315 (8.0) cover tape 0. 63 (16.0)


▲Up To Search▲   

 
Price & Availability of 50SMDJ70

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X