Part Number Hot Search : 
ASI10791 2N390 B60CFB 2SC4269 SMBJ100A 1N5221B O55CC MJF1800
Product Description
Full Text Search
 

To Download 50SMDJ40A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  transient voltage suppressors 5.0smdj series speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. electronic s circuit prote ct io n system
page:1 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. transient voltage suppressors - 5.0smdj series features mechanical characteristics rating symbol value units peak pulse power dissipation at ta=25c by 10/1000s waveform (fig.2)(note 1), (note 2) p ppm 5000 watts power dissipation on in?nite heat sink at ta=50c p d 6.5 watts peak forward surge current, 8.3ms single half sine wave (note 3) i fsm 300 amps maximum instantaneous forward voltage at 100a for unidirectional only v f 5.0 v operating junction and storage temperature range. t j , t stg -55c to 150c c typical thermal resistance junction to lead r ujl 15 c/w typical thermal resistance junction to ambient r uja 75 c/w notes: 1. non-repetitive current pulse , per fig. 4 and derated above ta = 25c per fig. 3. 2. mounted on copper pad area of 0.31x0.31 (8.0 8.0mm) to each terminal. 3. measured on 8.3ms single half sine wave or equivalent square wave for unidirectional device only,duty cycle=4 per minute maximum. 1. halogen-free 2. rohs compliant 3. typical maximum temperature coef ?cient 4. v br = 0.1% x v br @25c x t 5. glass passivated chip junction in do-214ab package 6. 5000w peak pulse capadility at 101000s waveform, repetition rate (duty cycles):0.01% 7. fast response time:typically less than 1.0ps from 0 volts to bv min 8. excellent clamping capability 9. low incremental surge resistance 10. typical ir less than 5a above 12v 11. high temperature soldering guaranteed: 260c/40 seconds / 0.375, 12. (9.5mm) lead length, 5lbs., (2.3kg) tension 13. plastic package has underwriters laboratory fammability classi?cation 94v-0 tvs devices are ideal for the protection of i/o interfaces,vcc bus and other vulnerable circuits used in telecom, computer , industrial and consumer electronic applications. uni bi uni bi anode cathode applications circuit prote ct io n system
transient voltage suppressors - 5.0smdj series page:2 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. electriacl characteristics type number device marking code reverse stand-off voltage breakdown voltage@i t test current maximum clamping voltage@i pp peak pulse current reverse leakage @v rwm (uni) (bi) uni bi v rwm (v) v br min. (v) v br max. (v) i t (ma) v c (v) i pp (a) i r (a) 5.0smdj12a 5.0smdj12ca 5pep 5bep 12.0 13.30 14.70 10 19.9 252.00 800 5.0smdj13a 5.0smdj13ca 5peq 5beq 13.0 14.40 15.90 10 21.5 233.00 500 5.0smdj14a 5.0smdj14ca 5per 5ber 14.0 15.60 17.20 10 23.2 216.00 200 5.0smdj15a 5.0smdj15ca 5pes 5bes 15.0 16.70 18.50 1 24.4 205.00 100 5.0smdj16a 5.0smdj16ca 5pet 5bet 16.0 17.80 19.70 1 26.0 193.00 50 5.0smdj17a 5.0smdj17ca 5peu 5beu 17.0 18.90 20.90 1 27.6 181.00 20 5.0smdj18a 5.0smdj18ca 5pev 5bev 18.0 20.00 22.10 1 29.2 172.00 10 5.0smdj20a 5.0smdj20ca 5pew 5bew 20.0 22.20 24.50 1 32.4 155.00 5.0 5.0smdj22a 5.0smdj22ca 5pex 5bex 22.0 24.40 26.90 1 35.5 141.00 5.0 5.0smdj24a 5.0smdj24ca 5pfz 5bfz 24.0 26.70 29.50 1 38.9 129.00 5.0 5.0smdj26a 5.0smdj26ca 5pfe 5bfe 26.0 28.90 31.90 1 42.1 119.00 5.0 5.0smdj28a 5.0smdj28ca 5pfg 5bfg 28.0 31.10 34.40 1 45.4 110.00 5.0 5.0smdj30a 5.0smdj30ca 5pfk 5bfk 30.0 33.30 36.80 1 48.4 103.00 5.0 5.0smdj33a 5.0smdj33ca 5pfm 5bfm 33.0 36.70 40.60 1 53.3 93.90 5.0 5.0smdj36a 5.0smdj36ca 5pfp 5bfp 36.0 40.00 44.20 1 58.1 86.10 5.0 5.0smdj40a 5.0smdj40ca 5pfr 5bfr 40.0 44.40 49.10 1 64.5 77.60 5.0 5.0smdj43a 5.0smdj43ca 5pft 5bft 43.0 47.80 52.80 1 69.4 72.10 5.0 5.0smdj45a 5.0smdj45ca 5pfv 5bfv 45.0 50.00 55.30 1 72.7 68.80 5.0 5.0smdj48a 5.0smdj48ca 5pfx 5bfx 48.0 53.30 58.90 1 77.4 64.70 5.0 5.0smdj51a 5.0smdj51ca 5pfz 5bfz 51.0 56.70 62.70 1 82.4 60.70 5.0 5.0smdj54a 5.0smdj54ca 5pge 5bge 54.0 60.00 66.30 1 87.1 57.50 5.0 5.0smdj58a 5.0smdj58ca 5pgg 5bgg 58.0 64.40 71.20 1 93.6 53.50 5.0 5.0smdj60a 5.0smdj60ca 5pgk 5bgk 60.0 66.70 73.70 1 96.8 51.70 5.0 5.0smdj64a 5.0smdj64ca 5pgm 5bgm 64.0 71.10 78.60 1 103.0 48.60 5.0 5.0smdj70a 5.0smdj70ca 5pgp 5bgp 70.0 77.80 86.00 1 113.0 44.30 5.0 5.0smdj75a 5.0smdj75ca 5pgr 5bgr 75.0 83.30 92.10 1 121.0 41.40 5.0 5.0smdj78a 5.0smdj78ca 5pgt 5bgt 78.0 86.70 95.80 1 126.0 39.70 5.0 5.0smdj85a 5.0smdj85ca 5pgv 5bgv 85.0 94.40 104.00 1 137.0 36.50 5.0 5.0smdj90a 5.0smdj90ca 5pgx 5bgx 90.0 100.00 111.00 1 146.0 34.30 5.0 5.0smdj100a 5.0smdj100ca 5phz 5bhz 100.0 111.00 123.00 1 162.0 30.90 5.0 5.0smdj110a 5.0smdj110ca 5phe 5bhe 110.0 122.00 135.00 1 177.0 28.30 5.0 5.0smdj120a 5.0smdj120ca 5phg 5bhg 120.0 133.00 147.00 1 193.0 26.00 5.0 5.0smdj130a 5.0smdj130ca 5phk 5bhk 130.0 140.00 159.00 1 209.0 24.00 5.0 5.0smdj150a 5.0smdj150ca 5phm 5bhm 150.0 167.00 185.00 1 243.0 20.60 5.0 5.0smdj160a 5.0smdj160ca 5php 5bhp 160.0 178.00 197.00 1 259.0 19.30 5.0 5.0smdj170a 5.0smdj170ca 5phr 5bhr 170.0 189.00 209.00 1 275.0 18.20 5.0 for bidirectional type having vr of 10 volts and less, the ir limit is double. for parts without a, the vbr is +10% and vc is 5% higher than with a parts. circuit prote ct io n system
page:3 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. transient voltage suppressors - 5.0smdj series ratings and characteristic curves figure 2 - pulse der ating cur ve figure 3 - pulse w av ef or m figure 4 - t ypical junction capacitanc e figure 5 - st eady stat e po we r der ating cur ve figure 6 - maximum non-repetiti ve p eak fo rw ar d surg e curr ent uni-dir ectional onl y figure 1 - p eak pulse p owe r rating cur ve a 1 1 0 1 0 0 1000 10000 1000 0 0 1 . 0 1 0 . 0 1 0 0 . 0 1 0 0 0 . 0 c j ( p f ) v br - reverse breakdown v o ltage (v) bi - d i r e ct i o n a l @ vr u n i - d i r e ct i o n a l v = ov bi - d i r e ct i o n a l v = ov u n i - d i r e ct i o n a l @ vr circuit prote ct io n system
transient voltage suppressors - 5.0smdj series page:4 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. soldering parameters fefow condition lead-free assembly pre heat - temperature min (t s(min) ) 150c - temperature max (t s(min) ) 200c - time (min to max) (t s ) 60-180 secs average ramp up rate (liquidus temp (t l ) to peak 3c/second max t s(max) to t l - ramp-up rate 3c/second max refow - temperature (t l ) (liquidus) 217c - time (min to max) (t s ) 60-150 seconds peak temperature (t p ) 260 +0/-5 c time within 5c of actual peak temperature (t p ) 20-40 seconds ramp-down rate 6c/second max time 25c to peak temperature (t p ) 8 minutes max. do not exceed 280c t ( e r u t a r e p m e t) ti me (t) t s(min) t s(max) t l t p t s preheat t l t p e n o z l a c i t i r c p u - p m a r t l to t p ramp-dow n physical specifcations weight 0.007 ounce, 0.21 grams case jedec do214aa. molded plastic body over glass passivated junction polarity color band denotes cathode except bidirectional. termina matte tin-plated leads, solderable per jesd22-b102d environmental specifcations temperature cycle jesd22-a104 pressure cooker jesd 22-a102 high temp. storage jesd22-a103 htrb jesd22-a108 thermal shock jesd22-a106 circuit prote ct io n system
page:5 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. transient voltage suppressors - 5.0smdj series dimensions dim inches millimeters min max min max a 0.114 0.126 2.900 3.200 b 0.260 0.280 6.600 7.110 c 0.220 0.245 5.590 6.220 d 0.079 0.103 2.060 2.620 e 0.030 0.060 0.760 1.520 f - 0.008 - 0.203 g 0.305 0.320 7.750 8.130 h 0.006 0.012 0.152 0.305 i 0.129 - 3.300 - j 0.094 - 24.00 - k - 0.165 - 4.200 l 0.094 - 2.400 - unit:mm do-214ab (smc j-bend) part numbering system vo lt ag e bi-directional 5% v ol ta ge t olerance series xx xc a 5.0smdj packaging part number component package quantity packaging option packaging speci?cation 5.0smdjxxxxx do-214ab 3000 tape & reel-16mm/13''tape eia std rs-481 5.0smdjxxxxx-t7 do-214ab 500 tape & reel C 16mm/7 tape eia std rs-481 circuit prote ct io n system
page:6 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. ruilongyuan electronics co., ltd. reproducing and modifying information of the document is prohibited without permission from ruilongyuan international inc. ruilongyuan international inc. reserves the rights to make changes of the content herein the document anytime without noti?cation. please refer to our website for the latest document. ruilongyuan international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ruilongyuan international inc. does not assume any and all implied warranties, including warranties of ?tness for particular purpose, non-infringement and merchantability. applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications.ruilongyuan international inc. makes no representation or warranty that such applications will be suitable for the specifed use without further testing or modifcation. the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment,aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fullyindemnify ruilongyuan international inc. for any damages resulting from such improper use or sale. tel: +86-755-8290 8296 fax: +86-755-8290 8002 e-mail: jack@ruilon.com circuit prote ct io n system


▲Up To Search▲   

 
Price & Availability of 50SMDJ40A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X