0.4 +0.1 -0.1 2.9 +0.1 -0.1 0.95 +0.1 -0.1 1.9 +0.1 -0.1 2.4 +0.1 -0.1 1.3 +0.1 -0.1 0-0.1 0.38 +0.1 -0.1 0.97 +0.1 -0.1 0.55 0.4 1.base 2.emitter 3.collector 12 3 unit: mm sot-23 0.1 +0.05 -0.01 2SA1252 features high v ebo . wide aso and high durability against breakdown. electrical characteristics ta = 25 parameter symbol testconditons min typ max unit collector cutoff current ic bo v cb = -40v , i e =0 -0.1 a emitter cutoff current i ebo v eb = -10v , i c =0 -0.1 a dc current gain h fe v ce =-6v,i c = -1ma 90 560 gain bandwidth product f t v ce =-6v,i c = -1ma 100 mhz output capacitance c ob v cb = -6v , f = 1mhz 3.5 pf collector-emitter saturation voltage v ce(sat) i c = -50ma , i b = -5ma -0.5 v collector-base breakdown voltage v (br)cbo i c = -10a , i e =0 -60 v collector-emitter breakdown voltage v (br)ceo i c =-1ma,r be = -50 v emitter-base breakdown voltage v (br)ebo i e = -10a , i c =0 -15 v absolute maximum ratings ta = 25 parameter symbol rating unit collector-base voltage v cbo -60 v collector-emitter voltage v ceo -50 v emitter-base voltage v ebo -15 v collector current i c -150 ma collector current (pulse) i cp -300 ma collector dissipation p c 200 mw jumction temperature t j 125 storage temperature t stg -55to+125 h fe classification markingd4d5d6d7 hfe 90 180 135 270 200 400 300 600 sales@twtysemi.com 1 of 1 http://www.twtysemi.com sales@twtysemi.com http://www.twtysemi.com product specification 4008-318-123
|