Part Number Hot Search : 
CS51414G BD5020 CH5312 3N255 SZ65D0 XC610 DB157G P0808
Product Description
Full Text Search
 

To Download 26706 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  z 01 0 01 combination pliers basic. standards: din iso 5746. head shape: extra long cutting edge for flat and round cables. design: serrated gripper jaws. cutting edges additionally induction hardened to approx. 62 hrc. the wiha dynamicjoint ensures optimal transmission of hand strength to the cutting edges. material: high-quality tool steel, tempered. application: general purpose pliers for gripping and holding as well as cutting soft and hard wires and cables. ord.no. 26703 160 6 ? 3,0 2,0 160 5 26706 180 7 3,4 2,2 205 5 26709 200 8 3,6 2,5 280 5 z 02 0 01 high leverage combination pliers basic. standards: din iso 5746. head shape: extra long cutting edge for flat and round cables. design: serrated gripper jaws. particularly powerful leverage results in 40% less effort being required for cutting tasks compared with standard combination pliers. cutting edges additionally inductively hardened to approx. 64 hrc, therefore also appropriate for cutting piano wire. the wiha dynamicjoint ensures optimal transmission of hand strength to the cutting edges. page 1 of 5
material: high-quality tool steel, specially tempered. application: power assisted general purpose pliers for gripping and holding as well as cutting wires and cables ranging in hardness from soft to extremely hard. ord.no. 26712 200 8 3,8 2,8 2,3 275 5 26715 225 9 4,2 3,0 2,5 330 5 z 12 0 01 diagonal cutters basic. standards: din iso 5749. head shape: semi-circular, swedish style. design: low wear lap joint, riveted and able to withstand high loads. the wiha dynamicjoint ensures optimal transmission of hand strength to the cutting edges. lightweight action, clean cutting achieved by specially milled precision cutting edges. durable cutting edges due to additional induction hardening to approx. 62 hrc. material: high-quality tool steel, tempered. application: for cutting of soft and hard wire. ord.no. 26738 140 5 ? 4,0 2,5 1,8 130 5 26739 160 6 ? 4,0 2,8 2,0 170 5 26742 180 7 4,0 3,0 2,5 220 5 page 2 of 5
z 16 0 01 heavy duty diagonal cutters basic. standards: din iso 5749. head shape: semi-circular. design: low wear lap joint, riveted and able to withstand high levels of load. the wiha dynamicjoint ensures optimal transmission of hand strength to the cutting edges. lightweight action, clean cutting achieved by specially milled precision cutting edges. long term cutting is achieved through additional inductive hardening to approx. 64 hrc. material: high-quality tool steel, specially tempered. application: power-assisted all-round diagonal cutter for cutting soft to extremely hard wires and cables. ord.no. 26746 160 6 ? 3,5 2,5 2,0 160 5 26752 200 8 4,2 3,0 2,5 275 5 z 16 0 05 heavy duty diagonal cutters professional. standards: din iso 5749. page 3 of 5
head shape: semi-circular. design: low wear lap joint, riveted and able to withstand high levels of load. the wiha dynamicjoint ensures optimal transmission of hand strength to the cutting edges. lightweight action, clean cutting achieved by specially milled precision cutting edges. long term cutting is achieved through additional inductive hardening to approx. 64 hrc. material: high-quality tool steel, specially tempered. application: power assisted, all round diagonal cutter for soft wire as well as the most stringent of demands made by piano wires. ord.no. 26747 160 6 ? 3,5 2,5 2,0 190 5 341 k5 softfinish? hex nut driver set, 5 pcs. round blades. blade: chrome-vanadium steel, through hardened, chrome-plated. deep drawn socket. handle: ergonomic wiha softfinish? multi-component handle with roll-off protection. application: especially for dry and general applications. ord.no. 01034 1 ord.no. quantity 01021 1 5,5 125 236 30 7,9 01023 1 7 125 243 36 10,9 page 4 of 5
01024 1 8 125 243 36 11,9 01026 1 10 125 243 36 14,4 01029 1 13 125 249 41 18,4 page 5 of 5


▲Up To Search▲   

 
Price & Availability of 26706

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X