Part Number Hot Search : 
S1T8501 MAX8730 1N498 BACT0 BF457 UFR3280 W9816 SH7615
Product Description
Full Text Search
 

To Download 1776537 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  phoenix contact inc., usa page 1 / 7 http://www.phoenixcon.com mar 4, 2010 extract from the online catalog ? mstb 2,5/ 5-gf-5,08 order no.: 1776537 the figure shows a 10-position version of the product http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1776537 ? ? header, nominal current: 12 a, nom. voltage: 250 v, pitch: 5.08 mm, number of positions: 5, color: green, assembly: soldering ? commercial data ean 4017918038700 pack 50 pcs. customs tariff 85366990 weight/piece 0.003816 kg catalog page information page 249 (cc-2009) product notes weee/rohs-compliant since: 01/01/2003 http:// www.download.phoenixcontact.com please note that the data given here has been taken from the online catalog. for comprehensive information and data, please refer to the user documentation. the general terms and conditions of use apply to internet downloads. technical data dimensions / positions pitch 5.08 mm dimension a 20.32 mm number of positions 5 pin dimensions 1 x 1 mm hole diameter 1.4 mm
mstb 2,5/ 5-gf-5,08 order no.: 1776537 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1776537 phoenix contact inc., usa page 2 / 7 http://www.phoenixcon.com mar 4, 2010 technical data insulating material group iiia rated surge voltage (iii/3) 4 kv rated surge voltage (iii/2) 4 kv rated surge voltage (ii/2) 4 kv rated voltage (iii/2) 320 v rated voltage (ii/2) 400 v connection in acc. with standard en-vde nominal current i n 12 a nominal voltage u n 250 v maximum load current 12 a insulating material pbt inflammability class acc. to ul 94 v0 certificates / approvals certification cb, csa, cul, gl, gost, rs, ul, vde-pzi csa nominal voltage u n 300 v nominal current i n 10 a cul nominal voltage u n 300 v nominal current i n 10 a ul nominal voltage u n 300 v nominal current i n 10 a
mstb 2,5/ 5-gf-5,08 order no.: 1776537 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1776537 phoenix contact inc., usa page 3 / 7 http://www.phoenixcon.com mar 4, 2010 accessories item designation description assembly 1755477 mstb-bl keying cap, for forming sections, plugs onto header pin, green insulating material marking 1051993 b-stift marker pen, for manual labeling of unprinted zack strips, smear- proof and waterproof, line thickness 0.5 mm 0804293 sk 5,08/3,8:fortl.zahlen marker card, printed horizontally, self-adhesive, 12 identical decades marked 1-10, 11-20 etc. up to 91-(99)100, sufficient for 120 terminal blocks 0805085 sk 5,08/3,8:so marker card, special printing, self-adhesive, labeled acc. to customer requirements, 12 identical marker strips per card, max. 25-position labeling per strip, color: white 0805412 sk 5,08/3,8:unbedruckt marker cards, unprinted, with pitch divisions, self-adhesive, 10- section marker strips, 12 strips per card, can be labeled with the m-pen plug/adapter 1734401 cr-mstb coding section, inserted into the recess in the header or the inverted plug, red insulating material additional products item designation description general 1873236 fkc 2,5/ 5-stf-5,08 plug component, nominal current: 12 a, nom. voltage: 250 v, pitch: 5.08 mm, number of positions: 5, connection type: spring- cage conn., color: green 1902330 fkct 2,5/ 5-stf-5,08 plug component, nominal current: 12 a, nom. voltage: 250 v, pitch: 5.08 mm, number of positions: 5, connection type: spring- cage conn., color: green 1874138 fkcvr 2,5/ 5-stf-5,08 plug component, nominal current: 12 a, nom. voltage: 250 v, pitch: 5.08 mm, number of positions: 5, connection type: spring- cage conn., color: green 1873838 fkcvw 2,5/ 5-stf-5,08 plug component, nominal current: 12 a, nom. voltage: 250 v, pitch: 5.08 mm, number of positions: 5, connection type: spring- cage conn., color: green 1777837 front-mstb 2,5/ 5-stf-5,08 plug component, nominal current: 12 a, nom. voltage: 250 v, pitch: 5.08 mm, number of positions: 5, connection type: screw connection, color: green
mstb 2,5/ 5-gf-5,08 order no.: 1776537 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1776537 phoenix contact inc., usa page 4 / 7 http://www.phoenixcon.com mar 4, 2010 1778014 mstb 2,5/ 5-stf-5,08 plug component, nominal current: 12 a, nom. voltage: 250 v, pitch: 5.08 mm, number of positions: 5, connection type: screw connection, color: green 1809763 mstbc 2,5/ 5-stzf-5,08 plug component, nominal current: 12 a, nom. voltage: 320 v, pitch: 5.08 mm, number of positions: 5, connection type: crimp connection, color: green 1805330 mstbt 2,5/ 5-stf-5,08 plug component, nominal current: 12 a, nom. voltage: 250 v, pitch: 5.08 mm, number of positions: 5, connection type: screw connection, color: green 1849118 mstbvk 2,5/ 5-stf-5,08 plug component, nominal current: ? 12 a, nom. voltage: ? 320 v, pitch: ? 5.08 mm, number of positions: ? 5, connection type: ? screw connection, assembly: ? din rail, color: ? green 1835122 mvstbr 2,5/ 5-stf-5,08 plug component, nominal current: 12 a, nom. voltage: 250 v, pitch: 5.08 mm, number of positions: 5, connection type: screw connection, color: green 1834932 mvstbw 2,5/ 5-stf-5,08 plug component, nominal current: 12 a, nom. voltage: 250 v, pitch: 5.08 mm, number of positions: 5, connection type: screw connection, color: green 1883381 qc 1/ 5-stf-5,08 plug component, nominal current: 10 a, nom. voltage: 500 v, pitch: 5.08 mm, number of positions: 5, connection type: insulation displacement connection quickon, color: green 1853133 tmstbp 2,5/ 5-stf-5,08 plug component, nominal current: 12 a, nom. voltage: 250 v, pitch: 5.08 mm, number of positions: 5, connection type: screw connection, color: green 1859205 umstbvk 2,5/ 5-stf-5,08 plug component, nominal current: ? 12 a, nom. voltage: ? 320 v, pitch: ? 5.08 mm, number of positions: ? 5, connection type: ? screw connection, assembly: ? din rail, color: ? green diagrams/drawings drilling plan/solder pad geometry
mstb 2,5/ 5-gf-5,08 order no.: 1776537 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1776537 phoenix contact inc., usa page 5 / 7 http://www.phoenixcon.com mar 4, 2010 diagram
mstb 2,5/ 5-gf-5,08 order no.: 1776537 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1776537 phoenix contact inc., usa page 6 / 7 http://www.phoenixcon.com mar 4, 2010 dimensioned drawing
mstb 2,5/ 5-gf-5,08 order no.: 1776537 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1776537 phoenix contact inc., usa page 7 / 7 http://www.phoenixcon.com mar 4, 2010 address phoenix contact inc., usa 586 fulling mill road middletown, pa 17057,usa phone (800) 888-7388 fax (717) 944-1625 http://www.phoenixcon.com ? 2010 phoenix contact technical modifications reserved;


▲Up To Search▲   

 
Price & Availability of 1776537

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X