|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
d a t a sh eet product speci?cation file under integrated circuits, ic06 december 1990 integrated circuits 74hc/hct4060 14-stage binary ripple counter with oscillator for a complete data sheet, please also download: the ic06 74hc/hct/hcu/hcmos logic family specifications the ic06 74hc/hct/hcu/hcmos logic package information the ic06 74hc/hct/hcu/hcmos logic package outlines
december 1990 2 philips semiconductors product speci?cation 14-stage binary ripple counter with oscillator 74hc/hct4060 features all active components on chip rc or crystal oscillator configuration output capability: standard (except for r tc and c tc ) i cc category: msi general description the 74hc/hct4060 are high-speed si-gate cmos devices and are pin compatible with 4060 of the 4000b series. they are specified in compliance with jedec standard no. 7a. the 74hc/hct4060 are 14-stage ripple-carry counter/dividers and oscillators with three oscillator terminals (rs, r tc and c tc ), ten buffered outputs (q 3 to q 9 and q 11 to q 13 ) and an overriding asynchronous master reset (mr). the oscillator configuration allows design of either rc or crystal oscillator circuits. the oscillator may be replaced by an external clock signal at input rs. in this case keep the other oscillator pins (r tc and c tc ) floating. the counter advances on the negative-going transition of rs. a high level on mr resets the counter (q 3 to q 9 and q 11 to q 13 = low), independent of other input conditions. in the hct version, the mr input is ttl compatible, but the rs input has cmos input switching levels and can be driven by a ttl output by using a pull-up resistor to v cc . quick reference data gnd = 0 v; t amb =25 c; t r =t f = 6 ns notes 1. c pd is used to determine the dynamic power dissipation (p d in m w): p d =c pd v cc 2 f i + ? (c l v cc 2 f o ) where: f i = input frequency in mhz f o = output frequency in mhz ? (c l v cc 2 f o ) = sum of outputs c l = output load capacitance in pf v cc = supply voltage in v 2. for hc the condition is v i = gnd to v cc for hct the condition is v i = gnd to v cc - 1.5 v 3. for formula on dynamic power dissipation see next pages. ordering information see 74hc/hct/hcu/hcmos logic package information . symbol parameter conditions typical unit hc hct t phl/ t plh propagation delay c l = 15 pf; v cc =5 v rs to q 3 31 31 ns q n to q n+1 66ns t phl mr to q n 17 18 ns f max maximum clock frequency 87 88 mhz c i input capacitance 3.5 3.5 pf c pd power dissipation capacitance per package notes 1, 2 and 3 40 40 pf december 1990 3 philips semiconductors product speci?cation 14-stage binary ripple counter with oscillator 74hc/hct4060 pin description pin no. symbol name and function 1, 2, 3 q 11 to q 13 counter outputs 7, 5, 4, 6, 14, 13, 15 q 3 to q 9 counter outputs 8 gnd ground (0 v) 9c tc external capacitor connection 10 r tc external resistor connection 11 rs clock input/oscillator pin 12 mr master reset 16 v cc positive supply voltage fig.1 pin configuration. fig.2 logic symbol. fig.3 iec logic symbol. december 1990 4 philips semiconductors product speci?cation 14-stage binary ripple counter with oscillator 74hc/hct4060 dynamic power dissipation for 74hc note 1. gnd = 0 v; t amb =25 c dynamic power dissipation for 74hct notes 1. gnd = 0 v; t amb =25 c 2. where: f o = output frequency in mhz f osc = oscillator frequency in mhz ? (c l v cc 2 f o ) = sum of outputs c l = output load capacitance in pf c t = timing capacitance in pf v cc = supply voltage in v applications control counters timers frequency dividers time-delay circuits parameter v cc (v) typical formula for p d ( m w) (note 1 ) total dynamic power dissipation when using the on-chip oscillator (p d ) 2.0 4.5 6.0 c pd f osc v cc 2 +? (c l v cc 2 f o ) + 2c t v cc 2 f osc + 60 v cc c pd f osc v cc 2 +? (c l v cc 2 f o ) + 2c t v cc 2 f osc + 1 750 v cc c pd f osc v cc 2 +? (c l v cc 2 f o ) + 2c t v cc 2 f osc + 3 800 v cc parameter v cc (v) typical formula for p d ( m w) (note 1 ) total dynamic power dissipation when using the on-chip oscillator (p d ) 4.5 c pd f osc v cc 2 +? (c l v cc 2 f o ) + 2c t v cc 2 f osc + 1 750 v cc fig.4 functional diagram. december 1990 5 philips semiconductors product speci?cation 14-stage binary ripple counter with oscillator 74hc/hct4060 fig.5 logic diagram. fig.6 timing diagram. december 1990 6 philips semiconductors product speci?cation 14-stage binary ripple counter with oscillator 74hc/hct4060 dc characteristics for 74hc output capability: standard (except for r tc and c tc ) i cc category: msi voltages are referenced to gnd (ground = 0 v) sym- bol parameter t amb ( c) unit test conditions 74hc v cc (v) v i other + 25 - 40 to + 85 - 40 to + 125 min. typ. max. min. max. min. max. v ih high level input voltage mr input 1.5 3.15 4.2 1.3 2.4 3.1 1.5 3.15 4.2 1.5 3.15 4.2 v 2.0 4.5 6.0 v il low level input voltage mr input 0.8 2.1 2.8 0.5 1.35 1.8 0.5 1.35 1.8 0.5 1.35 1.8 v 2.0 4.5 6.0 v ih high level input voltage rs input 1.7 3.6 4.8 1.7 3.6 4.8 1.7 3.6 4.8 v 2.0 4.5 6.0 v il low level input voltage rs input 0.3 0.9 1.2 0.3 0.9 1.2 0.3 0.9 1.2 v 2.0 4.5 6.0 v oh high level output voltage r tc output 3.98 5.48 3.84 5.34 3.7 5.2 v 4.5 6.0 rs=gnd and mr=gnd - i o = 2.6 ma - i o = 3.3 ma 3.98 5.48 3.84 5.34 3.7 5.2 v 4.5 6.0 rs=v cc and mr=v cc - i o = 0.65 ma - i o = 0.85 ma 1.9 4.4 5.9 2.0 4.5 6.0 1.9 4.4 5.9 1.9 4.4 5.9 v 2.0 4.5 6.0 rs=gnd and mr=gnd - i o =20 m a - i o =20 m a - i o =20 m a 1.9 4.4 5.9 2.0 4.5 6.0 1.9 4.4 5.9 1.9 4.4 5.9 v 2.0 4.5 6.0 rs=v cc and mr=v cc - i o =20 m a - i o =20 m a - i o =20 m a v oh high level output voltage c tc output 3.98 5.48 3.84 5.34 3.7 5.2 v 4.5 6.0 rs=v ih and mr=v il - i o = 3.2 ma - i o = 4.2 ma v oh high level output voltage except r tc output 1.9 4.4 5.9 2.0 4.5 6.0 1.9 4.4 5.9 1.9 4.4 5.9 v 2.0 4.5 6.0 v ih or v il - i o =20 m a - i o =20 m a - i o =20 m a v oh high level output voltage except r tc and c tc outputs 3.98 5.48 3.84 5.34 3.7 5.2 v 4.5 6.0 v ih or v il - i o = 4.0 ma - i o = 5.2 ma v ol low level output voltage r tc output 0.26 0.26 0.33 0.33 0.4 0.4 4.5 6.0 rs=v cc and mr=gnd i o = 2.6 ma i o = 3.3 ma 0 0 0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 v 2.0 4.5 6.0 rs=v cc and mr=gnd i o =20 m a i o =20 m a i o =20 m a december 1990 7 philips semiconductors product speci?cation 14-stage binary ripple counter with oscillator 74hc/hct4060 v ol low level output voltage c tc output 0.26 0.26 0.33 0.33 0.4 0.4 v 4.5 6.0 rs=v il and mr=v ih i o = 3.2 ma i o = 4.2 ma v ol low level output voltage except r tc output 0 0 0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 v 2.0 4.5 6.0 v ih or v il i o =20 m a i o =20 m a i o =20 m a v ol low level output voltage except r tc and c tc outputs 0.26 0.26 0.33 0.33 0.4 0.4 v 4.5 6.0 v ih or v il i o = 4.0 ma i o = 5.2 ma i i input leakage current 0.1 1.0 1.0 m a 6.0 v cc or gnd i cc quiescent supply current 8.0 80.0 160.0 m a 6.0 v cc or gnd i o =0 sym- bol parameter t amb ( c) unit test conditions 74hc v cc (v) v i other + 25 - 40 to + 85 - 40 to + 125 min. typ. max. min. max. min. max. december 1990 8 philips semiconductors product speci?cation 14-stage binary ripple counter with oscillator 74hc/hct4060 ac characteristics for 74hc gnd = 0 v; t r =t f = 6 ns; c l = 50 pf symbol parameter t amb ( c) unit test conditions 74hc v cc (v) waveforms + 25 - 40 to + 85 - 40 to + 125 min. typ. max. min. max. min. max. t phl / t plh propagation delay rs to q 3 99 36 29 300 60 51 375 75 64 450 90 77 ns 2.0 4.5 6.0 fig.12 t phl / t plh propagation delay q n to q n + 1 22 8 6 80 16 14 100 20 17 120 24 20 ns 2.0 4.5 6.0 fig.14 t phl propagation delay mr to q n 55 20 16 175 35 30 220 44 37 265 53 45 ns 2.0 4.5 6.0 fig.13 t thl / t tlh output transition time 19 7 6 75 15 13 95 19 16 110 22 19 ns 2.0 4.5 6.0 fig.12 t w clock pulse width rs; high or low 80 16 14 17 6 5 100 20 17 120 24 20 ns 2.0 4.5 6.0 fig.12 t w master reset pulse width mr; high 80 16 14 25 9 7 100 20 17 120 24 20 ns 2.0 4.5 6.0 fig.13 t rem removal time mr to rs 100 20 17 28 10 8 125 25 21 150 30 26 ns 2.0 4.5 6.0 fig.13 f max maximum clock pulse frequency 6.0 30 35 26 80 95 4.8 24 28 4.0 20 24 mhz 2.0 4.5 6.0 fig.12 december 1990 9 philips semiconductors product speci?cation 14-stage binary ripple counter with oscillator 74hc/hct4060 dc characteristics for 74hct output capability: standard (except for r tc and c tc ) i cc category: msi voltages are referenced to gnd (ground = 0 v) symbol parameter t amb ( c) unit test conditions 74hct v cc (v) v i other + 25 - 40 to + 85 - 40 to + 125 min. typ . max. min. max. min. max. v ih high level input voltage 2.0 2.0 2.0 v 4.5 to 5.5 note 2 v il low level input voltage 0.8 0.8 0.8 v 4.5 to 5.5 note 2 v oh high level output voltage r tc output 3.98 3.84 3.7 v 4.5 rs=gnd and mr=gnd - i o = 2.6 ma 3.98 3.84 3.7 v 4.5 rs = v cc and mr = v cc - i o = 0.65 ma 4.4 4.5 4.4 4.4 v 4.5 rs=gnd and mr=gnd - i o =20 m a 4.4 4.5 4.4 4.4 v 4.5 rs=v cc and mr=v cc - i o =20 m a v oh high level output voltage c tc output 3.98 3.84 3.7 v 4.5 rs = v ih and mr = v il - i o = 3.2 ma v oh high level output voltage except r tc output 4.4 4.5 4.4 4.4 v 4.5 v ih or v il - i o =20 m a v oh high level output voltage except r tc and c tc outputs 3.98 3.84 3.7 v 4.5 v ih or v il - i o = 4.0 ma v ol low level output voltage r tc output 0.26 0.33 0.4 v 4.5 rs=v cc and mr=gnd i o = 2.6 ma 0 0.1 0.1 0.1 v 4.5 rs=v cc and mr=gnd i o =20 m a v ol low level output voltage c tc output 0.26 0.33 0.4 v 4.5 rs = v il and mr = v ih i o = 3.2 ma v ol low level output voltage except r tc output 0 0.1 0.1 0.1 v 4.5 v ih or v il i o =20 m a v ol low level output voltage except r tc and c tc outputs 0.26 0.33 0.4 v 4.5 v ih or v il i o = 4.0 ma i input leakage current 0.1 1.0 1.0 m a 5.5 v cc or gnd i cc quiescent supply current 8.0 80.0 160.0 m a 5.5 v cc or gnd i o =0 d i cc additional quiescent supply current per input pin for unit load coef?cient is 1 (note 1) 100 360 450 490 m a 4.5 to 5.5 v cc - 2.1 v other inputs at v cc or gnd; i o =0 december 1990 10 philips semiconductors product speci?cation 14-stage binary ripple counter with oscillator 74hc/hct4060 notes 1. the value of additional quiescent supply current ( d i cc ) for a unit load of 1 is given here. to determine d i cc per input, multiply this value by the unit load coefficient shown in the table below. 2. only input mr (pin 12) has ttl input switching levels for the hct versions. ac characteristics for 74hct gnd = 0 v; t r =t f = 6 ns; c l = 50 pf input unit load coefficient mr 0.40 symbol parameter t amb ( c) unit test conditions 74hct v cc (v) waveforms + 25 - 40 to + 85 - 40 to + 125 min. typ. max. min. max. min. max. t phl / t plh propagation delay rs to q 3 33 66 83 99 ns 4.5 fig.12 t phl / t plh propagation delay q n to q n + 1 8 16 20 24 ns 4.5 fig.14 t phl propagation delay mr to q n 21 44 55 66 ns 4.5 fig.13 t thl / t tlh output transition time 7 15 19 22 ns 4.5 fig.12 t w clock pulse width rs; high or low 16 6 20 24 ns 4.5 fig.12 t w master reset pulse width mr; high 16 6 20 24 ns 4.5 fig.13 t rem removal time mr to rs 26 13 33 39 ns 4.5 fig.13 f max maximum clock pulse frequency 30 80 24 20 mhz 4.5 fig.12 december 1990 11 philips semiconductors product speci?cation 14-stage binary ripple counter with oscillator 74hc/hct4060 fig.7 test set-up for measuring forward transconductance g fs =di o / dv i at v o is constant (see also graph fig.8); mr = low. handbook, halfpage mba333 14 12 10 8 6 4 2 0123456 g fs (ma/v) cc v (v) max. min. typ. fig.8 typical forward transconductance g fs as a function of the supply voltage v cc at t amb =25 c. fig.9 rc oscillator frequency as a function of r t and c t at v cc = 2.0 to 6.0 v; t amb =25 c. c t curve at r t = 100 k w ; r2 = 200 k w . r t curve at c t = 1 nf; r2 = 2 r t . rc oscillator fig.10 example of a rc oscillator. typical formula for oscillator frequency: f osc 1 2.5 r t c t -------------------------------- = timing component limitations the oscillator frequency is mainly determined by r t c t , provided r2 ? 2r t and r2c2 << r t c t . the function of r2 is to minimize the influence of the forward voltage across the input protection diodes on the frequency. the stray capacitance c2 should be kept as small as possible. in consideration of accuracy, c t must be larger than the inherent stray capacitance. r t must be larger than the on resistance in series with it, which typically is 280 w at v cc = 2.0 v, 130 w at v cc = 4.5 v and 100 w at v cc = 6.0 v. the recommended values for these components to maintain agreement with the typical oscillation formula are: c t > 50 pf, up to any practical value, 10 k w< r t < 1 m w . in order to avoid start-up problems, r t 3 1 k w. december 1990 12 philips semiconductors product speci?cation 14-stage binary ripple counter with oscillator 74hc/hct4060 fig.11 external components connection for a crystal oscillator. typical crystal oscillator in fig.11, r2 is the power limiting resistor. for starting and maintaining oscillation a minimum transconductance is necessary, so r2 should not be too large. a practical value for r2 is 2.2 k w . ac waveforms fig.12 waveforms showing the clock (rs) to output (q 3 ) propagation delays, the clock pulse width, the output transition times and the maximum clock frequency. (1) hc : v m = 50%; v i = gnd to v cc . hct: v m = 1.3 v; v i = gnd to 3 v. fig.13 waveforms showing the master reset (mr) pulse width, the master reset to output (q n ) propagation delays and the master reset to clock (rs) removal time. (1) hc : v m = 50%; v i = gnd to v cc . hct: v m = 1.3 v; v i = gnd to 3 v. package outlines see 74hc/hct/hcu/hcmos logic package outlines . fig.14 waveforms showing the output (q n ) to q n + 1 propagation delays. (1) hc : v m = 50%; v i = gnd to v cc . hct: v m = 1.3 v; v i = gnd to 3 v. philips semiconductors - pip - 74hc/hct4060; 14-stage binary ripple counter with oscillator philips semiconductors home product catalog buy online mysemiconductors contact products ? multimarket semiconductors ? product selector ? catalog by function ? catalog by system ? cross-reference ? packages ? end of life information ? distributors go here! ? models ? soc solutions product information 74hc/hct4060; 14- stage binary ripple counter with oscillator information as of 2003-04-22 my.semiconductors.com. your personal service from philips semiconductors. please register now ! stay informed use right mouse button to download datasheet download datasheet general description features applications datasheet block diagram buy online support & tools email/translate products & packages parametrics similar products top general description the 74hc/hct4060 are high-speed si-gate cmos devices and are pin compatible with '4060' of the '4000b' series. they are specified in compliance with jedec standard no. 7a. the 74hc/hct4060 are 14-stage ripple-carry counter/dividers and oscillators with three oscillator terminals (rs, r tc and c tc ), ten buffered outputs (q 3 to q 9 and q 11 to q 13 ) and an overriding asynchronous master reset (mr). the oscillator configuration allows design of either rc or crystal oscillator circuits. the oscillator may be replaced by an external clock signal at input rs. in this case keep the other oscillator pins (r tc and c tc ) floating. the counter advances on the negative-going transition of rs. a high level on mr resets the counter (q 3 to q 9 and q 11 to q 13 = low), independent of other input conditions. in the hct version, the mr input is ttl compatible, but the rs input has cmos input switching levels and can be driven by a ttl output by using a pull-up resistor to v cc . top features l all active components on chip l rc or crystal oscillator configuration l output capability: standard (except for r tc and c tc ) l i cc category: msi top datasheet type number title publication release date datasheet status page count file size (kb) datasheet 74hc/hct4060 14-stage binary ripple counter with oscillator 12/1/1990 product specification 12 81 download pdf file download additional datasheet info file:///g|/imaging/bitting/cpl/20030424/04232003_9/phgl/_html04232003/74hc4060n.html (1 of 4) [apr-29-2003 2:28:00 pm] philips semiconductors - pip - 74hc/hct4060; 14-stage binary ripple counter with oscillator to complete the device datasheet with package and family information, also download the following pdf files. the "logic package information" document is required to determine in which package(s) this device is available. document description 1 download pdf file hct_family_specifications hc/t family specifications, the ic06 74hc/hct/hcmos logic family specifications 2 download pdf file hct_package_info hc/t package info, the ic06 74hc/hct/hcmos logic package information 3 download pdf file hct_package_outlines hc/t package outlines, the ic06 74hc/hct/hcmos logic package outlines top parametrics type number package description propagation delay(ns) voltage no. of pins power dissipation considerations logic switching levels output drive capability 74hc4060d sot109 (so16) 14-stage ripple- carry binary counter/divider and oscillator 15 5 volts + 16 low power or battery applications cmos low 74hc4060db sot338-1 (ssop16) 14-stage ripple- carry binary counter/divider and oscillator 15 5 volts + 16 low power or battery applications cmos low 74hc4060n sot38-1 (dip16) 14-stage ripple- carry binary counter/divider and oscillator 15 5 volts + 16 low power or battery applications cmos low 74hc4060pw sot403-1 (tssop16) 14-stage ripple- carry binary counter/divider and oscillator 15 5 volts + 16 low power or battery applications cmos low 74hct4060d sot109 (so16) 14-stage ripple- carry binary counter/divider and oscillator; ttl enabled 15 5 volts + 16 low power or battery applications ttl low 74hct4060db sot338-1 (ssop16) 14-stage ripple- carry binary counter/divider and oscillator; ttl enabled 15 5 volts + 16 low power or battery applications ttl low 74hct4060n sot38-1 (dip16) 14-stage ripple- carry binary counter/divider and oscillator; ttl enabled 15 5 volts + 16 low power or battery applications ttl low file:///g|/imaging/bitting/cpl/20030424/04232003_9/phgl/_html04232003/74hc4060n.html (2 of 4) [apr-29-2003 2:28:00 pm] philips semiconductors - pip - 74hc/hct4060; 14-stage binary ripple counter with oscillator top products, packages, availability and ordering type number north american type number ordering code (12nc) marking/packing download pdf file discretes packing info package device status buy online 74hc4060d 74hc4060d 9337 140 10652 standard marking * bulk pack, cecc sot109 (so16) full production order this product online - 74hc4060d-t 9337 140 10653 standard marking * reel pack, smd, 13", cecc sot109 (so16) full production order this product online - 74hc4060db 74hc4060db 9351 875 00112 standard marking * bulk pack sot338-1 (ssop16) full production order this product online - 74hc4060db- t 9351 875 00118 standard marking * reel pack, smd, 13" sot338-1 (ssop16) full production order this product online - 74hc4060n 74hc4060n 9336 697 70652 standard marking * bulk pack, cecc sot38-1 (dip16) full production order this product online - 74hc4060pw 74hc4060pw 9352 420 80112 standard marking * bulk pack sot403-1 (tssop16) full production order this product online - 74hc4060pw- t 9352 420 80118 standard marking * reel pack, smd, 13" sot403-1 (tssop16) full production order this product online - 74hct4060d 74hct4060d 9337 140 20652 standard marking * bulk pack, cecc sot109 (so16) full production order this product online - 74hct4060d- t 9337 140 20653 standard marking * reel pack, smd, 13", cecc sot109 (so16) full production order this product online - 74hct4060db 74hct4060db 9351 900 20112 standard marking * bulk pack sot338-1 (ssop16) full production order this product online - 74hct4060db- t 9351 900 20118 standard marking * reel pack, smd, 13" sot338-1 (ssop16) full production order this product online - 74hct4060n 74hct4060n 9336 704 00652 standard marking * bulk pack, cecc sot38-1 (dip16) full production order this product online - top similar products products similar to 74hc/hct4060 74hc/hct4060 links to the similar products page containing an overview of products that are similar in function or related to the type number(s) as listed on this page. the similar products page includes products from the same catalog tree(s), relevant selection guides and products from the same functional category. top support & tools download pdf file hc/t family specifications, the ic06 74hc/hct/hcmos logic family specifications(date 01-mar-98) download pdf hc/t user guide(date 01-nov-97) file:///g|/imaging/bitting/cpl/20030424/04232003_9/phgl/_html04232003/74hc4060n.html (3 of 4) [apr-29-2003 2:28:00 pm] philips semiconductors - pip - 74hc/hct4060; 14-stage binary ripple counter with oscillator file top email/translate this product information l email this product information. l translate this product information page from english to: the english language is the official language used at the semiconductors.philips.com website and webpages. all translations on this website are created through the use of google language tools and are provided for convenience purposes only. no rights can be derived from any translation on this website. about this web site | copyright ? 2003 koninklijke philips n.v. all rights reserved. | privacy policy | | koninklijke philips n.v. | access to and use of this web site is subject to the following terms of use. | file:///g|/imaging/bitting/cpl/20030424/04232003_9/phgl/_html04232003/74hc4060n.html (4 of 4) [apr-29-2003 2:28:00 pm] |
Price & Availability of 14010652 |