Part Number Hot Search : 
60103 IC923 LC75821E DTQS3 2SC383 M8771 FPF05 TPS850
Product Description
Full Text Search
 

To Download 109P0405H701 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  21 32 ? 0.3 4-  3.5 ? 0.3 32 ? 0.3 ???
awg24 ul1007 + 1 40 0 + 1 40 0 + 30 320 0 + 1 15 0  4   4   10   ?;@ s 8m2
' zm2 39 39 32 ? 0.3 32 ? 0.3  15   15  4-  3.7 38.5  specifi cations the following nos. have pulse sensors and ribs. model no. rated voltage operating voltage range rated current rated input rated speed max. air flow max. static pressure spl operating temperature expected life | v | v | a | w | min -1  | m3/min  | cfm | pa | inchh 2 o | db(a) |? | h  109P0405H701 5 4.5 to 5.5 0.28 1.4 7,700 0.18 6.4 75.5 0.303 28 ? 20 to  60 60,000 109p0405m701 0.21 1.05 6,500 0.15 5.3 53 0.213 24 ? 20 to  70 109p0412r701 12 7 to 13.8 0.13 1.56 9,700 0.227 8.0 111.9 0.449 34 40,000 109p0412s701 10.2 to 13.8 0.18 2.16 8,600 0.2 7.06 92.1 0.369 32 60,000 109p0412h701 0.13 1.56 7,700 0.18 6.4 75.5 0.303 28 109p0412m701 0.095 1.14 6,500 0.15 5.3 53 0.213 24 109p0424h701 24 20.4 to 27.6 0.08 1.92 7,700 0.18 6.4 75.5 0.303 28 dc fan 10mm thick, 15mm thick (ga type), 15mm thick , 20mm thick (ga type), 20mm thick 28mm thick (ga type), 28mm thick (ge type) 28mm thick (gv type), 28mm thick san ace 40  general specifi cations ~ material ???????? frame: plastics (flammability: ul94v-0), impeller: plastics (flammability: ul94v-1) ~ expected life ????? refer to specifi cations  l10:survival rate:90% at 60 ? , rated voltage, and continuously run in a free air state  ~ lead wire ???????  red  black or blue sensor yellow ~ storage temperature ? 30 ? to  70 ? non-condensing   dimensions  unit : mm   reference dimension of mounting holes and vent opening  unit : mm  inlet side, outlet side rotating direction air flow direction mounting hole lead wire 40  40  15 mm  mass  32g  40 mm sq. ~ available options: e without sensor ~ please inquire as the availability of these functions depend on the model. e lock sensor
22 38.5  1. 6 3.5 ? 0.3 49  1. 5 ? 0.5 4  1 y 0  29.5  1. 6  18.3  45.3 109P0405H701  pa   inch h 2 o   cfm   m 3 /min  
iy  ? 0 0.1 0.2 0.3 0.4 0.5 0.6 0 2 4 6 8 10 4.5v 5.5v 5v 0 50 100 0.1 0.2 0.3 150  pa   inch h 2 o   cfm   m 3 /min  
iy  ? 0 0.1 0.2 0.3 0.4 0.5 0.6 0 2 4 6 810 0 50 100 150 10.2v 0.1 0.2 0.3 13.8v 12v 109p0412s701 109p0405m701 109p0412r701  pa   inch h 2 o   cfm   m 3 /min  
iy  ? 0 0.05 0.10 0.15 0.20 0.25 0.30 0 2 4 6 810 0 20 60 40 80 0.2 0.1 4.5 v 0.3 5.5 v 5 v 200 150 100 0.3 0.2 0.1 50 0 2 0 0.2 0.4 0.6 0.8 0.1 0.3 0.5 0.7 46810 0 
iy  ?  inch h 2 o   pa  13.8v 12v 7v  m 3 /min   cfm   pa   inch h 2 o   cfm   m 3 /min  
iy  ? 0 2 4 6 810 0 0.05 0.10 0.15 0.20 0.25 0.30 0.1 0 20 40 60 80 10.2v 0.2 0.3 12v 13.8v 109p0412m701  pa   inch h 2 o   cfm   m 3 /min  
iy  ? 0 0.1 0.2 0.3 0.4 0.5 0.6 0 2 4 6 8 10 0.1 0 50 100 0.2 0.3 10.2v/20.4v 12v/24v 150 13.8v/27.6v 109p0412h701 109p0424h701 dc fan 40mm h speed s speed m speed r speed m speed h speed  options  unit : mm  inlet side, outlet side  air flow - static pressure characteristics finger guards model  109-059 surface treatment  nickel-chrome plating  silver  color  static pressure  static pressure  air flow  air flow  air flow  static pressure  air flow  static pressure  static pressure  air flow  air flow  static pressure


▲Up To Search▲   

 
Price & Availability of 109P0405H701

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X