Part Number Hot Search : 
C3220 SCS112AG 35100 AS82211 KBL02 1417892 SCS112AG SEC4401C
Product Description
Full Text Search
 

To Download 109P0405F601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  27 20 ? 0.5 32 ? 0.3 4-  3.5 ? 0.3  10  32 ? 0.3 s 8m2
' zm2  4   4  + 1 40 0 + 1 40 0 + 30 320 0  ?;@ ???
awg24 ul1007  specifi cations the following nos. have pulse sensors and ribs. model no. rated voltage operating voltage range rated current rated input rated speed max. air flow max. static pressure spl operating temperature expected life | v | v | a | w | min -1  | m3/min  | cfm | pa | inchh 2 o | db(a) |? | h  109p0405j601 5 4.5 to 5.5 0.46 2.3 9,800 0.28 9.9 98.5 0.396 39  20 to  70 40,000 109p0405h601 0.32 1.6 8,000 0.225 8.0 65.7 0.264 33 109P0405F601 0.25 1.25 6,500 0.183 6.5 45.1 0.181 28 60,000 109p0405m601 0.12 0.60 5,000 0.136 4.8 26.5 0.106 24 109p0412g601 12 7 to 13.8 0.28 3.36 12,500 0.35 12.4 153.8 0.618 44  20 to  60 40,000 109p0412d601 0.18 2.16 11,000 0.31 10.9 124 0.498 42 60,000 109p0412e601 0.15 1.8 9,200 0.26 9.2 87.3 0.351 37  20 to  70 109p0412h601 0.11 1.32 8,000 0.225 8.0 65.7 0.264 33 109p0412f601 0.09 1.08 6,500 0.183 6.5 45.1 0.181 28 109p0412m601 8 to 13.8 0.06 0.72 5,000 0.136 4.8 26.5 0.106 24 109p0424g601 24 12 to 27.6 0.15 3.6 12,500 0.35 12.4 153.8 0.618 44  20 to  60 40,000 109p0424d601 12 to 27.6 0.13 3.12 11,000 0.31 10.9 124 0.498 42 109p0424h601 12 to 27.6 0.07 1.68 8,300 0.233 8.2 69.6 0.280 35  20 to  70 60,000 109p0424f601 14 to 27.6 0.06 1.44 6,500 0.183 6.5 45.1 0.181 28 109p0424b601 20.4 ? 27.6 0.06 1.44 5,200 0.14 4.9 28.3 0.114 25 dc fan 10mm thick, 15mm thick (ga type), 15mm thick, 20mm thick (ga type), 20mm thick 28mm thick (ga type), 28mm thick (ge type) 28mm thick (gv type), 28mm thick san ace 40  general specifi cations ~ material ???????? frame: plastics (flammability: ul94v-0), impeller: plastics (flammability: ul94v-1) ~ expected life ????? refer to specifi cations  l10:survival rate:90% at 60 ? , rated voltage, and continuously run in a free air state  ~ lead wire ???????  red  black or blue sensor yellow ~ storage temperature ? 30 ? to  70 ? non-condensing   dimensions  unit : mm  rotating direction air flow direction mounting hole lead wire 40  40  20 mm  mass  45g  40 mm sq. ~ available options: e without sensor ~ please inquire as the availability of these functions depend on the model. e lock sensor
28 38.5  1. 6 3.5 ? 0.3 49  1. 5 ? 0.5 4  1 y 0  29.5  1.6  18.3  45.3 39 39 32 ? 0.3 32 ? 0.3  15   15  4-  3.7 38.5 dc fan 40mm inlet side, outlet side finger guards model  109-059 surface treatment  nickel-chrome plating  silver  color  options  unit : mm  inlet side, outlet side  reference dimension of mounting holes and vent opening  unit : mm 
29 109p0405h601  pa   inch h 2 o   cfm   m 3 /min  
iy  ? 0 2 4 6 810 0 0.1 0 90 80 70 60 50 40 30 20 10 0.2 0.3 0 0.05 0.10 0.15 0.20 0.25 0.30 0.35 5.5v 5v 4.5v  pa   inch h 2 o   cfm   m 3 /min  
iy  ? 0 2 4 6 810 0 0.1 0 20 40 60 0.2 0.3 0.25 0.20 0.15 0.10 0.05 13.8v/27.6v 12v/24v 7v/14v 109p0412f601 109p0424f601 109p0412h601  pa   cfm   m 3 /min  
iy  ? 0 0.1 0 0.2 0.3  inch h 2 o  0.4 0.3 0.2 0.1 0 2 4 6 810 100 80 60 40 20 13.8v 12v 7v  pa   inch h 2 o   cfm   m 3 /min  
iy  ? 0 2 4 6 810 0 0.1 0 20 40 60 0.2 0.3 0.25 0.20 0.15 0.10 0.05 5.5v 5v 4.5v 109P0405F601  pa   inch h 2 o   cfm   m 3 /min  0 2 4 6 810 0 0.1 0 80 60 40 20 100 0.2 0.3 
iy  ? 0.4 0.3 0.2 0.1 0 27.6v 24v 12v 109p0424h601 0 0.1 0.2 0.3 10 20 30 40 50 60 70 80 90 100 02468101214 0 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 4.5 v 5.5 v 0.4 0.50 110 120 130  pa   inch h 2 o  
iy  ?  cfm   m 3 /min  5 v 109p0405j601 40 30 0.20 0.10 20 10 0 0.15 0.05 0 0.10 01 7 3 26 5 4 0.05 0.15 
iy  ?  inch h 2 o   pa  27.6v 20.4v 24v  m 3 /min   cfm  109p0424b601 0 20 0.3 0.1 0.2 80 40 60 100 120 0.1 02 0 0.2 0.3 0.4 0.5 4 6 810 
iy  ?  inch h 2 o   pa  13.8v 12v 7v  m 3 /min   cfm  109p0412e601 dc fan 40  40  20 mm  mass  45g  san ace 40  air flow - static pressure characteristics 40 mm sq. h speed f speed h speed f speed h speed j speed  static pressure  static pressure  static pressure  static pressure  static pressure  static pressure  air flow  air flow  air flow  air flow  air flow  air flow b speed e speed  static pressure  static pressure  air flow  air flow
30 60 20 0 40 0.3 0.1 0.2 0.4 80 100 120 140 160 12v 2 0 4 610 8 12 14 0 0.3 0.2 0.1 0.6 0.5 0.4 0.7 180 13.8v 7v  pa   inch h 2 o  
iy  ?  cfm   m 3 /min  109p0412d601 20 0 40 0.3 0.1 0.2 0.4 120 60 80 100 160 140 02468101214 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 180 200 220 0.8 0.9 0.5 16 18  pa   inch h 2 o  
iy  ?  cfm   m 3 /min  12v 13.8v 7v 109p0412g601  pa   inch h 2 o   cfm   m 3 /min  
iy  ? 01234567 0 0.05 0 50 40 30 20 10 0.10 0.15 0.20 0.200 0.175 0.150 0.125 0.100 0.075 0.050 0.025 5.5v 5v 4.5v 109p0405m601  pa   inch h 2 o   cfm   m 3 /min  
iy  ? 01234567 0 0.10 0.05 0 40 30 20 10 0.20 0.15 0.150 0.125 0.100 0.075 0.050 0.025 12v 8v 13.8v 109p0412m601  pa   inch h 2 o   cfm   m 3 /min  
iy  ? 0 2 4 6 8101214 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.1 0 160 140 0.2 0.3 0.4 0 120 100 80 60 40 20 27.6v 24v 12v 
iy  ?  pa   inch h 2 o   cfm   m 3 /min  0.1 0 0.2 0.4 0.3 20 40 60 80 100 120 140 160 180 200 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 2 0 4 6 8 10 12 14 24v 12v 27.6v 109p0424d601 109p0424g601 dc fan 40mm d speed g speed d speed g speed m speed m speed  static pressure  static pressure  static pressure  static pressure  static pressure  static pressure  air flow  air flow  air flow  air flow  air flow  air flow


▲Up To Search▲   

 
Price & Availability of 109P0405F601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X